Part Number Hot Search : 
LCX03 LVC1G32 FX419J LTC665 32M16 BTM510 MBR850DC 20150
Product Description
Full Text Search
 

To Download IRF7413TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
         ?

 
so-8 top view 8 1 2 3 4 5 6 7 d d d d g s a s s a   
   
         !
 !  "#  $   % &    ' (#)(    *      100% r g tested 
*   
 +,-*,
' .
    
!  /  (#  ( %
    0!    # 1
' 
   %
  
2 $  3 '$  (          % ( (
! ( / ( ( #   (     +,-*, 4
 *,
   5 
3%
# (   (  
   1
'    (
 $ ( #   
!    ( #
  %%  2   6   $  '( ( 
!  ! ' / (  (
'  
   ( 
'  

  ( '! % (  % $  ' 5   (   #
 %
%%  27     '%
# '  3'! % ( #     $  ! (   %%     (
'  
(! ( $
(%  2 % 5   (   ( 
# %
%  3 

(3
 # (
  0! 24
(  %   

  8267 % $    %  49'! %%  2   symbol parameter units v ds drain-to-source voltage v v gs gate-to-source voltage i d @ t a = 25c continuous drain current, v gs @ 10v i d @ t a = 70c continuous drain current, v gs @ 10v a i dm p u l se d d ra i n c urrent  p d @t a = 25c power dissipation w linear derating factor mw/c e as si n gl e p u l se a va l anc h e e ner g enc y  mj dv/dt peak diode recovery dv/dt  t j, t stg junction and storage temperature range symbol parameter typ max units r jl j unct i on-to- d ra i n l ea d  ??? 20 r ja junction-to-ambient  ??? 50 thermal resistance ratings absolute maximum ratings c/w v/ns c 9.2 5.0 0.02 260 -55 to +150 58 2.5 max 30 20 13
    

 
  
 
  

  
  !" #  i sd $%& 
 %'&(  (  & )  *+,  !

)  -*+,&.-/01   -* ? &2
 -$% !3  #  4 
 '
 5  ! "
367      
)    
/+, symbol parameter min typ max units v (br)dss drain-to-source breakdown voltage 30 ??? ??? v ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.034 ??? v/c ??? ??? 0.011 ??? ??? 0.018 v gs(th) gate threshold voltage 1.0 ??? 3.0 v g fs forward transconductance 10 ??? ??? s ??? ??? 1.0 ??? ??? 25 gate-to-source forward leakage ??? ??? -100 gate-to-source reverse leakage ??? ??? 100 q g total gate charge ??? 52 79 q gs gate-to-source charge ??? 6.1 9.2 nc q gd gate-to-drain ("miller") charge ??? 16 23 r g gate resistance 1.2 ??? 3.7 t d(on) turn-on delay time ??? 8.6 ??? t r rise time ??? 50 ??? t d(off) turn-off delay time ??? 52 ??? ns t f fall time ??? 46 ??? c iss input capacitance ??? 1800 ??? c oss output capacitance ??? 680 ??? c rss reverse transfer capacitance ??? 240 ??? symbol parameter min. typ. max. units continuous source current (body diode) a pulsed source current ( bod y diode )  v sd diode forward voltage ??? ??? 1.0 v t rr reverse recovery time ??? 74 110 ns q rr reverse recovery charge ??? 200 300 nc electrical characteristics @ tj = 25c (unless otherwise specified) source-drain ratings and characteristics v gs = 10v, see fig. 6 and 9  v dd = 15v i d = 7.3a v gs = -20v v gs = 20v conditions v gs = 0v, i d = 250a reference to 25c, i d = 1ma t j = 25c, i s = 7.3a, v gs = 0v  t j = 25c, i f = 7.3a di/dt = 100a/s  showing the integral reverse p-n junction diode. v gs = 10v, i d = 7.3a  mosfet symbol v ds = 10v, i d = 3.7a i d = 7.3a v ds = 24v conditions r g = 2.0 ?, see fig. 10  v gs = 0v r g = 6.2 ? v ds = 25v ? = 1.0mhz, see fig. 5 r ds(on) v ds = v gs , i d = 250a v ds = 30v, v gs = 0v v ds = 24v, v gs = 0v, t j = 125c na ? v gs = 4.5v, i d = 3.7a  static drain-to-source on-resistance i s i dss drain-to-source leakage current a i gss pf 3.1 ??? ??? i sm ??? ??? 58
  
 
 



  
   
    

 1 10 100 0.1 1 10 20s pulse width t = 25c a j ds v , drain-to-source voltage (v) 3.0v vgs top 15v 10v 7.0v 5.5v 4.5v 4.0v 3.5v bottom 3.0v d i , drain-to-source current (a) 1 10 100 0.1 1 10 a ds v , drain-to-source voltage (v) d i , drain-to-source current (a) 20s pulse width t = 150c j 3.0v vgs top 15v 10v 7.0v 5.5v 4.5v 4.0v 3.5v bottom 3.0v 1 10 100 3.0 3.5 4.0 4.5 t = 25c t = 150c j j gs v , gate-to-source voltage (v) d i , drain-to-source current (a) a v = 10v 20s pulse width ds 0.0 0.5 1.0 1.5 2.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (normalized) v = 10v gs a i = 7.3a d
 1 10 100 1000 0.1 1 10 100 operation in this area limited by r ds(on) single pulse t t = 150 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 100us 1ms 10ms 
 
 
 
   
  

  !"
 
 #
   $

 $


0 400 800 1200 1600 2000 2400 2800 3200 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 4 8 12 16 20 0 102030405060 q , total gate charge (nc) g v , gate-to-source voltage (v) gs a for test circuit see figure 9 i = 7.3a v = 24v v = 15v d ds ds 1 10 100 0.4 1.2 2.0 2.8 3.6 t = 25c t = 150c j j v = 0v gs v , source-to-drain voltage (v) i , reverse drain current (a) sd sd a
 0.1 1 10 100 0.0001 0.001 0.01 0.1 1 10 100 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)  !"%
&
 

'
 
()  #*
 v ds 90% 10% v gs t d(on) t r t d(off) t f   

   
+&
 (  (  1    0.1 %   (  (   89) + -  ,$

+&
 d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - q g q gs q gd v g charge -.  $



  !"#& 
%
   
  / 
' &
+&
  / 
' &

 t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 0 100 200 300 400 500 600 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as o i d top bottom 3.3a 6.0a 7.3a
   
0%1% p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - 2 (  -*(" . . 8      (  ?  

 ? 8  
 89) ? 2  
8
3
 :8: ? 89)68 9 )
 
, 
.
,  
 ? .!
2
  ? ; 4  ? ..<2
 , 
) "   2  
      
 so-8 package details so-8 part marking e1 d e y b a a1 h k l .189 .1497 0 .013 .050 basic .0532 .0040 .2284 .0099 .016 .1968 .1574 8 .020 .0688 .0098 .2440 .0196 .050 4.80 3.80 0.33 1.35 0.10 5.80 0.25 0.40 0 1.27 bas ic 5.00 4.00 0.51 1.75 0.25 6.20 0.50 1.27 mi n max millimeters inches min max dim 8 e c .0075 .0098 0.19 0.25 .025 basic 0.635 basic 87 5 65 d b e a e 6x h 0.25 [.010] a 6 7 k x 45 8x l 8x c y 0.25 [.010] c a b e1 a a1 8x b c 0.10 [.004] 4 3 12 f oot p r i nt 8x 0.72 [.028] 6.46 [.255] 3x 1.27 [.050] 4. ou t l i ne conf or ms t o j e de c ou t l i ne ms - 012 aa. not e s : 1. dimens ioning & tolerancing per asme y14.5m-1994. 2. cont rol l ing dime ns ion: mil l ime t e r 3. dime ns ions are s hown in mil l ime t e rs [inche s ]. 5 dime ns ion doe s not incl u de mol d pr ot ru s ions . 6 dime ns ion doe s not incl u de mol d pr ot ru s ions . mold protrus ions not to exceed 0.25 [.010]. 7 dimens ion is t he lengt h of lead for soldering to a s ubst rat e. mold protrus ions not to exceed 0.15 [.006]. 8x 1.78 [.070] example: this is an irf7101 (mosfet) int ernat ional rectifier logo f7101 yww xxxx part number lot code ww = we e k y = las t digit of t he year dat e code (yww)
 ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 11/03 330.00 (12.992) max. 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters(inches). 3. outline conforms to eia-481 & eia-541. so-8 tape and reel


▲Up To Search▲   

 
Price & Availability of IRF7413TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X