Part Number Hot Search : 
3223C FR2407 HCT573DB MC1021 XXXGX HZK4BLL MDLS16 AD401M92
Product Description
Full Text Search
 

To Download IL-2128-485-110220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product brief secure ilan ? serial - to - ethernet device server general description: secure ilan ? is a secure serial - to - ethernet device server that enables installed serial devices to connect via a serial port to the internet over a 10/ 1 0 0baset ethernet lan. secure ilan acts as a security gap between the host application and the network. secure ilan eliminates the need for any hardware modification s to the host device. simply connect a serial cable from secure ilan s rs232 or rs485 connector to your device, and an ethern et cable from your local area network to secure ilan s rj - 45 connector. the internet engine inside secure ilan is connect one s remotely updateable ichip ? co2128 secure internet contro ller ? . connect ones at+i ? protocol eliminates the need for internet programming and minimizes changes to the host application. connect ones serialnet ? operating mode completely eliminates the need for changes to the host ap plication, as it is a true plug - and - play operating mode . secure ilan provides one secure ssl3/tls1 socket, up to 10 simultaneous active tcp/udp sockets , and two listening sockets. it also includes an http web server with two websites: one for configurat ion and one for the application . secure ilan is powered by an external 9 vdc power supply. alternatively, it can be powered through pin 9 of the rs232/rs485 connector to the host device. application program interface: ? connect ones at+i protocol ? serialnet mod e for transparent serial data - to - internet bridging internet protocols: arp, icmp, ip, udp, tcp, dhcp, dns, nt p, smtp, pop3, mime, http, ftp and t elnet security protocols: ssl3/tls1, https, ftps, rsa, aes - 128/256, 3des, rc - 4, sha - 1 and md - 5 protocols accel erated in hw: aes, 3des and sha hardware description: ? size: 110x67x28mm (4.3x2.6x1.1) ? weight: 96 g ( 3.4 oz.) ? operating humidity: 90% maximum (non - condensing) ? operating temperature range: 5 to 50c (41 to 122 f) ? power supply input: 6 - 24 vdc . 9v power suppl y included unless otherwise specified . power from h ost device optionally available through pin 9 of serial connector . ? power consumption: 0. 8 w @ 9 vdc ? leds: lnk C link status act C lan activity snet C serial net mode activity pwr C power ? connectors: rs232/rs4 85 , rj - 45, 2.1 mm power jack ? plastic enclosure performance specifications: ? host data rate: up to 1mbps ? serial data format (at+i mode): asynchronous character; binary; 8 data bits; no parity; 1 stop bit. ? serial data format (serialnet mode): asynchronous cha racter; binary; 7 or 8 data bits; odd, even or no parity; 1 stop bit. ? flow control: hardware (dtr, rts, cts, ds r) and software flow control warranty: one - year limited warranty approvals: ce; fcc pending
product brief publication number 17 - 2580 - 10 configuration: secure ilan firmware and device co nfiguration parameters can be remotely updated over the internet. secure ilan can be easily configured via connect one s ichipconfig utility. this windows - based uti lity enables quick configuration of the ichip co2128 via a local serial connection or via th e web. the ichipconfig utility also enables packaging of the applications web site . pin assignments : pin # rs232 connector rs485 connector 1 cdh output not connected 2 txd output txd + output 3 rxd input rxd+ input 4 short to pin 6 short to pin 6 5 gro und ground 6 short to pin 4 short to pin 4 7 cts input rxd - input 8 rts output txd - output 9 v in =6 - 24v v in =6 - 24v serial connector, power jack, mode select, serialnet and power leds rj - 45 connector link and activity leds typical applicatio n: ordering information: il 2128 - 232 - 009 : secure ilan without power supply , rs232 connector il2128 - 232 - 110 : secure ilan with 110 v power supply , rs232 connector il2128 - 232 - 220 : secure ilan with 220 v power supply , rs232 connector il2128 - 485 - 009: secure il an without power supply, rs485 connector il2128 - 485 - 110: secure ilan with 110v power supply, rs485 connector il2128 - 485 - 220: secure ilan with 220v power supply, rs485 connector ichip, secure internet controller, at+i, secure ilan, serialnet and connect one are trademarks of connect one ltd. specifications are subject to change without notice. copyright ? connect one ltd., febr uary 200 8 . all rights reserved. secure ilan


▲Up To Search▲   

 
Price & Availability of IL-2128-485-110220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X