Part Number Hot Search : 
CDLL254 T72V3 32200 32300 OP300 UPD6325 2A472K UF100
Product Description
Full Text Search
 

To Download FA5574 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power electronics fa5571 series low standby power quasi-resonant controller features ? internal 500v high voltage startup current source ? realized less than 1w input at 0.7w load by intermitting ? quasi-resonant operation, low noise and high effciency ? numerous kind of protect functions applications ? lcd tv/monitor main and standby smps ? note pc adapter specifcations ? startup current source 7ma, 1.6ma at vcc=0v, 30ua at off ? vcc voltage range 9 to 26v ? out pin peak current sink 500ma, source -250ma ? soft-start time 2.6ms ? is current limiter 1v0.1v, windings shorted protection 2v ? zcd ovp protection 7.2v ( latched) ? olp timer auto-recovery switching on/off is 0.2/1.4 sec (prepared in fa5571 series olp auto-recovery and latched) circuit block
2009-4 example of power supply confguration standby power and effciency (power supply specifcations: output power - 19v, rating - 5 a) comparison between fa5571 series models and conventional models conventional models fa5571 series (new models) item fa5531 fa5532 fa5541 fa5542 fa55771 fa5572 fa5573 FA5574 1 light-load operation frequency reduction intermittent operation intermittent operation frequency reduction 2 intermittent operation start fb voltage D 0.34v 0.4v D 3 frequency reduction start fb voltage 1.3v D D 1.15v 4 overload operation auto recovery timer latch auto recovery timer latch auto recovery timer latch auto recovery timer latch 5 reduced current at vh pin when vcc is shorted 8ma when vcc is shorted (current-limiting resistor is required 7.6ma when vcc is shorted (current-limiting resistor is required) limited vh current when vcc voltage is low ivh 1.6ma at vcc 0v 6 ovp detection at zcd pin external latch function latched in 48us after pull-up external latch function latched in 48us after pull-up external latch function: latched in 57us after pull-up + latch is detected in 2.3us after turnoff 7 additional is pin short protection function n/a n/a 2.0v 8 vcc pin uvlo level 9.85v/9.1v 10.2v/9.0v 18v/8v 9 internal soft start 1ms (only at startup) 1ms (only at startup) 2.6ms (only at startup) 10 ovp detection at vcc pin 28v 28v n/a input ac voltage [vac] information in this catalog is subject to change without notice.


▲Up To Search▲   

 
Price & Availability of FA5574

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X