Part Number Hot Search : 
321J1U TLWR9900 WS4601E 17FBD1 0150C 40004 62201 TM50D
Product Description
Full Text Search
 

To Download BCM5708C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BCM5708C ? 10/100/1000base-t tcp offload engine, rdma, iscsi/iser and ethernet controller with pci-express? ? single-chip solution for lan on motherboard (lom) and network interface card (nic) applications  integrated 10base-t/100base-tx/1000base-t transceivers  host interfaces - pci-express? x4 host interface  tcp offload engine  full ?fast path? tcp offload  compliant with microsoft?s toe chimney architecture  iscsi controller  iscsi initiator  iser (iscsi over rdma)  rdma controller (rnic)  rdma over tcp (iwarp)?rdmac 1.0 compliant  hardware-based data placement in application buffers without cpu intervention (user and kernel modes)  other performance features  receive side scaling (rss)  tcp, ip checksum  tcp segmentation  adaptive interrupts  message signal interrupt (msi) support  robust manageability  universal management port (ump)  pxe 2.0 remote boot  alert standard format (asf v1.0) support  wa ke -on lan  ipmi 'pass-through' feature  statistics gathering (snmp mib ii, ethernet-like mib, ethernet mib (802.3x, clause 30))  comprehensive diagnostic and configuration software suite  acpi 1.1a compliant power management  advanced network features  virtual lans?802.1q vlan tagging  jumbo frames (9 kb)  802.3x flow control  low-power cmos design  on-chip power circuit controller  400-ball 21x21 mm fbga package  3.3v i/os  jtag  industry?s first 10/100/1000 toe solution?power and space optimized for server blade and low-profile nic applications.  extremely low cpu utilization for tcp/ip applications  host cpu is free to run application code  easy integration with microsoft?s toe chimney architecture  accelerated ip-based storage  lower cpu utilization for file-level storage protocols such as cifs and nfs  iscsi functionality with low cpu utilization  rdma support for data placement in application buffers reduces cpu utilization and lowers data transit latencies.  future-proof  flexible implementation for tcp, iwarp and iscsi can accommodate specification changes and interoperability issues.  performance-focused ? optimized for throughput and cpu utilization  adaptive interrupts  rss reduces cpu utilization on multi-cpu systems.  msi allows interrupt distribution in a multi-cpu host system.  pci-express host interface allows a low-latency access to cpu and memory resources.  robust and highly manageable  ump enables high bandwidth "out-of-band" system management functionality over shared infrastructure.  pxe 2.0, acpi 1.1, wake-on lan, asf 1.0.  ipmi 'pass-through' capability allows on-board management controllers access to the network in os-present and os-absent states.  server class reliability, availability, and performance features  link aggregation and load balancing - switch-dependent  802.3ad (lacp), generic trunking (gec/fec) - switch and nic independent  low power for zero airflow implementations  advanced power management  minimal real estate?ideal for lom  on-chip power circuit controller features summary of benefits
overview ? phone: 949-450-8700 fax: 949-450-8710 e-mail: info@broadcom.com web: www.broadcom.com broadcom corporation 16215 alton parkway, p.o. box 57013 irvine, california 92619-7013 ? 2004 by broadcom corporation. all rights reserved. 5708c-pb01-r 11/17/04 broadcom ? , the pulse logo, and connecting everything ? are trademarks of broadcom corporation and/ or its subsidiaries in the united states and certain other countries. all other trademarks mentioned are the property of their respective owners. the BCM5708C provides a fully integrated layer 4 and layer 5 solution - tcp/ip, rdma and iscsi 1.0/iser along with a complete 10/ 100/1000base-t gigabit ethernet, ieee 802.3 compliant media access control (mac) and physical layer transceiver solution for high performance network applications. by itself, the BCM5708C provides a complete single-chip gigabit ethernet nic with a tcp/ip offload engine, rdma nic (rnic), iscsi 1.0/iser hba or lom solution. the BCM5708C is different from other network controllers because it can process the tcp/ip and relevant l5 protocols on data directly from the application buffers on the host, therefore relieving the host cpu from these time-consuming operations. on the receive path, the BCM5708C processes the frame up to the highest layer supported present in it, e.g., the BCM5708C processes the frame for rdma when the frame is an rdma frame. with the appropriate configuration, the BCM5708C can simultaneously support any two of the following three functions:  rdma network interface controller (rnic)  iscsi or iser host bus adapter  toe chimney-enabled network accelerator target applications of the BCM5708C  gigabit ethernet nics and lan-on motherboard (lom)  iscsi 1.0 / iser host bus adapters (hba)  rdma network interface card (rnic) rx tx clock 10/100/1000 phy 10/100/1000 mac pll led control led signals smb interface sflash interface smbus sflash control memory controller buffer memory pci-express x4 pci-express ump ump interface tcp/ip offload engine iscsi protocol offload rdma protocol engine base-t base-t pci-express x4 nic pci-express x4, x2, or x1 lom network interface cards (nic) designs lan on motherboard (lom) designs 10/100/1000 10/100/1000


▲Up To Search▲   

 
Price & Availability of BCM5708C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X