Part Number Hot Search : 
74HC42 OPF391A AN6337S F1005 L6219R JM4558 D1212 5KE180
Product Description
Full Text Search
 

To Download AIMB-552G2-00A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial motherboards all product specifications are subject to change without notice last updated : 21-oct-2009 features aimb-552 socket 479 intel ? pentium ? m/celeron ? m microatx, vga/lvds, 10 com, & dual lan intel ? 910gmle/915gme chipset supporting 400/533 mhz fsb processor dual channel ddr2 400/533 sdram up to 2 gb supports dual display for vga, lvds, and dvi (optional) supports 10 serial ports, 8 usb, 2 sata ports,2lan and cf supports embedded software api and utility ? ? ? ? ? specifcations processor system cpu (90 nm/130 nm) intel pentium m intel celeron m intel ulv celeron m max. speed 760 2.0 ghz 370 1.5 ghz 1 ghz on board front side bus 533 mhz 400 mhz 400 mhz l2 cache 2 mb 1 mb 0 kb chipset intel 915gme/910gmle + ich6m bios award 4 mbit, fwh expansion slot pci 32-bit/33 mhz, 3 slots memory technology dual channel ddr2 400/533 sdram max. capacity 2 gb socket 2 x 240-pin dimm graphics embedded intel gma 900 sharing 128 mb system memory lvds single channel 24-bit/dual channel 48-bit lvds dvi chrontel 7307c sdvo transimtter (optional) dual display crt + lvds, crt + dvi, lvds + dvi ethernet interface 10/100/1000 mbps controller gbe lan1: realtek rtl8111c, gbe lan2: realtek rtl8111c connector rj-45 x 2 sata max. data transfer rate 150 mb/s channel 2 eide mode ata 100/66/33 channels 1 (max. two devices) ssd compactflash compactflash type i/ii i/o interface vga 1 lvds 1 dvi 1 (optional) lan 2 usb 8 audio 2 (line-out, mic-in) serial 10 (2 of rs-232/422/485) parallel 1 (spp/epp/ecp) fdd 1 ps/2 2 (1 x keyboard and 1 x mouse) watchdog timer output system reset interval programmable 1 ~ 255 sec/min power requirement power on pentium 2.0 ghz pga (fsb 533), 1gb ddr2 667 celeron m 1.0ghz bga (fsb 400), 1 gb ddr2 533 +5 v +3.3 v +12 v +5 v +3.3 v +12 v 2.62 a 0.55 a 1.84 a 3.17 a 0.403 a 0.527 a environment operating non-operating temperature 0 ~ 60 c (32 ~ 140 f) -20 ~ 70 c (-4~150 f) physical characteristics dimensions (w x d) 244 mm x 244 mm (9.6" x 9.6") * intel 910gmle only supports fsb 400 processor and ddr2 400 sdram new watchdog gpio h/w monitor smbus software api: utility: bios fash monitoring
www.advantech.com/products online download board diagram aimb-552 packing list part number description quantity fdd cable 2 ide hdd cable serial ata hdd data cable 2 2 serial ata hdd power cable 2 com port cable kit umper pack 22t io bracket startup manual utility cd cpu cooler for aimb2g2ae t passie heatsink for aimb2g2sae accessories part number description 2 usb cable with four ports cm 22 usb cable with dual ports 2cm usb cable with dual ports cm 2 di cables intel 910gmle/ 915gme gmch crt 1 ata 100 port 2 sata ports 8 usb ports intel socket 479 pentium m/ celeron m processor audio codec alc655 direct media interface 2 gb/s bandwidth ich6m 400/ 533 mhz fsb 150mb/s dma 33/66/100 usb 2.0/1.1 ac-97 vga 24-bit lvds ddr2 400/ 533 ddr2 400/ 533 channel a channel b 32bit/33mhz pci bus pci1~3 edge connector lvds dvi sdvo gbe-lan2: realtek 8111c gbe-lan1: realtek 8111c pcie x1 pcie x1 super io winbond 83627hg fintek 4 serial 4 serial fintek fwh bios AIMB-552G2-00A1E aimb-552g2-s0a1e ordering information part number on board processor chipset ddr2 display gbe aimb2g2sae celeron gh gmle galds 2 aimb2g2ae gme galds di 2 aimb2 cannot be installed in acp2mb chassis riser card part number description aimbrppae u riser card for pci epansion aimbrppae 2u riser card for pci epansion bracket view
all product specifications are subject to change without notice industrial motherboards last updated : 21-oct-2009 value-added software services software api control monitor gpio general purpose input/output is a fexible parallel interface that allows a variety of custom connections. allows users to monitor the level of signal input or set the output status to switch on/off the device. our api also provide programmable gpio, allows developers to dynamically set the gpio input or output status watchdog a watchdog timer (wdt) is a device that performs a specifc operation after a certain period of time if something goes wrong and the system does not recover on its own. a watchdog timer can be programmed to perform a warm boot (restarting the system) after a certain number of seconds. smbus smbus is the system management bus defned by intel ? corporation in 1995. it is used in personal computers and servers for low-speed system management communications. the smbus api allows a developer to interface a embedded system environment and transfer serial messages using the smbus protocols, allowing multiple simultaneous device control. hardware monitor the hardware monitor (hwm) api is a system health supervision api that inspects certain condition indexes, such as fan speed, temperature and voltage. i 2 c i 2 c is a bi-directional two wire bus that was developed by philips for use in their televisions in the 1980s. the i2c api allows a developer to interface a embedded system environment and transfer serial messages using the i 2 c protocols, allowing multiple simultaneous device control. hardware control the hardware control api allows developers to set the pwm (pulse width modulation) value to adjust fan speed or other devices; can also be used to adjust the lcd brightness. display power saving brightness control the brightness control api allows a developer to interface embedded device to easily control brightness. cpu speed make use of intel speedstep technology to save the power consumption. the system will automatically adjust the cpu speed depend on the system loading. backlight the backlight api allows a developer to control the backlight (screen) on/off in embedded device. system throttling refers to a series of methods for reducing power consumption in computers by lowering the clock frequency. these api allow user to lower the clock from 87.5% to 12.5%. software utility bios flash the bios flash utility allows customers to update the fash rom bios version, or use it to back up current bios by copying it from the fash chip to a fle on customers disk. the bios flash utility also provides a command line version and api for fast implementation into customized applications. esos the esos is a small os stored in bios rom. it will boot up in case of main os crash. it will diagnose the hardware status, and then send an e-mail to administrator. the esos also provide remote connection: telnet server and ftp server for administrator to rescue the system. embedded security id the embedded application is the most important property of a system integrator. it contains valuable intellectual property, design knowledge and innovation, but it is easy to be copied! embedded security id utility which provides reliable security functions for customers to secure their application data within embedded bios. flash lock flash lock is a mechanism to bind the board and cf card (sqflash) together. user can lock sqflash via flash lock function and unlock by bios while booting. a locked sqflash cannot be read by any card reader or boot from other platforms without a bios with unlock feature. monitoring the monitoring is a utility for customer to monitor the system health, like voltage, cpu and system temperature and fan speed. these items are important to a device, if the critical errors happen and not be solved immediately, a permanent damage may be caused. software api: an interface that defnes the ways by which an application program may request services from libraries and/or operating systems. provides not only the underlying drivers required but also a rich set of user-friendly, intelligent and integrated interfaces, which speeds development, enhances security and offers add-on value for advantech platforms. it plays the role of catalyst between developer and solution, and makes advantech embedded platforms easier and simpler to adopt and operate with customer applications.


▲Up To Search▲   

 
Price & Availability of AIMB-552G2-00A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X