Part Number Hot Search : 
2SD2218 1N5374A E1720 UPL21PT VSP9412A 00090 XOSM51BC E004188
Product Description
Full Text Search
 

To Download 2SK2195 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shindengen 2SK2195 copyright & copy;2000 shindengen electric mfg.co.ltd outline dimensions ratings (fp15w50vx2) 500v 15a case : e-pack vx-2 series power mosfet n-channel enhancement type (unit : mm) case : ito-3p switching power supply of ac 100v input high voltage power supply inverter application input capacitance (ciss) is small. especially, input capacitance at 0 biass is small. the static rds(on) is small. the switching time is fast. features absolute maximum ratings tc = 25 item symbol conditions ratings unit storage temperature t stg -55 1 50 channel temperature t ch 1 50 drain-source voltage v dss 500 v gate-source voltage v gss 30 continuous drain current dc i d 1 5 continuous drain current peak) i dp 45 a continuous source current dc i s 1 5 total power dissipation p t 60 w single pulse avalanche current i as t ch = 25 1 5a dielectric strength v dis terminals to case, ac 1 minute 2kv mounting torque tor recommended torque : 0.5n ? m 0.8 n ? m
copyright & copy;2000 shindengen electric mfg.co.ltd 2SK2195 ( fp15w50vx2 ) vx-2 series power mosfet electrical characteristics tc = 25 item symbol conditions min. typ. max. unit drain-source breakdown voltage v (br)dss i d = 1 ma, v gs = 0v 500 v zero gate voltage drain current i dss v ds = 500v, v gs = 0v 250 a gate-source leakage current i gss v gs = 30v, v ds = 0v 0. 1 forward tran conductance g fs i d = 7.5a, v ds = 1 0v 4.5 1 0s static drain-source on- tate resistance r ds(on) i d = 7.5a, v gs = 1 0v 0.35 0.45 gate threshold voltage v th i d = 1 ma, v ds = 1 0v 2.5 3.0 3.5 v source-drain diode forwade voltage v sd i s = 7.5a, v gs = 0v 1 .5 the mal resistance jc junction to case 2.08 / total gate charge q g v dd = 400v, v gs = 1 0v, i d = 1 5a 65 nc input capacitance c iss 1 900 reverse transfer capacitance c rss v ds = 1 0v, v gs = 0v, f = 1 mh z 1 35 pf output capacitance c oss 400 turn-on time t on i d = 7.5a, v gs = 1 0v, r l = 20 11 0 1 80 ns turn-off time t off 270 440
0 5 10 15 20 25 30 0 5 10 15 20 2SK2195 transfer characteristics v ds = 25v pulse test typ tc = - 55 c 25 c 100 c 150 c gate-source voltage v gs [v] drain current i d [a]
static drain-source on-state resistance 0.1 1 -50 0 50 100 150 2SK2195 v gs = 10v pulse test typ i d = 7.5a case temperature tc [ c] static drain-source on-state resistance r ds(on) [ w ]
gate threshold voltage 0 1 2 3 4 5 -50 0 50 100 150 2SK2195 v ds = 10v i d = 1ma typ case temperature tc [ c] gate threshold voltage v th [v]
safe operating area 0.01 0.1 1 10 100 1 10 100 1000 2SK2195 100 m s tc = 25 c single pulse 200 m s 1ms 10ms dc drain-source voltage v ds [v] drain current i d [a] r ds(on) limit
0.01 0.1 1 10 100 2SK2195 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 transient thermal impedance time t [s] transient thermal impedance q jc(t) [ c/w]
capacitance 10 100 1000 10000 0 20 40 60 80 100 2SK2195 0.005 tc=25 c typ ciss coss crss drain-source voltage v ds [v] capacitance ciss coss crss [pf]
0 20 40 60 80 100 0 50 100 150 2SK2195 power derating power derating [%] case temperature tc [ c]
0 100 200 300 400 500 0 20 40 60 80 100 2SK2195 0 5 10 15 20 200v gate charge characteristics i d = 15a 100v v dd = 400v v gs v ds gate charge qg [nc] drain-source voltage v ds [v] gate-source voltage v gs [v]


▲Up To Search▲   

 
Price & Availability of 2SK2195

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X