Part Number Hot Search : 
ATS02 2011A 664TB STTA8 UR3060 IR210 4NXXX BUZ341
Product Description
Full Text Search
 

To Download 2SK2178 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shindengen 2SK2178 copyright & copy;2000 shindengen electric mfg.co.ltd outline dimensions ratings (f2e50vx2) 500v 2a case : e-pack vx-2 series power mosfet n-channel enhancement type (unit : mm) case : e-pack ?? switching power supply of ac 100v input ?? high voltage power supply ?? inverter application ?? input capacitance (ciss) is small. especially, input capacitance at 0 biass is small. ?? the static rds(on) is small. ?? the switching time is fast. features ??absolute maximum ratings ?itc = 25???j item symbol conditions ratings unit storage temperature t stg -55?`150 ?? channel temperature t ch 150 drain-source voltage v dss 500 v gate-source voltage v gss ?}30 continuous drain current?idc?j i d 2 continuous drain current?ipeak) i dp 6 a continuous source current?idc?j i s 2 total power dissipation p t 15 w single pulse avalanche current i as t ch = 25?? 2 a
copyright & copy;2000 shindengen electric mfg.co.ltd 2SK2178 ( f2e50vx2 ) vx-2 series power mosfet electrical characteristics tc = 25 item symbol conditions min. typ. max. unit drain-source breakdown voltage v (br)dss i d = 1 ma, v gs = 0v 500 v zero gate voltage drain current i dss v ds = 500v, v gs = 0v 250 a gate-source leakage current i gss v gs = 30v, v ds = 0v 0. 1 forward tran conductance g fs i d = 1 a, v ds = 1 0v 0.6 1 .3 s static drain-source on- tate resistance r ds(on) i d = 1 a, v gs = 1 0v 3.2 4.0 gate threshold voltage v th i d = 0.3ma, v ds = 1 0v 2.5 3.0 3.5 v source-drain diode forwade voltage v sd i s = 1 a, v gs = 0v 1 .5 the mal resistance jc junction to case 8.33 / total gate charge q g v dd = 400v, v gs = 1 0v, i d = 2a 9nc input capacitance c iss 220 reverse transfer capacitance c rss v ds = 1 0v, v gs = 0v, f = 1 mh z 1 7pf output capacitance c oss 55 turn-on time t on i d = 1 a, v gs = 1 0v, r l = 1 50 40 75 ns turn-off time t off 70 1 20
static drain-source on-state resistance 0.1 1 10 100 -50 0 50 100 150 2SK2178 v gs = 10v pulse test typ i d = 1a case temperature tc [ c] static drain-source on-state resistance r ds(on) [ w ]
gate threshold voltage 0 1 2 3 4 5 6 -50 0 50 100 150 2SK2178 v ds = 10v i d = 1ma typ case temperature tc [ c] gate threshold voltage v th [v]
transient thermal impedance 0.01 0.1 1 10 100 2SK2178 10 -4 10 -3 10 -2 10 -1 10 0 10 1 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 time t [s] transient thermal impedance q jc(t) [ c/w]
0 20 40 60 80 100 0 50 100 150 2SK2178 power derating power derating [%] case temperature tc [ c]


▲Up To Search▲   

 
Price & Availability of 2SK2178

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X