Part Number Hot Search : 
SE303 70650 VIPER1 30100WT 07502 30100WT SCG9910 AN77L09M
Product Description
Full Text Search
 

To Download UC3838AQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  uc1838a uc2838a uc3838a magnetic amplifier controller features independent 1% reference two uncommitted, identical operational amplifiers 100ma reset current source with C120v capability 5v to 40v analog operation 5w dil package 10 vcc vref 9 2.5v reference inv. in 8 e/a out 3 inv. in 6 7 n.i. in 2 1 n.i. in c/l out c/l e/a 3.5v 15 dr 1 16 dr 2 reset 14 vm 11 5 12 13 4 gnd gnd gnd gnd 20 1k 5k block diagram 04/99 udg-97174 description the uc1838a family of magnetic amplifier controllers contains the circuitry to gen- erate and amplify a low-level analog error signal along with a high volt- age-compliant current source. this source will provide the reset current necessary to enable a magnetic amplifier to regulate and control a power supply output in the range of 2a to 20a. by controlling the reset current to a magnetic amplifier, this device will define the amount of volt-seconds the magnetic amplifier will block before switching to the conducting state. magnetic amplifiers are ideal for post-regulators for multi- ple-output power supplies where each output can be independently controlled with efficiencies up to 99%. with a square or pulse-width-modulated input voltage, a magnetic amplifier will block a portion of this input waveform, allowing just enough to pass to provide a regulated output. with the uc1838a, only the magnetic ampli- fier coil, three diodes, and an output l-c filter are necessary to implement a com- plete closed-loop regulator. the uc1838a contains a precision 2.5v reference, two uncommitted high-gain op amps and a high-gain pnp-equivalent current source which can deliver up to 100ma of magnetic amplifier reset current and with C120 volt capability. these devices are available in a plastic bat-wing dip for operation over a C20c to +85c temperature range and, with reduced power, in a hermetically sealed cerdip for C55c to +125c operation. surface mount versions are also available. this improved a version replaced the non a version formerly introduced.
2 uc1838a uc2838a uc3838a absolute maximum ratings supply voltage, v cc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40v magnetic amp. source voltage, v m . . . . . . . . . . . . . . . . . . . . . . . . 40v reset output voltage, v r . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . C120v total current source voltage, v m -v r . . . . . . . . . . . . . . . . . . C140v amplifier input range . . . . . . . . . . . . . . . . . . . . . . C0.3v to v cc reset input current, i dr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . C10ma power dissipation at t a = 25c q, n, dp package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2w j, l package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1w power dissipation at t (leads/case) = 25c q, n, dp package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5w j, l package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2w operating temperature range . . . . . . . . . . . . C55c to +125c storage temperature range . . . . . . . . . . . . . C65c to +150c lead temperature (soldering, 10 sec) . . . . . . . . . . . . . . 300c note: all voltages are with respect to ground pins. all currents are positive into the specified terminal. consult packaging section of databook for thermal limitations and considerations of package. dr 2 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 dr 1 reset gnd gnd v m v cc v ref c/l out c/l n.i. in c/l inv. in gnd gnd e/a inv. in e/a n.i. in e/a out connection diagrams dil-16, soic-16 (top view) j or n package, dp package 3 18 17 16 n/c 1 22019 15 14 4 5 6 7 8 911 10 12 13 c/l out c/l n.i. in dr2 dr1 reset n/c n/c gnd v m c/l inv. in gnd n/c n/c e/a inv. in v cc v ref n/c e/a n.i. in e/a out plcc-20, lcc-20 (top view) q, l packages note: all four ground pins must be connected to a common ground temperature range package uc1838aj C55 c to +125 c ceramic dip uc1838al clcc uc2838adp C20 c to +85 c power soic uc2838an plastic dip uc2838aq plcc uc3838adp 0 c to +70 c power soic uc3838an plastic dip UC3838AQ plcc ordering information
3 uc1838a uc2838a uc3838a electrical characteristics: unless otherwise stated, these specifications apply for t a = C55c to +125c for the uc1838a, C20c to +85c for the uc2838a, and 0c to +70c for the uc3838a, v cc = 20v, v m = 5v, t a =t j . parameter test conditions uc1838a / uc2838a uc3838a units min typ max min typ max reference section supply current v cc =v m = 40v 4 8 4 8 ma reference output t a = 25c 2.47 2.5 2.53 2.45 2.5 2.55 v line regulation v cc = 5 to 30v 1 5 1 10 mv load regulation i o = 0 to C2ma 5 20 5 20 mv short circuit current v ref = 0v C30 C60 C30 C60 ma temperature stability* over operating temp. range 15 25 10 25 mv amplifier section (each amplifier) offset voltage v cm = 2.5v 5 10 mv input bias current v in = 0v C1 C1 m a input offset current 100 100 na minimum output swing 0.4 18 0.4 18 v output sink current v o = 5v 1103011030ma output source current v o = 0v C1 C10 C20 C1 C10 C20 ma a vol v o = 1 to 11v 100 120 100 120 db c mrr v in = 1 to 11v 70 80 70 80 db p srr v cc = 10 to 20v 70 100 70 100 db gain bandwidth* 0.6 0.8 0.6 0.8 mhz reset drive section input leakage v dr = 40v 10 10 m a output leakage v r = C120v C100 C100 m a input current i r = C50ma C1 C2 C1 C2 ma maximum reset current i dr = C3ma C100 C120 C200 C100 C120 C200 ma transconductance i r = C10 to C50ma .03 .042 .055 .03 .042 .055 a/v * these parameters are guaranteed by design but not 100% tested in production. typical application +12v, 4a output with switching frequency = 50 khz.
4 uc1838a uc2838a uc3838a application information figure 1. amplifier open loop response. figure 2. reset driver-input current. figure 5. reset driver-input voltage. figure 3. reset driver-output impedance. figure 6. reference temperature coefficient. unitrode corporation 7 continental blvd. ? merrimack, nh 03054 tel. (603) 424-2410 ? fax (603) 424-3460 figure 4. reset driver response.
important notice texas instruments and its subsidiaries (ti) reserve the right to make changes to their products or to discontinue any product or service without notice, and advise customers to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. all products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. ti warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with ti's standard warranty. testing and other quality control techniques are utilized to the extent ti deems necessary to support this warranty. specific testing of all parameters of each device is not necessarily performed, except those mandated by government requirements. certain applications using semiconductor products may involve potential risks of death, personal injury, or severe property or environmental damage (acritical applicationso). ti semiconductor products are not designed, authorized, or warranted to be suitable for use in life-support devices or systems or other critical applications. inclusion of ti products in such applications is understood to be fully at the customer's risk. in order to minimize risks associated with the customer's applications, adequate design and operating safeguards must be provided by the customer to minimize inherent or procedural hazards. ti assumes no liability for applications assistance or customer product design. ti does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right of ti covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. ti's publication of information regarding any third party's products or services does not constitute ti's approval, warranty or endorsement thereof. copyright ? 1999, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of UC3838AQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X