Part Number Hot Search : 
07K460 LLZ5235B LT726 HC259 S1200 STA435 N1A30209 OPB813S7
Product Description
Full Text Search
 

To Download SMP1060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente smp1020 ~ smp10100 voltage 20 v ~ 100 v 10 amp surface mount schottky barrier rectifiers 20-may-2011 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? low leakage ? low forward voltage drop ? super long operating life ? plastic package has underwriters labora tory flammability classification 94v-0 package information package mpq leader size to-277a 4k 13? inch maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20% .) rating parameter symbol smp 1020 smp 1030 smp 1040 smp 1045 smp 1050 smp 1060 smp 1090 smp 10100 unit recurrent reverse voltage (max.) v rrm 20 30 40 45 50 60 90 100 v dc blocking voltage (max.) v dc 20 30 40 45 50 60 90 100 v i f =10a,t a =25c 0.55 0.55 0.55 0.58 0.7 0.7 0.85 0.85 instantaneous forward voltage (max.) i f =5a, t a =125c (typ.) v f 0.38 0.38 0.38 0.42 0.58 0.58 0.68 0.68 v average forward rectified current (max.) @ t a = 25 c i f(av) 10 a peak forward surge current. 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 275 a typical thermal resistance junction to ambient r ja 100 typical thermal resistance junction to lead r jl 3 k / w t a =25c 0.5 0.5 75c, 50%v rrm (typ.) 1 0.5 dc reverse current at rated dc blocking voltage (max.) t a =100c i r 50 30 ma operating temperature range t j -55~150 c storage temperature range t stg -55~150 c to-277a m n a b i f j c e d g h k l millimete r millimete r ref. min. max. ref. min. max. a 4.4 4.8 h 4.05 t yp . b 5.9 6.3 j 4.4 4.8 c 6.3 6.7 k 2.0 2.2 d 4.1 4.5 l 1.0 1.4 e 0.65 t yp . m 0.15 0.35 f 3.55 3.95 n ? ?? ? ?? g 1.85 2.25
elektronische bauelemente smp1020 ~ smp10100 voltage 20 v ~ 100 v 10 amp surface mount schottky barrier rectifiers 20-may-2011 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SMP1060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X