Part Number Hot Search : 
AD1679KD MB90860A CZ537 FR2ML PJP7N65 OPB741W ISL88041 FDMC8462
Product Description
Full Text Search
 

To Download SMCG80C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surf ace mount 1500 watt transient voltage suppressor m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 1 cop y right ? 200 2 6-09-0 3 rev a w w w . mi c r o s e m i . c o m scottsd a l e division smcj5.0 thru smcj170ca and smcg5.0 th ru smcg170 ca smc 5.0 ? 170v descripti on appeara n c e the smcj5. 0-17 0a or s m cg5. 0-1 7 0 a serie s of 1 500 w tra n sient voltage suppresso rs (tvss) prote c ts a va riet y of voltage-se nsitive comp onent s from destructio n o r deg rad a tion. it is avail abl e in j-ben d d e sig n (sm c j) with th e do -214ab p a ckag e for g r eater p c bo a r d mo unting den sity or in a gull-win g desi gn (sm c g) in the do -215ab for visible solde r conne ction s . selection s inclu de unidi rection a l a nd bidire ction a l. they ca n p r otect from seco nda ry lightning effe cts per iec6 1000 -4 -5 an d cl ass l e vel s d e fined he rein, o r fo r indu ctive swi t ching enviro n ments an d i ndu ced rf prote c tion. since th eir respon se tim e is virtually instanta neo us , they can also be use d in prote c tion from esd an d eft per iec61 000 -4 -2 a nd iec610 00 -4-4. no t e : a l l sm c se r i es ar e equiv a lent to prior s m m package identif i cat ions. import a n t : f o r the most cur r e n t data, consult mi c r os e m i ? s w e bsite: http:// www .microsemi.com features a p p l i c at ions / be ne fi ts ? econom ical su rface mount d e s ign i n both j-b end or gull- w i ng termi natio ns ? avail abl e in b o th uni d irecti on a l and bi directi o nal construction w i th a c or ca suffix ? selecti ons for 5.0 to 170 vo lts standoff voltag es (v wm ) ? suppr esses tra n sie n ts up to 1 500 w a tts @ 1 0 /100 0 s (see f i gur e 1) ? f a st response ? options for screen ing i n accor danc e w i th mil - prf - 195 00 for jan, jant x, jan t xv, an d jans are avail a b l e b y a d d in g mq, mx, mv, or msp prefixes respectively to part numbers. ? axi a l-l e a d eq ui vale nt packa ge s for thru-hole mounti ng avail a b l e as 1. 5ke6.8 to 1.5k e200 ca or 1n 626 7 thru 1n6 303a and 1n5 908 (co n su lt factor y for other surface mou n t optio ns) ? moisture cl assi fication is l e ve l 1 w i t h no dr y pack requ ired p e r ipc/jedec j-std-02 0b ? protection from s w itch in g tran sients an d in du ced rf ? protection from esd, and ef t per iec 610 00 -4-2 and iec 61 00 0 - 4-4 ? secon dar y li gh tning pr otectio n per iec61 0 0 0 -4-5 w i t h 42 ohms sourc e impe danc e: class 1: smc 5.0 to smc 170a or ca class 2: smc 5.0 to smc 150a or ca class 3: smc 5.0 to smc 75a or ca class 4: smc 5.0 to smc 36a or ca ? secon dar y li gh tning pr otectio n per iec61 0 0 0 -4-5 w i t h 12 ohms sourc e impe danc e: class 1 : smc 5.0 to smc 90a or ca class 2: smc 5.0 to smc 45a or ca class 3: smc 5.0 to smc 24a or ca class 4: smc 5.0 to smc 11a or ca ? secon dar y li gh tning pr otectio n per iec61 0 0 0 -4-5 w i t h 2 ohms source imped ance: class 2: smc 5.0 to smc 22a or ca class 3: smc 5.0 to smc 10a or ca max i mu m rat ing s mechan ic al an d pa ckagin g ? peak puls e po w e r dissi pati o n at 25 o c: 1500 w a tts at 10/10 00 s (a l s o see f i g 1,2, and 3) ? impulse re petiti on rate (dut y fa ctor): 0.01% ? t cl am pi ng (0 volts to v (b r) min.): < 100 ps theor etical for uni directi o n a l a nd < 5 ns for bidirecti ona l ? operatin g an d storage temp e r ature: -65 o c to +150 o c ? t hermal resistance: 20 o c/w junction to lead, or 80 o c/w juncti on to amb i ent w h en mo u n ted on f r 4 p c boar d (1oz cu) w i t h recomme nde d footpri n t (see la st page) ? stead y-state p o w e r d i ssip a tio n : 6 w a tts at t l = 3 0 o c, or 1.56 w a tts a t t a = 2 5 o c w h en mou n ted o n f r 4 pc boar d w i th rec o mmen ded fo o t print ? f o r w a r d sur g e : 200 amps pe ak impu lse of 8 . 3 ms half-si ne w a v e at 25oc (uni dir e ction a l o n l y ) ? sold er temper atures: 260 o c for 10 s (maximum) ? case: void-free transfer mol ded therm o sett ing epo xy b o d y me eting u l 9 4 v-0 ? t e rminals: gull- w i ng or c- ben d (modifi ed j-bend) lea d s, tin-lea d plate d sol dera b le to mil-st d-750, method 2 0 2 6 ? polarit y : c a thod e in dicate d b y ban d. no marking on bi- d irecti ona l dev i c es ? marking: part number w i thout sm prefix (e.g. c5.0, c5.0a, c5.0ca, c36, c36a, c36ca, etc.) ? t ape & reel optio n: standa rd per eia-481 -2 w i t h 16 mm tape, 7 50 per 7 i n ch r eel or 2 5 0 0 per 13 inch reel (a dd ?t r? suffix to part n u mber) ? weigh t : 0 . 25 grams
surf ace mount 1500 watt transient voltage suppressor m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 2 cop y right ? w w w . mi c r o s e m i . c o m scottsd a l e division smcj5.0 thru smcj170ca and smcg5.0 th ru smcg170 ca smc 5.0 ? 170v elec tric al ch ara cteri s tic s @ 25 o c microsemi p a rt number bre a k d o wn vo lt a g e v (br) @ i (br) volts gul l -w in g le a d mo dif i ed ?j? bend le a d reverse st a nd- of f vo lt a g e v wm volts min. m a x . i (br) ma ma x i m u m cl a m pin g vo lt a g e @ i pp volts pe a k p u lse curren t (see fi g. 2) i pp am p s ma x i m u m st a ndby curren t @ v wm i d a smcg5.0 smcg5.0a smcg6.0 smcg6.0a smcj5.0 smcj5.0a smcj6.0 smcj6.0a 5.0 5.0 6.0 6.0 6.40 ? 7.30 6.40 ? 7.00 6.67 ? 8.15 6.67 ? 7.37 10 10 10 10 9.6 9.2 11.4 10.3 156.2 163.0 131.6 145.6 1000 1000 1000 1000 smcg6.5 smcg6.5a smcg7.0 smcg7.0a smcj6.5 smcj6.5a smcj7.0 smcj7.0a 6.5 6.5 7.0 7.0 7.22 ? 8.82 7.22 ? 7.98 7.78 ? 9.51 7.78 ? 8.60 10 10 10 10 12.3 11.2 13.3 12.0 122.0 133.9 112.8 125.0 500 500 200 200 smcg7.5 smcg7.5a smcg8.0 smcg8.0a smcj7.5 smcj7.5a smcj8.0 smcj8.0a 7.5 7.5 8.0 8.0 8.33 ? 10.2 8.33 ? 9.21 8.89 ? 10.9 8.89 ? 9.83 1 1 1 1 14.3 12.9 15.0 13.6 104.9 116.3 100.0 110.3 100 100 50 50 smcg8.5 smcg8.5a smcg9.0 smcg9.0a smcj8.5 smcj8.5a smcj9.0 smcj9.0a 8.5 8.5 9.0 9.0 9.44 ? 11.5 9.44 ? 10.4 10.0 ? 12.2 10.0 ? 11.1 1 1 1 1 15.9 14.4 16.9 15.4 94.3 104.2 88.7 97.4 25 25 10 10 smcg10 smcg10a smcg11 smcg11a smcj10 smcj10a smcj11 smcj11a 10 10 11 11 11.1 ? 13.6 11.1 ? 12.3 12.2 ? 14.9 12.2 ? 13.5 1 1 1 1 18.8 17.0 20.1 18.2 79.8 88.2 74.6 82.4 5 5 5 5 smcg12 smcg12a smcg13 smcg13a smcj12 smcj12a smcj13 smcj13a 12 12 13 13 13.3 ? 16.3 13.3 ? 14.7 14.4 ? 17.6 14.4 ? 15.9 1 1 1 1 22.0 19.9 23.8 21.5 68.2 75.3 63.0 69.7 5 5 5 5 smcg14 smcg14a smcg15 smcg15a smcj14 smcj14a smcj15 smcj15a 14 14 15 15 15.6 ? 19.1 15.6 ? 17.2 16.7 ? 20.4 16.7 ? 18.5 1 1 1 1 25.8 23.2 26.9 24.4 58.1 64.7 55.8 61.5 5 5 5 5 smcg16 smcg16a smcg17 smcg17a smcj16 smcj16a smcj17 smcj17a 16 16 17 17 17.8 ? 21.8 17.8 ? 19.7 18.9 ? 23.1 18.9 ? 20.9 1 1 1 1 28.8 26.0 30.5 27.6 52.1 57.7 49.2 53.3 5 5 5 5 smcg18 smcg18a smcg20 smcg20a smcj18 smcj18a smcj20 smcj20a 18 18 20 20 20.0 ? 24.4 20.0 ? 22.1 22.2 ? 27.1 22.2 ? 24.5 1 1 1 1 32.2 29.2 35.8 32.4 46.6 51.4 41.9 46.3 5 5 5 5 smcg22 smcg22a smcg24 smcg24a smcj22 smcj22a smcj24 smcj24a 22 22 24 24 24.4 ? 29.8 24.4 ? 26.9 26.7 ? 32.6 26.7 ? 29.5 1 1 1 1 39.4 35.5 43.0 38.9 38.1 42.2 34.9 38.6 5 5 5 5 smcg26 smcg26a smcg28 smcg28a smcj26 smcj26a smcj28 smcj28a 26 26 28 28 28.9 ? 35.3 28.9 ? 31.9 31.1 ? 38.0 31.1 ? 34.4 1 1 1 1 46.6 42.1 50.0 45.4 32.2 35.6 30.0 33.0 5 5 5 5 smcg30 smcg30a smcg33 smcg33a smcj30 smcj30a smcj33 smcj33a 30 30 33 33 33.3 ? 40.7 33.3 ? 36.8 36.7 ? 44.9 36.7 ? 40.6 1 1 1 1 53.5 48.4 59.0 53.3 28.0 31.0 25.2 28.1 5 5 5 5 smcg36 smcg36a smcg40 smcg40a smcj36 smcj36a smcj40 smcj40a 36 36 40 40 40.0 ? 48.9 40.0 ? 44.2 44.4 ? 54.3 44.4 ? 49.1 1 1 1 1 64.3 58.1 71.4 64.5 23.3 25.8 21.0 23.2 5 5 5 5 smcg43 smcg43a smcg45 smcg45a smcj43 smcj43a smcj45 smcj45a 43 43 45 45 47.8 ? 58.4 47.8 ? 52.8 50.0 ? 61.1 50.0 ? 55.3 1 1 1 1 76.7 69.4 80.3 72.7 19.6 21.6 18.7 20.6 5 5 5 5
surf ace mount 1500 watt transient voltage suppressor m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 3 cop y right ? w w w . mi c r o s e m i . c o m scottsd a l e division smcj5.0 thru smcj170ca and smcg5.0 th ru smcg170 ca smc 5.0 ? 170v microsemi p a rt number bre a k d o wn vo lt a g e v (br) @ i (br) volts gul l -w in g le a d mo dif i ed ?j? bend le a d reverse st a nd- of f vo lt a g e v wm volts min. m a x . i (br) ma ma x i m u m cl a m pin g vo lt a g e @ i pp volts pe a k p u lse curren t (see fi g. 2) i pp am p s ma x i m u m st a ndby curren t @ v wm i d a smcg48 smcg48a smcg51 smcg51a smcj48 smcj48a smcj51 smcj51a 48 48 51 51 53.3 ? 65.1 53.3 ? 58.9 56.7 ? 69.3 56.7 ? 62.7 1 1 1 1 85.5 77.4 91.1 82.4 17.5 19.4 18.5 18.2 5 5 5 5 smcg54 smcg54a smcg58 smcg58a smcj54 smcj54a smcj58 smcj58a 54 54 58 58 60.0 ? 73.3 60.0 ? 66.3 64.4 ? 78.7 64.4 ? 71.2 1 1 1 1 96.3 87.1 103.0 93.6 15.6 17.2 14.6 16.0 5 5 5 5 smcg60 smcg60a smcg64 smcg64a smcj60 smcj60a smcj64 smcj64a 60 60 64 64 66.7 ? 81.5 66.7 ? 73.7 71.1 ? 86.9 71.1 ? 78.6 1 1 1 1 107.0 96.8 114.0 103.0 14.0 15.5 13.2 14.6 5 5 5 5 smcg70 smcg70a smcg75 smcg75a smcj70 smcj70a smcj75 smcj75a 70 70 75 75 77.8 ? 95.1 77.8 ? 86.0 83.3 ? 102.0 83.3 ? 92.1 1 1 1 1 125 113 134 121 12.0 13.3 11.2 12.4 5 5 5 5 smcg78 smcg78a smcg85 smcg85a smcj78 smcj78a smcj85 smcj85a 78 78 85 85 86.7 ? 106.0 86.7 ? 95.8 94.4 ? 115.0 94.4 ? 104.0 1 1 1 1 139 126 151 137 10.8 11.4 9.9 10.4 5 5 5 5 smcg90 smcg90a smcg100 smcg100a smcj90 smcj90a smcj100 smcj100a 90 90 100 100 100 ? 122 100 ? 111 111 ? 136 111 ? 123 1 1 1 1 160 146 179 162 9.4 10.3 8.4 9.3 5 5 5 5 smcg110 smcg110a smcg120 smcg120a smcj110 smcj110a smcj120 smcj120a 110 110 120 120 122 ? 149 122 ? 135 133 ? 163 133 ? 147 1 1 1 1 196 177 214 193 7.7 8.4 7.0 7.8 5 5 5 5 smcg130 smcg130a smcg150 smcg150a smcj130 smcj130a smcj150 smcj150a 130 130 150 150 144 ? 176 144 ? 159 167 ? 204 167 ? 185 1 1 1 1 231 209 268 243 6.5 7.2 5.6 6.2 5 5 5 5 smcg160 smcg160a smcg170 smcg170a smcj160 smcj160a smcj170 smcj170a 160 160 170 170 178 ? 218 178 ? 197 189 ? 231 189 ? 209 1 1 1 1 287 259 304 275 5.2 5.8 4.9 5.5 5 5 5 5 ? ? sy mbol s & defin i ti ons sy m b o l d e f i n i t i o n sy m b o l d e f i n i t i o n v wm w o rking pe ak (standoff) volt age i pp peak puls e cu rrent p pp peak puls e po w e r v c clamp in g volta ge v (b r) breakd o w n v o l t age i (b r) breakd o w n c u rrent for v (b r) i d standb y c u rre nt
surf ace mount 1500 watt transient voltage suppressor 100 10 1.0 0 m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 4 cop y right ? w w w . mi c r o s e m i . c o m scottsd a l e division smcj5.0 thru smcj170ca and smcg5.0 th ru smcg170 ca smc 5.0 ? 170v graphs (w aveform ? see figure 2 ) non-r epetitive (p pp ) ? peak pul s e pow e r - kw t e st wa ve f o rm p a ram e te rx s tr = 10 figure 2 ? pulse wav e form 1 figure 1 ? peak puls e power vs . pulse time p a d la yout i n c h e s m m a . 3 9 0 9 . 9 0 b . 1 1 0 2 . 7 9 c . 1 5 0 3 . 8 1 i n c h e s m m a 0 . 5 1 0 1 2 . 9 5 b 0 . 1 1 0 2 . 7 9 c 0 . 1 5 0 3 . 8 1 smcj smcg t l lead tempe r ature o c figure 4 peak pulse power ( p pp ) or conti nuous power in percent of 25 o c ratin g figu re 3 ? derating c u r v e t ypical capacitance vs. breakdown voltage pac k ag e dim e n s io ns do- 214 a b do- 215 a b dimensio n s in inches a b c d e f k l min . 1 1 5 . 2 6 0 . 2 2 0 . 3 0 5 . 0 7 5 . 3 8 0 . 0 2 5 . 0 3 0 max . 1 2 1 . 2 8 0 . 2 4 5 . 3 2 0 . 0 9 5 . 4 0 0 . 0 4 0 . 0 6 0 dimensions in millimeters min 2 . 9 2 6 . 6 0 5 . 5 9 7 . 7 5 1 . 9 0 9 . 6 5 0 . 6 3 5 . 7 6 0 max 3 . 0 7 7 . 1 1 6 . 2 2 8 . 1 3 2 . 4 1 1 0 . 1 6 1 . 0 1 6 1 . 5 2 0 t y pical standoff height: 0.004 ? ? 0.008? ( 0 .1mm ? 0.2mm)


▲Up To Search▲   

 
Price & Availability of SMCG80C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X