solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-7855 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com designer?s data sheet part number / ordering information 1 / sam 50 f a _ _ __ ? ? ? ? ? ? ? ? ? ? ? ? l screening 2 / = none tx = tx level txv = txv level s = s level ? ? ? ? ? ? l package ___ = axial sms = surface mount square tab ? ? ? l recovery time f = fast recovery l voltage 50 = 5000 sam50fa 0.5 amp 5000 volts 150 nsec high voltage rectifier features: ? ultra fast and fast recovery: 150 nsec maximum ? hermetically sealed surface mount package ? void free construction ? metallurgically bonded ? 175c maximum opera ting temperature ? tx, txv, and space level screening available 2 / maximum ratings symbol value units peak inverse voltage piv 5000 volts average rectified forward current 25oc 100oc io 500 300 ma maximum reverse current 25oc 100oc i r 3.0 15 a maximum forward voltage @ i f = 500 ma v f 13 volts maximum surge current 1 cycle i fsm 25 amps maximum reverse recovery time trr 150 nsec maximum junction capacitance (ft = 1mhz @ 100 volts) c j 10 pf typical thermal impedance (l=3/8?) r jl / r je 18 c/w 1 / for ordering information, price, and availability ? contact factory. 2 / screening based on mil-prf-19500. screening flows available on request. 3 / operating and testing over 10,000 v/inch may require encapsulation or immersion in a suitable dielectric material. 4 / max. forward voltage measured with instantaneous forward pulse of 300sec minimum. 5 / max. lead/end tab temp. for soldering is 250c, 3/8?from the case for 5 sec maximum. 6 / operating and storage temper ature: -65c to +175c. 7 / reverse recovery test conditions: if=.5a, ir=1ma, irr=.25a, ta=25c. axial leaded sms note: all specifications are subject to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: rv0033c doc
package outline: axial b ?c ?a d d dimensions dim min max solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-7855 * fax: (562) 404-1773 s sdi@ssdi-power.com * www.ssdi-power.com sam50fa --- .300? a b --- .425? c . .047? 05? d - 1.10 ? -- surface mount square tab dimensions dim min max a . .170? 205? b . .290? 450? c . .020? 035? d .002? --- note: all specifications are subject to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: rv0033c doc
|