Part Number Hot Search : 
CS51221 M3494EZ NC7SV32 SB400 1431C MDT10P CXA13 CY7C43
Product Description
Full Text Search
 

To Download S3C2510A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  S3C2510A product overview 1-1 1 product overview 1.1 overview samsung's S3C2510A 16/32-bit risc micro-controller is a cost-effective, high-performance micro-controller solution for ethernet-based systems, for example, soho router, internet gateway, wlan ap, etc. to efficiently support those network applications, S3C2510A provides the followings: 16/32-bit arm940t risc embedded with 4k-byte i-cache and 4k-byte d-cache, memory controller with 24-bit external address pins, one external bus master with bus request/acknowledge pins, two 10/100 mbps ethernet controllers, pci & pc card host/agent controller, aal5 sar and utopia l1/l2, two port full/low speed usb host with root hub, one port usb function device with transceiver, six general-purpose dmas, two high-speed uarts, one console uart, des and 3des for ip security, iic serial interface, interrupt controller, six 32-bit programmable timers, 30-bit watchdog timer, 64 programmable i/o ports, and four plls for clock generation. the S3C2510A is developed using an arm940t core, 0.18um cmos standard cells and a memory compiler. its powerful, elegant and fully static design is suitable for various network applications. also S3C2510A adopts a new bus architecture, amba (advanced microcontroller bus architecture).
product overview S3C2510A 1-2 1.2 features the following integrated on-chip functions are described in detail in this user's manual: ? 16/32-bit arm940t risc embedded ? 4k-byte i-cache and 4k-byte d-cache ? memory controller with 24-bit external address pins ? 2 banks of sdram for 16/32-bit bus ? 8 banks of flash/rom/sram/external i/o for 8/16/32-bit bus ? one external bus master with bus request/acknowledge pins ? two 10/100 mbps ethernet controllers ? pci host/agent controller or cardbus (pcmcia) host/agent controller ? pci host mode: 5 (or more) pci slots interface for pci cards ? pc card host mode: 1 pc card socket interface for 16-bit pc card or cardbus pc card ? aal5 sar and utopia l1/l2 ? 2 port full/low speed usb host with root hub. ? 1 port full speed usb function with transceiver spec. 1.1 ? six general-purpose dmas ? two high-speed uarts ? one console uart ? des and 3des for ip security ? iic serial interface ? interrupt controller ? six 32-bit programmable timers ? 30-bit watchdog timer ? 64 programmable i/o ports ? 8 general-purpose i/o ? 6 external interrupt request ? 6 timer output ? 4 external dma request ? 4 external dma acknowledge ? 21 sar signals ? 15 uart signals ? four plls for each arm940t (166mhz), system (133mhz), pci & pc card controller clock (33/66mhz), usb host/device clock (48mhz), and ethernet phy (20/25mhz). ? cpu operating frequency: up to 166mhz ? ahb bus operating frequency: up to 133mhz ? package type: 416 pbga ? core operating at 1.8v 5 %, -40~85 o c ? i/o operating at 3.3v 5 %, -40~85 o c ? 3.3v input/output levels, 5v tolerant only for pci.
S3C2510A product overview 1-3 1.3 block diagram 10/100 ethernet mac dma 10/100 ethernet mac dma memory controller 133 mhz ahb bus dma aal5 sar & utopia l1/l2 dma dma apb bridge sys. bus arbiter six gdma des/ 3des wdt six timers clock gen. & reset drv. with 4 plls interrupt controller a h b i/f arm940t (166 mhz) 4kb d-cache 4kb i-cache high speed uart high speed uart console uart i 2 c usb 1.1 function gpios 2-bank sdram 8-bank flash/rom/ sram/ ext i/o external bus master 10 mhz osc. 20 mhz or 25 mhz req/ack 133 mhz apb bus usb host controller pci/pc card host/agent controller figure 1-1. block diagram
product overview S3C2510A 1-4 arm940t the arm940t cached processor is a member of the arm9 thumb family of high-performance 32-bit system-on- a-chip processor solutions. it provides a complete high performance cpu subsystem, including arm9tdmi risc integer cpu, 4kb instruction/data caches, write buffer, and protection unit, with an amba bus interface. the arm9tdmi core within the arm940t executes both the 32-bit arm and 16-bit thumb instruction sets, allowing the user to trade off between high performance and high code density. it is binary compatible with arm7tdmi, arm10tdmi, and strongarm processors, and is supported by a wide range of tools, operating systems, and application software. memory organization memory system is composed of 8 rom/sram/flash/ext i/o banks and 2 sdram banks. each rom bank is fixed with 16m-byte address range and is supported with multiplexed and non-multiplexed address/data bus capability. each sdram bank is supported with 128 mbyte. two ethernet controllers the S3C2510A includes two ethernet controllers, which enables the user to configure soho router, internet gateway, etc. the main features are as follows. ? buffered dma (bdma) engine using burst mode ? bdma tx/rx buffers (256-byte/256-byte) ? mac tx/rx fifos (80-byte/16-byte) to support re-transmit after collision without dma request ? data alignment logic ? support for old and new media (compatible with existing 10m-bit/s networks) ? 10/100 mbps operation to increase price/performance options and to support phased conversions ? full ieee 802.3 compatibility for existing applications ? media independent interface (mii) or 7-wire interface ? station management (sta) signaling for external physical layer configuration and link negotiation ? on-chip cam (21 addresses) ? full-duplex mode for doubled bandwidth ? pause operation hardware support for full-duplex flow control ? long packet mode for specialized environments ? short packet mode for fast testing ? pad generation for ease of processing and reduced processing time
S3C2510A product overview 1-5 pci & pc card host/agent controller S3C2510A's pci & pc card host/agent controller complies with the pci local bus specification rev. 2.2, pc card standard release 7.2, and various design guides. pci & pc card controller connects the arm940t processor core and local system memory to the pci bus or cardbus socket. the pci bus or cardbus uses a 32- bit multiplexed, address/data bus, and various control and error signals. mis-aligned transfers are supported as well as burst transfers at the maximum data rate of 264mb/s @66mhz (132mb/s @33mhz). S3C2510A can function as a pci(or cardbus) master(initiator) or target(slave), and function as pci host bridge(or cardbus host bus adapter) referred to as "host mode" or pci device(or cardbus pc card) referred to as "agent mode". in host mode, it can be used as host/pci bridge (or cardbus socket controller) on main board . but in agent mode, it can be used as pci device on pci card or cardbus device on cardbus pc card. the pci & pc card host controller provides pci bus arbitration for the S3C2510A and up to five other pci bus masters (except pci target-only devices). it can be disabled to allow for external pci arbiter (if more than five pci bus masters will be connected). the pci & pc card host controller has one integrated block for pci interface and cardbus interface (common silicon) and it supports only one interface as defined by pci_pccdm(pc card mode) pin. and pci_hostm pin signal forces pci & pc card controller to operate in host mode or agent mode. each modes can be set as followings. pci host mode pci_pccdm = 0, pci_hostm=1 pci agent mode pci_pccdm = 0, pci_hostm=0 cardbus pc card host mode pci_pccdm = 1, pci_hostm=1, cardbus pc card is inserted 16-bit pc card (pcmcia) host mode pci_pccdm = 1, pci_hostm=1, 16-bit pc card is inserted cardbus pc card agent mode pci_pccdm = 1, pci_hostm=0 note: each mode is selected by pci_pccdm & pci_hostm pin input and inserted card type the pci & pc card host/agent controller provides an address translation mechanism to map inbound pci to local memory or peripherals and outbound processor core or peripherals to pci. four independent 8-word deep fifos are implemented for flow-through operation of pci & pc card read/write burst operation. and doorbell and mailbox registers, clkrun# central resource control logic, integrated pull-up resistors are also implemented. as a cardbus host mode, it supports only single pc card slot and generates interface signals to pc card power- switch. cardbus host controller supports 16-bit pc card (pcmcia card) or cardbus pc card. cardbus host controller provides an address translation mechanism to map inbound pci to local memory or peripherals and outbound processor core or peripherals to pci. four independent 8-word deep fifos are implemented. as a pci/cardbus agent mode, it supports independent three address decoders and provides address translation mechanism to map ahb local memory from pci bus through three address bars and vice-versa. to support power management, it complies with pci bus power management interface specification rev. 1.1 and pci mobile design guide ver. 1.1. and also it supports dma operation with two-channel dedicated dma to enhance the performance.
product overview S3C2510A 1-6 pci host/agent controller features are as follows ? 32-bit, 33/66 mhz, 5v tolerant, up to 264m-byte/sec @66mhz ? pci local bus specification rev.2.2 compliant ? pci bus power management interface specification rev.1.1 compliant ? pci mobile design guide ver.1.1 compliant ? mini pci specification rev.1.0 compliant ? advanced configuration and power interface (acpi) specification rev.2.0 compliant ? supports pci pme# pin and wake-up by software ? round-robin pci bus arbiter supports five external req#, gnt# pins ? two-channel dedicated dma ? integrated pull-up resistors cardbus pc card host/agent controller features (common silicon with pci) are as follows ? 32-bit, 33 mhz, 3.3v, up to 132m-byte/sec ? pc card standard release 7.1 compliant ? pci bus power management interface specification rev.1.1 compliant ? pci mobile design guide ver.1.1 compliant ? advanced configuration and power interface (acpi) specification rev.2.0 compliant ? single pc card slot interface with hot insertion and removal ? interface to 16-bit pc card (pcmcia card) or cardbus pc card ? interface to pc card power-switch like ti ? tps2211a and maxim ? max1602 ? integrated slew-rate controlled buffers for the difference between pci and cardbus ? advanced filtering on card detect lines provide 60 microseconds of noise immunity ? supports cardbus cstschg pin and socket event (status changed registers) registers ? two-channel dedicated dma ? integrated pull-up resistors ? common memory, attribute memory and i/o interface supported for 16-bit pc card 16-bit pc card host controller features (common silicon with pci) are as follows ? pc card standard release 7.1 compliant ? advanced filtering on card detect lines provide 60 microseconds of noise immunity ? two-channel dedicated dma
S3C2510A product overview 1-7 aal5 sar and utopia l1/l2 the S3C2510A sar is a powerful, cost-effective solution for providing packet-to-atm connectivity. once a data packet is given to the S3C2510A sar, the packet is translated into cells using either the aal5 protocol or the null aal protocol. then, without further host intervention, the cells are transmitted using selected scheduling algorithms. the host is notified upon completion of the packet transmission. the S3C2510A sar also receives cells from the phy devices, reassembles them into packets, and notifies the host when a packet has arrived. all packets are queued in system memory. misaligned transfers are supported for ease of implementing lane and mpoa protocols without requiring any packet data movement. vp scheduling is supported, as well as the more common vc scheduling, allowing a mix of permanent virtual path (pvp), switched virtual path (svp), permanent virtual channel (pvc), and switched virtual channel (svc) connections. some key features are as follow: ? cbr, ubr, rt-vbr and nrt-vbr traffic with rates set on a per-vc or per-vp basis ? aal0 (raw cells) and aal5 segmentation and reassembly ? segments and reassembles data up to about 70mbps via utopia interface ? generates and verifies crc-10 for oam cells and aal-3/4 cells ? concurrent oam cells and aal5 cells on each active connection ? simultaneous segmentation and reassembly of up to 32 connection with internal memory and up to 4k connection with external memory ? on chip 8k-byte sram for internal connection memory ? cam for connection number mapping (up to 32 connections) ? packet sizes up to 64k-byte ? scatter and gather packet capability for large packets ? starts of packet offset available for ease of implementing bridging and routing between different protocols ? big/little endian mode for packet payload ? glue-less utopia level 2 interface (up to 7 phys). usb host controller S3C2510A supports 2 port usb host interface as follows; open hci rev 1.0 compatible, usb rev1.1 compatible, 2 down stream ports. support for full/low speed usb devices. the S3C2510A usb host controller complies with open hci rev 1.0. please refer to open host controller interface rev 1.0 specification for detail information. the main features are as follows ? usb specification 1.0 compliant ? full/low speed operation support. ? root hub built in with 2 downstream ports.
product overview S3C2510A 1-8 universal serial bus (usb) function device the S3C2510A includes a usb controller that enables the customers to implement usb devices for telephony, audio, and other applications. the usb controller is intended for the full-speed signaling rate of 12mbit/s. additionally, the S3C2510A usb controller has following features: ? a total of 5 endpoints: 1 control endpoint and 4 data endpoints that can support control, interrupt, bulk transaction. ? two data endpoints have 32-byte fifo, two data endpoints have 64-byte fifo. ? general dma supported universal asynchronous receiver transmitter (uart) the S3C2510A has one console-uart and two high-speed uart. consol uart can be used as system configuration or debug port. each high-speed uart can be used as modem interface or other high-speed applications. the most important features of high-speed uart are as follows ? programmable baud rates ? 32-byte transmit fifo and 32-byte receive fifo ? uart source clock selectable (internal clock: mclk2, external clock : euclk) ? auto baud rate detection ? infra-red (ir) transmit/receive ? insertion of one or two stop bits per frame ? selectable 5-bit, 6-bit, 7-bit, or 8-bit data transfers ? parity checking des/3des accelerator the des accelerator is a hardware accelerator for execution of the data encryption standard(des) algorithms as defined in fips pub 46-1, which is equivalent to the data encryption algorithm(dea) provided in ansi x3.92- 1981. the main features are as follows ? des or triple des mode ? ecb or cbc mode ? encryption or decryption support ? general dma support six general dma channels the S3C2510A has six general dma channels, which can be used for data transfer between memory and peripherals (memory to peripherals, peripherals to memory) or within memory space (memory to memory). on-chip peripherals with general dma service are the two high-speed uart, the des and the usb controller. general dma can also support four external dma requests from dma request pins (xgdma_req0 ? xgdma_req3). general dma can also support the programmable cycle counts of the external dma acknowledge signals (xgdma_ack0 ? xgdma_ack3).
S3C2510A product overview 1-9 six programmable timer the S3C2510A has six programmable timers. each timer has its related pin, which is shared with programmable i/o function. each timer can be programmed two operation mode. one is interval mode and the other is toggle mode. in interval mode, the initial timer output is set to low and it is set to high for 1 cycle time when timeout is reached. therefore the timer output is shaped like pulse wave. in toggle mode, the timer output is toggled when timeout is reached. hardware watchdog timer the S3C2510A includes a watchdog timer, which is capable of generating system reset when the timeout value is reached. the time value is ranged up to 2^30 system clock cycles. the watchdog timer is used to reset and restart the system when a system has failed due to software error or to wrong response of external device. programmable interrupt controller the S3C2510A has one programmable interrupt controller, which arranges the 36 programmable interrupt sources by the programmable priority. the interrupt controller supports 36 maskable interrupt sources, where 30 interrupts are from internal interrupts and 6 interrupts are from external interrupts. the interrupt with the highest priority is reported to the cpu. programmable i/o port controller the S3C2510A has 64 programmable i/o ports, which can be used for another function. if another function is enabled, its i/o functionality is disabled. six external interrupt request, four external dma request, four external dma acknowledge, six timer outputs, 21 sar signals, and 15 uart signals are multiplexed with i/o function. each i/o port can be programmed as input or output. i 2 c controller the S3C2510A has iic controller, which enables the customer to implement a simple and cost effective inter-ic connection. the iic bus is a two-wire synchronous serial interface consisting of one data (sda) and one clock (scl) line. the S3C2510A iic controller operates in only single master mode.
product overview S3C2510A 1-10 1.4 S3C2510A pin list and pad type table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type group pin name pin no. i/o type pad type description system configurations (21) xclk t3 i phic S3C2510A pll clock source. if clksel is low, pll output clock is used as the system clock. if clksel is high, xclk is used as the system clock. hclko m23 o phbst24 system clock output. the internal system clock is monitored via hclko. if sdram is used, this clock should be used sdram clock clksel u1 i phic clock select for cpu pll. if clksel is low, cpu pll clock is used as arm940t source clock. if high, xclk (external clock) is used. filter r2 ao poar50_ abb pll filter pin for system pll. if the pll is used, 320pf capacitor should be connected between the pin and ground. phy_freq y2 i phic phy clock frequency select for phy pll. 0 = 20mhz 1 = 25mhz phy_clksel u3 i phic clock select for phy pll if this pin is set to low, the phy pll generates clock depending on phy_freq state. the phy pll goes into power down mode with phy_clksel set to high. phy_filter t2 ao poar50_ abb pll filter pin for phy pll. if the pll is used, 320pf capacitor should be connected between the pin and ground. phy_clko ad12 o phob8 phy clock out phy pll clock output can be monitored by phy_clko. this clock is used as the external phy source clock.
S3C2510A product overview 1-11 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description system configurations (21) clkmod[1] clkmod[0] ab4 ac2 i phic the clkmod pin determines internal clock scheme of S3C2510A. when clkmod is ?00?, the nfast clock mode is defined. in this mode, the same clock is used as cpu clock and system clock. when clkmod is ?01? or ?10?, the sync mode is defined. in this mode, the system clock is half frequency of the cpu clock. when clkmod is "11", the async clock mode is defined. in this mode, the cpu clock and system clock can operate independently as long as the cpu clock is faster than system clock. in this case, bus_freq[2:0] pins should be 3b?000 to select pci pll, 3b?001 to select usb pll for programmable setting. cpu_freq[2] cpu_freq[1] cpu_freq[0] ae1 ad1 ac3 i phic cpu clock frequency selection. bus_freq[2] bus_freq[1] bus_freq[0] ad2 ab3 ac1 i phic system bus clock frequency selection. nreset ab2 i phis not reset. nreset is the global reset input for the S3C2510A and nreset must be held to "low" for at least 64 clock cycles for digital filtering. tmode af3 i phicd test mode. the tmode pin setting is interpreted as follows: 0 = normal operating mode 1 = chip test mode. big w3 i phicd big endian mode select pin. when this pin is set to ?0?, the S3C2510A operates in litte endian mode. when this pin is set to ?1?, the S3C2510A operates in big endian mode. pci_pccdm aa2 i phic pci(1'b0) or pc card(1'b1) mode select of pci & pc card controller pci_hostm y3 i phic host (1'b1) or agent (1'b0) mode select of pci & pc card controller
product overview S3C2510A 1-12 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description memory interface (80) addr[23:0] addr[10] b14 o phot20 address bus. the 24-bit address bus covers the full 16 m word address range of each rom/sram /flash and external i/o bank. in the sdram interface, addr[14:13] is always used as bank address of sdram devices. if sdram devices with 2 internal bank is used, addr[13] should be connected to the ba of sdram. if sdram devices with 4 internal bank is used, addr[14:13] should be connected to the ba[1:0] of sdram. addr[10]/ap is the auto precharge control pin. the auto precharge command is issued at the same time as burst read or burst write by asserting high on addr[10]/ap. xdata[31:0] b phbsut20 external bi-directional 32bit data bus. the S3C2510A supports 8 bit, 16bit, 32bit bus with rom/sram/flash/ext io bank, but supports 16 bit or 32 bit bus with sdram bank. nsdcs[1] nsdcs[0] g24 f26 o phot20 not chip select strobe for sdram. two sdram banks are supported. nsdras e25 o phot20 not row address strobe for sdram. nsdras signal is used for both sdram banks. nsdcas e26 o phot20 not column address strobe for sdram. nsdcas signal is used for both sdram banks. cke l24 o phob12 clock enable for sdram cke is clock enable signal for sdram. nsdwe/nwe16 f23 o phot20 not write enable for sdram or 16 bit rom/sram. this signal is always used as write enable of sdram and is used as write enable of only 16-bit rom/sram/flash. (that is, it is not enabled for 8 bit memory)
S3C2510A product overview 1-13 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description memory interface (80) newait k25 i phicu not external wait signal. this signal is activated when an external i/o device or rom/sram/flash banks need more access cycles than those defined in the corresponding control register. nmcs[7] nmcs[6] nmcs[5] nmcs[4] nmcs[3] nmcs[2] nmcs[1] nmcs[0] j24 h26 h25 j26 k24 j25 k23 k26 o phot20 not rom/sram/flash/ external i/o chip select. the S3C2510A supports upt to 8 banks of rom/sram/flash/ external i/o. by controlling the nrcs signals, you can map cpu address into the physical memory banks. b0size[1] b0size[0] ae3 af2 i phic bank 0 data bus access size. bank0 is used for the boot program. you use these pins to set the size of the bank 0 data bus as follows: ?01? = byte, ?10? = half word, ?11? = word, and ?00? = reserved. noe g25 o phot20 not output enable. whenever a memory read access occurs, the noe output controls the output enable port of the specific memory device. nwbe[3]/nbe/ dqm[3] nwbe[2]/nbe/ dqm[2] nwbe[1]/nbe/ dqm[1] nwbe[0]/nbe/ dqm[0] f25 h24 g26 h23 o phot20 not write byte enable or dqm for sdram whenever a memory write access occurs, the nwbe output controls the write enable port of the specific memory device. dqm is data input/output mask signal for sdram.
product overview S3C2510A 1-14 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description memory interface (80) xbmreq m24 i phicd external bus master request. an external bus master uses this pin to request the external bus. when it activates the xbmreq, the S3C2510A drives the state of external bus pins to high impedance. this lets the external bus master take control of the external bus. when it has control, the external bus master assumes responsibity for sdram refresh operation. the xbmreq is deactivated when the external bus master releases the external bus. when this occurs, the S3C2510A can get the control of the bus and the xbmack goes ?low?. xbmack l26 o phob8 external bus acknowledge. tap control (5) tck ac5 i phic jtag test clock. the jtag test clock shifts state information and test data into, and out of, the S3C2510A during jtag test operations. tms ae4 i phicu jtag test mode select. this pin controls jtag test operations in the S3C2510A. this pin is internally connected pull-up. tdi af4 i phicu jtag test data in. the tdi level is used to serially shift test data and instructions into the S3C2510A during jtag test operations. this pin is internally connected pull-up. tdo ad4 o phot12 jtag test data out. the tdo level is used to serially shift test data and instructions out of the S3C2510A during jtag test operations. ntrst ae5 i phicu jtag not reset. asynchronous reset of the jtag logic. this pin is internally connected pull-up.
S3C2510A product overview 1-15 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description ethernet controller (2) mdc b1 o phob12 management data clock. the signal level at the mdc pin is used as a timing reference for data transfers that are controlled by the mdio signal. mdio c2 b phbcut12 management data i/o. when a read command is being executed, data that is clocked out of the phy is presented on this pin. when a write command is being executed, data that is clocked out of the controller is presented on this pin for the physical layer entity, phy. ethernet controller0 (16) col_0 c1 i phis collision detected/collision detected for 10m. col is asserted asynchronously with minimum delay from the start of a collision on the medium in mii mode. col_10m is asserted when a 10-mbit/s phy detects a collision. tx_clk_0 d2 i phis transmit clock/transmit clock for 10m. the controller drives txd[3:0] and tx_en from the rising edge of tx_clk. in mii mode, the phy samples txd[3:0] and tx_en on the rising edge of tx_clk. for data transfers, txclk_10m is provided by the 10m-bit/s phy. txd0[3] txd0[2] txd0[1]/ loop_10m txd0[0]/ txd_10m e4 e2 d1 d3 o phob12 transmit data/transmit data for 10m. transmit data is aligned on nibble boundaries. txd[0] corresponds to the first bit to be transmitted on the physical medium, which is the lsb of the first byte and the fifth bit of that byte during the next clock. txd_10m is shared with txd[0] and is a data line for transmitting to the 10m-bit/s phy. loop_10m is shared with txd[1] and is driven by the loop-back bit in the control register. tx_en_0 e3 o phob4 transmit enable/transmit enable for 10m. tx_en provides precise framing for the data carried on txd[3:0]. this pin is active during the clock periods in which txd[3:0] contains valid data to be transmitted from the preamble stage through crc. when the controller is ready to transfer data, it asserts txen_10m.
product overview S3C2510A 1-16 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description ethernet controller0 (16) tx_err_0/ pcomp_10m e1 o phob4 transmit error/packet compression enable for 10m. tx_err is driven synchronously to tx_clk and sampled continuously by the physical layer entity, phy. if asserted for one or more tx_clk periods, tx_err causes the phy to emit one or more symbols which are not part of the valid data, or delimiter set located somewhere in the frame that is being transmitted. pcomp_10m is asserted immediately after the packet?s da field is received. pcomp_10m is used with the management bus of the dp83950 repeater interface controller (from national semiconductor). the mac can be programmed to assert pcomp if there is a cam match, or if there is not a match. the ric (repeater interface controller) uses this signal to compress (shorten) the packet received for management purposes and to reduce memory usage. (see the dp83950 data sheet, published by national semiconductor, for details on the ric management bus.) this pin is controlled by a special register, with which you can define the polarity and assertion method (cam match active or not match active) of the pcomp signal. crs_0 f2 i phis carrier sense/carrier sense for 10m. crs is asserted asynchronously with minimum delay from the detection of a non- idle medium in mii mode. crs_10m is asserted when a 10-mbit/s phy has data to transfer. a 10-mbit/s transmission also uses this signal. rx_clk_0 f4 i phis receive clock/receive clock for 10m. rx_clk is a continuous clock signal. its frequency is 25 mhz for 100-mbit/s operation, and 2.5 mhz for 10-mbit/s. rxd[3:0], rx_dv, and rx_err are driven by the phy off the falling edge of rx_clk, and sampled on the rising edge of rx_clk. to receive data, the rxclk_10 m clock comes from the 10mbit/s phy.
S3C2510A product overview 1-17 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description ethernet controller0 (16) rxd0[3] rxd0[2] rxd0[1] rxd0[0]/ rxd_10m g1 g2 f1 f3 i phis receive data/receive data for 10m. rxd is aligned on nibble boundaries. rxd[0] corresponds to the first bit received on the physical medium, which is the lsb of the byte in one clock period and the fifth bit of that byte in the next clock. rxd_10m is shared with rxd[0] and it is a line for receiving data from the 10m-bit/s phy. rx_dv_0/ link_10m g3 i phis receive data valid. phy asserts rx_dv synchronously, holding it active during the clock periods in which rxd[3:0] contains valid data received. phy asserts rx_dv no later than the clock period when it places the first nibble of the start frame delimiter (sfd) on rxd[3:0]. if phy asserts rx_dv prior to the first nibble of the sfd, then rxd[3:0] carries valid preamble symbols. link_10m is shared with rx_dv and used to convey the link status of the 10m-bit/s endec. the value is stored in a status register. rx_err_0 h2 i phisd receive error. phy asserts rx_err synchronously whenever it detects a physical medium error (e.g., a coding violation). phy asserts rx_err only when it asserts rx_dv. ethernet controller1 (16) col_1 h4 i phis collision detected/collision detected for 10m. tx_clk_1 h1 i phis transmit clock/transmit clock for 10m. txd1[3] txd1[2] txd1[1]/ loop_10m txd1[0]/ txd_10m k2 j1 j2 h3 o phob12 transmit data/transmit data for 10m. tx_en_1 j3 o phob4 transmit enable/transmit enable for 10m. tx_err_1/ pcomp_10m k1 o phob4 transmit error/packet compression enable for 10m. crs_1 k4 i phis carrier sense/carrier sense for 10m. rx_clk_1 l2 i phis receive clock/receive clock for 10m.
product overview S3C2510A 1-18 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description ethernet controller1 (16) rxd1[3] rxd1[2] rxd1[1] rxd1[0]/ rxd_10m m1 m2 l1 k3 i phis receive data/receive data for 10m. rx_dv_1/ link_10m l3 i phis receive data valid. rx_err_1 n2 i phisd receive error. pci & pciclk1 aa23 o phopcicb pci clock output signal 1 pc card pciclk2 ae24 o phopcicb pci clock output signal 2 controller ? pciclk3/ ext_pciclk ad18 b phtbpcicb pci clock output signal 3 or external pci clock input pci host mode pcirst#/ ext_pcirst# ae19 b phtbpcicb pci reset signal (65) req#/req#[1] af22 b phtbpcicbu pci bus request signal req#[2] ad21 i phtipcicbu pci bus request signals req#[5] req#[4] req#[3] ac19 ae20 af21 i (b) phtbpcicbu pci bus request signals gnt#/gnt#[1] ac21 b phtbpcicbu pci bus grant signal gnt#[3] gnt#[2] ad20 ae21 o(b) phtbpcicb pci bus grant signals gnt#[5] gnt#[4] ad19 af20 o photcicb pci bus grant signals
S3C2510A product overview 1-19 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description pci & ad[31:0] b phtbpcicb pci address / data 32-bit lines pc card controller ? pci host c/be#[3] c/be#[2] c/be#[1] c/be#[0] ad26 aa26 v26 t24 b phtbpcicb command / byte enable 4-bit lines mode par w23 b phtbpcicb even parity signal (65) frame# aa25 b phtbpcicbu signal indicating duration of access irdy# aa24 b phtbpcicbu signal indicating the master is ready trdy# y26 b phtbpcicbu signal indicating the target is ready devsel# y25 b phtbpcicbu target device selected signal stop# y24 b phtbpcicbu stop signal for disconnect or retry lock# w26 o(b) phtbpcicbu lock signal (always pull-up) perr# w25 b phtbpcicbu parity error report signal serr# w24 i(bd) phtbdpcicbu system error report signal inta# af19 i(bd) phtbdpcicbu level-sensitive interrupt signal pme# ae22 i (b) phtbpcicbu pci power management event signal clkrun# l25 b phtbpcicbu pci clock speed control signal pci_xclk aa3 i phic S3C2510A pci pll clock source. it can be system bus clock if bus_freq[2:0] select pci clock. pci_clksel ab1 i phic clock select for pci pll. if this pin is low, pci pll on. if high, pci pll off. pci_filter r4 ao poar50_abb pll filter pin for pci pll. ? pci & pc card controller pins are 69 pins (66 interface signals + 3 pll signals). ? when in pci host mode (pci_pccdm=0, pci_hostm=1), pci & pc card controller pins are mapped to pci host signals as above. extra 4 pins (pcicvs[2:1], pciccd[2:1]) are not used in this mode. ? these pins in above table are shared with other pins according to pci & pc card controller mode. refer to ?S3C2510A pci / pc card signals reference table?.
product overview S3C2510A 1-20 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description pci & ext_pciclk ad18 i (b) phtbpcicb external pci clock input pc card ext_pcirst# ae19 b phtbpcicb pci reset signal controller req# af22 o(b) phtbpcicbu pci bus request signal ? gnt# ac21 i (b) phtbpcicbu pci bus grant signal pci agent idsel ad21 i phtipcicbu pci initialization device select signal mode ad[31:0] b phtbpcicb pci address / data 32-bit lines (53) c/be#[3] c/be#[2] c/be#[1] c/be#[0] ad26 aa26 v26 t24 b phtbpcicb command / byte enable 4-bit lines par w23 b phtbpcicb even parity signal frame# aa25 b phtbpcicbu signal indicating duration of access irdy# aa24 b phtbpcicbu signal indicating the master is ready trdy# y26 b phtbpcicbu signal indicating the target is ready devsel# y25 b phtbpcicbu target device selected signal stop# y24 b phtbpcicbu stop signal for disconnect or retry lock# w26 i (b) phtbpcicbu lock signal perr# w25 b phtbpcicbu parity error report signal serr# w24 od (bd) phtbdpcicbu system error report signal inta# af19 od (bd) phtbdpcicbu level-sensitive interrupt signal pme# ae22 o(b) phtbpcicbu pci power management event signal clkrun# l25 o(b) phtbpcicbu pci clock speed control signal ? pci & pc card controller pins are 69 pins (66 interface signals + 3 pll signals). ? when in pci agent mode (pci_pccdm=0, pci_hostm=0), pci & pc card controller pins are mapped to pci agent (general pci device) signals as above. extra 16 pins (pciclk[2:1], pcireq[5:3], pcignt[5:2], pcicvs[2:1], pciccd[2:1], pci_xclk, pci_clk_sel, pci_filter) are not used in this mode. ? these pins in above table are shared with other pins according to pci & pc card controller mode. refer to ?S3C2510A pci / pc card signals reference table?.
S3C2510A product overview 1-21 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description pci & pc card cclk / ext_cclk ad18 b phtbpcicb cardbus clock output or external clock input controller ? crst# / ext_crst# ae19 b phtbpcicb cardbus reset signal cardbus creq# af22 i (b) phtbpcicbu cardbus bus request signal pc card cgnt# ac21 o (b) phtbpcicbu cardbus bus grant signal host mode cad[31:0] b phtbpcicb cardbus address / data 32-bit lines (63) c/be#[3] c/be#[2] c/be#[1] c/be#[0] ad26 aa26 v26 t24 b phtbpcicb command / byte enable 4-bit lines cpar w23 b phtbpcicb even parity signal cframe# aa25 b phtbpcicbu signal indicating duration of access cirdy# aa24 b phtbpcicbu signal indicating the master is ready ctrdy# y26 b phtbpcicbu signal indicating the target is ready cdevsel# y25 b phtbpcicbu target device selected signal cstop# y24 b phtbpcicbu stop signal for disconnect or retry cblock# w26 o (b) phtbpcicbu lock signal (always pull-up) cperr# w25 b phtbpcicbu parity error report signal cserr# w24 i (bd) phtbdpcicbu system error report signal cint# af19 i (bd) phtbdpcicbu level-sensitive interrupt signal cstschg ae22 i (b) phtbpcicbu cardbus status changed signal clkrun# l25 b phtbpcicbu cardbus clock speed control signal cvs[2] cvs[1] n25 n24 b phbcbcvs cardbus voltage sense signal lines ccd#[2] ccd#[1] m26 m25 i phicbccd cardbus card detect signal lines vccd[0] ae20 o (b) phtbpcicbu cardbus power-switch vcc control signal vccd[1] af20 o phopcicb cardbus power-switch vcc control signal vppd_vcc ac19 o (b) phtbpcicbu cardbus power-switch vpp control signal vcc voltage (5v/3.3v) vppd_pgm ad19 o phopcicb cardbus power-switch vpp control signal higher voltage (12v) pci_xclk aa3 i phic S3C2510A pci pll clock source. pci_clksel ab1 i phic clock select for pci pll. pci_filter r4 ao poar50_abb pll filter pin for pci pll.
product overview S3C2510A 1-22 ? pci & pc card controller pins are 69 pins (66 interface signals + 3 pll signals). ? when cardbus pc card is inserted in cardbus pc card host mode (pci_pccdm=1, pci_hostm=1), pci & pc card controller pins are mapped to cardbus pc card host signals as above. extra 6 pins (pciclk1, pciclk2, pcireq2, pcireq3, pcignt2, pcignt3) are not used in this mode. ? these pins in above table are shared with other pins according to pci & pc card controller mode. refer to "S3C2510A pci / pc card signals reference table". table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description pci & ext_cclk ad18 i (b) phtbpcicb external cardbus clock pc card ext_crst# ae19 b phtbpcicb cardbus reset signal controller creq# af22 o (b) phtbpcicbu cardbus bus request signal ? cgnt# ac21 i (b) phtbpcicbu cardbus bus grant signal cardbus cad[31:0] b phtbpcicb cardbus address / data 32-bit lines pc card agent mode (53) cc/be#[3] cc/be#[2] cc/be#[1] cc/be#[0] ad26 aa26 v26 t24 b phtbpcicb command / byte enable 4-bit lines cpar w23 b phtbpcicb even parity signal cframe# aa25 b phtbpcicbu signal indicating duration of access cirdy# aa24 b phtbpcicbu signal indicating the master is ready ctrdy# y26 b phtbpcicbu signal indicating the target is ready cdevsel# y25 b phtbpcicbu target device selected signal cstop# y24 b phtbpcicbu stop signal for disconnect or retry cblock# w26 i (b) phtbpcicbu lock signal cperr# w25 b phtbpcicbu parity error report signal cserr# w24 od (bd) phtbdpcicbu system error report signal cint# af19 od (bd) phtbdpcicbu level-sensitive interrupt signal cstschg ae22 o (b) phtbpcicbu cardbus status changed signal clkrun# l25 o (b) phtbpcicbu cardbus clock speed control signal gwa_event ad21 i phtipcicbu external general wakeup event signal ? pci & pc card controller pins are 69 pins (66 interface signals + 3 pll signals). ? when cardbus pc card is inserted in cardbus pc card agent mode (pci_pccdm=1, pci_hostm=0), pci & pc card controller pins are mapped to cardbus pc card agent signals as above. extra 16 pins (pciclk[2:1], pcireq[5:3], pcignt[5:2], pcicvs[2:1], pciccd[2:1], pci_xclk, pci_clk_sel, pci_filter) are not used in this mode. ? these pins in above table are shared with other pins according to pci & pc card controller mode. refer to "S3C2510A pci / pc card signals reference table".
S3C2510A product overview 1-23 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description pci & pcreset ae19 o(b) phtbpcicb 16-bit pc card reset signal pc card pcaddr[25:0] o(b) phtbpcicb 16-bit pc card address lines controller pcdata[15:0] b phtbpcicb 16-bit pc card data lines ? 16-bit ce#[2] ce#[1] u23 t24 o(b) phtbpcicb card enable signals (even and odd address) pc card reg# ad26 o(b) phtbpcicb attribute memory select signal (pcmcia) host mode oe# u24 o(b) phtbpcicb output enable signal of memory read cycles. (64) we# ac21 o(b) phtbpcicb write enable signal of memory write cycles iord# u26 o(b) phtbpcicb i/o read signal of i/o read cycles iowr# v25 o(b) phtbpcicb i/o write signal of i/o write cycles wait# w24 i(bd) phtbdpcicbu 16-bit pc card bus cycle wait signal ready (ireq#) af19 i(bd) phtbdpcicbu ready signal of memory interface or interrupt request signal of i/o interface inpack# af22 i (b) phtbpcicbu input acknowledge signal of i/o read cycles wp(iois16#) l25 i (b) phtbpcicbu write protect signal of memory interface or 16bit i/o indicating signal of i/o interface bvd[1] (stschg#) ae22 i (b) phtbpcicbu battery voltage detect 1 signal or status change interrupt signal bvd[2] (spkr#) ad21 i phtipcicbu battery voltage detect 2 signal vs#[2] vs#[1] n25 n24 b phbcbcvs pc card voltage sense signal lines cd#[2] cd#[1] m26 m25 i phicbccd pc card card detect signal lines vccd[0] ae20 o(b) phtbpcicbu pc card power-switch vcc control signal vccd[1] af20 o phopcicb pc card power-switch vcc control signal vppd_vcc ac19 o(b) phtbpcicbu pc card power-switch vpp control signals vcc voltage (5v/3.3v) vppd_pgm ad19 o phopcicb pc card power-switch vpp control signals higher voltage (12v) ? pci & pc card controller pins are 69 pins (66 interface signals + 3 pll signals). ? when 16-bit pc card (pcmcia card) is inserted in pc card host mode (pci_pccdm=1, pci_hostm=1), pci & pc card controller pins are mapped to 16-bit pc card host (pcmcia host) signals as above. extra 5 pins (pciclk[3:2], pci_xclk, pci_clk_sel, pci_filter) are not used in this mode. ? these pins in above table are shared with other pins according to pci & pc card controller mode. refer to "S3C2510A pci / pc card signals reference table". ? pci & pc card controller doesn?t support 16-bit pc card agent (pcmcia card) mode.
product overview S3C2510A 1-24 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description sar & utopia l1/l2 (29) uto_txad[2]/gpio[45] uto_txad[1]/gpio[44] uto_txad[0]/gpio[43] a10 c11 b10 o/b phbst8 tx address bus to the atm phy / general i/o ports. uto_rxad[2] uto_rxad[1] uto_rxad[0] c10 b9 d10 o phob12 rx address bus to the atm phy uto_txd[7]/gpio[53] uto_txd[6]/gpio[52] uto_txd[5]/gpio[51] uto_txd[4]/gpio[50] uto_txd[3]/gpio[49] uto_txd[2]/gpio[48] uto_txd[1]/gpio[47] uto_txd[0]/gpio[46] c8 a7 d8 b7 c9 a8 b8 a9 o/b phbst8 transmit data bus to the atm phy / general i/o ports uto_txsoc/gpio[54] b6 o/b phbst8 start of cell indicator for transmit data / general i/o ports uto_txenb/gpio[55] a6 o/b phbst8 transmit data transfer enable, low active / general i/o ports uto_txclav c7 i phis cell buffer available for transmit data. uto_rxd[7]/gpio[63] uto_rxd[6]/gpio[62] uto_rxd[5]/gpio[61] uto_rxd[4]/gpio[60] uto_rxd[3]/gpio[59] uto_rxd[2]/gpio[58] uto_rxd[1]/gpio[57] uto_rxd[0]/gpio[56] b3 c5 a4 d5 b4 c6 a5 b5 i/b phbst8 receive data bus from the atm phy / general i/o ports uto_rxsoc c4 i phis start of cell indicator for receive data. uto_rxenb a3 o phob8 receive data transfer enable, low active. uto_rxclav a2 i phis cell buffer available for receive data. uto_clk d6 o phob8 transfer/receive interface byte clock.
S3C2510A product overview 1-25 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description usb host/device husb_dp[1] husb_dp[0] aa4 w4 b pbusb internal usb host transceiver full/low speed differential i/o (11) husb_dn[1] husb_dn[0] aa1 y1 b pbusb internal usb host transceiver full/low speed differential i/o usb_dp w2 b pbusbfs internal usb function device transceiver full speed differential i/o usb_dn w1 b pbusbfs internal usb function device transceiver full speed differential i/o husb_ovrcurrent[1] husb_ovrcurrent[0] v3 v1 i phic usb host over current usb_xclk n1 i phic S3C2510A usb pll clock source. usb_clksel m4 i phic usb clock select. when usb_clksel is '0', usb pll output is used as the usb clock. when usb_clksel is '1', the usb_xclk is used as the usb clock. usb_filter p2 ao poar50_ abb filter for usb pll if the pll is used, 320pf capacitor should be connected between the pin and ground. cuart (2) curxd/gpio[42] ad17 i/b phbst8 console uart receive data/general i/o ports cutxd af18 o phob12 console uart transmit data. uart (1) uclk ad15 i phis uart external clock for uart0/uart1 huart0 (7) hurxd0/gpio[28] ae14 i/b phbst8 huart0 receive data. hurxd0 is the huart0 input signal for receiving serial data. general i/o port hutxd0/gpio[29] af14 o/b phbst8 huart0 transmit data. hutxd0 is the huart0 output signal for transmitting serial data. general i/o port hundtr0/gpio[30] ad13 o/b phbst8 not huart0 data terminal ready.. this output signals the host (or peripheral) that huart0 is ready to transmit or receive serial data. general i/o port
product overview S3C2510A 1-26 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description huart0 (7) hundsr0/gpio[31] ae15 i/b phbst8 not huart0 data set ready. this input signals in the uart0 that the peripheral (or host) is ready to transmit or receive serial data general i/o port hunrts0/gpio[32] ad14 o/b phbst8 not request to send. this pin output state goes low or high according to the transmit data is in tx buffer or tx fifo when hardware flow control bit value set to one in huart0 control register. if tx buffer or tx fifo has data to send, this pin state goes low. if hardware flow control bit is zero, this pin output can be controlled directly by huart0 control register. general i/o port huncts0/gpio[33] af15 i/b phbst8 not clear to send. this input pin function controlled by hardware flow control bit value in huart0 control register. if hardware flow control bit set to one, huart0 can transmit the transmitting data only when this pin state is active. general i/o port hundcd0/gpio[34] ae16 i/b phbst8 not data carrier detect. this input pin function is determined by hardware flow control bit value in huart control register. if hardware flow control bit set to one, huart0 can receive the receiving data only when this pin state is active. general i/o port huart1 (7) hurxd1/gpio[35] af16 i/b phbst8 uart1 receive data / general i/o port hutxd1/gpio[36] ac15 o/b phbst8 uart1 transmit data / general i/o port hundtr1/gpio[37] ae17 o/b phbst8 not uart1 data terminal ready/general i/o port hundsr1/gpio[38] ad16 i/b phbst8 not uart1 data set ready/general i/o port hunrts1/gpio[39] af17 o/b phbst8 not uart1 request to send/general i/o port
S3C2510A product overview 1-27 table 1-1. S3C2510A pin list and pad type S3C2510A pin list and pad type (continued) group pin name pin no. i/o type pad type description huart1 (7) huncts1/gpio[40] ac17 i/b phbst8 not uart1 clear to send/general i/o port. hundcd1/gpio[41] ae18 i/b phbst8 not uart1 data carrier detected/general i/o port. general purpose in/out ports (including xint xgdma_req xgdma_ack gpio[7] gpio[6] gpio[5] gpio[4] gpio[3] gpio[2] gpio[1] gpio[0] af7 ae7 af6 ad6 ac6 ae6 af5 ad5 b phbst8 general i/o ports. timer) (28) xint[5]/gpio[13] xint[4]/gpio[12] xint[3]/gpio[11] xint[2]/gpio[10] xint[1]/gpio[9] xint[0]/gpio[8] ae9 ad8 af8 ac8 ae8 ad7 i/b phbst8 external interrupt requests/general i/o ports. xgdma_req[3]/gpio[17] xgdma_req[2]/gpio[16] xgdma_req[1]/gpio[15] xgdma_req[0]/gpio[14] af10 ad9 ae10 af9 i/b phbst8 external dma requests for gdma/general i/o ports. xgdma_ack[3]/gpio[21] xgdma_ack[2]/gpio[20] xgdma_ack[1]/gpio[19] xgdma_ack[0]/gpio[18] af11 ad10 ae11 ac10 o/b phbst8 external dma acknowledge from gdma/general i/o ports. timer[5]/gpio[27] timer[4]/gpio[26] timer[3]/gpio[25] timer[2]/gpio[24] timer[1]/gpio[23] timer[0]/gpio[22] af13 ac12 ae13 ad11 af12 ae12 o/b phbst8 timer[5:0] out/general i/o ports. i 2 c scl u4 b phbcd8 i 2 c serial clock. (2) sda v2 b phbcd8 i 2 c serial data. ? total number of signal pins = 296
product overview S3C2510A 1-28 1.5 S3C2510A pad type table 1-2. S3C2510A pad type and feature pad type i/o type current drive cell type feature slew-rate control phic i ? lvcmos level 3.3v ? phicd i ? lvcmos level 3.3v pull-down resistor ? phicu i ? lvcmos level 3.3v pull-up resistor ? phis i ? lvcmos schmitt trigger level 3.3v ? phisd i ? lvcmos schmitt trigger level 3.3v pull-down resistor ? poar50_abb ao ? analog output with separate bulk bias ? ? phob4 o 4ma normal buffer 3.3v ? phob8 o 8ma normal buffer 3.3v phob12 o 12ma normal buffer 3.3v phot12 o 12ma tri-state buffer 3.3v ? phot20 o 20ma tri-state buffer 3.3v phbcut12 b 12ma lvcmos level tri-state buffer 3.3v pull-up resistor phbsut20 b 20ma lvcmos schmit trigger level tri-state buffer 3.3v pull-up resistor phbcd8 b 8ma lvcmos level open drain buffer 3.3v ? phbst8 b 8ma lvcmos schmit trigger level tri-state buffer 3.3v phbst24 b 24ma lvcmos schmit trigger level tri-state buffer 3.3v pbusb b 6ma usb host full/low speed buffer ? pbusbfs b 6ma usb function full speed buffer ? phopcicb o pci & pc card output 3.3v
S3C2510A product overview 1-29 table 1-2. S3C2510A pad type and feature (continued) pad type i/o type current drive cell type feature slew-rate control phtbpcicb b pci & pc card bi-directional 5v tolerant phtbpcicbu b pci & pc card bi-directional 5v tolerant pull-up resistor phtbdpcicbu bd pci & pc card bi-directional open- drain 5v tolerant pull-up resistor phtipcicbu i pci & pc card input 5v tolerant pull-up resistor phbcbcvs b cardbus pc card cvs 3.3v phicbccd i cardbus pc card ccd# 3.3v note : for the detail information about the pad type, see input/output cells of the "std130/mdl130 0.18um 3.3v standard cell library data book" which is produced by samsung electronics co., ltd, asic team.
product overview S3C2510A 1-30 1.6 S3C2510A pci / pc card signals reference table table 1-3. S3C2510A pci / pc card signals reference table pin name ball grid i/o cell pci host mode pci agent mode cardbus pc card host mode cardbus pc card agent mode pcmcia host mode pci_pccdm aa2 phic 0 0 1 1 1 pci_hostm y3 phic 1 0 1 0 1 pciclk3 ad18 phtbpcicb pciclk3 / ext_pciclk ext_pciclk cclk / ext_cclk ext_cclk - pciinta af19 phtbdpcicb u inta# inta# cint# cint# ready(ireq#) pcirst ae19 phtbpcicb pcirst# / ext_pcirst# ext_pcirst# crst# / ext_crst# ext_crst# pcreset pcignt5 ad19 phopcicb gnt#[5] ? vppd_pgm ? vppd_pgm pcireq5 ac19 phtbpcicbu req#[5] ? vppd_vcc ? vppd_vcc pcignt4 af20 phopcicb gnt#[4] ? vccd[1] ? vccd[1] pcireq4 ae20 phtbpcicbu req#[4] ? vccd[0] ? vccd[0] pcignt3 ad20 phtbpcicb gnt#[3] ? ? ? pcdata[14] pcireq3 af21 phtbpcicbu req#[3] ? ? ? pcaddr[18] pcignt2 ae21 phtbpcicb gnt#[2] ? ? ? pcdata[2] pcireq2 ad21 phtipcicbu req#[2] idsel ? gwa_event bvd[2](spkr#) pcignt1 ac21 phtbpcicb gnt# / gnt#[1] gnt# cgnt# cgnt# we# pcireq1 af22 phtbpcicbu req# / req#[1] req# creq# creq# inpack# pcipme ae22 phtbpcicbu pme# pme# cstschg cstschg bvd[1] (stschg#) pciad31 ad22 phtbpcicb ad[31] ad[31] cad[31] cad[31] pcdata[10] pciad30 ac22 phtbpcicb ad[30] ad[30] cad[30] cad[30] pcdata[9] pciad29 af23 phtbpcicb ad[29] ad[29] cad[29] cad[29] pcdata[1] pciad28 ae23 phtbpcicb ad[28] ad[28] cad[28] cad[28] pcdata[8] pciad27 ad23 phtbpcicb ad[27] ad[27] cad[27] cad[27] pcdata[0] pciclk2 ae24 phopcicb pciclk2 ? ? ? ? pciad26 af24 phtbpcicb ad[26] ad[26] cad[26] cad[26] pcaddr[0] pciad25 af25 phtbpcicb ad[25] ad[25] cad[25] cad[25] pcaddr[1] pciad24 ae26 phtbpcicb ad[24] ad[24] cad[24] cad[24] pcaddr[2]
S3C2510A product overview 1-31 table 1-3. S3C2510A pci / pc card signals reference table (continued) pin name ball grid i/o cell pci host mode pci agent mode cardbus pc card host mode cardbus pc card agent mode pcmcia host mode pcicbe3 ad26 phtbpcicb c/be#[3] c/be#[3] cc/be#[3] cc/be#[3] reg# pciad23 ad25 phtbpcicb ad[23] ad[23] cad[23] cad[23] pcaddr[3] pciad22 ac26 phtbpcicb ad[22] ad[22] cad[22] cad[22] pcaddr[4] pciad21 ac25 phtbpcicb ad[21] ad[21] cad[21] cad[21] pcaddr[5] pciad20 ac24 phtbpcicb ad[20] ad[20] cad[20] cad[20] pcaddr[6] pciad19 ab26 phtbpcicb ad[19] ad[19] cad[19] cad[19] pcaddr[25] pciad18 ab25 phtbpcicb ad[18] ad[18] cad[18] cad[18] pcaddr[7] pciad17 ab24 phtbpcicb ad[17] ad[17] cad[17] cad[17] pcaddr[24] pciad16 ab23 phtbpcicb ad[16] ad[16] cad[16] cad[16] pcaddr[17] pcicbe2 aa26 phtbpcicb c/be#[2] c/be#[2] cc/be#[2] cc/be#[2] pcaddr[12] pciframe aa25 phtbpcicbu frame# frame# cframe# cframe# pcaddr[23] pciirdy aa24 phtbpcicbu irdy# irdy# cirdy# cirdy# pcaddr[15] pciclk1 aa23 phopcicb pciclk1 ? cclk ? pcaddr[16] pcitrdy y26 phtbpcicbu trdy# trdy# ctrdy# ctrdy# pcaddr[22] pcidevsel y25 phtbpcicbu devsel# devsel# cdevsel# cdevsel# pcaddr[21] pcistop y24 phtbpcicbu stop# stop# cstop# cstop# pcaddr[20] pcilock w26 phtbpcicbu (pull-up) lock# (pull-up) cblock# pcaddr[19] pciperr w25 phtbpcicbu perr# perr# cperr# cperr# pcaddr[14] pciserr w24 phtbdpcicbu serr# serr# cserr# cserr# wait# pcipar w23 phtbpcicb par par cpar# cpar# pcaddr[13] pcicbe1 v26 phtbpcicb c/be#[1] c/be#[1] cc/be#[1] cc/be#[1] pcaddr[8] pciad15 v25 phtbpcicb ad[15] ad[15] cad[15] cad[15] iowr# pciad14 v24 phtbpcicb ad[14] ad[14] cad[14] cad[14] pcaddr[9] pciad13 u26 phtbpcicb ad[13] ad[13] cad[13] cad[13] iord# pciad12 u25 phtbpcicb ad[12] ad[12] cad[12] cad[12] pcaddr[11] pciad11 u24 phtbpcicb ad[11] ad[11] cad[11] cad[11] oe# pciad10 u23 phtbpcicb ad[10] ad[10] cad[10] cad[10] ce#[2] pciad9 t26 phtbpcicb ad[9] ad[9] cad[9] cad[9] pcaddr[10]
product overview S3C2510A 1-32 table 1-3. S3C2510A pci / pc card signals reference table (continued) pin name ball grid i/o cell pci host mode pci agent mode cardbus pc card host mode cardbus pc card agent mode pcmcia host mode pciad8 t25 phtbpcicb ad[8] ad[8] cad[8] cad[8] pcdata[15] pcicbe0 t24 phtbpcicb c/be#[0] c/be#[0] cc/be#[0] cc/be#[0] ce#[1] pciad7 r26 phtbpcicb ad[7] ad[7] cad[7] cad[7] pcdata[7] pciad6 r25 phtbpcicb ad[6] ad[6] cad[6] cad[6] pcdata[13] pciad5 r24 phtbpcicb ad[5] ad[5] cad[5] cad[5] pcdata[6] pciad4 r23 phtbpcicb ad[4] ad[4] cad[4] cad[4] pcdata[12] pciad3 p26 phtbpcicb ad[3] ad[3] cad[3] cad[3] pcdata[5] pciad2 p25 phtbpcicb ad[2] ad[2] cad[2] cad[2] pcdata[11] pciad1 p24 phtbpcicb ad[1] ad[1] cad[1] cad[1] pcdata[4] pciad0 n26 phtbpcicb ad[0] ad[0] cad[0] cad[0] pcdata[3] pcicvs2 n25 phbcbcvs ? ? cvs[2] ? vs#[2] pcicvs1 n24 phbcbcvs ? ? cvs[1] ? vs#[1] pciccd2 m26 phicbccd ? ? ccd#[2] ? cd#[2] pciccd1 m25 phicbccd ? ? ccd#[1] ? cd#[1] pciclkrun l25 phtbpcicbu clkrun# clkrun# cclkrun# cclkrun# wp(iois16#) pci host mode pci_pccdm = 0, pci_hostm=1 pci agent mode pci_pccdm = 0, pci_hostm=0 cardbus pc card host mode pci_pccdm = 1, pci_hostm=1, cardbus pc card is inserted cardbus pc card agent mode pci_pccdm = 1, pci_hostm=0 16-bit pc card (pcmcia) host mode pci_pccdm = 1, pci_hostm=1, 16-bit pc card is inserted note: each mode is selected by pci_pccdm & pci_hostm pin input signal and inserted card type
S3C2510A product overview 1-33 1.7 S3C2510A pci & pc card i/o table 1-4. cell description cell name type mode operating (i/o/b/od) description condition frequency phtipcicbuc i cardbus encb =''1'' 33mhz phopcicbc o pc card phtbpcicbuc b (16-bit pc card) phtbpcicbc b phtbdpcicbuc b(od) phtipcicbup i pci encb =''0'' 66mhz phopcicbp o phtbpcicbup b phtbpcicbp b phtbdpcicbup b(od) phbcbcvs b for cvs[2:1] phicbccd i for ccd#[2:1]
product overview S3C2510A 1-34 table 1-5. pci & pc card pull-up description pin name i/o cell ball grid pci host mode pci agent mode cardbus host mode cardbus agent mode pcmcia host mode pci_pccdm mode aa1 "0" "0" "1" "1" "1" pci_hostm mode y3 "1" "0" "1" "0" "1" arbiter mode (pcicon[arb]) int. arb. ext. arb. int. arb. ext. arb. pcireq1 phtbpcicbu ae22 pull-up no no pull-up no no pull-up pcireq2 phtipcicbu ac21 pull-up no no pull-up no no pull-up pcireq3 phtbpcicbu ae21 pull-up no no pull-up no no no pcireq4 phtbpcicbu ad20 pull-up no no pull-up no no no pcireq5 phtbpcicbu af20 pull-up no no pull-up no no no pcignt1 phtbpcicbu af22 no no no no no pull-up no pciframe phtbpcicbu aa25 pull-up pull-up no no no pull-up no pciirdy phtbpcicbu aa24 pull-up pull-up no pull-up pull-up no no pcitrdy phtbpcicbu y26 pull-up pull-up no pull-up pull-up no no pcidevsel phtbpcicbu y25 pull-up pull-up no pull-up pull-up no no pcistop phtbpcicbu y24 pull-up pull-up no pull-up pull-up no no pcilock phtbpcicbu w26 pull-up pull-up no pull-up pull-up no no pciperr phtbpcicbu w25 pull-up pull-up no pull-up pull-up no no pciserr phtbdpcicbu w24 pull-up pull-up no pull-up pull-up no pull-up pciinta phtbdpcicbu ae19 pull-up pull-up no pull-up pull-up no pull-up pcipme phtbpcicbu af19 pull-up pull-up no no no no pull-up pciclkrun phtbpcicbu l25 pull-up* pull-up* no pull-up* pull-up* no pull-up note: * pull-up is enabled only during clock stop mode.
S3C2510A product overview 1-35 symbol and truth table note: enpu = 'low' pull-up enabled, enpu = 'high' pull-up disabled. phtipcicb cell has a current path from vdd to pad as following application. enpu = low and pad = low. the value of pull-up resistor is 35k[ ? ] in typical condition (voltage: 3.3v, process: nn, temp: 25 c) enpu pad (note) y po pi figure 1-2. symbol of phtipcicbu(c/p) table 1-6. truth table of phtipcicbu(c/p) pad pi y po 1 1 1 0 0 x 0 1 1 0 1 1
product overview S3C2510A 1-36 note: enpu = 'low' & en = 'high' pull-up enabled. those cell have a current path from vdd to pad as following application. (enpu = low & en = high) and pad = low. the value of pull-up resistor is 35k[ ? ] in typical condition (voltage: 3.3v, process: nn, temp: 25 c) enpu pad (note) tn en a encb y po pi enpu pad (note) tn en encb y po pi figure 1-3. symbol of phtbpcicbu(c/p) and phtbdpcicb(c/p) table 1-7. truth table (input) of phtbpcicbu(c/p) and phtbdpcicb(c/p) pad pi y po 1 1 1 0 0 x 0 1 1 0 1 1 table 1-8. truth table (output) of phtbpcicbu(c/p) a en tn enpu pad 0 0 1 x 0 1 0 1 x 1 x 1 x 0 1 1 hi-z x 0 0 x hi-z x 1 0 0 1 1 hi-z
S3C2510A product overview 1-37 table 1-9. truth table (open drain) of phtbdpcicb(c/p) en tn enpu pad 0 1 x 0 1 x 0 1 1 hi-z 0 0 x hi-z 1 0 0 1 1 hi-z pad tn en a encb y po pi pad tn en a encb figure 1-4. symbol of phtbpcicb(c/p) and phopcicb(c/p) table 1-10. truth table (input) of phtbpcicb(c/p) pad pi y po 1 1 1 0 0 x 0 1 1 0 1 1 table 1-11. truth table (output) of phtbpcicb(c/p) and phopcicb(c/p) a en tn pad 0 0 1 0 1 0 1 1 x 1 x hi-z x x 0 hi-z
product overview S3C2510A 1-38 note: those cell have a current path from vdd to pad when pad is low. the value of pull-up resistor is 130k[ ? ] in typical condition (voltage: 3.3v, process: nn, temp: 25 c) pad a y po pi pad (note) y po pi figure 1-5. symbol of phicbccd and phbcbcvs
S3C2510A product overview 1-39 1.8 pin assignment table 1-12. pin assignment pin # pin name direction pin # pin name direction b1 mdc o m2 rxd2_1 i c2 mdio b m1 rxd3_1 i c1 col_0 i l3 rx_dv_link10_1 i d2 tx_clk_0 i n2 rx_err_1 i d3 txd0_0 o m4 usb_clksel i d1 txd1_loop10_0 o n1 usb_xclk i e2 txd2_0 o m3 1.8vdd_a e4 txd3_0 o p2 usb_filter o e3 tx_en_0 o p1 gnd_a e1 tx_err_pcomp_10m_0 o n3 1.8vdd_a f2 crs_0 i r2 filter o f4 rx_clk_0 i p3 gnd_a f3 rxd0_0 i r1 1.8vdd_a f1 rxd1_0 i t2 phy_filter o g2 rxd2_0 i r3 gnd_a g1 rxd3_0 i t1 1.8vdd_a g3 rx_dv_link10_0 i r4 pci_filter o h2 rx_err_0 i u2 gnd_a h4 col_1 i t3 xclk i h1 tx_clk_1 i u1 clksel i h3 txd0_1 o u4 scl b j2 txd1_loop10_1 o v2 sda b j1 txd2_1 o u3 phy_clksel i k2 txd3_1 o v1 husb_ovrcurrent0 i j3 tx_en_1 o w2 usb_dp b k1 tx_err_pcomp_10m_1 o w1 usb_dn b k4 crs_1 i v3 husb_ovrcurrent1 i l2 rx_clk_1 i y2 phy_freq i k3 rxd0_1 i w4 husb_dp0 b l1 rxd1_1 i y1 husb_dn0 b
product overview S3C2510A 1-40 table 1-12. pin assignment (continued) pin # pin name direction pin # pin name direction w3 big i ae7 gpio6 b aa2 pci_pccdm i af7 gpio7 b aa4 husb_dp1 b ad7 gpio8_xint0 b aa1 husb_dn1 b ae8 gpio9_xint1 b y3 pci_hostm i ac8 gpio10_xint2 b ab2 nreset i af8 gpio11_xint3 b ab1 pci_clksel i ad8 gpio12_xint4 b aa3 pci_xclk i ae9 gpio13_xint5 b ac2 clk_mod0 i af9 gpio14_xgdma_req0 b ab4 clk_mod1 i ae10 gpio15_xgdma_req1 b ac1 bus_freq0 i ad9 gpio16_xgdma_req2 b ab3 bus_freq1 i af10 gpio17_xgdma_req3 b ad2 bus_freq2 i ac10 gpio18_xgdma_ack0 b ac3 cpu_freq0 i ae11 gpio19_xgdma_ack1 b ad1 cpu_freq1 i ad10 gpio20_xgdma_ack2 b ae1 cpu_freq2 i af11 gpio21_xgdma_ack3 b af2 b0size0 i ae12 gpio22_timer0 b ae3 b0size1 i af12 gpio23_timer1 b af3 tmode i ad11 gpio24_timer2 b ae4 tms i ae13 gpio25_timer3 b ad4 tdo o ac12 gpio26_timer4 b af4 tdi i af13 gpio27_timer5 b ae5 ntrst i ad12 phy_clko o ac5 tck i ae14 gpio28_hurxd0 b ad5 gpio0 b af14 gpio29_hutxd0 b af5 gpio1 b ad13 gpio30_hundtr0 b ae6 gpio2 b ae15 gpio31_hundsr0 b ac6 gpio3 b ad14 gpio32_hunrts0 b ad6 gpio4 b af15 gpio33_huncts0 b af6 gpio5 b ae16 gpio34_hundcd0 b
S3C2510A product overview 1-41 table 1-12. pin assignment (continued) pin # pin name direction pin # pin name direction ad15 uclk i af24 pciad26 b af16 gpio35_hurxd1 b af25 pciad25 b ac15 gpio36_hutxd1 b ae26 pciad24 b ae17 gpio37_hundtr1 b ad25 pciad23 b ad16 gpio38_hundsr1 b ad26 pcicbe3 b af17 gpio39_hunrts1 b ac25 pciad21 b ac17 gpio40_huncts1 b ac24 pciad20 b ae18 gpio41_hundcd1 b ac26 pciad22 b ad17 gpio42_curxd b ab25 pciad18 b af18 cutxd o ab23 pciad16 b ae19 pcirst b ab24 pciad17 b af19 pciinta b ab26 pciad19 b ad18 pciclk3 b aa25 pciframe b ae20 pcireq4 b aa23 pciclk1 o ac19 pcireq5 b aa24 pciirdy b af20 pcignt4 o aa26 pcicbe2 b ad19 pcignt5 o y25 pcidevsel b ae21 pcignt2 b y26 pcitrdy b ac21 pcignt1 b y24 pcistop b af21 pcireq3 b w25 pciperr b ad20 pcignt3 b w23 pcipar b ae22 pcipme b w26 pcilock b af22 pcireq1 b w24 pciserr b ad21 pcireq2 i v25 pciad15 b ae23 pciad28 b v26 pcicbe1 b ac22 pciad30 b u25 pciad12 b af23 pciad29 b v24 pciad14 b ad22 pciad31 b u26 pciad13 b ae24 pciclk2 o u23 pciad10 b ad23 pciad27 b t25 pciad8 b
product overview S3C2510A 1-42 table 1-12. pin assignment (continued) pin # pin name direction pin # pin name direction u24 pciad11 b h23 nwbe0/dqm0 o t26 pciad9 b g26 nwbe1/dqm1 o r25 pciad6 b h24 nwbe2/dqm2 o r26 pciad7 b f25 nwbe3/dqm3 o t24 pcicbe0 b f23 nsdwe o p25 pciad2 b f26 nsdcs0 o r23 pciad4 b g24 nsdcs1 o p26 pciad3 b e25 nsdras o r24 pciad5 b e26 nsdcas o n25 pcicvs2 b f24 xdata0 b n26 pciad0 b d25 xdata1 b p24 pciad1 b e23 xdata2 b m25 pciccd1 i d26 xdata3 b n24 pcicvs1 b e24 xdata4 b m26 pciccd2 i c25 xdata5 b l25 pciclkrun b d24 xdata6 b m24 xbmreq i c26 xdata7 b l26 xbmack o b26 xdata8 b m23 hclko b a25 xdata9 b k25 newait i b24 xdata10 b l24 cke o a24 xdata11 b k26 nmcs0 o b23 xdata12 b k23 nmcs1 o c23 xdata13 b j25 nmcs2 o a23 xdata14 b k24 nmcs3 o b22 xdata15 b j26 nmcs4 o d22 xdata16 b h25 nmcs5 o c22 xdata17 b h26 nmcs6 o a22 xdata18 b j24 nmcs7 o b21 xdata19 b g25 noe o d21 xdata20 b
S3C2510A product overview 1-43 table 1-12. pin assignment (continued) pin # pin name direction pin # pin name direction c21 xdata21 b a12 addr19 o a21 xdata22 b b11 addr20 o b20 xdata23 b c12 addr21 o a20 xdata24 b a11 addr22 o c20 xdata25 b d12 addr23 o b19 xdata26 b b10 gpio43_uto_txad0 b d19 xdata27 b c11 gpio44_uto_txad1 b a19 xdata28 b a10 gpio45_uto_txad2 b c19 xdata29 b d10 uto_rxad0 o b18 xdata30 b b9 uto_rxad1 o a18 xdata31 b c10 uto_rxad2 o b17 addr0 o a9 gpio46_uto_txd0 b c18 addr1 o b8 gpio47_uto_txd1 b a17 addr2 o a8 gpio48_uto_txd2 b d17 addr3 o c9 gpio49_uto_txd3 b b16 addr4 o b7 gpio50_uto_txd4 b c17 addr5 o d8 gpio51_uto_txd5 b a16 addr6 o a7 gpio52_uto_txd6 b b15 addr7 o c8 gpio53_uto_txd7 b a15 addr8 o b6 gpio54_uto_txsoc b c16 addr9 o d6 uto_clk o b14 addr10 o a6 gpio55_uto_txenb b d15 addr11 o c7 uto_txclav i a14 addr12 o b5 gpio56_uto_rxd0 b c15 addr13 o a5 gpio57_uto_rxd1 b b13 addr14 o c6 gpio58_uto_rxd2 b a13 addr15 o b4 gpio59_uto_rxd3 b c14 addr16 o d5 gpio60_uto_rxd4 b b12 addr17 o a4 gpio61_uto_rxd5 b c13 addr18 o c5 gpio62_uto_rxd6 b
product overview S3C2510A 1-44 table 1-12. pin assignment (continued) pin # pin name direction pin # pin name direction b3 gpio63_uto_rxd7 b ae2 gnd c4 uto_rxsoc i ac13 gnd a3 uto_rxenb o ad24 gnd a2 uto_rxclav i p23 gnd g4 3.3vdd c24 gnd t4 3.3vdd d14 gnd ac7 3.3vdd c3 gnd ac16 3.3vdd p4 gnd y23 3.3vdd ad3 gnd l23 3.3vdd ac14 gnd d20 3.3vdd ae25 gnd d11 3.3vdd n23 gnd l4 1.8vdd b25 gnd y4 1.8vdd d13 gnd ac11 1.8vdd d4 gnd ac20 1.8vdd v4 gnd t23 1.8vdd ac4 gnd g23 1.8vdd ac18 gnd d16 1.8vdd af26 gnd d7 1.8vdd j23 gnd a1 gnd a26 gnd j4 gnd d9 gnd af1 gnd k10 gnd ac9 gnd l10 gnd ac23 gnd m10 gnd v23 gnd n10 gnd d23 gnd p10 gnd d18 gnd r10 gnd b2 gnd t10 gnd n4 gnd u10 gnd
S3C2510A product overview 1-45 table 1-12. pin assignment (continued) pin # pin name direction pin # pin name direction k11 gnd t14 gnd l11 gnd u14 gnd m11 gnd k15 gnd n11 gnd l15 gnd p11 gnd m15 gnd r11 gnd n15 gnd t11 gnd p15 gnd u11 gnd r15 gnd k12 gnd t15 gnd l12 gnd u15 gnd m12 gnd k16 gnd n12 gnd l16 gnd p12 gnd m16 gnd r12 gnd n16 gnd t12 gnd p16 gnd u12 gnd r16 gnd k13 gnd t16 gnd l13 gnd u16 gnd m13 gnd k17 gnd n13 gnd l17 gnd p13 gnd m17 gnd r13 gnd n17 gnd t13 gnd p17 gnd u13 gnd r17 gnd k14 gnd t17 gnd l14 gnd u17 gnd m14 gnd n14 gnd p14 gnd r14 gnd
product overview S3C2510A 1-46 1.9 pin assignment figure a1 corner s3c2510 416pbga2727 top view gnd uto_rx clav uto_rx enb gpio61 _uto _rxd5 gpio57 _uto _rxd1 gpio55 _uto _txenb gpio52 _uto _txd6 gpio48 _uto _txd2 gpio46 _uto _txd0 gpio45 _uto _txad2 addr22 addr19 addr15 addr12 addr8 addr6 addr2 xdata3 1 xdata2 8 xdata2 4 xdata2 2 xdata1 8 xdata1 4 xdata1 1 xdata9 gnd mdc gnd gpio63 _uto _rxd7 gpio59 _uto _rxd3 gpio56 _uto _rxd0 gpio54 _uto _txsoc gpio50 _uto _txd4 gpio47 _uto _txd1 uto _rxad1 gpio43 _uto _txad0 addr20 addr17 addr14 addr10 addr7 addr4 addr0 xdata3 0 xdata2 6 xdata2 3 xdata1 9 xdata1 5 xdata1 2 xdata1 0 gnd xdata8 col_0 mdio gnd uto _rxsoc gpio62 _uto _rxd6 gpio58 _uto _rxd2 uto_tx clav gpio53 _uto _txd7 gpio49 _uto _txd3 uto _rxad2 gpio44 _uto _txad1 addr21 addr18 addr16 addr13 addr9 addr5 addr1 xdata2 9 xdata2 5 xdata2 1 xdata1 7 xdata1 3 gnd xdata5 xdata7 txd1_l oop10_ 0 tx_clk _0 txdo_0 gnd gpio60 _uto _rxd4 uto _clk 1.8vdd gpio51 _uto _txd5 gnd uto _rxad0 3.3vdd addr23 gnd gnd addr11 1.8vdd addr3 gnd xdata2 7 3.3vdd xdata2 0 xdata1 6 gnd xdata6 xdata1 xdata3 tx_err _pcom p_10m_ 0 txd2_0 tx_en_ 0 txd3_0 xdata2 xdata4 nsdras nsdcas rxd1_0 crs_0 rxd0_0 rx_clk _0 nsdwe xdata0 nwbe3/ dqm3 nsdcs0 rxd3_0 rxd2_0 rx_dv_ link10_ 0 3.3vdd 1.8vdd nsdcs1 n0e nwbe1/ dqm1 tx_clk _1 rx_err _0 txd0_1 col_1 nwbe0/ dqm0 nwbe2/ dqm2 nmcs5 nmcs6 txd2_1 txd1_l oop10_ 1 tx_en_ 1 gnd gnd nmcs7 nmcs2 nmcs4 tx_err _pcom p_10m_ 1 txd3_1 rxd0_1 crs_1 nmcs1 nmcs3 newait nmcs0 rxd1_1 rx_clk _1 rx_dv_ link10_ 1 1.8vdd 3.3vdd cke pciclk run xbmac k rxd3_1 rxd2_1 1.8vdd_ a usb_cl ksel hclko xbmre q pciccd 1 usb_xc lk rx_err _1 1.8vdd_ a gnd gnd pcicvs 1 pcicvs 2 pciad0 gnd_a usb_fil ter gnd_a gnd gnd pciad1 pciad2 pciad3 1.8vdd_ a filter gnd_a pci_ filter pciad4 pciad5 pciad6 pciad7 1.8vdd_ a phy_fil ter xclk 3.3vdd 1.8vdd pcicbe 0 pciad8 pciad9 clksel gnd_a phy_cl ksel scl pciad1 0 pciad1 1 pciad1 2 pciad1 3 husb_o vrcur rent0 sda husb_o vrcur rent1 gnd gnd pciad1 4 pciad1 5 pcicbe 1 usb_dn usb_dp big husb_d p0 pcipar pciser r pciper r pciloc k husb_d n0 phy_fr eq pci_ho stm 1.8vdd 3.3vdd pcisto p pcidev sel pcitrd y husb_d n1 pci_pc cdm pci_xc lk husb_d p1 pciclk 1 pciirdy pcifra me pcicbe 2 pci_cl ksel nreset bus_fr eq1 clk_mo d1 pciad1 6 pciad1 7 pciad1 8 pciad1 9 bus_fr eq0 clk_mo d0 cpu_fr eq0 gnd tck gpio3 3.3vdd gpio10 _xint2 gnd gpio18 _xgdma _ack0 1.8vdd gpio26 _timer 4 gnd gnd gpio36 _hutxd 1 3.3vdd gpio40 _hunct s1 gnd pcireq 5 1.8vdd pcignt 1 pciad3 0 gnd pciad2 0 pciad2 1 pciad2 2 cpu_fr eq1 bus_fr eq2 gnd td0 gpio0 gpio4 gpio8_x int0 gpio12 _xint4 gpio16 _xgdma _req2 gpio20 _xgdma _ack2 gpio24 _timer 2 phy _clk0 gpio30 _hundt r0 gpio32 _hunrt s0 uclk gpio38 _hunds r1 gpio42 _curxd pciclk 3 pcignt 5 pcignt 3 pcireq 2 pciad3 1 pciad2 7 gnd pciad2 3 pcicbe 3 cpu_fr eq2 gnd bosize 1 tms ntrst gpio2 gpio6 gpio9 _xint1 gpio13 _xint5 gpio15 _xgdma _req1 gpio19 _xgdma _ack1 gpio22 _timer 0 gpio25 _timer 3 gpio28 _hurxd 0 gpio31 _hunds r0 gpio34 _hundc d0 gpio37 _hundt r1 gpio41 _hundc d1 pcirst pcireq 4 pcignt 2 pcipme pciad2 8 pciclk 2 gnd pciad2 4 gnd bosize 0 tmode td1 gpio1 gpio5 gpio7 gpio11 _xint3 gpio14 _xgdma _req0 gpio17 _xgdma _req3 gpio21 _xgdma _ack3 gpio23 _timer 1 gpio27 _timer 5 gpio29 _hutxd 0 gpio33 _hunct s0 gpio35 _hurxd 1 gpio39 _hunrt s1 cutxd pciinta pcignt 4 pcireq 3 pcireq 1 pciad2 9 pciad2 6 pciad2 5 gnd a b c d e f g h j k l m n p r t u v w y aa ab ac ad ae af a b c d e f g h j k l m n p r t u v w y aa ab ac ad ae af 1234567891011121314151617181920212223242526 1234567891011121314151617181920212223242526 pciccd 2 gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd figure 1-6. pin assignment figure


▲Up To Search▲   

 
Price & Availability of S3C2510A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X