Part Number Hot Search : 
MOB73DR EMP202 74HC03DB F1621 BD488 PC2508 TC1306 LVDS3
Product Description
Full Text Search
 

To Download MTB75N06HD-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2000 november, 2000 rev.2 1 publication order number: mtb75n06hd/d mtb75n06hd preferred device power mosfet 75 amps, 60 volts nchannel d 2 pak this power mosfet is designed to withstand high energy in the avalanche and commutation modes. the energy efficient design also offers a draintosource diode with a fast recovery time. designed for low voltage, high speed switching applications in power supplies, converters and pwm motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional safety margin against unexpected voltage transients. ? avalanche energy specified ? sourcetodrain diode recovery time comparable to a discrete fast recovery diode ? diode is characterized for use in bridge circuits ? i dss and v ds(on) specified at elevated temperature ? short heatsink tab manufactured not sheared ? specially designed leadframe for maximum power dissipation maximum ratings (t c = 25 c unless otherwise noted) rating symbol value unit draintosource voltage v dss 60 vdc draintogate voltage (r gs = 1.0 m w ) v dgr 60 vdc gatetosource voltage continuous nonrepetitive (t p 10 ms) v gs v gsm 20 30 vdc vpk drain current continuous drain current continuous @ 100 c drain current single pulse (t p 10 m s) i d i d i dm 75 50 225 adc apk total power dissipation derate above 25 c total power dissipation @ t c = 25 c (note no tag) p d 125 1.0 2.5 watts w/ c watts operating and storage temperature range 55 to 150 c single pulse draintosource avalanche energy starting t j = 25 c (v dd = 25 vdc, v gs = 10 vdc, i l = 75 apk, l = 0.177 mh, r g = 25 w ) e as 500 mj thermal resistance junction to case junction to ambient junction to ambient (note no tag) r q jc r q ja r q ja 1.0 62.5 50 c/w maximum lead temperature for soldering purposes, 1/8 from case for 10 seconds t l 260 c 1. when surface mounted to an fr4 board using the minimum recommended pad size. marking diagram & pin assignment t75n06hd yww 1 gate 4 drain 2 drain 3 source 75 amperes 60 volts r ds(on) = 10 m w device package shipping ordering information mtb75n06hd d 2 pak 50 units/rail d 2 pak case 418b style 2 1 2 3 4 http://onsemi.com nchannel d s g t75n06hd = device code y = year ww = work week mtb75n06hdt4 d 2 pak 800/tape & reel preferred devices are recommended choices for future use and best overall value.
mtb75n06hd http://onsemi.com 2 electrical characteristics (t j = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics drainsource breakdown voltage (c pk 2.0) (note 4.) (v gs = 0 vdc, i d = 250 m adc) temperature coefficient (positive) v (br)dss 60 68 60.4 vdc mv/ c zero gate voltage drain current (v ds = 60 vdc, v gs = 0 vdc) (v ds = 60 vdc, v gs = 0 vdc, t j = 125 c) i dss 10 100 m adc gatebody leakage current (v gs = 20 vdc, v ds = 0 v) i gss 5.0 100 nadc on characteristics (note 2.) gate threshold voltage (c pk 5.0) (note 4.) (v ds = v gs , i d = 250 m adc) temperature coefficient (negative) v gs(th) 2.0 3.0 8.38 4.0 vdc mv/ c static drainsource onresistance (c pk 2.0) (note 4.) (v gs = 10 vdc, i d = 37.5 adc) r ds(on) 8.3 10 m w drainsource onvoltage (v gs = 10 vdc) (i d = 75 adc) (i d = 37.5 adc, t j = 125 c) v ds(on) 0.7 0.53 0.9 0.8 vdc forward transconductance (v ds = 15 vdc, i d = 37.5 adc) g fs 15 32 mhos dynamic characteristics input capacitance (v 25 vd v 0 vd c iss 2800 3920 pf output capacitance (v ds = 25 vdc, v gs = 0 vdc, f = 1.0 mhz ) c oss 928 1300 reverse transfer capacitance f = 1 . 0 mhz) c rss 180 252 switching characteristics (note 3.) turnon delay time t d(on) 18 26 ns rise time (v ds = 30 vdc, i d = 75 adc, v gs =10vdc t r 218 306 turnoff delay time v gs = 10 vdc, r g = 9.1 w ) t d(off) 67 94 fall time r g 9.1 w ) t f 125 175 gate charge q t 71 100 nc (v ds = 48 vdc, i d = 75 adc, q 1 16.3 (v ds 48 vdc , i d 75 adc , v gs = 10 vdc) q 2 31 q 3 29.4 sourcedrain diode characteristics forward onvoltage (i s = 75 adc, v gs = 0 vdc) (i s = 75 adc, v gs = 0 vdc, t j = 125 c) v sd 0.97 0.88 1.1 vdc reverse recovery time t rr 56 ns (i s = 75 adc, t a 44 (i s 75 adc , di s /dt = 100 a/ m s) t b 12 reverse recovery stored charge q rr 0.103 m c internal package inductance internal drain inductance (measured from contact screw on tab to center of die) (measured from the drain lead 0.25 from package to center of die) l d 3.5 nh internal source inductance (measured from the source lead 0.25 from package to source bond pad) l s 7.5 nh 2. pulse test: pulse width 300 m s, duty cycle 2%. 3. switching characteristics are independent of operating junction temperature. 4. reflects typical values. c pk = max limit typ 3 x sigma
mtb75n06hd http://onsemi.com 3 typical electrical characteristics r ds(on) , drain-to-source resistance (normalized) i dss , leakage (na) v ds , drain-to-source voltage (volts) t j , junction temperature ( c) v ds , drain-to-source voltage (volts) v gs , gate-to-source voltage (volts) i d , drain current (amps) i d , drain current (amps) 0 0.5 1 figure 1. onregion characteristics figure 2. transfer characteristics figure 3. onresistance versus drain current and temperature figure 4. onresistance versus drain current and gate voltage 1 1000 figure 5. onresistance variation with temperature figure 6. draintosource leakage current versus voltage v ds 10 v t j = -55 c 25 c -50 -25 0 25 50 75 100 125 150 0 10 20 60 40 v gs = 0 v t j = 125 c v gs = 10 v i d = 37.5 a 100 30 9 v t j = 25 c 100 c 150 0 2 1.5 100 c 1.9 1.6 1.3 1 0.7 25 47 368 125 100 75 50 25 v gs = 10 v 8 v 7 v 6 v 5 v 150 0 125 100 75 50 25 10 50 25 c r ds(on) , drain-to-source resistance (ohms) r ds(on) , drain-to-source resistance (ohms) i d , drain current (amps) i d , drain current (amps) 0 50 150 t j = 25 c 25 75 15 v 0.016 0.012 0.009 0.007 0.006 0.014 0.012 0.010 0.008 0.006 0.004 100 125 t j = 25 c v gs = 10 v t j = 100 c 25 c -55 c v gs = 10 v 0.010 0.008 0 50 150 25 75 100 125 0.011
mtb75n06hd http://onsemi.com 4 power mosfet switching switching behavior is most easily modeled and predicted by recognizing that the power mosfet is charge controlled. the lengths of various switching intervals ( d t) are determined by how fast the fet input capacitance can be charged by current from the generator. the published capacitance data is difficult to use for calculating rise and fall because draingate capacitance varies greatly with applied voltage. accordingly, gate charge data is used. in most cases, a satisfactory estimate of average input current (i g(av) ) can be made from a rudimentary analysis of the drive circuit so that t = q/i g(av) during the rise and fall time interval when switching a resistive load, v gs remains virtually constant at a level known as the plateau voltage, v sgp . therefore, rise and fall times may be approximated by the following: t r = q 2 x r g /(v gg v gsp ) t f = q 2 x r g /v gsp where v gg = the gate drive voltage, which varies from zero to v gg r g = the gate drive resistance and q 2 and v gsp are read from the gate charge curve. during the turnon and turnoff delay times, gate current is not constant. the simplest calculation uses appropriate values from the capacitance curves in a standard equation for voltage change in an rc network. the equations are: t d(on) = r g c iss in [v gg /(v gg v gsp )] t d(off) = r g c iss in (v gg /v gsp ) the capacitance (c iss ) is read from the capacitance curve at a voltage corresponding to the offstate condition when calculating t d(on) and is read at a voltage corresponding to the onstate when calculating t d(off) . at high switching speeds, parasitic circuit elements complicate the analysis. the inductance of the mosfet source lead, inside the package and in the circuit wiring which is common to both the drain and gate current paths, produces a voltage at the source which reduces the gate drive current. the voltage is determined by ldi/dt, but since di/dt is a function of drain current, the mathematical solution is complex. the mosfet output capacitance also complicates the mathematics. and finally, mosfets have finite internal gate resistance which effectively adds to the resistance of the driving source, but the internal resistance is difficult to measure and, consequently, is not specified. the resistive switching time variation versus gate resistance (figure 9) shows how typical switching performance is affected by the parasitic circuit elements. if the parasitics were not present, the slope of the curves would maintain a value of unity regardless of the switching speed. the circuit used to obtain the data is constructed to minimize common inductance in the drain and gate circuit loops and is believed readily achievable with board mounted components. most power electronic loads are inductive; the data in the figure is taken with a resistive load, which approximates an optimally snubbed inductive load. power mosfets may be safely operated into an inductive load; however, snubbing reduces switching losses. gate-to-source or drain-to-source voltage (volts) c, capacitance (pf) figure 7. capacitance variation 10 0 10 15 20 25 v gs v ds 55 v ds = 0 v c iss c rss v gs = 0 v t j = 25 c c iss c oss c rss 7000 6000 5000 4000 3000 2000 1000 0
mtb75n06hd http://onsemi.com 5 q t , total gate charge (nc) r g , gate resistance (ohms) t, time (ns) v ds , drain-to-source voltage (volts) v gs , gate-to-source voltage (volts) figure 8. gatetosource and draintosource voltage versus total charge 1 10 100 10 100 1000 v dd = 30 v i d = 75 a v gs = 10 v t j = 25 c t r t f t d(on) t d(off) figure 9. resistive switching time variation versus gate resistance 01030506080 20 40 10 6 2 0 8 4 12 60 50 40 30 10 20 0 qt q2 v gs i d = 75 a t j = 25 c v ds q3 q1 70 draintosource diode characteristics the switching characteristics of a mosfet body diode are very important in systems using it as a freewheeling or commutating diode. of particular interest are the reverse recovery characteristics which play a major role in determining switching losses, radiated noise, emi and rfi. system switching losses are largely due to the nature of the body diode itself. the body diode is a minority carrier device, therefore it has a finite reverse recovery time, t rr , due to the storage of minority carrier charge, q rr , as shown in the typical reverse recovery wave form of figure 12. it is this stored charge that, when cleared from the diode, passes through a potential and defines an energy loss. obviously, repeatedly forcing the diode through reverse recovery further increases switching losses. therefore, one would like a diode with short t rr and low q rr specifications to minimize these losses. the abruptness of diode reverse recovery effects the amount of radiated noise, voltage spikes, and current ringing. the mechanisms at work are finite irremovable circuit parasitic inductances and capacitances acted upon by high di/dts. the diode's negative di/dt during t a is directly controlled by the device clearing the stored charge. however, the positive di/dt during t b is an uncontrollable diode characteristic and is usually the culprit that induces current ringing. therefore, when comparing diodes, the ratio of t b /t a serves as a good indicator of recovery abruptness and thus gives a comparative estimate of probable noise generated. a ratio of 1 is considered ideal and values less than 0.5 are considered snappy. compared to on semiconductor standard cell density low voltage mosfets, high cell density mosfet diodes are faster (shorter t rr ), have less stored charge and a softer reverse recovery characteristic. the softness advantage of the high cell density diode means they can be forced through reverse recovery at a higher di/dt than a standard cell mosfet diode without increasing the current ringing or the noise generated. in addition, power dissipation incurred from switching the diode will be less due to the shorter recovery time and lower switching losses. i s , source current (amps) v sd , source-to-drain voltage (volts) figure 10. diode forward voltage versus current 0 50 75 25 0.5 0.58 0.66 0.74 0.82 0.98 v gs = 0 v t j = 25 c 0.9
mtb75n06hd http://onsemi.com 6 i s , source current t, time figure 11. reverse recovery time (t rr ) di/dt = 300 a/ m s standard cell density high cell density t b t rr t a t rr safe operating area the forward biased safe operating area curves define the maximum simultaneous draintosource voltage and drain current that a transistor can handle safely when it is forward biased. curves are based upon maximum peak junction temperature and a case temperature (t c ) of 25 c. peak repetitive pulsed power limits are determined by using the thermal response data in conjunction with the procedures discussed in an569, atransient thermal resistance general data and its use.o switching between the offstate and the onstate may traverse any load line provided neither rated peak current (i dm ) nor rated voltage (v dss ) is exceeded, and that the transition time (t r , t f ) does not exceed 10 m s. in addition the total power averaged over a complete switching cycle must not exceed (t j(max) t c )/(r q jc ). a power mosfet designated efet can be safely used in switching circuits with unclamped inductive loads. for reliable operation, the stored energy from circuit inductance dissipated in the transistor while in avalanche must be less than the rated limit and must be adjusted for operating conditions differing from those specified. although industry practice is to rate in terms of energy, avalanche energy capability is not a constant. the energy rating decreases nonlinearly with an increase of peak current in avalanche and peak junction temperature. although many efets can withstand the stress of draintosource avalanche at currents up to rated pulsed current (i dm ), the energy rating is specified at rated continuous current (i d ), in accordance with industry custom. the energy rating must be derated for temperature as shown in the accompanying graph (figure 13). maximum energy at currents below rated continuous i d can safely be assumed to equal the values indicated. v ds , drain-to-source voltage (volts) t j , starting junction temperature ( c) e as , single pulse drain-to-source avalanche energy (mj) i d , drain current (amps) figure 12. maximum rated forward biased safe operating area 25 150 50 100 125 75 0 375 250 125 500 figure 13. maximum avalanche energy versus starting junction temperature 0.1 1.0 10 100 1 10 100 1000 dc r ds(on) limit thermal limit package limit v gs = 20 v single pulse t c = 25 c i d = 75 a 100 m s 1 ms 10 ms 10 m s
mtb75n06hd http://onsemi.com 7 typical electrical characteristics r(t), effective transient thermal resistance (normalized) t, time (s) figure 14. thermal response 0.1 1.0 0.01 0.1 0.2 0.02 d = 0.5 0.05 0.01 single pulse r q jc (t) = r(t) r q jc d curves apply for power pulse train shown read time at t 1 t j(pk) - t c = p (pk) r q jc (t) p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 figure 15. diode reverse recovery waveform di/dt t rr t a t p i s 0.25 i s time i s t b 0 0.5 1 1.5 2.0 2.5 3 25 50 75 100 125 150 t a , ambient temperature ( c) p d , power dissipation (watts) figure 16. d 2 pak power derating curve r q ja = 50 c/w board material = 0.065 mil fr4 mounted on the minimum recommended footprint collector/drain pad size 450 mils x 350 mils 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01
mtb75n06hd http://onsemi.com 8 information for using the d 2 pak surface mount package recommended footprint for surface mounted applications surface mount board layout is a critical portion of the total design. the footprint for the semiconductor packages must be the correct size to ensure proper solder connection interface between the board and the package. with the correct pad geometry, the packages will self align when subjected to a solder reflow process. mm inches 0.33 8.38 0.08 2.032 0.04 1.016 0.63 17.02 0.42 10.66 0.12 3.05 0.24 6.096 power dissipation for a surface mount device the power dissipation for a surface mount device is a function of the drain pad size. these can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. power dissipation for a surface mount device is determined by t j(max) , the maximum rated junction temperature of the die, r q ja , the thermal resistance from the device junction to ambient, and the operating temperature, t a . using the values provided on the data sheet, p d can be calculated as follows: p d = t j(max) t a r q ja the values for the equation are found in the maximum ratings table on the data sheet. substituting these values into the equation for an ambient temperature t a of 25 c, one can calculate the power dissipation of the device. for a d 2 pak device, p d is calculated as follows. p d = 150 c 25 c 50 c/w = 2.5 watts the 50 c/w for the d 2 pak package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 2.5 w atts. there are other alternatives to achieving higher power dissipation from the surface mount packages. one is to increase the area of the drain pad. by increasing the area of the drain pad, the power dissipation can be increased. although one can almost double the power dissipation with this method, one will be giving up area on the printed circuit board which can defeat the purpose of using surface mount technology. for example, a graph of r q ja versus drain pad area is shown in figure 17. figure 17. thermal resistance versus drain pad area for the d 2 pak package (typical) 2.5 watts a, area (square inches) board material = 0.0625 g-10/fr-4, 2 oz copper t a = 25 c 60 70 50 40 30 20 16 14 12 10 8 6 4 2 0 3.5 watts 5 watts to ambient ( c/w) r ja , thermal resistance, junction q
mtb75n06hd http://onsemi.com 9 another alternative would be to use a ceramic substrate or an aluminum core board such as thermal clad  . using a board material such as thermal clad, an aluminum core board, the power dissipation can be doubled using the same footprint. solder stencil guidelines prior to placing surface mount components onto a printed circuit board, solder paste must be applied to the pads. solder stencils are used to screen the optimum amount. these stencils are typically 0.008 inches thick and may be made of brass or stainless steel. for packages such as the sc59, sc70/sot323, sod123, sot23, sot143, sot223, so8, so14, so16, and smb/smc diode packages, the stencil opening should be the same as the pad size or a 1:1 registration. this is not the case with the dpak and d 2 pak packages. if one uses a 1:1 opening to screen solder onto the drain pad, misalignment and/or atombstoningo may occur due to an excess of solder. for these two packages, the opening in the stencil for the paste should be approximately 50% of the tab area. the opening for the leads is still a 1:1 registration. figure 18 shows a typical stencil for the dpak and d 2 pak packages. the pattern of the opening in the stencil for the drain pad is not critical as long as it allows approximately 50% of the pad to be covered with paste. ?? ?? ?? ?? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? figure 18. typical stencil for dpak and d 2 pak packages solder paste openings stencil soldering precautions the melting temperature of solder is higher than the rated temperature of the device. when the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. ? always preheat the device. ? the delta temperature between the preheat and soldering should be 100 c or less.* ? when preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. when using infrared heating with the reflow soldering method, the difference shall be a maximum of 10 c. ? the soldering temperature and time shall not exceed 260 c for more than 10 seconds. ? when shifting from preheating to soldering, the maximum temperature gradient shall be 5 c or less. ? after soldering has been completed, the device should be allowed to cool naturally for at least three minutes. gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. ? mechanical stress or shock should not be applied during cooling. * soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device. * due to shadowing and the inability to set the wave height to incorporate other surface mount components, the d 2 pak is not recommended for wave soldering.
mtb75n06hd http://onsemi.com 10 typical solder heating profile for any given circuit board, there will be a group of control settings that will give the desired heat pattern. the operator must set temperatures for several heating zones, and a figure for belt speed. taken together, these control settings make up a heating aprofileo for that particular circuit board. on machines controlled by a computer, the computer remembers these profiles from one operating session to the next. figure 19 shows a typical heating profile for use when soldering a surface mount device to a printed circuit board. this profile will vary among soldering systems but it is a good starting point. factors that can affect the profile include the type of soldering system in use, density and types of components on the board, type of solder used, and the type of board or substrate material being used. this profile shows temperature versus time. the line on the graph shows the actual temperature that might be experienced on the surface of a test board at or near a central solder joint. the two profiles are based on a high density and a low density board. the vitronics smd310 convection/infrared reflow soldering system was used to generate this profile. the type of solder used was 62/36/2 tin lead silver with a melting point between 177189 c. when this type of furnace is used for solder reflow work, the circuit boards and solder joints tend to heat first. the components on the board are then heated by conduction. the circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. because of this effect, the main body of a component may be up to 30 degrees cooler than the adjacent solder joints. step 1 preheat zone 1 arampo step 2 vent asoako step 3 heating zones 2 & 5 arampo step 4 heating zones 3 & 6 asoako step 5 heating zones 4 & 7 aspikeo step 6 vent step 7 cooling 200 c 150 c 100 c 5 c time (3 to 7 minutes total) t max solder is liquid for 40 to 80 seconds (depending on mass of assembly) 205 to 219 c peak at solder joint desired curve for low mass assemblies desired curve for high mass assemblies 100 c 150 c 160 c 170 c 140 c figure 19. typical solder heating profile
mtb75n06hd http://onsemi.com 11 package dimensions d 2 pak case 418b03 issue d style 2: pin 1. gate 2. drain 3. source 4. drain notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. seating plane s g d t m 0.13 (0.005) t 23 1 4 3 pl k j h v e c a dim min max min max millimeters inches a 0.340 0.380 8.64 9.65 b 0.380 0.405 9.65 10.29 c 0.160 0.190 4.06 4.83 d 0.020 0.035 0.51 0.89 e 0.045 0.055 1.14 1.40 g 0.100 bsc 2.54 bsc h 0.080 0.110 2.03 2.79 j 0.018 0.025 0.46 0.64 k 0.090 0.110 2.29 2.79 s 0.575 0.625 14.60 15.88 v 0.045 0.055 1.14 1.40 b m b
mtb75n06hd http://onsemi.com 12 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mtb75n06hd/d thermal clad is a registered trademark of the bergquist company. north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland


▲Up To Search▲   

 
Price & Availability of MTB75N06HD-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X