Part Number Hot Search : 
D75104G LT1805 SM230 LT1057 MAX4678 AH282 BY6312 BY6312
Product Description
Full Text Search
 

To Download MMBD4448H-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free ds30176 rev. 6 - 2 1 of 3 mmbd4448h www.diodes.co m ? diodes incorporated mmbd4448h surface mo unt swit ching di ode case: sot-23 case material: molded pl astic. ul flamm ability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c terminals: solderable per mil-std-202 , method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). polarity: see diagram marking: ka3 (see page 3) weight: 0.008 grams (approximate) mechanical data a e j l t o p v i e w m b c h g d k features characteristic symbol value unit non-repetitive peak revers e voltage v rm 100 v peak repetitive revers e voltage working peak revers e voltage dc blocking voltage v rrm v rwm v r 80 v rms reverse voltage v r (rms) 57 v forward continuous cur rent (note 1) i fm 500 ma average rectified output curr ent (note 1) i o 250 ma non-repetitive peak forward surge curr ent @ t = 1.0 m s @ t = 1.0s i fsm 4.0 2.0 a power dissipation (note 1) p d 350 mw thermal resistance j unction to ambient air (note 1) r q ja 357 c/w operating and storage temperature range t j , t stg -65 to +150 c maximum ratings @ t a = 25 c unless otherwise s pecified notes: 1. part mounted on fr-4 board with recommended pad layout, which can be found on our website at http :// www .diodes.com/ datasheets /ap02001. pdf . 2. short durat ion test pulse used to minimize self-heating effect. 3. no purposefully added lead. characteristic symbol min max unit test condition reverse break down voltage (note 2) v (br)r 80 ? v i r = 2.5 m a forward voltage v f 0.62 ? ? ? 0.72 0.855 1.0 1.25 v i f = 5.0ma i f = 10ma i f = 100ma i f = 150ma reverse cur rent (note 2) i r ? 100 50 30 25 na m a m a na v r = 70v v r = 75v, t j = 150 c v r = 25v, t j = 150 c v r = 20v total capacitance c t ? 3.5 pf v r = 6v, f = 1.0mhz reverse rec overy t ime t rr ? 4.0 ns v r = 6v, i f = 5ma electri cal character isti cs @ t a = 25 c unless otherwise s pecified fast switching speed surface mount package ideally suited for automatic inser tion for general purpos e switching applications high conductance lead free /rohs co mpliant (note 3 ) sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180 a 0 8 all dimensions in m m t o p v i e w
ds30176 rev. 6 - 2 2 of 3 mmbd4448h www.diodes.co m 0 . 1 1 1 0 1 0 0 1 0 0 0 1 0 0 0 0 0 2 0 4 0 6 0 8 0 1 0 0 v , r e v e r s e v o l t a g e ( v ) r f i g . 2 t y p i c a l r e v e r s e c h a r a c t e r i s t i c s i , i n s t a n t a n e o u s r e v e r s e c u r r e n t ( n a ) r t = - 4 0 o c a t = 2 5 o c a t = 7 5 o c a t = 1 2 5 o c a t = 0 o c a 1 0 1 0 0 1 0 0 0 1 0 . 1 0 1 . 6 1 . 2 0 . 4 0 . 8 i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( m a ) f v , i n s t a n t a n e o u s f o r w a r d v o l t a g e ( v ) f f i g . 1 ty p i c a l f o r w a r d c h a r a c t e r i s t i c s t = 1 2 5 o c a t = - 4 0 o c a t = 7 5 o c a t = 2 5 o c a t = 0 o c a 0 0 . 5 1 2 . 5 2 1 . 5 3 0 1 0 2 0 4 0 3 0 5 0 c , t o t a l c a p a c i t a n c e ( p f ) t v , r e v e r s e v o l t a g e ( v ) r f i g . 3 t y p i c a l c a p a c i ta n c e v s . r e v e r s e v o l ta g e f = 1 m h z 0 1 2 0 8 0 4 0 1 6 0 2 0 0 t , a m b i e n t t e m p e r a t u r e ( o c ) a f i g . 4 p o w e r d i s s i p a t i o n d e r a t i n g p , p o w e r d i s s i p a t i o n ( m w ) d 0 1 0 0 2 0 0 3 0 0 4 0 0 5 0 0
ds30176 rev. 6 - 2 3 of 3 mmbd4448h www.diodes.co m month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d date code key k a 3 y m ka3 = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september marking i nformat ion device packaging shipping MMBD4448H-7-F sot-23 3000/tape & reel orderi ng inform ation (note 4) notes: 4. for packaging details, go to our website at http :// www .diodes.com/ datasheets /ap02007. pdf . i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d . year 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code m n p r s t u v w x y z


▲Up To Search▲   

 
Price & Availability of MMBD4448H-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X