Part Number Hot Search : 
ON2398 1400SJ PFW5008 TEFD4300 MBRF50 UM3500 ADR02ARZ ADR02ARZ
Product Description
Full Text Search
 

To Download MKP3362X2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 28120 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 01-mar-05 1 interference suppression film capacitors mkp radial potted type mkp 336 2 x2 vishay bccomponents applications x2 class for x2 electromagnetic interference suppression in across the line applications (50/60hz) with a maximum mains voltage of 275vac. these capacitors are not intended for continuous pulse applications. for these situati ons, capacitors of the ac and pulse program must be used. reference standards ?iec 60384-14 2 nd edition and en 132400? ?iec 60065, pass. flamm. class b? 250 v: csa-c22.2 no 1; ul1414 275 v: csa-c22.2 no 8; enec; cqc 305 v: ul1283 marking c-value; tolerance; rated voltage; sub-class; manufacturer?s type designation; code for dielectric material, only for pitch 15mm; manufacturer location; year and week dielectric polypropylene film electrodes metallized film construction mono construction rated voltage ac 275 v; 50 to 60 hz permissible dc voltage dc 630 v encapsulation plastic case, epoxy resin sealed, flame retardant ul-class 94 v-0 climatic testing class acc. to en 60068-1 55/105/56/b capacitance range (e12 series) e12 series 0.001 to 2.2 f preferred values acc. to e6 capacitance tolerance 20%; 10%; 5% leads tinned wire rated temperature 105 c maximum application temperature 105 c features 10 to 27.5 mm lead pitch. supplied loose in box, taped on reel lead (pb)-free product detail specification for more detailed data and test requirements see ?type detail specific ation hqn-384-14/108? 168x12(halfpage) h l t l w p 0.4 ?d t dimensions in mm e3
www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28120 2 revision: 01-mar-05 mkp 336 2 x2 vishay bccomponents interference suppression film capacitors mkp radial potted type composition of catalog number specific reference data mkp 336 2 275 vac description value tangent of loss angle: at 1 khz at 10 khz at 100 khz c < 470 nf 10 10 ? 4 20 10 ? 4 100 10 ? 4 470 nf c 1 f 20 10 ? 4 70 10 ? 4 ? c > 1 f 30 10 ? 4 ?? rated voltage pulse slope (du/dt) r at 385 v (dc) 100 v/ s r between leads, for c 0.33 f at 100 v; 1 minute > 15000 m ? rc between leads, for c > 0.33 f at 100 v; 1 minute > 5000 s r between leads and case; 100 v; 1 minute > 30000 m ? withstanding (dc) voltage (cut off current 10 ma); rise time 100 v/s: c 1 f 2200 v; 1 minute c > 1 f 1800 v; 1 minute withstanding (ac) voltage between leads and case 2050 v; 1 minute type packaging lead configuration c-tol preferred types 336 2 x2 loose in box lead length 3.5 + 1/ ? 0.5 mm or 3.5 0.3 mm 20% 20 lead length 25.0 2.0 mm 26 on request 336 2 x2 loose in box lead length 3.5 + 1/ ? 0.5 mm or 3.5 0.3 mm 10% 21 lead length 25.0 2.0 mm 27 taped on reel h = 18.5 mm; p 0 = 12.7 mm; reel diameter 500 mm 20% 23 10% 24 2222 336 2. xx x type and pitches 336 2 x2 10.0 mm 15.0 mm 22.5 mm 27.5 mm multiplier (nf) 0.1 2 1 3 10 4 100 5 capacitance (numerically) example: 104 = 10 x 10 = 100 nf
document number: 28120 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 01-mar-05 3 mkp 336 2 x2 interference suppressi on film capacitors mkp radial potted type vishay bccomponents u rac = 275 v; c-tol = 20% notes 1. specified dimensions only valid for 20% tolerance values. 2. l t = 3.5 0.3 mm for pitch = 15 mm; 22.5 mm and 27.5 mm. c (f) dimensions (1) w h l (mm) mass (g) catalog number 336 ..... and packaging loose in box reel l t = 3.5 + 1/ ? 0.5 mm (2) l t = 25.0 2.0 mm h = 18.5 mm; p 0 = 12.7 mm last 5 digits of catalog number spq last 5 digits of catalog number spq last 5 digits of catalog number spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm 0.001 4.0 10.0 12.5 0.6 20102 1000 26102 1250 23102 1400 0.0015 20152 26152 23152 0.0022 20222 26222 23222 0.0033 20332 1000 26332 1000 23332 1100 0.0047 20472 26472 23472 0.0068 20682 26682 23682 0.01 20103 26103 23103 0.015 20153 26153 23153 0.022 20223 26223 23223 0.033 20333 750 26333 750 23333 900 pitch = 15.0 0.4 mm; d t = 0.60 0.06 mm 0.01 5.0 11.0 17.5 1.2 29001 1000 29097 1000 29004 1100 0.015 29011 29071 29014 0.022 29021 29076 29024 0.033 29031 29082 29034 0.047 20473 26473 23473 0.068 20683 26683 23683 0.1 20104 1000 26104 500 23104 800 0.15 6.0 12.0 17.5 1.4 20154 1000 26154 500 23154 650 pitch = 15.0 0.4 mm; d t = 0.80 0.08 mm 0.22 7.0 13.5 17.5 1.9 20224 500 26224 500 23224 600 pitch = 22.5 0.4 mm; d t = 0.80 0.08 mm 0.15 6.0 15.5 26.0 2.9 29041 300 29087 500 29044 600 0.22 29051 200 29093 500 29053 550 0.33 20334 200 26334 500 23334 450 0.47 7.0 16.5 26.0 3.2 20474 200 26474 500 23474 400 pitch = 27.5 0.4 mm; d t = 0.80 0.08 mm 0.47 9.0 19.0 31.0 5.5 29055 100 29095 150 0.68 20684 100 26684 125 1 11.0 21.0 31.0 7.8 20105 100 26105 125 1.5 13.0 23.0 31.0 10.4 20155 100 26155 125 2.2 15.0 25.0 31.0 12.8 20225 100 26225 75
www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28120 4 revision: 01-mar-05 mkp 336 2 x2 vishay bccomponents interference suppressi on film capacitors mkp radial potted type maximum rms voltage and ac current (sin ewave) as a function of frequency tamb 100 c ac voltage (v) 10 3 10 2 10 1 f (hz) 10 1 10 2 10 3 10 4 10 5 470 nf 100 nf 47 nf 10 nf 1000 nf 1nf 2200 nf 4.7 nf ac current (ma) 10 4 10 2 10 0 10 1 f (hz) 10 1 10 2 10 3 10 4 10 5 10 -1 tamb 100 c capacitance impedance min. max. typical -50 ? c/c (%) 2 -2 -4 -6 0 0 50 100 tamb ( c) 4 10 nf 47 nf 100 nf 470 nf 1000 nf 4.7 nf 1 nf impedance ( ? ) 10 3 10 1 10 -2 10 0 f (hz) 10 6 10 4 10 5 10 7 10 8 10 -1 approvals country specification electrical values file numbers approval mark u.s.a. and canada (for ac 250 v) ul1414 and csa-c22.2 no.1 1 nf to 1 f e112471 u.s.a. (for ac 305 v) ul1283 1 nf to 2.2 f e109565 canada (for ac 275 v) csa-c22.2 no.8 1 nf to 2.2 f 1438188 china cqc 1 nf to 2.2 f cqc04001009253 (roeselare) cqc04001009254 (shanghai) cqc04001009262 (famalicao) cqc03001004372 (roeselare factory) 1 nf to 2.2 f: 55/105/56/b be-619 europe en132400 iec 60384-14 2 nd edition 1 nf to 2.2 f 13595 r 296x12(full_width) cqc 02


▲Up To Search▲   

 
Price & Availability of MKP3362X2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X