Part Number Hot Search : 
HCF4536 CP268 HBC548 CA3274E BF1009 XB0126P PI6CV855 KK74HC
Product Description
Full Text Search
 

To Download IXFN44N80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2003 ixys all rights reserved features ? international standard packages  minibloc, with aluminium nitride isolation  low r ds (on) hdmos tm process  rugged polysilicon gate cell structure  unclamped inductive switching (uis) rated  low package inductance  fast intrinsic rectifier applications  dc-dc converters  battery chargers  switched-mode and resonant-mode power supplies  dc choppers  temperature and lighting controls advantages  easy to mount  space savings  high power density symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v dss v gs = 0 v, i d = 3 ma 800 v v gs(th) v ds = v gs , i d = 8 ma 2.0 4.0 v i gss v gs = 20 v dc , v ds = 0 200 na i dss v ds = v dss t j = 25 c 100 a v gs = 0 v t j = 125 c2ma r ds(on) v gs = 10 v, i d = 0.5 ? i d25 0.165 ? pulse test, t 300 s, duty cycle d 2 % symbol test conditions maximum ratings v dss t j = 25 c to 150 c 800 v v dgr t j = 25 c to 150 c; r gs = 1 m ? 800 v v gs continuous 20 v v gsm transient 30 v i d25 t c = 25 c, chip capability 44 a i dm t c = 25 c, pulse width limited by t jm 176 a i ar t c = 25 c44a e ar t c = 25 c64mj e as t c = 25 c4j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 5 v/ns t j 150 c, r g = 2 ? p d t c = 25 c 700 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c v isol 50/60 hz, rms t = 1 min 2500 v~ i isol 1 ma t = 1 s 3000 v~ m d mounting torque 1.5/13 nm/lb.in. terminal connection torque 1.5/13 nm/lb.in. weight 30 g hiperfet tm power mosfets single mosfet die n-channel enhancement mode avalanche rated, high dv/dt, low t rr ds98594d(01/03) d s g s s g s d minibloc, sot-227 b (ixfn) e153432 g = gate d = drain s = source tab = drain either source terminal at minibloc can be used as main or kelvin source v dss = 800 v i d25 = 44a r ds(on) = 0.165 ? ? ? ? ? ixfn 44n80
ixys reserves the right to change limits, test conditions, and dimensions. ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 ixfn 44n80 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 15 v; i d = 0.5 ? i d25 , pulse test 32 50 s c iss 10000 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 1300 pf c rss 330 pf t d(on) 35 ns t r v gs = 10 v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 48 ns t d(off) r g = 1 ? (external), 100 n s t f 24 ns q g(on) 380 nc q gs v gs = 10 v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 70 nc q gd 170 nc r thjc 0.18 k/w r thck 0.05 k/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 44 a i sm repetitive; 176 a pulse width limited by t jm v sd i f = i s , v gs = 0 v, 1.3 v pulse test, t 300 s, duty cycle d 2 % t rr 250 ns q rm i f = 25a, -di/dt = 100 a/ s, v r = 100 v 1.2 c i rm 8a minibloc, sot-227 b m4 screws (4x) supplied dim. millimeter inches min. max. min. max. a 31.50 31.88 1.240 1.255 b 7.80 8.20 0.307 0.323 c 4.09 4.29 0.161 0.169 d 4.09 4.29 0.161 0.169 e 4.09 4.29 0.161 0.169 f 14.91 15.11 0.587 0.595 g 30.12 30.30 1.186 1.193 h 38.00 38.23 1.496 1.505 j 11.68 12.22 0.460 0.481 k 8.92 9.60 0.351 0.378 l 0.76 0.84 0.030 0.033 m 12.60 12.85 0.496 0.506 n 25.15 25.42 0.990 1.001 o 1.98 2.13 0.078 0.084 p 4.95 5.97 0.195 0.235 q 26.54 26.90 1.045 1.059 r 3.94 4.42 0.155 0.174 s 4.72 4.85 0.186 0.191 t 24.59 25.07 0.968 0.987 u -0.05 0.1 -0.002 0.004
? 2003 ixys all rights reserved t c - degrees c -50 -25 0 25 50 75 100 125 150 i d - amperes 0 10 20 30 40 50 i d - amperes 0 20406080 r ds(on) - normalized 0.8 1.2 1.6 2.0 2.4 v ds - volts 0 5 10 15 20 i d - amperes 0 15 30 45 60 v ds - volts 0 5 10 15 20 i d - amperes 0 15 30 45 60 75 90 v gs = 10v t j = 125 o c t j = 25 o c 4v 4v 5v t j = 25 o c t j = 25 o c t j = 125 o c v gs = 9v 8v 7v 6v t j = 125 o c 5v v gs = 9v 8v 7v 6v v gs - volts 3.5 4.0 4.5 5.0 5.5 i d - amperes 0 10 20 30 40 50 60 t j - degrees c 25 50 75 100 125 150 r ds(on) - normalized 1.0 1.3 1.6 1.9 2.2 2.5 i d = 22a v gs = 10v i d = 44a ixfn 44n80 figure 3. r ds(on) normalized to 0.5 i d25 value vs. i d figure 5. drain current vs. case temperature figure 6. admittance curves figure 1. output characteristics at 25 o c figure 2. output characteristics at 125 o c figure 4.r ds(on) normalized to 0.5 i d25 value vs. t j
ixys reserves the right to change limits, test conditions, and dimensions. ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 v sd - volts 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 20 40 60 80 100 pulse width - seconds 10 -4 10 -3 10 -2 10 -1 10 0 10 1 r(th) jc k/w 0.001 0.010 0.100 1.000 v ds - volts 0 5 10 15 20 25 30 35 40 capacitance - pf 100 1000 10000 gate charge - nc 0 100 200 300 400 0 2 4 6 8 10 crss coss v ds = 500 v i d = 18 a i g = 10 ma f = 100khz t j = 125 o c t j = 25 o c ciss 30000 ixfn 44n80 figure 7. gate charge figure 8. capacitance curves figure 9. forward voltage drop of the intrinsic diode figure 10. transient thermal resistance


▲Up To Search▲   

 
Price & Availability of IXFN44N80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X