Part Number Hot Search : 
H11D2300 BD790 GLLM317 K2610 DM9161 HT27C512 D780076 DWR2G
Product Description
Full Text Search
 

To Download IRFN440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  absolute maximum ratings parameter units i d @ v gs = 10v, t c = 25c continuous drain current 8.0 i d @ v gs = 10v, t c = 100c continuous drain current 5.0 i dm pulsed drain current ? 32 p d @ t c = 25c max. power dissipation 125 w linear derating factor 1.0 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy ? 700 mj i ar avalanche current ? 8.0 a e ar repetitive avalanche energy ? 12.5 mj dv/dt p eak diode recovery dv/dt ? 3.5 v/ns t j operating junction -55 to 150 t stg storage temperature range package mounting surface temperature 300(for 5 seconds) weight 2.6 (typical) g pd - 91552c hexfet ? mosfet technology is the key to international rectifier?s advanced line of power mosfet transistors. the efficient geometry design achieves very low on-state re- sistance combined with high transconductance. hexfet transistors also feature all of the well-established advan- tages of mosfets, such as voltage control, very fast switch- ing, ease of paralleling and electrical parameter temperature stability. they are well-suited for applications such as switch- ing power supplies, motor controls, inverters, choppers, audio amplifiers, high energy pulse circuits, and virtually any application where high reliability is required. the hexfet transistor?s totally isolated package eliminates the need for additional isolating material between the device and the heatsink. this improves thermal efficiency and reduces drain capacitance. o c a power mosfet surface mount(smd-1) 1/28/02 www.irf.com 1 smd-1 product summary part number r ds(on) i d IRFN440 0.85 ? 8.0a features:  simple drive requirements  ease of paralleling  hermetically sealed  electrically isolated  surface mount  dynamic dv/dt rating  light-weight for footnotes refer to the last page IRFN440 jantx2n7222u jantxv2n7222u ref:mil-prf-19500/596 500v, n-channel hexfet ? mosfet technology
IRFN440 2 www.irf.com electrical characteristics @ tj = 25c (unless otherwise specified) parameter min typ max units test conditions bv dss drain-to-source breakdown voltage 500 ? ? v v gs = 0v, i d = 1.0ma ? bv dss / ? t j temperature coefficient of breakdown ? 0.78 ? v/c reference to 25c, i d = 1.0ma voltage r ds(on) static drain-to-source on-state ? ? 0.85 v gs = 10v, i d = 5.0a resistance ? ? 0.95 v gs = 10v, i d = 8.0a v gs(th) gate threshold voltage 2.0 ? 4.0 v v ds = v gs , i d = 250a g fs forward transconductance 4.7 ? ? s ( )v ds > 15v, i ds = 5.0a ? i dss zero gate voltage drain current ? ? 25 v ds = 400v ,v gs =0v ? ? 250 v ds = 400v, v gs = 0v, t j = 125c i gss gate-to-source leakage forward ? ? 100 v gs = 20v i gss gate-to-source leakage reverse ? ? -100 v gs = -20v q g total gate charge ? ? 68.5 v gs =10v, i d = 8.0a q gs gate-to-source charge ? ? 12.5 nc v ds =250v q gd gate-to-drain (?miller?) charge ? ? 42.4 t d (on) turn-on delay time ? ? 21 v dd = 250v, i d = 8.0a, t r rise time ? ? 73 v gs =10v, r g = 9.1 ? t d (off) turn-off delay time ? ? 72 t f fall time ? ? 51 l s + l d total inductance ? 4.0 ? c iss input capacitance ? 1300 ? v gs = 0v, v ds = 25v c oss output capacitance ? 310 ? pf f = 1.0mhz c rss reverse transfer capacitance ? 120 ? na ? ? nh ns a note: corresponding spice and saber models are available on the g&s website. for footnotes refer to the last page thermal resistance parameter min typ max units test conditions r thjc junction-to-case ? ? 1.0 r thj-pcb junction-to-pc board ? 4.0 ? soldered to a copper-clad pc board c/w source-drain diode ratings and characteristics parameter min typ max units test conditions i s continuous source current (body diode) ? ? 8.0 i sm pulse source current (body diode) ? ?? 32 v sd diode forward voltage ? ? 1.5 v t j = 25c, i s = 8.0a, v gs = 0v ? t rr reverse recovery time ? ? 700 ns t j = 25c, i f = 8.0a, di/dt 100a/ s q rr reverse recovery charge ? ? 8.9 c v dd 30v ? t on forward turn-on time intrinsic turn-on time is negligible. turn-on speed is substantially controlled by l s + l d . a measured from the center of drain pad to center of source pad. ?
www.irf.com 3 IRFN440 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics
IRFN440 4 www.irf.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 13a & b 1
www.irf.com 5 IRFN440 fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms v ds pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. 10v + - v dd fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature
IRFN440 6 www.irf.com q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - 10 v fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v . 10 10
www.irf.com 7 IRFN440 ? i sd 8.0a, di/dt 100a/ s, v dd 500v, t j 150 c ? pulse width 300 s; duty cycle 2% ? repetitive rating; pulse width limited by maximum junction temperature. ? v dd = 25v, starting t j = 25 c, l= 10.4mh peak i l = 8.0a, v gs = 10v footnotes: case outline and dimensions ? smd-1 ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . data and specifications subject to change without notice. 01/02 p ad assignments 1- drain 2- gate 3- source


▲Up To Search▲   

 
Price & Availability of IRFN440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X