Part Number Hot Search : 
R127047 RL821 10ZF3M 2SJ551S 00159 NCP5359A MCR10 RL821
Product Description
Full Text Search
 

To Download IDD15E60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2003-07-31 rev.2 page 1 IDD15E60 fast switching emcon diode product summary v rrm 600 v i f 15 a v f 1.5 v t j max 175 c feature ? 600 v emcon technology ? fast recovery ? soft switching ? low reverse recovery charge ? low forward voltage ? 175c operating temperature ? easy paralleling pin 1 pin 2 pin 3 nc c a marking d15e60 type package ordering code IDD15E60 p-to252-3-1 q67040-s4380 maximum ratings , at t j = 25 c, unless otherwise specified parameter symbol value unit repetitive peak reverse voltage v rrm 600 v continous forward current t c =25c t c =90c i f 29.2 19.6 a surge non repetitive forward current t c =25c, t p =10 ms, sine halfwave i fsm 60 maximum repetitive forward current t c =25c, t p limited by t jmax , d =0.5 i frm 45 power dissipation t c =25c t c =90c p tot 83.3 47.2 w operating and storage temperature t j , t st g -55...+175 c soldering temperature for 10s ( accordin g to jedec j-std-020a ) t s 255 c
2003-07-31 rev.2 page 2 IDD15E60 thermal characteristics parameter symbol values unit min. typ. max. characteristics thermal resistance, junction - case r thjc - - 1.8 k/w smd version, device on pcb: @ min. footprint @ 6 cm 2 cooling area 1) r thja - - - - 75 50 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol values unit min. typ. max. static characteristics reverse leakage current v r =600v, t j =25c v r =600v, t j =150c i r - - - - 50 1250 a forward voltage drop i f =15a, t j =25c i f =15a, t j =150c v f - - 1.5 1.5 2 - v 1 device on 40mm*40mm*1.5mm epoxy pcb fr4 with 6cm2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical without blown air.
2003-07-31 rev.2 page 3 IDD15E60 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol values unit min. typ. max. dynamic characteristics reverse recovery time v r =400v, i f =15a, d i f /d t =1000a/s, t j =25c v r =400v, i f =15a, d i f /d t =1000a/s, t j =125c v r =400v, i f =15a, d i f /d t =1000a/s, t j =150c t rr - - - 87 124 131 - - - ns peak reverse current v r =400v, i f = 15 a, d i f /d t =1000a/s, t j =25c v r =400v, i f =15a, d i f /d t =1000a/s, t j =125c v r =400v, i f =15a, d i f /d t =1000a/s, t j =150c i rrm - - - 13.7 16.4 19.3 - - - a reverse recovery charge v r =400v, i f =15a, d i f /d t =1000a/s, t j =25c v r =400v, i f =15a, d i f /d t =1000a/s, t j =125c v r =400v, i f =15a, d i f /d t =1000a/s, t j =150c q rr - - - 595 995 1104 - - - nc reverse recovery softness factor v r =400v, i f =15a, d i f /d t =1000a/s, t j =25c v r =400v, i f =15a, d i f /d t =1000a/s, t j =125c v r =400v, i f =15a, d i f /d t =1000a/s, t j =150c s - - - 3.6 4.3 4.5 - - -
2003-07-31 rev.2 page 4 IDD15E60 2 diode forward current i f = f( t c ) parameter: t j 175c 25 50 75 100 125 c 175 t c 0 5 10 15 20 a 30 i f 1 power dissipation p tot = f ( t c ) parameter: t j 175 c 25 50 75 100 125 c 175 t c 0 10 20 30 40 50 60 70 w 90 p tot 3 typ. diode forward current i f = f ( v f ) 0.5 1 1.5 v 2.5 v f 0 10 20 30 a 50 i f -55c 25c 100c 150c 4 typ. diode forward voltage v f = f ( t j ) -60 -20 20 60 100 c 160 t j 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 v 2 v f 7.5a 15a 30a
2003-07-31 rev.2 page 5 IDD15E60 5 typ. reverse recovery time t rr = f (d i f /d t ) parameter: v r = 400v, t j = 125c 200 300 400 500 600 700 800 a/s 1000 d i f /d t 0 50 100 150 200 250 300 350 400 ns 500 t rr 30a 15a 7.5a 6 typ. reverse recovery charge q rr = f (d i f /d t ) parameter: v r = 400v, t j = 125 c 200 300 400 500 600 700 800 a/s 1000 d i f /d t 550 650 750 850 950 1050 1150 1250 nc 1450 q rr 7.5a 15a 30a 7 typ. reverse recovery current i rr = f (d i f /d t ) parameter: v r = 400v, t j = 125c 200 300 400 500 600 700 800 a/s 1000 d i f /d t 4 5 6 7 8 9 10 11 12 13 14 15 16 a 18 i rr 30a 15a 7.5a 8 typ. reverse recovery softness factor s = f(d i f /d t ) parameter: v r = 400v, t j = 125c 200 300 400 500 600 700 800 a/s 1000 d i f /d t 3 4 5 6 7 8 9 11 s 7,5a 15a 30a
2003-07-31 rev.2 page 6 IDD15E60 9 max. transient thermal impedance z thjc = f ( t p ) parameter : d = t p / t 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -3 10 -2 10 -1 10 0 10 1 10 k/w IDD15E60 z thjc single pulse 0.01 0.02 0.05 0.10 0.20 d = 0.50
2003-07-31 rev.2 page 7 IDD15E60 p-to252 (d-pak) symbol [mm] inch] minmaxminmax a 6.40 6.73 0.2520 0.2650 b 5.25 5.50 0.2067 0.2165 c (0.65) (1.15) (0.0256) (0.0453) d 0.63 0.89 0.0248 0.0350 e f 2.19 2.39 0.0862 0.0941 g 0.76 0.98 0.0299 0.0386 h 0.90 1.21 0.0354 0.0476 k 5.97 6.23 0.2350 0.2453 l 9.40 10.40 0.3701 0.4094 m 0.46 0.58 0.0181 0.0228 n 0.87 1.15 0.0343 0.0453 p 0.51 - 0.0201 - r 5.00 - 0.1969 - s 4.17 - 0.1642 - t 0.26 1.02 0.0102 0.0402 u- - - - 2.28 0.2520 dimensions
2003-07-31 rev.2 page 8 IDD15E60 published by infineon technologies ag , bereichs kommunikation st.-martin-strasse 53, d-81541 mnchen ? infineon technologies ag 1999 all rights reserved. attention please! the information herein is given to describe certain components and shall not be considered as warranted characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. infineon technologies is an approved cecc manufacturer. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office in germany or our infineon technologies reprensatives worldwide (see address list). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of IDD15E60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X