Part Number Hot Search : 
74004 M32186 BYX90G SILICON 2SD24 1SMA5935 190MS8E ISL97692
Product Description
Full Text Search
 

To Download HSCH-9301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gaas beam lead schottky barrier ring and bridge diodes technical data features ? gold tri-metal system for improved reliability ? low capacitance ? low series resistance ? high cutoff frequency ? polyimide passivation description the HSCH-9301 ring quad and the hsch-9351 bridge quad are advanced gallium arsenide schottky barrier diodes. these devices are fabricated utilizing molecular beam epitaxy (mbe) manufacturing techniques and feature rugged construction and consistent electrical performance. a polyimide coating provides scratch protection and resistance to contamination. applications this line of schottky diodes is optimized for use in mixer appli- cations at millimeter wave frequencies. some suggested mixer types are double balanced for the ring quad and biased double balanced for the bridge quad. the bridge quad can also be used in sampling circuits. HSCH-9301 hsch-9351 HSCH-9301 (junction side up) hsch-9351 (junction side up) 390 (15.4) 310 (12.2) 9 (0.4) 7 (0.3) 756 (29.8) 746 (29.4) 125 (4.9) 105 (4.1) 183 (7.2) 178 (7.0) 125 (4.9) 105 (4.1) 183 (7.2) 178 (7.0) 712 (28.0) 702 (27.6) l = 0.1 nh dimensions in m (1/1000 inch) 346 (13.6) 266 (10.5) 60 (2.4) 50 (2.0) 390 (15.4) 310 (12.2) 9 (0.4) 7 (0.3) 756 (29.8) 746 (29.4) 125 (4.9) 105 (4.1) 183 (7.2) 178 (7.0) 125 (4.9) 105 (4.1) 183 (7.2) 178 (7.0) 712 (28.0) 702 (27.6) l = 0.1 nh dimensions in m (1/1000 inch) 346 (13.6) 266 (10.5) 60 (2.4) 50 (2.0)
2 assembly techniques thermocompression bonding is recommended. welding or conductive epoxy may also be used. for additional information see application note 979, the handling and bonding of beam lead devices made easy, or application note 992, beam lead attachment methods, or application note 993, beam lead device bonding to soft substrates. gaas diodes are esd sensitive. proper precautions should be used when handling these devices. maximum ratings power dissipation at t lead = 25 c .............................. 75 mw per junction measured in an infinite heat sink derated linearly to zero at maximum rated temperature operating temperature ........................................................-65 c to +150 c storage temperature ............................................................-65 c to +150 c mounting temperature ................................................235 c for 10 seconds minimum lead strength .................................................................... 6 grams electrical specifications at t a = 25 c part number HSCH-9301 hsch-9351 symbol parameters and test conditions units min. typ. max. min. typ. max. c m measured capacitance pf 0.075 0.100 0.075 0.100 v r = 0 v, f = 1 mhz c ta total adjacent capacitance pf 0.110 0.110 v r = 0 v, f = 1 mhz c td total diagonal capacitance pf 0.075 0.075 v r = 0 v, f = 1 mhz d c m measured capacitance difference pf 0.015 0.025 0.015 0.025 v r = 0 v, f = 1 mhz r s series resistance w 66 v f forward voltage mv 700 800 700 800 i f = 1 ma d v f forward voltage difference mv 20 20 i f = 1 ma v br reverse breakdown voltage v 4.5 v r = v br measure i r 10 m a (per junction)
3 typical parameters spice parameters parameter units hsch-9xxx b v v5 c j0 pf 0.04 e g ev 1.43 i bv a10e-5 i s a 1.6 x 10e - 13 n 1.20 r s w 5 p b v 0.7 p t 2 m 0.5 100 10 1 0.1 0.01 forward voltage (v) forward current (ma) 0 0.2 0.4 0.6 1.2 1.0 0.8 +125 c +25 c -55 c figure 1. typical forward characteristics for HSCH-9301, hsch- 9351. dynamic and series resistance schottky diode resistance may be expressed as series resistance, r s , or as dynamic resistance, r d . these two terms are related by the equation r d = r s + r j where r j is the resistance of the junction. junction resistance of a diode with dc bias is quite accurately calculated by r j = 26/i b where i b is the bias current in milliamperes. the series resistance is independent of current. the dynamic resistance is more easily measured. if series resistance is specified it is usually obtained by subtracting the calculated junction resistance from the measured dynamic resistance. quad capacitance capacitance of schottky diode quads is measured using an hp4271 lcr meter. this instrument effectively isolates individual diode branches from the others, allowing accurate capacitance measurement of each branch or each diode. the conditions are: 20 mv r.m.s. voltage at 1 mhz. agilent defines this measurement as c m , and it is equivalent to the capacitance of the diode by itself. the equivalent diagonal and adjacent capacitances can then be calculated by the formulas given below. in a quad, the diagonal capaci- tance is the capacitance between points a and b as shown in figure 2. the diagonal capacitance is calculated using the following formula c 1 x c 2 c 3 x c 4 c diagonal = CCCCCCC + CCCCCCC c 1 + c 2 c 3 + c 4 the equivalent capacitance is the capacitance between points a and c in figure 2. this capacitance is calculated using the following formula 1 c adjacent = c 1 + CCCCCCCCCCC 1 1 1 CC + CC + CC c 2 c 3 c 4 c 1 c 2 c 4 c 3 a b c figure 2.
bonding and handling procedures for beam lead diodes 1. storage under normal circumstances, storage of beam lead diodes in agilent-supplied waffle/gel packs is sufficient. in particularly dusty or chemically hazardous environ- ments, storage in an inert atmosphere desiccator is advised. 2. handling in order to avoid damage to beam lead devices, particular care must be exercised during inspection, testing, and assembly. although the beam lead diode is designed to have exceptional lead strength, its small size and delicate nature requires that special handling techniques be observed so that the devices will not be mechan- ically or electrically damaged. a vacuum pickup is recommended for picking up beam lead devices, particularly larger ones, e.g., quads. care must be exercised to assure that the vacuum opening of the needle is sufficiently small to avoid passage of the device through the opening. a #27 tip is recommended for picking up single beam lead devices. a 20x magnification is needed for precise positioning of the tip on the device. where a vacuum pickup is not used, a sharpened wooden q-tip dipped in isopropyl alcohol is very commonly used to handle beam lead devices. 3. cleaning for organic contamination use a warm rinse of trichloroethane followed by a cold rinse in acetone and methanol. dry under infrared heat lamp for 5-10 minutes on clean filter paper. freon degreaser may replace trichloroethane for light organic contamination. ? ultrasonic cleaning is not recommended. ? acid solvents should not be used. 4. bonding see application note 992, beam lead attachment methods, for a general description of the various methods for attaching beam lead diodes to both hard and soft substrates. thermocompression: see application note 979 the handling and bonding of beam lead devices made easy. this method is good for hard sub- strates only. wobble: this method picks up the device, places it on the substrate and forms a thermocom- pression bond all in one operation. this is described in mil-std-883, method 2017 and is intended for hard substrates only. equipment specifically designed for beam lead wobble bonding is available from kulicke and soffa in horsham, pa. ultrasonic: not recommended. resistance welding or parallel-gap welding: to make welding on soft substrates easier, a low pressure welding head is recommended. suitable equipment is available from hughes, industrial products division in carlsbad, ca. for more information, see application note 993, beam lead diode bonding to soft substrates. epoxy: with solvent free, low resistivity epoxies (available from ablestik in gardena, ca, micon in lexington, ma, and many others) and improvements in dispensing equipment, the quality of epoxy bonds is sufficient for many applications. equipment is available from advanced semiconductor materials america, inc., assembly products group in chandler, az (automatic), and west bond in orange, ca (manual). reflow: not recommended. www.semiconductor.agilent.com data subject to change. copyright ? 1999 agilent technologies obsoletes 5954-2111 5965-8852e (11/99)


▲Up To Search▲   

 
Price & Availability of HSCH-9301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X