feb.1999 FS50KMJ-03 outline drawing dimensions in mm to-220fn mitsubishi nch power mosfet FS50KMJ-03 high-speed switching use application motor control, lamp control, solenoid control dc-dc converter, etc. v v a a a a a w c c v g 30 20 50 200 50 50 200 25 C55 ~ +150 C55 ~ +150 2000 2.0 v gs = 0v v ds = 0v l = 30 m h ac for 1minute, terminal to case typical value drain-source voltage gate-source voltage drain current drain current (pulsed) avalanche drain current (pulsed) source current source current (pulsed) maximum power dissipation channel temperature storage temperature isolation voltage weight v dss v gss i d i dm i da i s i sm p d t ch t stg v iso symbol maximum ratings (tc = 25 c) parameter conditions ratings unit 4v drive v dss ................................................................................. 30v r ds (on) (max) ............................................................. 19m w i d ........................................................................................ 50a integrated fast recovery diode (typ.) ............ 60ns v iso ............................................................................... 2000v 15 0.3 14 0.5 10 0.3 2.8 0.2 f 3.2 0.2 1.1 0.2 1.1 0.2 0.75 0.15 2.54 0.25 2.54 0.25 2.6 0.2 4.5 0.2 0.75 0.15 3 0.3 3.6 0.3 6.5 0.3 123 q gate w drain e source e w q e
feb.1999 v (br) dss i gss i dss v gs (th) r ds (on) r ds (on) v ds (on) ? y fs ? c iss c oss c rss t d (on) t r t d (off) t f v sd r th (ch-c) t rr mitsubishi nch power mosfet FS50KMJ-03 high-speed switching use v m a ma v m w m w v s pf pf pf ns ns ns ns v c/w ns 30 1.0 1.5 15 21 0.375 28 1600 500 260 17 90 130 125 1.0 60 0.1 0.1 2.0 19 35 0.475 1.5 5.0 electrical characteristics (tch = 25 c) drain-source breakdown voltage gate-source leakage current drain-source leakage current gate-source threshold voltage drain-source on-state resistance drain-source on-state resistance drain-source on-state voltage forward transfer admittance input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time source-drain voltage thermal resistance reverse recovery time symbol unit parameter test conditions limits min. typ. max. i d = 1ma, v gs = 0v v gs = 20v, v ds = 0v v ds = 30v, v gs = 0v i d = 1ma, v ds = 10v i d = 25a, v gs = 10v i d = 25a, v gs = 4v i d = 25a, v gs = 10v i d = 25a, v ds = 10v v ds = 10v, v gs = 0v, f = 1mhz v dd = 15v, i d = 25a, v gs = 10v, r gen = r gs = 50 w i s = 25a, v gs = 0v channel to case i s = 25a, dis/dt = C50a/ m s performance curves 0 10 20 30 40 50 0 200 50 100 150 power dissipation derating curve case temperature t c (?) power dissipation p d (w) maximum safe operating area drain-source voltage v ds (v) drain current i d (a) output characteristics (typical) drain current i d (a) drain-source voltage v ds (v) output characteristics (typical) drain current i d (a) drain-source voltage v ds (v) 10 0 3 5 7 10 1 2 3 5 7 10 2 2 3 5 7 10 0 357 2 10 1 357 2 10 2 357 2 3 23 t c = 25? single pulse tw = 10 m s 100 m s 10ms 1ms dc 0 20 40 60 80 100 0 1.0 2.0 3.0 4.0 5.0 p d = 25w v gs = 10v t c = 25? pulse test 4v 5v 3v 2v 0 10 20 30 40 50 0 0.4 0.8 1.2 1.6 2.0 3v 6v 5v 4v 2v t c = 25? pulse test v gs = 10v p d = 25w
feb.1999 mitsubishi nch power mosfet FS50KMJ-03 high-speed switching use 0 10 20 30 40 50 10 0 210 1 357 2 10 2 357 2 10 3 357 v gs = 4v 10v t c = 25? pulse test 0 20 40 60 80 100 0246810 t c = 25? v ds = 10v pulse test 10 2 3 5 7 10 3 2 3 5 7 10 4 2 3 2 5 7 10 0 210 1 357 357 2 10 2 357 23 2 ciss coss crss tch = 25? f = 1mh z v gs = 0v 10 0 10 1 23457 10 2 23457 10 1 10 2 2 3 4 5 7 10 3 2 3 4 5 7 t d(off) t d(on) t r tch = 25? v dd = 15v v gs = 10v r gen = r gs = 50 w t f on-state voltage vs. gate-source voltage (typical) gate-source voltage v gs (v) drain-source on-state voltage v ds (on) (v) on-state resistance vs. drain current (typical) drain current i d (a) drain-source on-state resistance r ds (on) (m w ) transfer characteristics (typical) gate-source voltage v gs (v) drain current i d (a) forward transfer admittance vs.drain current (typical) drain current i d (a) forward transfer admittance y fs (s) switching characteristics (typical) drain-source voltage v ds (v) capacitance vs. drain-source voltage (typical) drain current i d (a) capacitance ciss, coss, crss (pf) switching time (ns) 10 0 10 1 23457 10 2 23457 10 0 10 1 2 3 4 5 7 10 2 2 3 4 5 7 t c = 25? 75? 125? v ds = 10v pulse test 0 1.0 2.0 3.0 4.0 5.0 0246810 i d = 80a t c = 25? pulse test 50a 30a
feb.1999 mitsubishi nch power mosfet FS50KMJ-03 high-speed switching use gate-source voltage vs.gate charge (typical) gate charge q g (nc) gate-source voltage v gs (v) source-drain diode forward characteristics (typical) source-drain voltage v sd (v) source current i s (a) channel temperature tch (?) drain-source on-state resistance r ds (on) (t?) threshold voltage vs. channel temperature (typical) gate-source threshold voltage v gs (th) (v) transient thermal impedance characteristics channel temperature tch (?) breakdown voltage vs. channel temperature (typical) pulse width t w (s) transient thermal impedance z th (ch?) (?/ w) on-state resistance vs. channel temperature (typical) drain-source on-state resistance r ds (on) (25?) channel temperature tch (?) drain-source breakdown voltage v (br) dss (t?) drain-source breakdown voltage v (br) dss (25?) 0 2 4 6 8 10 0 1020304050 v ds = 10v 20v 25v tch = 25? i d = 50a 10 ? 10 0 2 3 4 5 7 10 1 2 3 4 5 7 ?0 0 50 100 150 v gs = 10v i d = 1/2i d pulse test 0 0.8 1.6 2.4 3.2 4.0 ?0 0 50 100 150 v ds = 10v i d = 1ma 0.4 0.6 0.8 1.0 1.2 1.4 ?0 0 50 100 150 v gs = 0v i d = 1ma 0 25 50 75 100 0 0.4 0.8 1.2 1.6 2.0 t c = 125? 75? 25? v gs = 0v pulse test 10 ? 10 ? 2 3 5 7 10 0 2 3 5 7 10 1 2 3 5 7 10 ? 23 57 23 57 23 57 23 57 10 0 23 57 10 1 23 57 10 2 10 ? 10 ? 10 ? p dm tw d = t tw t d = 1.0 0.5 0.2 0.1 0.05 0.02 0.01 single pulse
|