Part Number Hot Search : 
74AC24 SFR503 49LF00 TS431A MP4690 PUMD15 H06MTR22 KBJ4007
Product Description
Full Text Search
 

To Download FR607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features fast switching for high efficiency low cost diffused junction low reverse leakage current low forward voltage drop high current capability the plastic material carries ul recognition 94v-0 mechanical data case: jedec r-6 molded plastic polarity: color band denotes cathode weight: 0.07 ounces , 2.1 grams mounting position: any dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% characteristics symbol fr601 fr602 fr603 fr604 fr605 fr606 FR607 unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t a =75 peak forward surge current 8.3ms single half sine-wave super imposed on rated load(jedec method) peak forward voltage at 6.0a dc v f v maximum dc reverse current @t j =25 at rated dc blocking voltage @t j =100 maximum reverse recovery time(note 1) t rr 250 ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja /w operating temperature range t j storage temperature range t stg 1.3 5.0 140 notes: 1.measured with i f =0.5a,i r =1a,i rr =0.25a a 70 150 500 i r 100 fr601 thru FR607 fast recovery rectifiers reverse voltage - 50 to 1000 volts forward current - 6.0 amperes a i fsm 300 a i (av) 6.0 ~ 72 ~ 32 -55 to +125 -55 to +150 2.measured at 1.0 mhz and applied reverse voltage of 4.0v dc 3.thermal resistance junction to ambient. r - 6 2100 .360(9.1) .340(8.6) .052(1.3) .048(1.2) dia .360(9.1) .340(8.6) dia 1.0(25.4) min 1.0(25.4) min
rating and charactertic curves fr601 thru FR607 ~ 73 ~ fig. 1 C forward current derating curve ambient temperature ( ) a v e r a g e f o r w a r d c u r r e n t a m p e r e s 2.0 1.0 0 3.0 4.0 5.0 6.0 40 60 80 100 120 140 20 single phase half wave 60hz resistive or inductive load fig. 2 C maximum non-repetitive surge current number of cycles at 60hz p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s pulse width 8.3ms single half-sine-wave (jedec method) 1 200 100 0 300 400 2 5 10 20 50 100 fig.4-typical forward characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) instantaneous forward voltage ,volts 0 0.2 0.4 0.6 0.8 1.2 1.6 1.4 1.0 1.8 1000 10 100 0.1 1.0 t j = 25 c pulse width 300us c a p a c i t a n c e , ( p f ) 1 1000 100 10 4 10 100 fr601 - fr604 fr605 - FR607 t j = 25 c f = 1 mhz fig.3 C typical junction capacitance reverse voltage ,volts


▲Up To Search▲   

 
Price & Availability of FR607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X