Part Number Hot Search : 
250101B 2J224 27T104C F1603 1SS174 04597 EL2041D 1N5376B
Product Description
Full Text Search
 

To Download ER201A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  er200 thru er206 superfast recovery rectifiers voltage - 50 to 600 volts current - 2.0 amperes features l superfast recovery times - epitaxial construction l low forward voltage, high current capability l exceeds environmental standards of mil - s - 19500/2 28 l hermetically sealed l low leakage l high surge capability l plastic package has underwriters laboratories flammability classification 94v - o utilizing flame retardant epoxy molding compound mechanical data case: molded plastic, do - 15 terminals: axial leads, solderable to mil - std - 202, method 208 polarity: color band denotes cathode end mounting position: any weight: 0.015 ounce, 0.4 gram maximum ratings and electrical characteristics ratings at 25  ambient temperature unless otherwise specified. res istive or inductive load, 60hz. er200 er201 ER201A er202 er203 er204 er206 units maximum recurrent peak reverse voltage 50 100 150 200 300 400 600 v maximum rms voltage 35 70 105 140 210 320 420 v maximum dc blocking voltage 50 100 150 200 300 400 600 v maximum average forward current .375"(9.5mm) lead length at t a =55  2.0 a peak forward surge current, i fm (surge): 8.3ms single half sine - wave superimposed on rated load(jedec method) 50.0 a maximum forward voltage at 2.0a dc .95 1.25 1.7 v maximum dc reverse current at rated dc blocking voltage 5.0  a maximum d c reverse current at rated dc blocking voltage t a =125  200  a maximum reverse recovery time(note 1) 35.0 ns typical junction capacitance (note 2) 22 p f typical junction resistance(note 3) r  ja 40  /w operating and storage temperature range t j - 55 to +150  notes: 1. reverse recovery test conditions: i f =.5a, i r =1a, irr=.25a do - 15
2. measured at 1 mhz and applied reverse voltage of 4.0 vdc 3. thermal resistance from junction to ambient and from junction to lead length 0.375?(9.5mm) p.c.b. mounted rating and characte ristic curves er200 thru er206 fig. 1 - reverse recovery time characteristic fig. 2 - maximum average forward and test circuit diagram current rating fig. 3 - typical reverse characteristics fig. 4 - forward current derating curve
fig. 5 - maximum non - repetitive surge current fig. 6 - typical junction capacitance


▲Up To Search▲   

 
Price & Availability of ER201A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X