Part Number Hot Search : 
MPC8241 16X5R 7C1041 PVB5WFW B0812BC1 75005 LB381 100EL
Product Description
Full Text Search
 

To Download CB34EX-100CR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e t b u r n e r networking in 1 day! cb34-ex netburners easy-to-use high-performance can-to-ethernet device key points ? instantly allows any rs-232 and/or rs-485 serial device to communicate over a network or the internet ( custom programming is required for products which use can) ? simple web page confguration ? fully featured web server uses standard internet protocols like tcp/ip, telnet, and http ? use as a high-performance single board computer or add ethernet connectivity to a new or existing design ? customize to suit any application with a low-cost development kit. features ? 32-bit coldfire 5234 processor with etpu co-processor ? 8mb sdram and 2mb of flash memory ? 10/100 ethernet ? rs-232/422/485 serial ports,with can peripheral interface ? industrial temperature range (-40c to 85 c) ? dhcp/static ip support optional the following optional software modulees not included with the network development kits and are sold seprately ? ssl/ssh option ? snmp option overview the cb34-ex is a low cost, high-performance can-to-ethernet device that network en - ables both existing and new product designs with 10/100base-t ethernet. network enable existing applications the cb34-ex network enables serial devices right out of the box. no programming or development is required; it is pre-programmed to convert rs-232 and rs-485 data to ethernet, enabling a serial device to communicate over a network or the internet. the on board web server provides easy device confguration via a standard web browser. note: programming is required for products which use can . customize to suit any application the optional cb34-ex development kit enables you to create additional dynamic web page content, flter serial and network data, or write completely new custom applications. netburner has a solid reputation for developing platforms that facilitate rapid product development, and the cb34-ex is no exception. the kit includes the hardware platform, tcp/ip stack, uc/os real-time operating system, web server, gnu c/c++ compiler and linker, gdb graphical debugger, end-user device confguration and fash update utilities, and much more. please see the nndk-cb34ex-kit datasheet for more information. real 32-bit performance while other products in this price range are 8-bit processors with small amounts of paged memory and limited performance, the freescale coldfire 5234 is a full 32-bit high-perfor - mance processor. the cb34-ex has 8mb of sdram and 2mb of fash, providing plenty of space for applications and bufering. cb34-ex
e t b u r n e r networking in 1 day! specifcations processor and memory 32-bit freescale coldfire 5234 running at 147mhz with 8mb sdram, and 2mb flash network interface 10/100 baset rj-45 connector with integrated magnetics connectors ? rj-45 ethernet jack ? db-9 serial port ? tstrip5 terminal strip ? power jack physical characteristics dimensions: 4.2 x 3.25 x 1 power dc input voltage: 7v-24v environmental operating temperature -40 to 85 c serial interfacees rs-232, rs-485, and can serial confgurations the 2 ports can be confgured in the following ways: ? one rs-232 port, one rs-485 port ? one rs-232 port, one can port ? one rs-485 port, one can port leds one power, two general purpose software & protocols ( included with development kit) tcp/ip stack, web server, real-time operating system (rtos), ansi c/c++ compiler and linker, assembler, graphical debugger, netburner eclipse integrated development environment (ide), code update, confguration, and deployment tools. please refer - ence netburner software datasheet for a complete list of the protocols included with this development kit (www.netburner. com). part numbers netburner cb34-ex development kit p/n: nndk-cb34ex-ki t netburner cb34ex device only p/n: cb34-ex-100ir connector descriptions the cb34ex has 3 serial interfaces: uart0 (rs-232), uart1 (rs- 485/422) and can. each serial interface can be confgured via internal jumpers to appear on either the db9 or terminal strip connector. leds the cb34ex has a power led and two programmable leds. table 1: db-9 note: 1. optional input power connector pin 1 2 3 4 5 6 7 8 9 uart 0 rs-232 cd rx tx dtr gnd dsr rts cts ri or pwrin 1 uart 1 rs-485 - hd/fd tx- fd rx+ - gnd fd rx- hd/fd tx+ - pwrin 1 table 2: terminal strip (tstrip5) note: 1. optional input power connector pin 1 2 3 4 5 uart 0 rs-232 gnd rx tx rts cts or pwrin uart 1 rs-485 gnd hd/fd tx- hd/fd tx+ fd rx- fd rx+ or pwrin can - canl gnd - gnd gnd canh - pwrin can gnd canl gnd canh pwrin 1 cb34-ex


▲Up To Search▲   

 
Price & Availability of CB34EX-100CR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X