Part Number Hot Search : 
MMSZ4678 00505 2E103J 8X7R2J10 EAIRMAA3 5367B NJM2232A FCQ20A03
Product Description
Full Text Search
 

To Download C8051F531A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  automotive copyright ? 2008 by silicon laboratories 11.20.2008 digital peripherals uart0 timers 0, 1, 2 3 channel pca/wdt priority crossbar decoder p0.0 p0.1 p0.2 p0.3 p0.4 p0.5 p0.6/c2d p0.7/xtal1 crossbar control port i/o configuration sfr bus p1.0/xtal2 p1.1 p1.2 p1.3 p1.4 p1.5 spi debug / programming hardware power on reset reset c2d c2ck/rst p1.6 p1.7 analog peripherals comparator + - 12-bit 200ksps adc a m u x temp sensor vref vdd vdd vref gnd cp0, cp0a voltage reference vref system clock setup external oscillator internal oscillator (0.5%) xtal1 cip-51 8051 controller core (25 mhz) 8 kb flash program memory 256 byte sram port 0 drivers port 1 drivers voltage regulator (ldo) gnd vregin vdd xtal2 vregin C8051F531A 25 mips, 8 kb flash, 12-bit adc, 20-pin automotive mcu analog peripherals 12-bit adc, 5 v input signal; up to 16 external inputs - 1 lsb inl; guaranteed monotonic - programmable throughput up to 200 ksps - data-dependent windowed interrupt generator - programmable gain maximizes input signal span built-in temperature sensor (3 c) programmable comparator precision internal voltage reference v dd monitor/brown-out detector on-chip debug - on-chip debug circuitry facilitates full speed, non-intrusive in-system debug (no emulator required) - provides breakpoints, single stepping, watch-points - inspect/modify memory, registers, and stack - superior performance to emulation systems using ice-chips, target pods, and sockets temperature range: ?40 to +125 c operating voltage: 1.8 to 5.25 v - multiple power saving sleep and shutdown modes development kit: c8051f530adk high-speed 8051 c core - pipelined instruction architecture; executes 70% of instructions in one or two system clocks - up to 25 mips throughput memory - 8 kb flash; in-system programmable; flexible security features - 256 bytes data ram digital peripherals - up to 16 digital i/o; all are 5 v push-pull - spi? and uart serial ports available concurrently - programmable 16-bit counter array with three capture/compare modules - three general-purpose 16-bit counter/timers clock sources - internal programmable 0.5% oscillator: up to 25 mhz - external oscillator: crystal, rc, c, or cmos clock ordering part numbers - C8051F531A-it, 20-pin tssop (rohs-compliant), 6 x 6 mm 2 - C8051F531A-im, 20-pin qfn (rohs-compliant), 4 x 4 mm 2


▲Up To Search▲   

 
Price & Availability of C8051F531A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X