Part Number Hot Search : 
SN75176B 2LP05 T252609 SI9979 RF5836 ISL6224 SOT23 2LP05
Product Description
Full Text Search
 

To Download BG313007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007-06-01 1 bg3130... 1 6 2 3 5 4 dual n-channel mosfet tetrode ? two gain controlled input stage for uhf and vhf -tuners e.g. (ntsc, pal) ? two agc amplifiers in one single package ? integrated gate protection diodes ? high agc-range, low noise figure, high gain ? improved cross modulation at gain reduction ? pb-free (rohs compliant) package ? qualified according aec q101 bg3130 bg3130r g2 g1 gnd agc rf input drain rf output + dc vgg rg1         esd ( e lectro s tatic d ischarge) sensitive device, observe handling precaution! type package pin configuration marking bg3130 bg3130r sot363 sot363 1=g1* 1=g1* 2=g2 2=s 3=d* 3=d* 4=d** 4=d** 5=s 5=g2 6=g1** 6=g1** kas khs * for amp. a; ** for amp. b 180 rotated tape loading orientation available
2007-06-01 2 bg3130... maximum ratings parameter symbol value unit drain-source voltage v ds 8 v continuous drain current i d 25 ma gate 1/ gate 2-source current i g1/2sm 1 gate 1/ gate 2-source voltage v g1/g2s 6 v total power dissipation p tot 200 mw storage temperature t stg -55 ... 150 c channel temperature t ch 150 thermal resistance parameter symbol value unit channel - soldering point 1) r thchs 280 k/w 1 for calculation of r thja please refer to application note thermal resistance
2007-06-01 3 bg3130... electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics drain-source breakdown voltage i d = 10 a, v g1s = 0 v, v g2s = 0 v v (br)ds 12 - - v gate1-source breakdown voltage + i g1s = 10 ma, v g2s = 0 v, v ds = 0 v + v (br)g1ss 6 - 15 gate2-source breakdown voltage + i g2s = 10 ma, v g1s = 0 v, v ds = 0 v + v (br)g2ss 6 - 15 gate1-source leakage current v g1s = 6 v, v g2s = 0 v + i g1ss - - 50 a gate2-source leakage current v g2s = 8 v, v g1s = 0 v, v ds = 0 v + i g2ss - - 50 na drain current v ds = 5 v, v g1s = 0 v, v g2s = 4.5 v i dss - - 10 a drain-source current v ds = 5 v, v g2s = 4 v, r g1 = 120 k ? i dsx - 10 - ma gate1-source pinch-off voltage v ds = 5 v, v g2s = 4 v, i d = 20 a v g1s(p) - 0.7 - v gate2-source pinch-off voltage v ds = 5 v, i d = 20 a v g2s(p) - 0.6 -
2007-06-01 4 bg3130... electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. ac characteristics v ds = 5v, v g2s = 4v, ( i d = 14 ma) (verified by random sampling) forward transconductance g fs - 33 - ms gate1 input capacitance f = 10 mhz c g1ss - 1.9 - pf output capacitance f = 10 mhz c dss - 1.1 - power gain f = 800 mhz f = 45 mhz g p - - 24 31 - - db noise figure f = 800 mhz f = 45 mhz f - - 1.3 1.7 - - db gain control range v g2s = 4 ... 0 v, f = 800 mhz ? g p 45 - - cross-modulation k =1%, f w =50mhz, f unw =60mhz agc = 0 db agc = 10 db agc = 40 db x mod 90 - 96 - 87 100 - - - -
2007-06-01 5 bg3130... total power dissipation p tot = ? ( t s ) amp. a = amp. b 0 20 40 60 80 100 120 c 150 t s 0 50 100 150 200 mw 300 p tot drain current i d = ? ( i g1 ) v g2s = 4v amp. a = amp. b 0 10 20 30 40 50 60 70 80 a 100 i g1 0 5 10 15 20 ma 30 i d output characteristics i d = ? ( v ds ) amp. a = amp. b 0 2 4 6 8 10 v 14 v ds 0 2 4 6 8 10 12 14 16 18 ma 22 i d 1.3v 1.2v 1.1v 1v 0.8v gate 1 current i g1 = ? ( v g1s ) v ds = 5v, v g2s = parameter amp. a = amp. b 0 0.4 0.8 1.2 1.6 2 2.4 v 3.2 i g1 0 25 50 75 100 125 150 175 a 225 v g1s 4v 3.5v 3v 2.5v 2v
2007-06-01 6 bg3130... gate 1 forward transconductance g fs = ? ( i d ), v ds = 5v, v g2s = parameter amp. a = amp. b 0 4 8 12 16 20 24 28 ma 36 i d 0 5 10 15 20 25 30 ms 40 g fs 2v 2.5v 3v 3.5v 4v drain current i d = ? ( v g1s ) v ds = 5v, v g2s = parameter amp. a = amp. b 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 v 2 v g1s 0 4 8 12 16 20 24 a 32 i d 4v 3v 2.5v 2v 1.5v drain current i d = ? ( v gg ) amp.a=amp.b v ds = 5v, v g2s = 4v, r g1 = 120k ? (connected to v gg , v gg =gate1 supply voltage) 0 0.5 1 1.5 2 2.5 3 3.5 4 v 5 v gg 0 1 2 3 4 5 6 7 8 9 10 11 ma 13 i d drain current i d = ? ( v gg ) v g2s = 4v, r g1 = parameter in k ? amp. a = amp. b 0 1 2 3 4 5 v 7 v gg = v d s 0 2 4 6 8 10 12 14 16 18 ma 22 i d 120 100 80 70
2007-06-01 7 bg3130... crossmodulation v unw = ( agc ) v ds = 5 v, r g1 = 68 k ? 0 10 20 30 db 50 agc 80 90 100 dbv 120 v unw
2007-06-01 8 bg3130... crossmodulation test circuit rg1 4n7 4n7 rl 50 ? 50 ? r gen 50 ? v gg r1 10k ? v agc v ds 4n7 4n7 2.2 uh semibiased
2007-06-01 9 bg3130... p ackage sot363 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel for symmetric types no defined pin 1 orientation in reel. small variations in positioning of date code, type code and manufacture are possible. manufacturer 2005, june date code (year/month) bcr108s type code pin 1 marking laser marking 0.3 0.7 0.9 0.65 0.65 1.6 0.2 4 2.15 1.1 8 2.3 pin 1 marking +0.1 0.2 1 6 23 5 4 0.2 2 +0.1 -0.05 0.15 0.1 1.25 0.1 max. 0.9 0.1 a -0.05 6x 0.1 m 0.65 0.65 2.1 0.1 0.1 0.1 min. m 0.2 a pin 1 marking
2007-06-01 10 bg3130... edition 2006-02-01 published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2007. all rights reserved. attention please! the information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of BG313007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X