Part Number Hot Search : 
PC1394C LA7793V 25LC64 FNTRPBF MC146818 PCA8521 DTA12 MUR1010F
Product Description
Full Text Search
 

To Download B1117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bay linear, inc 2418 armstrong street, livermore, ca 94550 tel: (925) 606-5950, fa x: (925) 940-9556 www.baylinear.com 1.0amp low dropout voltage regulator B1117 adjustable & fix (0.40volt dropout) pin connection ordering information devices package temp. B1117d-x to-252 0 c to 125 c B1117n-x to-223 0 c to 125 c B1117t-x to-220 0 c to 125 c B1117s-x to-263 0 c to 125 c B1117m-x so-8 0 c to 125 c 2 1 3 4 8 7 6 5 8-pin surface mount top view adj out out n.c. in nc 2 1 3 4 8 7 6 5 8-pin surface mount top view in in 2 1 3 4 8 7 6 5 8-pin surface mount top view adj out out n.c. in nc 2 1 3 4 8 7 6 5 8-pin surface mount top view in in description the bay linear B1117 is a three terminal positive npn regulator offered as adjustable or fix voltages of 1.5v,1.8v, 2.5v, 2.85v, 3.3v, and 5volts. the output current has a capability up to 1.0amp, . this device has been optimized for low voltage where transient response and minimum input voltage are critical. the 2.85v version is designed specifically to be used in active terminators for scsi bus. current limit is trimmed to ensure specified output current and controlled short-circuit current. on-chip thermal limiting provides protection against any combination of overload and ambient temperatures that would create excessive junction temperatures. the B1117 is offered in a 3-pin sot-223, and to-252 (dpak) packages compatible with other 3 terminal regulators. 5-pin version in to-263 with lower dropout of 0.4 volt is available. features ? adjustable output down to 1.2v ? output current of 1.0amp ? low dropout 1.0v for B1117 ? dropout of 0.40 v in for B1117a ? adjustable & fix 1.5v, 1.8v, 2.5v, 2.85v, 3.0v, 3.3v, 5.0v ? 0.05% load regulation ? current & thermal limiting ? lower cost sot-89 package ? available in sot-223, and to-252, to-263 & so-8 ? similar to industry standard lt1117 applications ? active scsi terminators ? high efficiency linear regulator ? post regulators fr o switching supplies ? battery charger ? 5v to 3.3v linear regulators ? motherboard clock supplies front to-252 adj/gn v in v out 1 2 3 in out adj/gnd tab v out front view sot - 223 in out adj/gnd tab v out front view sot - 223 v power output 1 2 3 4 5 v control adj/gnd. sense to-263-5 package v power v power output 1 2 3 4 5 v control v control adj/gnd. sense to-263-5 package bay linear inspire the linear power tab v out sot-223 tab v out front view sot-223-5 4 1 5 23 #1 sense #2 adj/gnd #3 out #4 control #5 v in tab v out sot-223 tab v out front view sot-223-5 4 1 5 23 #1 sense #2 adj/gnd #3 out #4 control #5 v in
bay linear, inc 2418 armstrong street, livermore, ca 94550 tel: (925) 606-5950, fa x: (925) 940-9556 www.baylinear.com B1117 absolute maximum rating parameter min max unit maximum input voltage 7.0 v operating junction temperature range 0 125 storage temperature range -65 150 lead temperature (soldering 10 sec.) 300 c electrical characteristics (v in = 7v; t j =25 c i o = 10ma to 1.0amp, unless otherwise specified) parameter symbol conditions min typ max unit 1.238 1.250 1.262 v 1.225 1.275 reference voltage v o 1117-adj, i out =10ma, v in -v out =2v, t j =25 c 1.5v (v in -v out ) 5.75v 10ma i out i full load -2% 1.250 +2% v line regulation (1) reg (line) (v out +1.5) v in 7v, i out =10ma 0.005 0.2 load regulation (1) reg (load) (v in -v out )=2v 10ma i out i full load t= 25 c 0.05 0.5 % 1117-1.8 i out =10ma, v in =3.8v, t j =25 c 0 i out 1.0amp, 3.2v v in 7v 1.782 1.746 1.80 1.80 1.818 1.854 v 1117-2.5 i out =10ma, v in =4.5v, t j =25 c 0 i out 1.0amp, 4.0v v in 7v 2.475 2.450 2.50 2.50 2.525 2.550 v 1117-2.85 i out =10ma, v in =4.85v, t j =25 c 0 i out 1.0amp, 4.35v v in 7v 2.820 2.790 2.85 2.85 2.880 2.910 v 1117-3.3 i out =10ma, v in =5.0v, t j =25 c 0 i out 1.0amp, 4.8v v in 7v 3.267 3.235 3.30 3.30 3.333 3.365 v output voltage v o 1117-5.0 i out =10ma, v in =6.0v, t j =25 c 0 i out 1.0amp, 6.5v v in 7v 4.950 4.900 5.00 5.00 5.050 5.100 v dropout voltage v d control input v power =v out +0.8, i load =10ma v power =v out +0.8, i load = 1.0amp, 0.80 0.80 1.00 1.10 v dropout voltage v d power input v control =v out -+2.5v, i load = 1.0amp, 0.35 0.40 v current limit i s (v in -v out )=2v 1.0 1.1 a minimum load current i min load 1.5v (v in -v out ) 5.75v 10 ma temperature regulation t a t= 25 c, 30ms pulse 0.004 0.02 %/w long term stability - t= 25 c, 1000hrs 0.03 1.0 % temperature stability t s 0.5 % adjust pin current - t= 25 c 35 120 a ripple rejection r a f=120hz, c adj =22 f, c out =22 f tantalum i out =i full load , (v in -v out )=3v (note 5) 60 75 db thermal shutdown 155 c thermal shutdown hysterics 10 c thermal resistance junction to case - sot-223 dd package 15 3.0 15 3.0 c/w note: output switch tests are performed under pul sed conditions to minimize power dissipation
bay linear, inc 2418 armstrong street, livermore, ca 94550 tel: (925) 606-5950, fa x: (925) 940-9556 www.baylinear.com B1117 typical chractristics B1117-2.85 B1117-adj
bay linear, inc 2418 armstrong street, livermore, ca 94550 tel: (925) 606-5950, fa x: (925) 940-9556 www.baylinear.com B1117 typical chractristics (continued) B1117-5.0 line transient response B1117-2.85 B1117-2.85 B1117-5.0
bay linear, inc 2418 armstrong street, livermore, ca 94550 tel: (925) 606-5950, fa x: (925) 940-9556 www.baylinear.com B1117 application notes external capacitor to ensure the stability of the B1117 an output capacitor of at least 10 f (tantalum)or 50 f (aluminum) is required. the value may change based on th e application requirements on the output load or temperature range. the capacitor equivalent series resistance (esr) will effect the B1117 stability. the value of esr can vary from the type of capacitor used in the applications. the recommended value for esr is 0.5 ? . the output capacitance could increase in size to above the minimum value. the larger value of output capacitance as high as 100 f can improve the load transient response. soldering methods the B1117 sot-223 package is designed to be compatible with infrared reflow or vapor-phase reflow soldering techniques. during soldering the non-active or mildly active fluxes may be used. the B1117 die is attached to the heat sink lead which exits opposite the input, output, and ground pins. hand soldering and wave solder ing should be avoided since these methods can cause damage to the device with excessive thermal gradients on the package. the sot-223 recommended soldering method ar e as follows: vapor phase reflow and infrared reflow with the component preheated to within 65 c of the soldering temperature range. thermal characteristics the thermal resistance of B1117 is 15 c/w from junction to tab and 31 c/w from tab to ambient for a total of 46 c/w from junction to ambient. the B1117 features the internal thermal limiting to protect the device during overload conditions. special care needs to be taken during continues load conditions the maximum junction temperature does not exceed 125 c. taking the fr-4 printed circuit board and 1/16 thick with 1 ounce copper foil as an experiment (fig.1 & fig.2), the pcb material is effective at transmitting heat with the tab attached to the pad area and a ground plane layer on the backside of the substrate. refe r to table 1 for the results of the experiment. the thermal interaction from other components in the application can effect the ther mal resistance of the B1117. the actual thermal resistance can be determined with experimentation. B1117 power dissipation is calculated as follows: p d = (v in - v out )(i out ) maximum junction temperature range: t j = t ambient (max) + p d * thermal resistance (junction-to- ambient) maximum junction temperature must not exceed the 125 c. 10uf + ? .. 27k B1117-2.85 + 10v 10uf 2.85v 10uf + ? .. 27k B1117-2.85 + 10v 10uf 2.85v p o = (10v - 2.85)(105ma) = (7.15)(105ma) = 750mw fig. 1. circuit layout, thermal experiments. 50 x 50 mm 35 x 17 mm 16 x 10 mm fig. 2. substrate layout for sot-223
bay linear, inc 2418 armstrong street, livermore, ca 94550 tel: (925) 606-5950, fa x: (925) 940-9556 www.baylinear.com B1117 total pc board area topdide copper area backside copper area thermal resistance junction to ambient 2500mm 2500mm 2500mm 2500mm 2500mm 1600mm 2500mm 2500mm 1600mm 900mm 900mm 2500mm 1250mm 950mm 2500mm 1800mm 600mm 1250mm 915mm 600mm 240mm 240mm 2500mm 2500mm 2500mm 0 0 1600mm 0 0 0 900mm 0 46 c/w 47 c/w 49 c/w 51 c/w 53 c/w 55 c/w 58 c/w 59 c/w 67 c/w 72 c/w 85 c/w load adj bay B1117 1.0amp current output v in c 1 r 1 out in in out adj bay B1117 c 1 r 1 r 2 v out typical adjustable regulator v in c 2 v out = v ref (1+r 2 /r 1 ) +adj
bay linear, inc 2418 armstrong street, livermore, ca 94550 tel: (925) 606-5950, fa x: (925) 940-9556 www.baylinear.com B1117 sot223 package advance information - these data sheets contain descriptions of products that are in development. the specifications are based on the engineering ca lculations, computer simulations and/ or initial prototype evaluation. preliminary information - these data sheets contain minimum and maximum specifications th at are based on the initial devi ce characterizations. these lim its are subject to change upon the completion of the full characterization over the specif ied temperature and supply voltage ranges. the application circuit examples are only to explain the repres entative applications of the devices and are not intended to gua rantee any circuit design or permit any industrial property right to other rights to execute. bay linear takes no responsibility for any problems related to any industrial property right resulting from the use of the contents shown in the da ta book. typical parameters can and do vary in different applications. customer?s technical experts must validate all operating parameters including ? typical? for each customer applic ation. life support and nuclear policy bay linear products are not authorized fo r and should not be used within life suppor t systems which are intended for surgical implants into the body to support or sustain life, in aircraft, space equipment, submarine, or nuclear facility applications wi thout the specific written consent of bay linear president. 0.116 0.124 0.146 0.130 0.295 0.264 0.041 0.033 0.0905 nom 0.181 nom 0.264 0.248 0.0040 0.0008 0.033 0.025 0.146 0.130 10 c max 0.014 0.010 10 c 16 c 10 c 16 c 16 c


▲Up To Search▲   

 
Price & Availability of B1117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X