Part Number Hot Search : 
VCH162 ICS66401 FZT493A BS62L 2SC6045G 0ZA6T 1SV103 20100C
Product Description
Full Text Search
 

To Download AM2520EH-SGD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsad1628 rev no: v.5 date: may/23/2007 page: 1 of 4 approved: wynec checked: allen liu drawn: y.l.li er p: 1102000016 subminiature solid state lamp part number: am2520eh/sgd super bright green features z black case enhances contrasta z vibration and shock resistant. z ul rating:94v-0. z housing material:type 66 nylon. z rohs compliant. description the super bright green source color devices are made with gallium phosphide green light emitting diode. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. specifications are subject to change without notice.
spec no: dsad1628 rev no: v.5 date: may/23/2007 page: 2 of 4 approved: wynec checked: allen liu drawn: y.l.li er p: 1102000016 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 the optical centerline value. 2. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. 3. 5mm below package base. part no. dice lens type v iewing angle [1] min. typ. 2 1/2 am2520eh/sgd super bright green (gap) green diffused 2.6 10 40 iv (mcd) [2] @ 20ma symbol parameter device typ. max. units test conditions peak peak wavelength super bright green 565 nm i f =20ma d [1] dominant wavelength super bright green 568 nm i f =20ma ? 1/2 spectral line half-width super bright green 30 nm i f =20ma c capacitance super bright green 15 pf v f =0v;f=1mhz v f [2] forward voltage super bright green 2.2 2.5 v i f =20ma i r reverse current super bright green 10 ua v r = 5v parameter super bright green units power dissipation 62.5 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating/storage temperature -40c to +85c lead solder temperature [2] 260c for 3 seconds lead solder temperature [3] 260c for 5 seconds
spec no: dsad1628 rev no: v.5 date: may/23/2007 page: 3 of 4 approved: wynec checked: allen liu drawn: y.l.li er p: 1102000016 super bright green am2520eh/sgd
spec no: dsad1628 rev no: v.5 date: may/23/2007 page: 4 of 4 approved: wynec checked: allen liu drawn: y.l.li er p: 1102000016 packing & label specifications am2520eh/sgd


▲Up To Search▲   

 
Price & Availability of AM2520EH-SGD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X