Part Number Hot Search : 
A3020 LT604 NCSU034 LUG65D GLZ8N S3V91 15CGNPBF OXU931SF
Product Description
Full Text Search
 

To Download 130HF80PV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 130hf(r) series stud version standard recovery diodes 130 a bulletin i2019 rev. a 07/94 www.irf.com features high current carrying capability high surge current capability types up to 1200v v rrm stud cathode and stud anode version standard jedec types diffused junction typical applications battery chargers converters power supplies machine tool controls case style do-205ac (do-30) i f(av) 130 a @ t c 125 c i f(rms) 200 a i fsm @ 50hz 2000 a @ 60hz 2100 a i 2 t@ 50hz 20 ka 2 s @ 60hz 18 ka 2 s v rrm range 400 to 1200 v t j -40 to 180 c parameters 130hf(r) units major ratings and characteristics
130hf(r) series 2 bulletin i2019 rev. a 07/94 www.irf.com voltage v rrm , maximum repetitive v rsm , maximum non- i rrm max. type number code peak reverse voltage repetitive peak rev. voltage @ 180c vvma 40 400 500 130hf(r) 80 800 900 15 120 1200 1300 i f(av) max. average forward current 130 a 180 conduction, half sine wave @ case temperature 125 c i f(rms) max. rms forward current 200 a dc @ 115c case temperature i fsm max. peak, one-cycle forward, 2000 t = 10ms no voltage non-repetitive surge current 2100 t = 8.3ms reapplied 1680 t = 10ms 100% v rrm 1760 t = 8.3ms reapplied sinusoidal half wave, i 2 t maximum i 2 t for fusing 20 t = 10ms no voltage initial t j = t j max 18 t = 8.3ms reapplied 14 t = 10ms 100% v rrm 13 t = 8.3ms reapplied i 2 ? t maximum i 2 ? t for fusing 200 ka 2 ? s t = 0.1 to 10ms, no voltage reapplied v f(to)1 low level value of threshold voltage v f(to)2 high level value of threshold voltage r f1 low level value of forward slope resistance r f2 high level value of forward slope resistance v fm max. forward voltage drop 1.5 v i pk = 500a , t j = 25 c parameter 130hf(r) units conditions forward conduction 0.76 (16.7% x p x i f(av) < i < p x i f(av) ), t j = t j max. 0.95 (i > p x i f(av) ), t j = t j max. 1.41 (16.7% x p x i f(av) < i < p x i f(av) ), t j = t j max. 1.02 (i > p x i f(av) ), t j = t j max. ka 2 s a v m w electrical specifications voltage ratings
130hf(r) series bulletin i2019 rev. a 07/94 www.irf.com 3 parameter 130hf(r) units conditions c t j max. operating temperature range -40 to 180 t stg max. storage temperature range -55 to 180 r thjc max. thermal resistance, junction to case 0.3 dc operation r thcs max. thermal resistance, case to heatsink 0.08 mounting surface, smooth, flat and greased t max. allowed mounting torque +0 -20% 11 not lubricated threads 10 lubricated threads wt approximate weight 120 g case style do-205ac(do-30) see outline table k/w nm thermal and mechanical specification d r thjc conduction (the following table shows the increment of thermal resistence r thjc when devices operate at different conduction angles than dc) 180 0.052 0.042 t j = t j max. 120 0.064 0.070 90 0.083 0.090 k/w 60 0.117 0.120 30 0.177 0.180 conduction angle sinusoidal conduction rectangular conduction units conditions ordering information table 130 hf r 120 p b v 1 23 4 5 6 device code 1 - essential part number 2 - diode 3 - none = stud normal polarity (cathode to stud) r = stud reverse polarity (anode to stud) 4 - voltage code: code x 10 = v rrm (see voltage ratings table) 5 - p = stud base do-205ac(do-30) 1/2" 20unf-2a m= stud base do-205ac(do-30) m12x1.75 6 - b = flag top terminals (for cathode/ anode leads) s = isolated lead with silicone sleeve (red = reverse polarity; blue = normal polarity) none = not isolated lead 7 - v = glass-metal seal 7
130hf(r) series 4 bulletin i2019 rev. a 07/94 www.irf.com outline table do-205ac (do-30) flag all dimensions in millimeters (inches) glass-metal seal max. 21 (0.82) max. 16.5 (0.65) 6.5 (0.26) min. dia. 8.5 (0.33) nom. 157 (6.18) 55 (2.16) min. dia. 23.5 (0.93) max. 24 (0.94) max. sw 27 * for metric device: m12 x 1.75 170 (6.69) 1/2"-20unf-2a* 1 2.5 ( 0.4 9) max. c.s. 16mm 2.6 (0.10) max . 2 35 (1.38) max. (0.015 s.i.) max. glass-metal seal max. 21 (0.82) max. dia. 23.5 (0.93) max. 24 (0.94) 12.5 (0.49) 16.5 (0.65) 5.6 (0.22) dia. 5.54 (0.22) 2.4 (0.09) 27 (1.06) 41 (1.61) max. 9.5 (0.37) *for metric device. m12 x 1.75 36.5 (1.44) 1/2"-20unf-2a* conforms to jedec do-205ac (do-30) all dimensions in millimeters (inches)
130hf(r) series bulletin i2019 rev. a 07/94 www.irf.com 5 fig. 1 - current ratings characteristics fig. 2 - current ratings characteristics 110 120 130 140 150 160 170 180 0 20406080100120140 30 60 90 120 180 average forward current (a) conduction angle 130hf(r) series r (dc) = 0.3 k/w maximum allowable case t emperature ( c) thjc 110 120 130 140 150 160 170 180 0 40 80 120 160 200 240 dc 30 60 90 120 180 conduction period 130hf(r) series r (dc) = 0.3 k/w thjc maximum allow able case temperatur e ( c) average forward current (a) fig. 3 - forward power loss characteristics 0 20 40 60 80 100 120 140 160 180 maximum allowable ambient temperature ( c) r = 0 . 1 k / w - d e l t a r t h s a 0 . 2 k / w 0 . 3 k / w 0 . 4 k / w 0 . 5 k / w 0 . 6 k / w 0 . 8 k / w 1 k / w 1 . 2 k / w 0 20 40 60 80 100 120 140 160 180 0 20 40 60 80 100 120 140 180 120 90 60 30 rms limit conduction angle maximum average forward power loss (w) average forward current (a) 130hf(r) ser ies t = 180c j fig. 4 - forward power loss characteristics 0 20 40 60 80 100 120 140 160 180 maximum allowable ambient temperature ( c) r = 0 . 1 k / w - d e l t a r t h s a 0 . 2 k / w 0 . 3 k / w 0 . 4 k / w 0 . 6 k / w 0 . 8 k / w 1 k/ w 1 . 2 k / w 0 .5 k/w 0 40 80 120 160 200 240 0 40 80 120 160 200 240 dc 180 120 90 60 30 rms limit conduction period m aximum aver age forward power loss (w) average forward current (a) 130hf(r) series t = 180c j
130hf(r) series 6 bulletin i2019 rev. a 07/94 www.irf.com fig. 5 - maximum non-repetitive surge current fig. 6 - maximum non-repetitive surge current 400 600 800 1000 1200 1400 1600 1800 110100 number of equal amplitude half cycle current pulses (n) peak half sine wave forward current (a) in itial t = 180 c @ 60 hz 0.0083 s @ 50 hz 0.0100 s j 130hf(r) ser ies at any rated load condition and with rated v applied following surge. rrm 400 600 800 1000 1200 1400 1600 1800 2000 0.01 0.1 1 pulse train duration (s) peak half sine wave forward current (a) in itial t = 180 c no voltage reapplied rated v reapplied rrm maximum non repetitive surge current j 130hf(r) series versus pulse train duration. fig. 7 - forward voltage drop characteristics 10 100 1000 10000 012345 t = 25 c j instantaneous forward voltage (v) instantaneous forward current (a) 130hf(r) series t = 180c j fig. 8 - thermal impedance z thjc characteristics 0.01 0.1 1 0.001 0.01 0.1 1 10 square wave pulse durat ion (s) thjc tran sient thermal impedan ce z (k/w) steady state value: r = 0.3 k/w (dc operation) thj c 130hf(r) series


▲Up To Search▲   

 
Price & Availability of 130HF80PV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X