Part Number Hot Search : 
CXA35 44001 Q6511 WA400 BT139 NTE16 GSM090D RT9808
Product Description
Full Text Search
 

To Download 0876962011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0876962011 status: active overview: extreme_powerplus_ssi description: 6.35mm (.250") pitch power, 2.54mm (.100") pitch signal, extreme powerplus? pa- s header, through hole, right angle, with beveled metal pins, long contacts, 24 circuits, power alpha 4, signal 20, recessed signal pins a1,a5; void pin locations: a2, b2,c2, d2 documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-87631-006 (pdf) general product family pcb headers series 87696 application board-to-board comments long contact overview extreme_powerplus_ssi product name extreme powerplus? physical breakaway no circuits (loaded) 20 circuits (maximum) 24 circuits detail power alpha 4, signal 20 color - resin black durability (mating cycles max) 100 first mate / last break yes glow-wire compliant no guide to mating part yes keying to mating part none lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 4 orientation right angle pc tail length (in) 0.135 in pc tail length (mm) 3.43 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray pitch - mating interface (in) 0.100 in, 0.250 in pitch - mating interface (mm) 2.54 mm, 6.35 mm pitch - term. interface (in) 0.100 in, 0.125 in pitch - term. interface (mm) 2.54 mm, 3.18 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 101.6 plating min: termination (m) 2.54 polarized to mating part yes polarized to pcb yes shrouded closed ends series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87696 series mates with 87697 extreme powerplus? press-fit pa- s receptacle. 87700 extreme powerplus? through hole pa-s receptacle
stackable no surface mount compatible (smc) yes temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 50a voltage - maximum 250v dc solder process data duration at max. process temperature (seconds) 10 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers application specification as-87631-018 product specification ps-87631-006 sales drawing sd-87696-014 this document was generated on 05/25/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 0876962011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X