Part Number Hot Search : 
SBR5050 39VF1601 XN0A311G BD375 178327 CHN203 16237 178327
Product Description
Full Text Search
 

To Download SL1024A145 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  341 www.littelfuse.com 8 gas discharge tubes gas discharge tubes greentube sl1024a series gas plasma arresters omega rage ordering information 3 electrode gdt a=tip b=ring e=ground (centre electrode) graphical symbol a b e 1024 a sl voltage pin configuration failsafe optio f=plastic  s=solder n c=core  r=leaded ?8.0+ _0.2 9.5 max ?1.0+ _0.2 the sl1024a series offers high levels of current handling on fast rising transients created by induced lightning disturbances. these devices are extremely robust and are able to divert pulses of 10,000a. the sl1024a also features ultra low capacitance (typically 1pf or less) making them ideal for the protection of high-speed transmission equipment. features ? rohs compliant except ?s?suffix ?low insertion loss ? excellent response to fast rising transients. ? ultra low capacitance. ? 10ka surge capability tested with 8/20 s pulse as defined by iec 61000-4-5 ? available with thermal failsafe option (add ??or ??suffix to part number) applications: ? broadband equipment. ? adsl equipment. ? xdsl equipment. ? satellite and catv equipment. splitters ? general telecom equipment. mechanical specifications: weight: 2.7g (0.095 oz.) materials: electrode base: nickel iron alloy electrode plating: bright sn body: ceramic device marking: littelfuse ?f?marking, voltage and date code. red. pb rohs sl1024a xxxc sl1024a xxxr sl1024a xxxrf sl1024a xxxrs
342 www.littelfuse.com gas discharge tubes greentube sl1024a series gas plasma arresters omega range dc voltage(v) 90 145 150 230 250 260 300 350 400 420 450 500 600 dc breakover voltage min-max 7 @ 100v/sec (v) 70-120 116-174 120-180 184-276 200-300 210-310 240-360 280-420 320-480 345-500 360-540 400-500 480-720 max dynamic breakover voltage @ 100/? (v) 600 500 500 350 400 420 450 500 600 650 650 700 850 alternating discharge current 1,3 (a) 10 10 10 10 10 10 10 10 10 10 10 10 10 max single impulse discharge current 10/350? 5,2 (ka) 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 max single impulse discharge current (ka) 20 20 20 20 20 20 20 20 20 20 20 20 20 max repetitive impulse discharge current (ka) 10 10 10 10 10 10 10 10 10 10 10 10 10 (1) total current through center (ground) electrode, both line electrodes pulsed simultaneously; half value through each respective line terminal. (2) applies to ??option devices mounted in a suitable connector with high pressure contacts. (3) 10 shots, a.c. 60hz, 1 sec duration. (4) 10 shots, 8/20 s waveform (5) either end (line) electrode to center (ground) electrode (6) meets the requirements of bt type 14a. addition of ??(failsafe) option meets the requirements of bt type number 14a/1. littelfuse 3 terminal arrester series totally non-radioactive, ul recognized part number sl1024a090 SL1024A145 sl1024a150 sl1024a230 sl1024a250 sl1024a260 sl1024a300 sl1024a350 sl1024a400 sl1024a420 sl1024a450 sl1024a500 sl1024a600 voltage (v) time (ns) 0 200 400 600 800 1000 1200 max dynamic breakover voltage hold-over voltage on-state voltage voltage vs time characteristic 50 45 40 35 30 25 20 15 10 5 0 0 1 2 3 4 5 6 current (a) time (s) 1 line to ground both lines to ground time vs. current for failsafe pb rohs
343 www.littelfuse.com 8 gas discharge tubes gas discharge tubes omega range greentube sl1024a series gas plasma arresters 0 0 25 50 75 100 125 150 175 200 225 250 50 100 150 200 250 300 350 400 450 500 time in seconds temperature ?c profile for reflow soldering solder t 1 max = 266 o c flow area t 1 = 239 o c 200 300 tm = 179 o c forced cooling preheating area 100 10 20 30 40 time (seconds) temperature (?c) profile for wave soldering notes: t 1 max = maximum tab tem p erature = 266 o c t 1 = flow tem p earture of solder = 239 o c tm = meltin g point of solder = 179 o c tamb = 25 o c 1. maximum p ermissible rate of tem p erature chan g e = 7 o c / sec 2. not for rf style devices pb rohs


▲Up To Search▲   

 
Price & Availability of SL1024A145

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X