Part Number Hot Search : 
KTA1726 5M50V3X 60N05 74155 MNR02 PLL0930A NJU3711D 74155
Product Description
Full Text Search
 

To Download LTA320AB02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  samsung tft samsung tft- -lcd lcd model model : : LTA320AB02 LTA320AB02 customer : humax date : dec. 20, 2007 product information product information note : the information described in this specification is preliminary and can be changed without prior notice model LTA320AB02 doc. no 06-000-g- 071220 page 1/26 lcd business samsung electronics co . , ltd. lcd business samsung electronics co . , ltd. customer customer s approval s approval 
date  
 date dec. 20, 2007

 date dec. 20, 2007 www..net www..net
contents revision history -------------------------------------------------------------------------------------------- (3) general descripti on -------------------------------------------------- ------------------------------------- (4) general information --------------------------------------------------------------------------------------- (4) 1. absolute maximum ratings -------------------------------------------------------------------------- (5) 2. optical characteristics --------------------------------------------------------------------------------- (7) 3. electrical characteristics ----------------------------------------------------------------------------- (10) 3.1 tft lcd module 3.2 back light unit 3.3 inverter input & specification 4. input terminal pin assi gnment --------------------------------------------------------------------- (12) 4.1 input signal & power 4.2 inverter input pin configuration 4.3 inverter input power sequence 4.4 lvds interface 4.5 input signals, basic display colors and gray scale of each color 5 it f ti i ( 17) model LTA320AB02 doc. no 06-000-g- 071220 page 2/26 5 . i n t er f ace ti m i ng ----------------------------------------------------------------------------------------- ( 17) 5.1 timing parameters (de only mode) 5.2 timing diagrams of interface signal (de only mode) 5.3 power on/off sequence 6. outline dimension -------------------------------------------------------------------------------------- (20) 7. packing --------------------------------------------------------------------------------------------------- (22) 8. marking & others --------------------------------------------------------------------------------------- (23) 9. general precauti on ------------------------------------------------------------------------------------- (24) 9.1 handling 9.2 storage 9.3 operation 9.4 operation condition guide 9.5 others www..net www..net
revision history date rev. no page summary dec. 20, 2007 000 all first issued model LTA320AB02 doc. no 06-000-g- 071220 page 3/26 www..net www..net
LTA320AB02 is a color active matrix liquid crystal display (lcd) that uses amorphous silicon tft(thin film transistor) as switching components. this model is composed of a tft lcd panel, a driver circuit and a back light unit. the resolution of a 32.0 is 1366 x 768 and this model can display up to 16.7 million colors with wide viewing angle of 89  or higher in all directions. this panel is intended to support applications to provide a excellent performance for flat panel display such as home-alone multimedia tft-lcd tv and high definition tv.  rohs compliance (pb-free)  high contrast & aperture ratio with wide color gamut  pva( patterned vertical align) mode  wide viewing angle (  178  )  high speed response  hd resolution (16:9)  low power consumption  direct type 12 ccfls (cold cathode fluorescent lamp)  de(data enable) mode  lvds (low voltage differential signaling) interface (1pixel/clock) features general description description model LTA320AB02 doc. no 06-000-g- 071220 page 4/26 general information items specification unit note module size 760.0(h typ ) x 450.0(v typ ) mm 1.0mm 50.5(d max ) weight 7,500 (max) g pixel pitch 0.51075(h) x 0.51075(w) mm active display area 697.6845(h) x 392.256(v) mm surface treatment haze 14% , hard-coating (3h) - display colors 8 bit - 16.7m colors number of pixels 1366 x 768 pixel pixel arrangement rgb horizontal stripe - display mode normally black - luminance of white 450 (typ.) cd/m 2 www..net www..net
item symbol min. max. unit note power supply voltage v dd 10.8 13.2 v (1) storage temperature t stg -20 60  (2) glass surface temperature (operation) center t opr 050  (2) shock ( non - operating ) s nop - 50 g (3) vibration ( non - operating ) v nop - 1.5 g (4) note (1) ta= 25 2  c (2) temperature and relative humidity range are shown in the figure below. a. 90 % rh max. (ta  39  c) b. relative humidity is 90% or less. (ta > 39  c) c. no condensation (3) 11 i ti f x y zi 1. absolute maximum ratings if the condition exceeds maximum ratings, it can cause malfunction or unrecoverable damage to the device. model LTA320AB02 doc. no 06-000-g- 071220 page 5/26 (3) 11 ms, s i ne wave, one ti me f or x , y , z ax i s (4) 10-300 hz, sweep rate 10min, 30min for x,y,z axis fig. temperature and relative humidity range 90 www..net www..net
2. optical characteristics the optical characteristics should be measured in a dark room or equivalent. measuring equipment : topcon rd-80s,topcon sr-3, eldim ez-contrast (ta = 25 2  c, vdd=12v, fv= 60hz, f dclk =78mhz) item symbol condition min. typ. max. unit note contrast ratio (center of screen) c/r normal     viewing angle 2,000 3,000 - (1) sr-3 response time g-to-g (avg) tg - 8 16 (3) rd-80s luminance of white (center of screen) y l 400 500 cd/m 2 (4) sr-3 color chromaticity (cie 1931) red rx typ. -0.03 0.644 typ. +0.03 (5),(6) sr-3 ry 0.337 green gx 0.290 gy 0.610 blue bx 0.149 by 0.066 white wx 0.280 wy 0.290 model LTA320AB02 doc. no 06-000-g- 071220 page 6/26 color gamut - - 72 - % (5) sr-3 color temperature - 8,000 10,000 12,000 k (5) sr-3 viewing angle hor. l c/r  10 75 89 - degree (6) ez-contrast r 75 89 - ver. u 75 89 - d 75 89 - brightness uniformity (9 points) b uni --25% (2) sr-3 - test equipment setup the measurement should be executed in a stable, windless and dark room between 40min and 60min after lighting the back light at the given temperature for stabilization of the back light. this should be measured in the center of screen. environment condition : ta = 25 2  c www..net www..net
photo detector field sr-3 1 rd-80s 2 photo detector lcd panel tft - lcd module the center of the screen sr-3 : 50  rd-80s : 50  ez-contrast :0 field - definition of test point 228 683 1138 model LTA320AB02 doc. no 06-000-g- 071220 page 7/26                            



active area test point note (1) definition of contrast ratio (c/r) : ratio of gray max (gmax) & gray min (gmin) at the center point of the panel cr g g / max min = gmax : luminance with all pixels white gmin : luminance with all pixels black 640 384 128 www..net www..net
note (2) definition of 9 points brightness uniformity ( test pattern : full white ) note (3) definition of response time : sum of tr, tf buni bb b =? ? 100 (max min) max bmax : maximum brightness bmin : minimum brightness display data optical instruments response time t r t f 10% 90% black (data off) 0% black (data off) white (data on) 100%       






      
 model LTA320AB02 doc. no 06-000-g- 071220 page 8/26 note (4) definition of luminance of white : luminance of white at center point note (5) definition of color chromaticity (cie 1931) color coordinate of red, green, blue & white at center point note (6) definition of viewing angle : viewing angle range (c/r  10)      



 
 

          
  www..net www..net
3. electrical characteristics 3.1 tft lcd module the connector for display data & timing signal should be connected. ta = 2 5  c  2  c item symbol min. typ. max. unit note voltage of power supply v dd 10.8 12.0 13.2 v (1) current of power supply (a) black i dd - 600 800 ma (2),(3) (b) white - 750 950 ma (c) v-stripe - 720 920 ma vsync frequency f v 48 60 66 hz hsync frequency f h 46 48 52 khz main frequency f dclk 67 75 82 mhz rush current i rush --4a(4) note (1) the ripple voltage should be controlled under 10% of v dd . (2) f v =60hz, f dclk = 78mhz, v dd = 12.0v, dc current. (3) power dissipation check pattern (lcd module only) a) black pattern b) white pattern c) v - stripe model LTA320AB02 doc. no 06-000-g- 071220 page 9/26 a) black pattern b) white pattern c) v stripe (4) measurement conditions rush current i rush can be measured when t rush . is 470 . t rush =470 100% gnd 90% 10% v dd www..net www..net
lcd module cold 1 cold 2 cold 11 cold 12 socket 3.2 back light unit the back light unit contains 12 direct-lighting type ccfls ( cold cathode fluorescent lamp ). the characteristics of lamps are shown in the following tables. ta=25  2  c inverter hot 1 hot 2 hot 11 hot 12 model LTA320AB02 doc. no 06-000-g- 071220 page 10/26 item symbol min. typ. max. unit note operating life time hr 50,000 - - hour (1) note (1) it is defined as the time to take until the brightness reduces to 50% of its original value. [operating condition : ta = 25 2  , i l = 8.0 a , for single lamp only. ] www..net www..net
3.3 inverter input condition & specification items symbol conditions specifications unit note min. typ. max. input voltage vin - 22 24 26 v ta=25  input current iin vin=24.0v vdim=3.3v -4.1- adc (1) frequency f lamp vin=24.0 v 62 63.5 65 khz after 2 hours warm-up @vin=24v lamp current i o vin=24.0v vdim=3.3v 7.5 8.0 8.5 marms backlight on/off on vin=24.0 v 2.4 - 5.25 v- off vin=24.0 v 0 - 0.8 dimming control v dim max lum 3.3 - - v- min. lum - - 0 note) power consumption is measured when 500[cd/m 2 ] of luminance which is the typical luminance model LTA320AB02 doc. no 06-000-g- 071220 page 11/26 note) power consumption is measured when 500[cd/m 2 ] of luminance which is the typical luminance . lamp current is measured at the point before lamp. (1) max value of the power consumption is measured after 60 min warm-up. . * initial turn-on time : from 0sec to 60min after turn-on www..net www..net
4. input terminal pin assignment 4 .1. input signal & power connector : fi-e30s (jae) pin no. description pin no. description 1 no connection (note1) 16 gnd 2 no connection (note1) 17 rxin3- 3 no connection (note1) 18 rxin3+ 4gnd19gnd 5 rxin0- 20 gnd 6 rxin0+ 21 lvds option (note 2) 7gnd22 no connection (note1) 8 rxin1- 23 gnd 9 rxin1+ 24 gnd 10 gnd 25 gnd 11 rxin2- 26 vin 12 rxin2+ 27 vin 13 gnd 28 vin 14 rxclk- 29 vin 15 rxclk+ 30 vin model LTA320AB02 doc. no 06-000-g- 071220 page 12/26 15 rxclk+ 30 vin note1) no connection: this pins are only used for samsung internal using. do not connect note2) lvds option : if this pin is high (3.3 v)  normal lvds format low (gnd)  jeida lvds format sequence : on = v dd (t1)  lvds option  interface signal(t2) off = interface signal(t3)  lvds option  v dd www..net www..net
note(1) pin number starts from left side pin no. 1 pin no. 30  pcb #1 #30 1 # 30 model LTA320AB02 doc. no 06-000-g- 071220 page 13/26 a. power gnd pins should be connected to the lcds metal chassis. b. all power input pins should be connected together. c. all nc pin should be separated from other signal or power. fig. connector diagram # 1 # 30 www..net www..net
4.2. inverter input pin configuration connector : s14b-pha-sm-tb(lf) (jst) 

           
                !"#$%%& '()
(
*++', (-  .."/!&'0* ( '01-     model LTA320AB02 doc. no 06-000-g- 071220 page 14/26 4.3. inverter input power sequence 0.5sec [min] vin (24v) dimming control ( 0 ~ 3.3 v ) 0.5sec [min] 0.1sec [min] 20msec [min] backlight on/off 0.9 vin 2.4v(on level) 0.8v(off level) 0.1 vin 0.5sec [min] 0.9 vin www..net www..net
4.4 lvds interface - lvds receiver : tcon (merged) - data format (jeida & vesa) lvds pin jeida -data vesa -data txout/rxin0 txin/rxout0 r2 r0 txin/rxout1 r3 r1 txin/rxout2 r4 r2 txin/rxout3 r5 r3 txin/rxout4 r6 r4 txin/rxout6 r7 r5 txin/rxout7 g2 g0 txout/rxin1 txin/rxout8 g3 g1 txin/rxout9 g4 g2 txin/rxout12 g5 g3 txin/rxout13 g6 g4 txin/rxout14 g7 g5 txin/rxout15 b2 b0 model LTA320AB02 doc. no 06-000-g- 071220 page 15/26 txin/rxout15 b2 b0 txin/rxout18 b3 b1 txout/rxin2 txin/rxout19 b4 b2 txin/rxout20 b5 b3 txin/rxout21 b6 b4 txin/rxout22 b7 b5 txin/rxout24 hsync hsync txin/rxout25 vsync vsync txin/rxout26 den den txout/rxin3 txin/rxout27 r0 r6 txin/rxout5 r1 r7 txin/rxout10 g0 g6 txin/rxout11 g1 g7 txin/rxout16 b0 b6 txin/rxout17 b1 b7 txin/rxout23 reserved reserved www..net www..net
4.5 input signals, basic display colors and gray scale of each color color display (8bit) data signal gray scale level red green blue r0 r1 r2 r3 r4 r5 r6 r7 g0 g1 g2 g3 g4 g5 g6 g7 b0 b1 b2 b3 b4 b5 b6 b7 basic color black 000000000000000000000000 - blue 000000000000000011111111 - green 000000001111111100000000 - cyan 000000001111111111111111 - red 111111110000000000000000 - magenta111111110000000011111111 - yellow 111111111111111100000000 - white 111111111111111111111111 - gray scale of red black 000000000000000000000000 r0 dark   light 100000000000000000000000 r1 010000000000000000000000 r2 :::::: :::::: :::::: r3~ r252 :::::: :::::: :::::: 101111110000000000000000 r253 011111110000000000000000 r254 red 111111110000000000000000 r255 model LTA320AB02 doc. no 06-000-g- 071220 page 16/26 gray scale of green black 000000000000000000000000 g0 dark   light 000000001000000000000000 g1 000000000100000000000000 g2 :::::: :::::: :::::: g3~ g252 :::::: :::::: :::::: 000000001011111100000000 g253 000000000111111100000000 g254 green 000000001111111100000000 g255 gray scale of blue black 000000000000000000000000 b0 dark   light 000000000000000010000000 b1 000000000000000001000000 b2 :::::: :::::: :::::: b3~ b252 :::::: :::::: :::::: 000000000000000010111111 b253 000000000000000001111111 b254 blue 000000000000000011111111 b255 note) definition of gray : rn : red gray, gn : green gray, bn : blue gray (n = gray level) input signal : 0 = low level voltage, 1 = high level voltage www..net www..net
5. interface timing 5.1 timing parameters ( de only mode ) signal item symbol min. typ. max. unit note clock frequency 1/t c 67 75 82 mhz - hsync f h 46 48 52 khz - vsync f v 48 60 66 hz - vertical display term active display period t vd - 768 - lines - vertical total t v 773 810 1200 lines - horizontal display term active display period t hd - 1366 - clocks - horizontal total t h 1460 1648 2000 clocks - model LTA320AB02 doc. no 06-000-g- 071220 page 17/26 note) this product is de only mode. the input of hsync & vsync signal does not have an effect on normal operation. (1) test point : ttl control signal and clk at lvds tx input terminal in system (2) internal v dd = 3.3v www..net www..net
5.2 timing diagrams of interface signal ( de only mode ) data signals de t vd t v t h d clk t c de t hd model LTA320AB02 doc. no 06-000-g- 071220 page 18/26 signals www..net www..net
5.3 power on/off sequence to prevent a latch-up or dc operation of the lcd module, the power on/off sequence should be as the diagram below. 0LTA320AB02 doc. no 06-000-g- 071220 page 19/26 t1 : v dd rising time from 10% to 90% t2 : the time from v dd to valid data at power on. t3 : the time from valid data off to v dd off at power off. t4 : v dd off time for windows restart t5 : the time from valid data to b/l enable at power on. t6 : the time from valid data off to b/l disable at power off.  the supply voltage of the external system for the module input should be the same as the definition of v dd .  apply the lamp voltage within the lcd operation range. when the back light turns on before the lcd operation or the lcd turns off before the back light turns off, the display may momentarily show abnormal screen.  in case of v dd = off level, please keep the level of input signals low or keep a high impedance.  t4 should be measured after the module has been fully discharged between power off and on period.  interface signal should not be kept at high impedance when the power is on. (recommend value) www..net www..net
www..net www..net
www..net www..net
7. packing 7.1 carton (internal package) (1) packing form corrugated fiberboard box and corrugated cardboard as shock absorber (2) packing method direction to open packing -pallet box cushion-foam lcd module cushion-foam lcd module cushion-foam model LTA320AB02 doc. no 06-000-g- 071220 page 22/26 item specification remark lcd packing 24ea / (packing- pallet box) 1. 168 kg / lcd (24ea) 2. 14 kg / cushion-pallet (4ea) 3. 8.8 kg / packing-pallet box (1ea) 4. cushion-pallet material : eps 5. packing-pallet box material : dw4 pallet 1box / pallet 1. pallet weight = 8kg 2. 8kg/pallet packing direction vertical total pallet size h x v x height 1150mm(h) x 985mm(v) x 1161mm(height) total pallet weight 198.8 kg pallet(8kg) + module(7*24=168) + cushion(4ea=14kg) + pallet-box(8.8kg) 7.2 packing specification cushion-foam pallet-plastic www..net www..net
8. marking & others a nameplate bearing followed by is affixed to a shipped product at the specified location on each product. (1) parts number : LTA320AB02 (2) revision: three letters (3) lot number : x x x x xxx xx x cell position no. (in the glass) glass no. (in the one lot) lot no. (glass) month year (note1) product code line 40mm week code : 05 29 week year (4) nameplate indication LTA320AB02 0 7 30 model LTA320AB02 doc. no 06-000-g- 071220 page 23/26 80mm (6) others 1. after service part lamps cannot be replaced because of the narrow bezel structure. (5) packing box attach part number 100mm 165mm box serial number    lot number revision code 030 www..net www..net
9. general precautions 9.1 handling (a) when the module is assembled, it should be attached to the system firmly using all mounting holes. be careful not to twist and bend the module. (b) because the inverter use high voltag e, it should be disconnected from power before it is assembled or disassembled. (c) refrain from strong mechanical shock and / or any force to the module. in addition to damage, this may cause improper operation or damage to the module and ccfl back light. (d) note that polarizers are very fragile and could be damage easily. do not press or scratch the surface harder than a hb pencil lead. (e) wipe off water droplets or oil immediately. if you leave the droplets for a long time, staining or discoloration may occur. (f) if the surface of the polarizer is dirty, clean it using absorbent cotton or soft cloth. (g) desirable cleaners are water, ipa(isopropyl alcohol) or hexane. do not use ketone type materials(ex. acetone), ethyl alcohol, toluene, ethyl acid or methyl chloride. it might permanent damage to the polarizer due to chemical reaction. model LTA320AB02 doc. no 06-000-g- 071220 page 24/26 (h) if the liquid crystal material leaks from the panel, it should be kept away from the eyes or mouth . in case of contact with hands, legs or clothes, it must be washed away with soap thoroughly. (i) protect the module from electrostatic discharge. otherwise the asic ic or semiconductor would be damaged . (j) use finger-stalls with soft gloves in order to keep display clean during the incoming inspection and assembly process. (k) do not disassemble the module. (l) do not disassemble shield case of inverter & lvds board. (m) do not connect n.c pins. (samsung internal use only) (n) protection film for polarizer on the module should be slowly peeled off just before use so that the electrostatic charge can be minimized. must put on antistatic glove while handle a module (o) pins of i/f connector should not be touched directly with bare hands. www..net www..net
9.2 storage (a) do not leave the module in high temperature, and high humidity for a long time. it is highly recomm ended to st ore the module with tem perature from 0 to 35  and relative humidity of less than 70%. (b) do not store the tft-lcd module in direct sunlight. (c) the module should be stored in a dark place. it is prohibited to apply sunlight or fluorescent light in storing. 9.3 operation (a) do not connect or disconnect the module in the "power on" condition. (b) power supply should always be turned on/off by the "power on/off sequence" (c) module has high frequency circuits. sufficient suppression to the electromagnetic interference should be done by system manufacturers. grounding and shielding methods may be important to minimize the interference. (d) the cable between the back light connector and its inverter power supply should model LTA320AB02 doc. no 06-000-g- 071220 page 25/26 (d) the cable between the back light connector and its inverter power supply should be connected directly with a minimized length. a longer cable between the back light and the inverter may cause lower luminance of lamp(ccfl) and may require higher startup voltage(vs). 9.4 operation condition guide (a) the lcd product should be oper ated under normal conditions. normal condition is defined as below; - temperature : 20  15  - humidity : 55  20% - display pattern : continually changing pattern (not stationary) (b) if the product will be used in extreme conditions such as high temperature, humidity, display patterns or operation ti me etc.., it is strongly recommended to contact sec for application engineer ing advice. otherwise, its reliability and function may not be guaranteed. extreme conditions are commonly found at airports, transit stati ons, banks, stock market, and controlling systems. www..net www..net
9.5 others (a) ultra-violet ray filter is necessary for outdoor operation. (b) avoid condensation of water. it may result in improper operation or disconnection of electrode. (c) do not exceed the absolute maximum rati ng value. ( supply voltage variation, input voltage variation, variation in part contents and environmental temperature, and so on) otherwise the module may be damaged. (d) if the module keeps displaying the same pattern for a long period of time, the image may be "sticked" to the screen. to avoid image sticking, it is recommended to use a screen saver. (e) this module has its circuitry pcb's on the rear side and should be handled carefully in order not to be stressed. (f) please contact sec in advance when you display the same pattern for a long time. model LTA320AB02 doc. no 06-000-g- 071220 page 26/26 www..net www..net


▲Up To Search▲   

 
Price & Availability of LTA320AB02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X