Part Number Hot Search : 
4D1225F BC560BTA PN3642 M58658P RT9368 D6417 TEA0675 42500
Product Description
Full Text Search
 

To Download LC75848T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ordering number : enn7160 42202as (ot) no. 7160 -1/33 overview the LC75848T is 1/8 to 1/10 duty general-purpose lcd display drivers used for character and graphics display. these products operate under the control of a microcontroller and can directly drive an lcd with up to 930 segments. they can also control up to 4 general- purpose output ports. features 1/8duty?/4bias, 1/9duty?/4bias, and 1/10duty?/4bias drive schemes can be controlled from serial data. 1/8duty?/4bias: up to 760 segments 1/9duty?/4bias: up to 846 segments 1/10duty?/4bias: up to 930 segments serial data input supports ccb format communication with the system controller. serial data control of the power-saving mode based backup function and all the segments forced off function. the frame frequency of the common and segment output waveforms can be controlled from the serial data. direct display of display data without the use of a decoder provides high generality. built-in display contrast adjustment circuit. up to 4 general-purpose output ports are included. independent lcd driver block power supply v lcd . the inh pin is provided. this pin turns off the display and forces the general-purpose output ports to the low level. rc oscillator circuit package dimensions unit: mm 3257-tqfp120 120 130 31 60 61 90 91 0.4 14.0 (1.2) (0.5) 0.125 16.0 0.5 0.15 1.2max 0.1 0.4 14.0 (1.2) (1.0) 16.0 sanyo: tqfp120 [LC75848T] LC75848T sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan 1/8 to 1/10 duty general-purpose lcd display drivers cmos ic any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft? control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein. ccb is a trademark of sanyo electric co., ltd. ccb is sanyo? original bus format and all the bus addresses are controlled by sanyo.
no. 7160- 2 /33 LC75848T pin assignment com 8 vd d vlcd 1 vlcd 0 s75 s81 s82 s83 s74 s76 s77 s78 s79 s80 s61 s62 s63 s64 s65 s66 s67 s68 s69 s70 s71 s72 s73 s5 s11 s4 s3 s2 s1 com 7 com 5 com 6 com 4 LC75848T (tqfp120) com 3 com 2 com 1 p 2 p 1 p 4 p 3 vlc d vlcd 2 vlcd 3 vs s vlcd 4 os c c e in h c l s40 s39 s38 s37 s36 s34 s35 s32 s33 s31 d i 6 1 9 0 6 0 9 1 3 1 12 0 3 0 1 s10 s9 s8 s7 s6 s16 s22 s15 s14 s13 s12 s21 s20 s19 s18 s17 s25 s24 s23 s45 s44 s43 s42 s41 s50 s49 s48 s47 s46 s55 s54 s53 s52 s51 s26 s27 s29 s30 s28 s60 s59 s58 s57 s56 s85 s84 s86 s87 s88 s89 s90 s9 1 s9 2 s9 3 com10/s 94 com9/s9 5 top view
no. 7160- 3 /33 LC75848T parameter symbol conditions ratings unit maximum supply voltage v dd max v dd ?.3 to +7.0 v v lcd max v lcd ?.3 to +12.0 v in 1 ce, cl, di, inh ?.3 to +7.0 input voltage v in 2 osc ?.3 to v dd +0.3 v v in 3 v lcd 1, v lcd 2, v lcd 3, v lcd 4 ?.3 to v lcd +0.3 output voltage v out 1 osc, p1 to p4 ?.3 to v dd +0.3 v v out 2 v lcd 0, s1 to s95, com1 to com10 ?.3 to v lcd +0.3 i out 1 s1 to s95 300 a output current i out 2 com1 to com10 3 ma i out 3 p1 to p4 5 allowable power dissipation pd max ta = 85 c 200 mw operating temperature topr ?0 to +85 c storage temperature tstg ?5 to +125 c specifications absolute maximum ratings at ta=25 c, v ss =0v parameter symbol conditions ratings unit min typ max v dd v dd 2.7 6.0 v lcd , when the display contrast adjustment 7.0 11.0 supply voltage v lcd circuit is used v v lcd , when the display contrast adjustment 4.5 11.0 circuit is not used output voltage v lcd 0 v lcd 0 v lcd 4 + 4.5 v lcd v v lcd 1 v lcd 1 3/4 v lcd 0 (v lcd 0? lcd 4) v lcd 2 v lcd 2 2/4 v lcd 0 input voltage (v lcd 0? lcd 4) v v lcd 3 v lcd 3 1/4 v lcd 0 (v lcd 0? lcd 4) v lcd 4 v lcd 4 0 1.5 input high level voltage v ih ce, cl, di, inh 0.8 v dd 6.0 v input low level voltage v il ce, cl, di, inh 0 0.2 v dd v recommended external resistance r osc osc 43 k recommended external capacitance c osc osc 680 pf guaranteed oscillation range f osc osc 25 50 100 khz data setup time t ds cl, di :figure 2 160 ns data hold time t dh cl, di :figure 2 160 ns ce wait time t cp ce, cl :figure 2 160 ns ce setup time t cs ce, cl :figure 2 160 ns ce hold time t ch ce, cl :figure 2 160 ns high level clock pulse width t h cl :figure 2 160 ns low level clock pulse width t l cl :figure 2 160 ns inh switching time t c inh, ce :figures 3, 4, and 5 10 s allowable operating ranges at ta = ?0 to +85 c, v ss =0v
no. 7160- 4 /33 LC75848T parameter symbol conditions ratings unit min typ max hysteresis v h ce, cl, di, inh 0.1 v dd v input high level current i ih ce, cl, di, inh: v i = 6.0 v 5.0 a input low level current i il ce, cl, di, inh: v i = 0 v ?.0 a v oh 1 s1 to s95: i o = ?0 a v lcd 0 ?0.6 output high level voltage v oh 2 com1 to com10: i o = ?00 a v lcd 0 ?0.6 v v oh 3 p1 to p4: i o = ? ma v dd ?1.0 v ol 1 s1 to s95: i o = 20 a v lcd 4 + 0.6 output low level voltage v ol 2 com1 to com10: i o = 100 a v lcd 4 + 0.6 v v ol 3 p1 to p4: i o = 1 ma 1.0 2/4 2/4 v mid 1 s1 to s95: i o = 20 a (v lcd 0 ?v lcd 4) (v lcd 0 ?v lcd 4) ?.6 +0.6 3/4 3/4 output middle level voltage * 1 v mid 2 com1 to com10: i o = 100 a (v lcd 0 ?v lcd 4) (v lcd 0 ?v lcd 4) v ?.6 +0.6 1/4 1/4 v mid 3 com1 to com10: i o = 100 a (v lcd 0 ?v lcd 4) (v lcd 0 ?v lcd 4) ?.6 +0.6 oscillator frequency fosc osc: r osc = 43 k , c osc = 680 pf 40 50 60 khz i dd 1 v dd : power saving mode 5 i dd 2 v dd : v dd = 6.0 v, outputs open, fosc = 50 khz 200 400 i lcd 1 v lcd : power saving mode 5 v lcd : v lcd = 11.0 v i lcd 2 outputs open 500 1000 a current drain fosc = 50 khz when the display contrast adjustment circuit is used. v lcd : v lcd = 11.0 v i lcd 3 outputs open 250 500 fosc = 50 khz when the display contrast adjustment circuit is not used. electrical characteristics for the allowable operating ranges note: * 1. excluding the bias voltage generation divider resistor built into v lcd 0, v lcd 1, v lcd 2 , v lcd 3, and v lcd 4. (see figure 1.)
no. 7160- 5 /33 LC75848T figure 1 ? when cl is stopped at the low level figure 2 excluding these resistors to the common and segment drivers vlcd vlcd3 vlcd4 vlcd2 vlcd0 vlcd1 contrast adjuster t ds vil vil vil vih 50% vih vih t ch t cs t cp t dh t l t? ce cl di t ds vil vil vil vih vih 50% vih t ch t cs t cp tdh t? t l ce cl di ? when cl is stopped at the high level
no. 7160- 6 /33 LC75848T block diagram s94/com10 s95/com9 ce cl di s1 s93 com8 com1 p4 p1 vdd vlcd3 vlcd4 vlcd1 vlcd2 vlcd0 vlcd osc control register segment driver & latch ccb interface common driver general port clock generator contrast adjuster vss inh shift register
no. 7160- 7 /33 LC75848T pin pin no. function active i/o handling when unused s1 to s93 1 to 93 segment driver outputs. s94/com10 94 the s94/com10 and s95/com9 pins can be used as common o open s95/com9 95 driver outputs under the control data. com1 to com8 103 to 96 common driver outputs. o open p1 to p4 104 to 107 general-purpose output ports. o open osc 116 i/o v dd ce 118 h i cl 119 i gnd di 120 i inh 117 l i gnd v lcd 0 110 o open v lcd 1 111 i open v lcd 2 112 i open v lcd 3 113 i open v lcd 4 114 i gnd v dd 108 v lcd 109 v ss 115 power supply connection. connect to ground. pin functions oscillator connection. an oscillator circuit is formed by connecting an external resistor and capacitor at this pin. serial data transfer inputs. these pins are connected to the microcontroller. ce :chip enable cl :synchronization clock di :transfer data s input that turns the display off and forces the general-purpose output ports low. ?when inh is low (v ss ) ?display off s1 to s93 = ??(v lcd 4). s94/com10, s95/com9 = ??(v lcd 4) com1 to com8 = ??(v lcd 4). ?general-purpose output ports p1 to p4 = low (v ss ) ?when inh is high (v dd ) ?display on ? the states of the general-purpose output ports can be set by the pc1 to pc4 control data. however, serial data can be transferred when the inh pin is low. lcd drive 3/4 bias voltage (middle level) supply pin. this pin can be used to supply the 3/4 (v lcd 0 ?v lcd 4) voltage level externally. lcd drive 2/4 bias voltage (middle level) supply pin. this pin can be used to supply the 2/4 (v lcd 0 ?v lcd 4) voltage level externally. lcd drive 1/4 bias voltage (middle level) supply pin. this pin can be used to supply the 1/4 (v lcd 0 ?v lcd 4) voltage level externally. lcd drive 0/4 bias voltage (low level) supply pin. fine adjustment of the display contrast can be implemented by connecting an external variable resistor to this pin. however, (v lcd 0 ?v lcd 4) must be greater than or equal to 4.5 v, and v lcd 4 must be in the range 0 v to 1.5 v, inclusive. logic block power supply connection. provide a voltage of between 2.7 and 6.0v. lcd driver block power supply connection. provide a voltage of between 7.0 and 11.0 v when the display contrast adjustment circuit is used and provide a voltage of between 4.5 and 11.0 v when the circuit is not used. lcd drive 4/4 bias voltage (high level) supply pin. the level on this pin can be changed by the display contrast adjustment circuit. however, (v lcd 0 ?v lcd 4) must be greater than or equal to 4.5 v. also,external power must not be applied to this pin since the pin circuit includes the display contrast adjustment circuit.
di cl ce d97 d98 d99 d100 d101 d102 d103 d104 d105 d106 d108 d107 d109 d110 d111 d112 d113 d115 d114 d116 d117 d118 d119 d120 d2 d1 b1 a 1 a0 b0 display data 120 bits fixed data 5 bits dd 3 bits ccb address 8 bits b3 b2 a 3 a2 display data 120 bits fixed data 5 bits dd 3 bits ccb address 8 bits display data 120 bits fixed data 5 bits dd 3 bits ccb address 8 bits d337 d338 d339 d340 d341 d342 d343 d344 d345 d346 d348 d347 d349 d350 d351 d352 d353 d355 d354 d356 d357 d358 d359 0 0 d360 0 0 0 0 d242 d241 0 0 0 0 1 1 0 b1 a 1 a0 b0 1 0 0 0 0 1 1 0 1 0 0 0 0 1 1 0 1 b3 b2 a 3 a2 0 1 display data 120 bits fixed data 5 bits dd 3 bits ccb address 8 bits d457 d458 d459 d460 d461 d462 d463 d464 d465 d466 d468 d467 d469 d470 d471 d472 d473 d475 d474 d476 d477 d478 d479 0 0 d480 0 0 0 0 d362 d361 0 0 0 0 1 1 0 1 1 1 display data 120 bits fixed data 5 bits dd 3 bits ccb address 8 bits display data 120 bits fixed data 5 bits dd 3 bits ccb address 8 bits display data 40 bits fixed data 5 bits dd 3 bits ccb address 8 bits d217 d218 d219 d220 d221 d222 d223 d224 d225 d226 d228 d227 d229 d230 d231 d232 d233 d235 d234 d236 d237 d238 d239 0 0 d240 0 0 0 0 d122 d121 b1 a 1 a0 b0 b3 b2 a 3 a2 1 0 0 0 0 0 0 0 0 0 b1 a 1 a0 b0 b3 b2 a 3 a2 d577 d578 d579 d580 d581 d582 d583 d584 d585 d586 d588 d587 d589 d590 d591 d592 d593 d595 d594 d596 d597 d598 d599 1 0 d600 0 0 0 0 d482 d481 0 0 0 0 1 1 0 1 0 0 d697 d698 d699 d700 d701 d702 d703 d704 d705 d706 d708 d707 d709 d710 d711 d712 d713 d715 d714 d716 d717 d718 d719 1 0 d720 0 0 0 0 d602 d601 0 0 0 0 1 1 0 1 d745 d746 d747 d748 d749 d750 d751 d752 d753 d754 d756 d755 d757 d758 d759 d760 0 0 0 0 0 1 1 0 d722 d721 0 0 0 0 1 1 0 1 1 0 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b0 to b3, a0 to a3 note: ?ccb address dd?direction data 1 pc4 ct0 pc2 pc3 pc1 0 0 0 0 1 1 0 b1 a 1 a0 b0 1 di cl ce b3 b2 a 3 a2 ct1 1 1 bu sc ctc ct3 ct2 fc dt1 dt2 0 0 0 0 0 0 0 control data 21 bits dd 3 bits ccb address 8 bits no. 7160- 8 /33 LC75848T serial data transfer format 1. 1/8 duty ? when cl is stopped at the low level ?when the display data is transferred. ?when the control data is transferred.
b1 a 1 a0 b0 di cl ce b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 d97 d98 d99 d100 d101 d102 d103 d104 d105 d106 d108 d107 d109 d110 d111 d112 d113 d115 d114 d116 d117 d118 d119 d120 d2 d1 display data 120 bits fixed data 5 bits dd 3 bits ccb address 8 bits display data 120 bits fixed data 5 bits dd 3 bits ccb address 8 bits display data 120 bits fixed data 5 bits dd 3 bits ccb address 8 bits d337 d338 d339 d340 d341 d342 d343 d344 d345 d346 d348 d347 d349 d350 d351 d352 d353 d355 d354 d356 d357 d358 d359 0 0 d360 0 0 0 0 d242 d241 0 0 0 0 1 1 0 1 0 0 0 0 1 1 0 1 0 0 0 0 1 1 0 1 0 1 d217 d218 d219 d220 d221 d222 d223 d224 d225 d226 d228 d227 d229 d230 d231 d232 d233 d235 d234 d236 d237 d238 d239 0 0 d240 0 0 0 0 d122 d121 1 0 0 0 0 0 0 0 0 0 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 d457 d458 d459 d460 d461 d462 d463 d464 d465 d466 d468 d467 d469 d470 d471 d472 d473 d475 d474 d476 d477 d478 d479 d480 d362 d361 display data 120 bits fixed data 5 bits dd 3 bits ccb address 8 bits display data 120 bits fixed data 5 bits dd 3 bits ccb address 8 bits display data 120 bits fixed data 5 bits dd 3 bits ccb address 8 bits d697 d698 d699 d700 d701 d702 d703 d704 d705 d706 d708 d707 d709 d710 d711 d712 d713 d715 d714 d716 d717 d718 d719 1 0 d720 0 0 0 0 d602 d601 0 0 0 0 1 1 d721 1 0 1 0 0 0 0 1 1 0 1 0 0 0 0 1 1 0 1 1 0 d577 d578 d579 d580 d581 d582 d583 d584 d585 d586 d588 d587 d589 d590 d591 d592 d593 d595 d594 d596 d597 d598 d599 1 0 d600 0 0 0 0 d482 d481 0 0 0 0 0 0 0 0 1 1 b1 a 1 a0 b0 b3 b2 a 3 a2 display data 40 bits fixed data 5 bits dd 3 bits ccb address 8 bits d745 d746 d747 d748 d749 d750 d751 d752 d753 d754 d756 d755 d757 d758 d759 d760 0 0 0 0 0 1 1 0 d722 0 0 0 0 1 0 1 1 pc4 ct0 pc2 pc1 pc3 0 0 0 0 1 1 0 1 ct1 1 1 bu sc ctc ct3 ct2 fc dt1 dt2 0 0 0 0 0 0 0 control data 21 bits dd 3 bits ccb address 8 bits b1 a 1 a0 b0 di cl ce b3 b2 a 3 a2 b0 to b3, a0 to a3 note: ?ccb address: ?d1 to d760: ?pc1 to pc4: ?ct0 to ct3, ctc: ?sc: ?bu: ?fc: ?dt1, dt2: 83h display data general-purpose output port state setting data display contrast setting data segment on/off control data normal mode/power saving mode control data data that sets the frame frequency of the common and segment output waveforms display technique setting data ?ccb address dd?direction data no. 7160- 9 /33 LC75848T - when cl is stopped at the high level ?when the display data is transferred. ?when the control data is transferred.
no. 7160- 10 /33 LC75848T b1 a 1 a0 b0 di cl ce b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 d113 d114 d115 d116 d117 d118 d119 d120 d121 d122 d124 d123 d125 d126 d127 d128 d129 d131 d130 d132 d133 d134 d135 0 d2 d1 display data 135 bits fixed data 6 bits dd 3 bits ccb address 8 bits display data 135 bits fixed data 6 bits dd 3 bits ccb address 8 bits display data 135 bits fixed data 6 bits dd 3 bits ccb address 8 bits d383 d384 d385 d386 d387 d388 d389 d390 d391 d392 d394 d393 d395 d396 d397 d398 d399 d401 d400 d402 d403 d404 d405 0 0 0 0 0 0 0 d272 d271 0 0 0 0 1 1 0 1 0 0 0 0 1 1 0 1 0 0 0 0 1 1 0 1 0 1 d248 d249 d250 d251 d252 d253 d254 d255 d256 d257 d259 d258 d260 d261 d262 d263 d264 d266 d265 d267 d268 d269 d270 0 0 0 0 0 0 0 d137 d136 1 0 0 0 0 0 0 0 0 0 d518 d519 d520 d521 d522 d523 d524 d525 d526 d527 d529 d528 d530 d531 d532 d533 d534 d536 d535 d537 d538 d539 d540 0 d407 d406 display data 135 bits fixed data 6 bits dd 3 bits ccb address 8 bits display data 135 bits fixed data 6 bits dd 3 bits ccb address 8 bits display data 135 bits fixed data 6 bits dd 3 bits ccb address 8 bits d788 d789 d790 d791 d792 d793 d794 d795 d796 d797 d799 d798 d800 d801 d802 d803 d804 d806 d805 d807 d808 d809 d810 1 0 0 0 0 0 0 d677 d676 0 0 0 0 1 1 0 1 0 0 0 0 1 1 0 1 0 0 0 0 1 1 0 1 1 0 d653 d654 d655 d656 d657 d658 d659 d660 d661 d662 d664 d663 d665 d666 d667 d668 d669 d671 d670 d672 d673 d674 d675 1 0 0 0 0 0 0 d542 d541 0 0 0 0 0 0 0 0 1 1 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 di cl ce b3 b2 a 3 a2 d811 1 display data 36 bits fixed data 1 bits dd 3 bits ccb address 8 bits d827 d828 d829 d830 d831 d832 d833 d834 d835 d836 d838 d837 d839 d840 d841 d842 d843 d845 d844 d846 0 1 1 0 d812 0 0 0 0 1 0 1 1 pc4 ct0 pc2 pc1 pc3 0 0 0 0 1 1 0 1 ct1 1 1 bu sc ctc ct3 ct2 fc dt1 dt2 0 0 0 0 0 0 0 control data 21 bits dd 3 bits ccb address 8 bits b0 to b3, a0 to a3 note: ?ccb address dd?direction data 2. 1/9 duty ? when cl is stopped at the low level ?when the display data is transferred. ?when the control data is transferred.
b1 a 1 a0 b0 di cl ce b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 di cl ce b3 b2 a 3 a2 d113 d114 d115 d116 d117 d118 d119 d120 d121 d122 d124 d123 d125 d126 d127 d128 d129 d131 d130 d132 d133 d134 d135 0 d2 d1 display data 135 bits fixed data 6 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 0 0 0 0 0 0 0 0 display data 135 bits fixed data 6 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 d248 d249 d250 d251 d252 d253 d254 d255 d256 d257 d259 d258 d260 d261 d262 d263 d264 d266 d265 d267 d268 d269 d270 0 0 0 0 0 0 0 d137 d136 1 0 display data 135 bits fixed data 6 bits dd 3 bits ccb address 8 bits d383 d384 d385 d386 d387 d388 d389 d390 d391 d392 d394 d393 d395 d396 d397 d398 d399 d401 d400 d402 d403 d404 d405 0 0 0 0 0 0 0 d272 d271 0 0 0 0 1 1 0 1 0 1 d518 d519 d520 d521 d522 d523 d524 d525 d526 d527 d529 d528 d530 d531 d532 d533 d534 d536 d535 d537 d538 d539 d540 0 d407 d406 display data 135 bits fixed data 6 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 0 0 0 0 0 0 1 1 display data 135 bits fixed data 6 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 d653 d654 d655 d656 d657 d658 d659 d660 d661 d662 d664 d663 d665 d666 d667 d668 d669 d671 d670 d672 d673 d674 d675 1 0 0 0 0 0 0 d542 d541 0 0 display data 135 bits fixed data 6 bits dd 3 bits ccb address 8 bits d788 d789 d790 d791 d792 d793 d794 d795 d796 d797 d799 d798 d800 d801 d802 d803 d804 d806 d805 d807 d808 d809 d810 1 0 0 0 0 0 0 d677 d676 0 0 0 0 1 1 0 1 1 0 d811 1 display data 36 bits fixed data 1 bits dd 3 bits ccb address 8 bits d827 d828 d829 d830 d831 d832 d833 d834 d835 d836 d838 d837 d839 d840 d841 d842 d843 d845 d844 d846 0 1 1 0 d812 0 0 0 0 1 0 1 1 pc4 ct0 pc2 pc1 pc3 0 0 0 0 1 1 0 1 ct1 1 1 bu sc ctc ct3 ct2 fc dt1 dt2 0 0 0 0 0 0 0 control data 21 bits dd 3 bits ccb address 8 bits b0 to b3, a0 to a3 note: ?ccb address: ?d1 to d846: ?pc1 to pc4: ?ct0 to ct3, ctc: ?sc: ?bu: ?fc: ?dt1, dt2: 83h display data general-purpose output port state setting data display contrast setting data segment on/off control data normal mode/power saving mode control data data that sets the frame frequency of the common and segment output waveforms display technique setting data ?ccb address dd?direction data no. 7160- 11 /33 LC75848T - when cl is stopped at the high level ?when the display data is transferred. ?when the control data is transferred.
di cl ce b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 di cl ce b3 b2 a 3 a2 d129 d130 d131 d132 d133 d134 d135 d136 d137 d138 d140 d139 d141 d142 d143 d144 d145 d147 d146 d148 d149 d150 0 0 d2 d1 display data 150 bits fixed data 7 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 0 0 0 0 0 0 0 0 d279 d280 d281 d282 d283 d284 d285 d286 d287 d288 d290 d289 d291 d292 d293 d294 d295 d297 d296 d298 d299 d300 0 0 d152 d151 display data 150 bits fixed data 7 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 0 0 0 0 0 0 1 0 d429 d430 d431 d432 d433 d434 d435 d436 d437 d438 d440 d439 d441 d442 d443 d444 d445 d447 d446 d448 d449 d450 0 0 d302 d301 display data 150 bits fixed data 7 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 0 0 0 0 0 0 0 1 d579 d580 d581 d582 d583 d584 d585 d586 d587 d588 d590 d589 d591 d592 d593 d594 d595 d597 d596 d598 d599 d600 0 0 d452 d451 display data 150 bits fixed data 7 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 0 0 0 0 0 0 1 1 d729 d730 d731 d732 d733 d734 d735 d736 d737 d738 d740 d739 d741 d742 d743 d744 d745 d747 d746 d748 d749 d750 0 0 d602 d601 display data 150 bits fixed data 7 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 1 0 0 0 0 0 0 0 d879 d880 d881 d882 d883 d884 d885 d886 d887 d888 d890 d889 d891 d892 d893 d894 d895 d897 d896 d898 d899 d900 0 0 d752 d751 display data 150 bits fixed data 7 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 1 0 0 0 0 0 1 0 d901 1 display data 30 bits fixed data 7 bits dd 3 bits ccb address 8 bits d917 d918 d919 d920 d921 d922 d923 d924 d925 d926 d928 d927 d929 d930 0 0 0 0 0 0 0 1 1 0 d902 0 0 0 0 1 0 1 1 pc4 ct0 pc2 pc1 pc3 0 0 0 0 1 1 0 1 ct1 1 1 bu sc ctc ct3 ct2 fc dt1 dt2 0 0 0 0 0 0 0 control data 21 bits dd 3 bits ccb address 8 bits b0 to b3, a0 to a3 note: ?ccb address dd?direction data no. 7160- 12 /33 LC75848T 3. 1/10 duty ? when cl is stopped at the low level ?when the display data is transferred. when the control data is transferred.
b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 b3 b2 a 3 a2 b1 a 1 a0 b0 di cl ce b3 b2 a 3 a2 d129 d130 d131 d132 d133 d134 d135 d136 d137 d138 d140 d139 d141 d142 d143 d144 d145 d147 d146 d148 d149 d150 0 0 d2 d1 display data 150 bits fixed data 7 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 0 0 0 0 0 0 0 0 d279 d280 d281 d282 d283 d284 d285 d286 d287 d288 d290 d289 d291 d292 d293 d294 d295 d297 d296 d298 d299 d300 0 0 d152 d151 display data 150 bits fixed data 7 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 0 0 0 0 0 0 1 0 d429 d430 d431 d432 d433 d434 d435 d436 d437 d438 d440 d439 d441 d442 d443 d444 d445 d447 d446 d448 d449 d450 0 0 d302 d301 display data 150 bits fixed data 7 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 0 0 0 0 0 0 0 1 d579 d580 d581 d582 d583 d584 d585 d586 d587 d588 d590 d589 d591 d592 d593 d594 d595 d597 d596 d598 d599 d600 0 0 d452 d451 display data 150 bits fixed data 7 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 0 0 0 0 0 0 1 1 d729 d730 d731 d732 d733 d734 d735 d736 d737 d738 d740 d739 d741 d742 d743 d744 d745 d747 d746 d748 d749 d750 0 0 d602 d601 display data 150 bits fixed data 7 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 1 0 0 0 0 0 0 0 d879 d880 d881 d882 d883 d884 d885 d886 d887 d888 d890 d889 d891 d892 d893 d894 d895 d897 d896 d898 d899 d900 0 0 d752 d751 display data 150 bits fixed data 7 bits dd 3 bits ccb address 8 bits 0 0 0 0 1 1 0 1 1 0 0 0 0 0 1 0 d901 1 display data 30 bits fixed data 7 bits dd 3 bits ccb address 8 bits d917 d918 d919 d920 d921 d922 d923 d924 d925 d926 d928 d927 d929 d930 0 0 0 0 0 0 0 1 1 0 d902 0 0 0 0 1 0 1 1 pc4 ct0 pc2 pc1 pc3 0 0 0 0 1 1 0 1 ct1 1 1 bu sc ctc ct3 ct2 fc dt1 dt2 0 0 0 0 0 0 0 control data 21 bits dd 3 bits ccb address 8 bits b0 to b3, a0 to a3 note: ?ccb address: ?d1 to d930: ?pc1 to pc4: ?ct0 to ct3, ctc: ?sc: ?bu: ?fc: ?dt1, dt2: 83h display data general-purpose output port state setting data display contrast setting data segment on/off control data normal mode/power saving mode control data data that sets the frame frequency of the common and segment output waveforms display technique setting data ?ccb address dd?direction data no. 7160- 13 /33 LC75848T - when cl is stopped at the high level ?when the display data is transferred. ?when the control data is transferred.
no. 7160- 14 /33 LC75848T control data functions for example, if pc1 and pc2 are set to 1, and pc3 and pc4 are set to 0, then the output pins p1 and p2 will output high levels (v dd ) and the output pins p3 and p4 will output low levels (v ss ). 1. pc1 to pc4: general-purpose output port state setting data these control data bits set the states of the general-purpose output ports p1 to p4. output pin p1 p2 p3 p4 general-purpose output port state setting data pc1 pc2 pc3 pc4 2. ct0 to ct3, ctc: display contrast setting data these control data bits set the display contrast. ct0 to ct3: display contrast setting (11 steps) ct0 ct1 ct2 ct3 lcd drive 4/4 bias voltage supply v lcd 0 level 0 0 0 0 0.94 v lcd = v lcd ?(0.03 v lcd 2) 1 0 0 0 0.91 v lcd = v lcd ?(0.03 v lcd 3) 0 1 0 0 0.88 v lcd = v lcd ?(0.03 v lcd 4) 1 1 0 0 0.85 v lcd = v lcd ?(0.03 v lcd 5) 0 0 1 0 0.82 v lcd = v lcd ?(0.03 v lcd 6) 1 0 1 0 0.79 v lcd = v lcd ?(0.03 v lcd 7) 0 1 1 0 0.76 v lcd = v lcd ?(0.03 v lcd 8) 1 1 1 0 0.73 v lcd = v lcd ?(0.03 v lcd 9) 0 0 0 1 0.70 v lcd = v lcd ?(0.03 v lcd 10) 1 0 0 1 0.67 v lcd = v lcd ?(0.03 v lcd 11) 0 1 0 1 0.64 v lcd = v lcd ?(0.03 v lcd 12) ctc: display contrast adjustment circuit state setting note that although the display contrast can be adjusted by operating the built-in display contrast adjustment circuit, it is also possible to apply fine adjustments to the contrast by connecting an external variable resistor to the v lcd 4 pin and modifying the v lcd 4 pin voltage. however, the following conditions must be met: (v lcd 0 ?v lcd 4) 3 4.5 v, and 1.5 v 3 v lcd 4 3 0 v. ctc display contrast adjustment circuit state 0 the display contrast adjustment circuit is disabled, and the v lcd 0 pin level is forced to the v lcd level. 1 the display contrast adjustment circuit operates and the display contrast is adjusted.
no. 7160- 15 /33 LC75848T however, note that when the segments are turned off by setting sc to 1, the segments are turned off by outputting segment off w aveforms from the segment output pins. notes: sn (n = 94 or 95): segment outputs comn (n = 9 or 10): common outputs sc display state 0 on 1 off 3. sc: segment on/off control data this control data bit controls the on/off state of the segments. bu mode 0 normal mode power saving mode 1 the common and segment pins go to the v lcd 4 level and the oscillator on the osc pin is stopped. note that the states of the general-purpose output ports p1 to p4 are set by pc1 to pc4 in the control data during power saving mode as well as normal mode . 4. bu: normal mode/power saving mode control data this control data bit controls the normal mode and power saving mode. 6. dt1, dt2: display technique setting data this control data bits set the display technique. dt1 dt2 display technique output pins s95/com9 s94/com10 0 0 1/8 duty 1/4 bias drive s95 s94 1 0 1/9 duty 1/4 bias drive com9 s94 0 1 1/10 duty 1/4 bias drive com9 com10 5. fc: data that sets the frame frequency of the common and segment output waveforms this control data sets the frame frequency of the common and segment output waveforms. fc frame frequency 1/8 duty 1/4 bias drive f8 [hz] 1/9 duty 1/4 bias drive f9 [hz] 1/10 duty 1/4 bias drive f10 [hz] 0 1 fosc 512 fosc 256 fosc 576 fosc 288 fosc 640 fosc 320
no. 7160- 16 /33 LC75848T display data and output pin correspondence 1/8 duty output pin com1 com2 com3 com4 com5 com6 com7 com8 s1 d1 d2 d3 d4 d5 d6 d7 d8 s2 d9 d10 d11 d12 d13 d14 d15 d16 s3 d17 d18 d19 d20 d21 d22 d23 d24 s4 d25 d26 d27 d28 d29 d30 d31 d32 s5 d33 d34 d35 d36 d37 d38 d39 d40 s6 d41 d42 d43 d44 d45 d46 d47 d48 s7 d49 d50 d51 d52 d53 d54 d55 d56 s8 d57 d58 d59 d60 d61 d62 d63 d64 s9 d65 d66 d67 d68 d69 d70 d71 d72 s10 d73 d74 d75 d76 d77 d78 d79 d80 s11 d81 d82 d83 d84 d85 d86 d87 d88 s12 d89 d90 d91 d92 d93 d94 d95 d96 s13 d97 d98 d99 d100 d101 d102 d103 d104 s14 d105 d106 d107 d108 d109 d110 d111 d112 s15 d113 d114 d115 d116 d117 d118 d119 d120 s16 d121 d122 d123 d124 d125 d126 d127 d128 s17 d129 d130 d131 d132 d133 d134 d135 d136 s18 d137 d138 d139 d140 d141 d142 d143 d144 s19 d145 d146 d147 d148 d149 d150 d151 d152 s20 d153 d154 d155 d156 d157 d158 d159 d160 s21 d161 d162 d163 d164 d165 d166 d167 d168 s22 d169 d170 d171 d172 d173 d174 d175 d176 s23 d177 d178 d179 d180 d181 d182 d183 d184 s24 d185 d186 d187 d188 d189 d190 d191 d192 s25 d193 d194 d195 d196 d197 d198 d199 d200 s26 d201 d202 d203 d204 d205 d206 d207 d208 s27 d209 d210 d211 d212 d213 d214 d215 d216 s28 d217 d218 d219 d220 d221 d222 d223 d224 s29 d225 d226 d227 d228 d229 d230 d231 d232 s30 d233 d234 d235 d236 d237 d238 d239 d240 s31 d241 d242 d243 d244 d245 d246 d247 d248 s32 d249 d250 d251 d252 d253 d254 d255 d256 s33 d257 d258 d259 d260 d261 d262 d263 d264 s34 d265 d266 d267 d268 d269 d270 d271 d272 s35 d273 d274 d275 d276 d277 d278 d279 d280 s36 d281 d282 d283 d284 d285 d286 d287 d288 s37 d289 d290 d291 d292 d293 d294 d295 d296 s38 d297 d298 d299 d300 d301 d302 d303 d304 s39 d305 d306 d307 d308 d309 d310 d311 d312 s40 d313 d314 d315 d316 d317 d318 d319 d320 s41 d321 d322 d323 d324 d325 d326 d327 d328 s42 d329 d330 d331 d332 d333 d334 d335 d336 s43 d337 d338 d339 d340 d341 d342 d343 d344 s44 d345 d346 d347 d348 d349 d350 d351 d352 s45 d353 d354 d355 d356 d357 d358 d359 d360 s46 d361 d362 d363 d364 d365 d366 d367 d368 s47 d369 d370 d371 d372 d373 d374 d375 d376 s48 d377 d378 d379 d380 d381 d382 d383 d384 s49 d385 d386 d387 d388 d389 d390 d391 d392 s50 d393 d394 d395 d396 d397 d398 d399 d400 s51 d401 d402 d403 d404 d405 d406 d407 d408 s52 d409 d410 d411 d412 d413 d414 d415 d416 s53 d417 d418 d419 d420 d421 d422 d423 d424 s54 d425 d426 d427 d428 d429 d430 d431 d432 continued on next page.
no. 7160- 17 /33 LC75848T output pin com1 com2 com3 com4 com5 com6 com7 com8 s55 d433 d434 d435 d436 d437 d438 d439 d440 s56 d441 d442 d443 d444 d445 d446 d447 d448 s57 d449 d450 d451 d452 d453 d454 d455 d456 s58 d457 d458 d459 d460 d461 d462 d463 d464 s59 d465 d466 d467 d468 d469 d470 d471 d472 s60 d473 d474 d475 d476 d477 d478 d479 d480 s61 d481 d482 d483 d484 d485 d486 d487 d488 s62 d489 d490 d491 d492 d493 d494 d495 d496 s63 d497 d498 d499 d500 d501 d502 d503 d504 s64 d505 d506 d507 d508 d509 d510 d511 d512 s65 d513 d514 d515 d516 d517 d518 d519 d520 s66 d521 d522 d523 d524 d525 d526 d527 d528 s67 d529 d530 d531 d532 d533 d534 d535 d536 s68 d537 d538 d539 d540 d541 d542 d543 d544 s69 d545 d546 d547 d548 d549 d550 d551 d552 s70 d553 d554 d555 d556 d557 d558 d559 d560 s71 d561 d562 d563 d564 d565 d566 d567 d568 s72 d569 d570 d571 d572 d573 d574 d575 d576 s73 d577 d578 d579 d580 d581 d582 d583 d584 s74 d585 d586 d587 d588 d589 d590 d591 d592 s75 d593 d594 d595 d596 d597 d598 d599 d600 s76 d601 d602 d603 d604 d605 d606 d607 d608 s77 d609 d610 d611 d612 d613 d614 d615 d616 s78 d617 d618 d619 d620 d621 d622 d623 d624 s79 d625 d626 d627 d628 d629 d630 d631 d632 s80 d633 d634 d635 d636 d637 d638 d639 d640 s81 d641 d642 d643 d644 d645 d646 d647 d648 s82 d649 d650 d651 d652 d653 d654 d655 d656 s83 d657 d658 d659 d660 d661 d662 d663 d664 s84 d665 d666 d667 d668 d669 d670 d671 d672 s85 d673 d674 d675 d676 d677 d678 d679 d680 s86 d681 d682 d683 d684 d685 d686 d687 d688 s87 d689 d690 d691 d692 d693 d694 d695 d696 s88 d697 d698 d699 d700 d701 d702 d703 d704 s89 d705 d706 d707 d708 d709 d710 d711 d712 s90 d713 d714 d715 d716 d717 d718 d719 d720 s91 d721 d722 d723 d724 d725 d726 d727 d728 s92 d729 d730 d731 d732 d733 d734 d735 d736 s93 d737 d738 d739 d740 d741 d742 d743 d744 s94/com10 d745 d746 d747 d748 d749 d750 d751 d752 s95/com9 d753 d754 d755 d756 d757 d758 d759 d760 continued from preceding page. for example, the table below lists the segment output states for the s11 output pin. display data output pin state (s11) d81 d82 d83 d84 d85 d86 d87 d88 0 0 0 0 0 0 0 0 the lcd segments for com1 to com8 are off 1 0 0 0 0 0 0 0 the lcd segment for com1 is on 0 1 0 0 0 0 0 0 the lcd segment for com2 is on 0 0 1 0 0 0 0 0 the lcd segment for com3 is on 0 0 0 1 0 0 0 0 the lcd segment for com4 is on 0 0 0 0 1 0 0 0 the lcd segment for com5 is on 0 0 0 0 0 1 0 0 the lcd segment for com6 is on 0 0 0 0 0 0 1 0 the lcd segment for com7 is on 0 0 0 0 0 0 0 1 the lcd segment for com8 is on 1 1 1 1 1 1 1 1 the lcd segments for com1 to com8 are on note: applies when the s94/com10 and s95/com9 output pins are set to their segment output function.
no. 7160- 18 /33 LC75848T 1/9 duty output pin com1 com2 com3 com4 com5 com6 com7 com8 com9 s1 d1 d2 d3 d4 d5 d6 d7 d8 d9 s2 d10 d11 d12 d13 d14 d15 d16 d17 d18 s3 d19 d20 d21 d22 d23 d24 d25 d26 d27 s4 d28 d29 d30 d31 d32 d33 d34 d35 d36 s5 d37 d38 d39 d40 d41 d42 d43 d44 d45 s6 d46 d47 d48 d49 d50 d51 d52 d53 d54 s7 d55 d56 d57 d58 d59 d60 d61 d62 d63 s8 d64 d65 d66 d67 d68 d69 d70 d71 d72 s9 d73 d74 d75 d76 d77 d78 d79 d80 d81 s10 d82 d83 d84 d85 d86 d87 d88 d89 d90 s11 d91 d92 d93 d94 d95 d96 d97 d98 d99 s12 d100 d101 d102 d103 d104 d105 d106 d107 d108 s13 d109 d110 d111 d112 d113 d114 d115 d116 d117 s14 d118 d119 d120 d121 d122 d123 d124 d125 d126 s15 d127 d128 d129 d130 d131 d132 d133 d134 d135 s16 d136 d137 d138 d139 d140 d141 d142 d143 d144 s17 d145 d146 d147 d148 d149 d150 d151 d152 d153 s18 d154 d155 d156 d157 d158 d159 d160 d161 d162 s19 d163 d164 d165 d166 d167 d168 d169 d170 d171 s20 d172 d173 d174 d175 d176 d177 d178 d179 d180 s21 d181 d182 d183 d184 d185 d186 d187 d188 d189 s22 d190 d191 d192 d193 d194 d195 d196 d197 d198 s23 d199 d200 d201 d202 d203 d204 d205 d206 d207 s24 d208 d209 d210 d211 d212 d213 d214 d215 d216 s25 d217 d218 d219 d220 d221 d222 d223 d224 d225 s26 d226 d227 d228 d229 d230 d231 d232 d233 d234 s27 d235 d236 d237 d238 d239 d240 d241 d242 d243 s28 d244 d245 d246 d247 d248 d249 d250 d251 d252 s29 d253 d254 d255 d256 d257 d258 d259 d260 d261 s30 d262 d263 d264 d265 d266 d267 d268 d269 d270 s31 d271 d272 d273 d274 d275 d276 d277 d278 d279 s32 d280 d281 d282 d283 d284 d285 d286 d287 d288 s33 d289 d290 d291 d292 d293 d294 d295 d296 d297 s34 d298 d299 d300 d301 d302 d303 d304 d305 d306 s35 d307 d308 d309 d310 d311 d312 d313 d314 d315 s36 d316 d317 d318 d319 d320 d321 d322 d323 d324 s37 d325 d326 d327 d328 d329 d330 d331 d332 d333 s38 d334 d335 d336 d337 d338 d339 d340 d341 d342 s39 d343 d344 d345 d346 d347 d348 d349 d350 d351 s40 d352 d353 d354 d355 d356 d357 d358 d359 d360 s41 d361 d362 d363 d364 d365 d366 d367 d368 d369 s42 d370 d371 d372 d373 d374 d375 d376 d377 d378 s43 d379 d380 d381 d382 d383 d384 d385 d386 d387 s44 d388 d389 d390 d391 d392 d393 d394 d395 d396 s45 d397 d398 d399 d400 d401 d402 d403 d404 d405 s46 d406 d407 d408 d409 d410 d411 d412 d413 d414 s47 d415 d416 d417 d418 d419 d420 d421 d422 d423 s48 d424 d425 d426 d427 d428 d429 d430 d431 d432 s49 d433 d434 d435 d436 d437 d438 d439 d440 d441 s50 d442 d443 d444 d445 d446 d447 d448 d449 d450 s51 d451 d452 d453 d454 d455 d456 d457 d458 d459 s52 d460 d461 d462 d463 d464 d465 d466 d467 d468 s53 d469 d470 d471 d472 d473 d474 d475 d476 d477 s54 d478 d479 d480 d481 d482 d483 d484 d485 d486 s55 d487 d488 d489 d490 d491 d492 d493 d494 d495 continued on next page.
no. 7160- 19 /33 LC75848T continued from preceding page. output pin com1 com2 com3 com4 com5 com6 com7 com8 com9 s56 d496 d497 d498 d499 d500 d501 d502 d503 d504 s57 d505 d506 d507 d508 d509 d510 d511 d512 d513 s58 d514 d515 d516 d517 d518 d519 d520 d521 d522 s59 d523 d524 d525 d526 d527 d528 d529 d530 d531 s60 d532 d533 d534 d535 d536 d537 d538 d539 d540 s61 d541 d542 d543 d544 d545 d546 d547 d548 d549 s62 d550 d551 d552 d553 d554 d555 d556 d557 d558 s63 d559 d560 d561 d562 d563 d564 d565 d566 d567 s64 d568 d569 d570 d571 d572 d573 d574 d575 d576 s65 d577 d578 d579 d580 d581 d582 d583 d584 d585 s66 d586 d587 d588 d589 d590 d591 d592 d593 d594 s67 d595 d596 d597 d598 d599 d600 d601 d602 d603 s68 d604 d605 d606 d607 d608 d609 d610 d611 d612 s69 d613 d614 d615 d616 d617 d618 d619 d620 d621 s70 d622 d623 d624 d625 d626 d627 d628 d629 d630 s71 d631 d632 d633 d634 d635 d636 d637 d638 d639 s72 d640 d641 d642 d643 d644 d645 d646 d647 d648 s73 d649 d650 d651 d652 d653 d654 d655 d656 d657 s74 d658 d659 d660 d661 d662 d663 d664 d665 d666 s75 d667 d668 d669 d670 d671 d672 d673 d674 d675 s76 d676 d677 d678 d679 d680 d681 d682 d683 d684 s77 d685 d686 d687 d688 d689 d690 d691 d692 d693 s78 d694 d695 d696 d697 d698 d699 d700 d701 d702 s79 d703 d704 d705 d706 d707 d708 d709 d710 d711 s80 d712 d713 d714 d715 d716 d717 d718 d719 d720 s81 d721 d722 d723 d724 d725 d726 d727 d728 d729 s82 d730 d731 d732 d733 d734 d735 d736 d737 d738 s83 d739 d740 d741 d742 d743 d744 d745 d746 d747 s84 d748 d749 d750 d751 d752 d753 d754 d755 d756 s85 d757 d758 d759 d760 d761 d762 d763 d764 d765 s86 d766 d767 d768 d769 d770 d771 d772 d773 d774 s87 d775 d776 d777 d778 d779 d780 d781 d782 d783 s88 d784 d785 d786 d787 d788 d789 d790 d791 d792 s89 d793 d794 d795 d796 d797 d798 d799 d800 d801 s90 d802 d803 d804 d805 d806 d807 d808 d809 d810 s91 d811 d812 d813 d814 d815 d816 d817 d818 d819 s92 d820 d821 d822 d823 d824 d825 d826 d827 d828 s93 d829 d830 d831 d832 d833 d834 d835 d836 d837 s94/com10 d838 d839 d840 d841 d842 d843 d844 d845 d846 note: applies when the s94/com10 output pin is set to its segment output function. for example, the table below lists the segment output states for the s11 output pin. display data output pin state (s11) d91 d92 d93 d94 d95 d96 d97 d98 d99 0 0 0 0 0 0 0 0 0 the lcd segments for com1 to com9 are off 1 0 0 0 0 0 0 0 0 the lcd segment for com1 is on 0 1 0 0 0 0 0 0 0 the lcd segment for com2 is on 0 0 1 0 0 0 0 0 0 the lcd segment for com3 is on 0 0 0 1 0 0 0 0 0 the lcd segment for com4 is on 0 0 0 0 1 0 0 0 0 the lcd segment for com5 is on 0 0 0 0 0 1 0 0 0 the lcd segment for com6 is on 0 0 0 0 0 0 1 0 0 the lcd segment for com7 is on 0 0 0 0 0 0 0 1 0 the lcd segment for com8 is on 0 0 0 0 0 0 0 0 1 the lcd segment for com9 is on 1 1 1 1 1 1 1 1 1 the lcd segments for com1 to com9 are on
no. 7160- 20 /33 LC75848T 1/10 duty output pin com1 com2 com3 com4 com5 com6 com7 com8 com9 com10 s1 d1 d2 d3 d4 d5 d6 d7 d8 d9 d10 s2 d11 d12 d13 d14 d15 d16 d17 d18 d19 d20 s3 d21 d22 d23 d24 d25 d26 d27 d28 d29 d30 s4 d31 d32 d33 d34 d35 d36 d37 d38 d39 d40 s5 d41 d42 d43 d44 d45 d46 d47 d48 d49 d50 s6 d51 d52 d53 d54 d55 d56 d57 d58 d59 d60 s7 d61 d62 d63 d64 d65 d66 d67 d68 d69 d70 s8 d71 d72 d73 d74 d75 d76 d77 d78 d79 d80 s9 d81 d82 d83 d84 d85 d86 d87 d88 d89 d90 s10 d91 d92 d93 d94 d95 d96 d97 d98 d99 d100 s11 d101 d102 d103 d104 d105 d106 d107 d108 d109 d110 s12 d111 d112 d113 d114 d115 d116 d117 d118 d119 d120 s13 d121 d122 d123 d124 d125 d126 d127 d128 d129 d130 s14 d131 d132 d133 d134 d135 d136 d137 d138 d139 d140 s15 d141 d142 d143 d144 d145 d146 d147 d148 d149 d150 s16 d151 d152 d153 d154 d155 d156 d157 d158 d159 d160 s17 d161 d162 d163 d164 d165 d166 d167 d168 d169 d170 s18 d171 d172 d173 d174 d175 d176 d177 d178 d179 d180 s19 d181 d182 d183 d184 d185 d186 d187 d188 d189 d190 s20 d191 d192 d193 d194 d195 d196 d197 d198 d199 d200 s21 d201 d202 d203 d204 d205 d206 d207 d208 d209 d210 s22 d211 d212 d213 d214 d215 d216 d217 d218 d219 d220 s23 d221 d222 d223 d224 d225 d226 d227 d228 d229 d230 s24 d231 d232 d233 d234 d235 d236 d237 d238 d239 d240 s25 d241 d242 d243 d244 d245 d246 d247 d248 d249 d250 s26 d251 d252 d253 d254 d255 d256 d257 d258 d259 d260 s27 d261 d262 d263 d264 d265 d266 d267 d268 d269 d270 s28 d271 d272 d273 d274 d275 d276 d277 d278 d279 d280 s29 d281 d282 d283 d284 d285 d286 d287 d288 d289 d290 s30 d291 d292 d293 d294 d295 d296 d297 d298 d299 d300 s31 d301 d302 d303 d304 d305 d306 d307 d308 d309 d310 s32 d311 d312 d313 d314 d315 d316 d317 d318 d319 d320 s33 d321 d322 d323 d324 d325 d326 d327 d328 d329 d330 s34 d331 d332 d333 d334 d335 d336 d337 d338 d339 d340 s35 d341 d342 d343 d344 d345 d346 d347 d348 d349 d350 s36 d351 d352 d353 d354 d355 d356 d357 d358 d359 d360 s37 d361 d362 d363 d364 d365 d366 d367 d368 d369 d370 s38 d371 d372 d373 d374 d375 d376 d377 d378 d379 d380 s39 d381 d382 d383 d384 d385 d386 d387 d388 d389 d390 s40 d391 d392 d393 d394 d395 d396 d397 d398 d399 d400 s41 d401 d402 d403 d404 d405 d406 d407 d408 d409 d410 s42 d411 d412 d413 d414 d415 d416 d417 d418 d419 d420 s43 d421 d422 d423 d424 d425 d426 d427 d428 d429 d430 s44 d431 d432 d433 d434 d435 d436 d437 d438 d439 d440 s45 d441 d442 d443 d444 d445 d446 d447 d448 d449 d450 s46 d451 d452 d453 d454 d455 d456 d457 d458 d459 d460 s47 d461 d462 d463 d464 d465 d466 d467 d468 d469 d470 s48 d471 d472 d473 d474 d475 d476 d477 d478 d479 d480 s49 d481 d482 d483 d484 d485 d486 d487 d488 d489 d490 s50 d491 d492 d493 d494 d495 d496 d497 d498 d499 d500 s51 d501 d502 d503 d504 d505 d506 d507 d508 d509 d510 s52 d511 d512 d513 d514 d515 d516 d517 d518 d519 d520 s53 d521 d522 d523 d524 d525 d526 d527 d528 d529 d530 s54 d531 d532 d533 d534 d535 d536 d537 d538 d539 d540 s55 d541 d542 d543 d544 d545 d546 d547 d548 d549 d550 continued on next page.
no. 7160- 21 /33 LC75848T continued from preceding page. output pin com1 com2 com3 com4 com5 com6 com7 com8 com9 com10 s56 d551 d552 d553 d554 d555 d556 d557 d558 d559 d560 s57 d561 d562 d563 d564 d565 d566 d567 d568 d569 d570 s58 d571 d572 d573 d574 d575 d576 d577 d578 d579 d580 s59 d581 d582 d583 d584 d585 d586 d587 d588 d589 d590 s60 d591 d592 d593 d594 d595 d596 d597 d598 d599 d600 s61 d601 d602 d603 d604 d605 d606 d607 d608 d609 d610 s62 d611 d612 d613 d614 d615 d616 d617 d618 d619 d620 s63 d621 d622 d623 d624 d625 d626 d627 d628 d629 d630 s64 d631 d632 d633 d634 d635 d636 d637 d638 d639 d640 s65 d641 d642 d643 d644 d645 d646 d647 d648 d649 d650 s66 d651 d652 d653 d654 d655 d656 d657 d658 d659 d660 s67 d661 d662 d663 d664 d665 d666 d667 d668 d669 d670 s68 d671 d672 d673 d674 d675 d676 d677 d678 d679 d680 s69 d681 d682 d683 d684 d685 d686 d687 d688 d689 d690 s70 d691 d692 d693 d694 d695 d696 d697 d698 d699 d700 s71 d701 d702 d703 d704 d705 d706 d707 d708 d709 d710 s72 d711 d712 d713 d714 d715 d716 d717 d718 d719 d720 s73 d721 d722 d723 d724 d725 d726 d727 d728 d729 d730 s74 d731 d732 d733 d734 d735 d736 d737 d738 d739 d740 s75 d741 d742 d743 d744 d745 d746 d747 d748 d749 d750 s76 d751 d752 d753 d754 d755 d756 d757 d758 d759 d760 s77 d761 d762 d763 d764 d765 d766 d767 d768 d769 d770 s78 d771 d772 d773 d774 d775 d776 d777 d778 d779 d780 s79 d781 d782 d783 d784 d785 d786 d787 d788 d789 d790 s80 d791 d792 d793 d794 d795 d796 d797 d798 d799 d800 s81 d801 d802 d803 d804 d805 d806 d807 d808 d809 d810 s82 d811 d812 d813 d814 d815 d816 d817 d818 d819 d820 s83 d821 d822 d823 d824 d825 d826 d827 d828 d829 d830 s84 d831 d832 d833 d834 d835 d836 d837 d838 d839 d840 s85 d841 d842 d843 d844 d845 d846 d847 d848 d849 d850 s86 d851 d852 d853 d854 d855 d856 d857 d858 d859 d860 s87 d861 d862 d863 d864 d865 d866 d867 d868 d869 d870 s88 d871 d872 d873 d874 d875 d876 d877 d878 d879 d880 s89 d881 d882 d883 d884 d885 d886 d887 d888 d889 d890 s90 d891 d892 d893 d894 d895 d896 d897 d898 d899 d900 s91 d901 d902 d903 d904 d905 d906 d907 d908 d909 d910 s92 d911 d912 d913 d914 d915 d916 d917 d918 d919 d920 s93 d921 d922 d923 d924 d925 d926 d927 d928 d929 d930 for example, the table below lists the segment output states for the s11 output pin. display data output pin state (s11) d101 d102 d103 d104 d105 d106 d107 d108 d109 d110 0 0 0 0 0 0 0 0 0 0 the lcd segments for com1 to com10 are off 1 0 0 0 0 0 0 0 0 0 the lcd segment for com1 is on 0 1 0 0 0 0 0 0 0 0 the lcd segment for com2 is on 0 0 1 0 0 0 0 0 0 0 the lcd segment for com3 is on 0 0 0 1 0 0 0 0 0 0 the lcd segment for com4 is on 0 0 0 0 1 0 0 0 0 0 the lcd segment for com5 is on 0 0 0 0 0 1 0 0 0 0 the lcd segment for com6 is on 0 0 0 0 0 0 1 0 0 0 the lcd segment for com7 is on 0 0 0 0 0 0 0 1 0 0 the lcd segment for com8 is on 0 0 0 0 0 0 0 0 1 0 the lcd segment for com9 is on 0 0 0 0 0 0 0 0 0 1 the lcd segment for com10 is on 1 1 1 1 1 1 1 1 1 1 the lcd segments for com1 to com10 are on
no. 7160- 22 /33 LC75848T 1/8 duty, 1/4 bias drive technique vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 com1 com2 com8 lcd driver output when all lcd segments corresponding to com1 to com8 are turned off lcd driver output when only lcd segments corresponding to com1 are turned on lcd driver output when only lcd segments corresponding to com2 are turned on lcd driver output when all lcd segments corresponding to com1 to com8 are turned on vlcd4 t8 8 t8 1 f8 t8 = when fc in the control data is 0. f8= when fc in the control data is 1. f8= fosc 512 fosc 256
no. 7160- 23 /33 LC75848T 1/9 duty, 1/4 bias drive technique vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 com1 com2 com9 vlcd4 t9 9 t9 1 f9 t9 = lcd driver output when all lcd segments corresponding to com1 to com9 are turned off lcd driver output when only lcd segments corresponding to com1 are turned on lcd driver output when only lcd segments corresponding to com2 are turned on lcd driver output when all lcd segments corresponding to com1 to com9 are turned on when fc in the control data is 0. f9= when fc in the control data is 1. f9= fosc 576 fosc 288
no. 7160- 24 /33 LC75848T 1/10 duty, 1/4 bias drive technique vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 vlcd4 vlcd0 vlcd1 vlcd2 vlcd3 com1 com2 com10 vlcd4 t1 0 10 t10 1 f10 t10= when fc in the control data is 0. f10= when fc in the control data is 1. f10= fosc 640 fosc 320 lcd driver output when all lcd segments corresponding to com1 to com10 are turned off lcd driver output when only lcd segments corresponding to com1 are turned on lcd driver output when only lcd segments corresponding to com2 are turned on lcd driver output when all lcd segments corresponding to com1 to com10 are turned on
no. 7160- 25 /33 LC75848T the inh pin and display control since the ic internal data (the display data and the control data) is undefined when power is first applied, applications should set the inh pin low at the same time as power is applied to turn off the display (this sets the s1 to s93, s94/com10, s95/com9, and com1 to com8 to the v lcd 4 level and the p1 to p4 to the v ss level.) and during this period send serial data from the controller. the controller should then set the inh pin high after the data transfer has completed. this procedure prevents meaningless displays at power on. (see figures 3, 4, and 5.) power supply sequence the following sequences must be observed when power is turned on and off. (see figures 3, 4, and 5.) power on :logic block power supply(v dd ) on ? lcd driver block power supply(v lcd ) on power off:lcd driver block power supply(v lcd ) off ? logic block power supply(v dd ) off however, if the logic and lcd driver blocks use a shared power supply, then the power supplies can be turned on and off at the same time. ?t1 3 0 ?t2 > 0 ?t3 3 0 (t2 > t3) ?tc ??? 10 s min t 1 v dd t2 internal data (d121 to d240) internal data (d241 to d360) internal data (d361 to d480) internal data (d481 to d600) v lcd ce inh vil tc vil t3 internal data (d601 to d720) pc1 to pc4 internal data ct0 to ct3, ctc sc, bu, fc dt1, dt2 undefined undefined undefined undefined undefined undefined defined defined defined defined defined defined internal data (d721 to d760) undefined defined undefined undefined undefined undefined undefined undefined undefined undefined undefined defined internal data (d1 to d120) display and control data transfer figure 3 1/8 duty
1/9 duty no. 7160- 26 /33 LC75848T t 1 display and control data transfer v dd t2 internal data (d136 to d270) internal data (d271 to d405) internal data (d406 to d540) internal data (d541 to d675) v lcd ce inh vi l tc vi l t3 internal data (d676 to d810) pc1 to pc4 internal data ct0 to ct3, ctc sc, bu, fc dt1, dt2 undefined undefined undefined undefined undefined undefined defined defined defined defined defined defined internal data (d811 to d846) undefined defined undefined undefined undefined undefined undefined undefined undefined undefined undefined defined internal data (d1 to d135) ?t1 3 0 ?t2 > 0 ?t3 3 0 (t2 > t3) ?tc ??? 10 s min figure 4
no. 7160- 27 /33 LC75848T 1/10 duty t 1 v dd t2 internal data (d151 to d300) internal data (d301 to d450) internal data (d451 to d600) internal data (d601 to d750) v lcd ce inh vil tc vil t3 internal data (d751 to d900) pc1 to pc4 internal data ct0 to ct3, ctc sc, bu, fc dt1, dt2 internal data (d901 to d930) internal data (d1 to d150) ?t1 3 0 ?t2 > 0 ?t3 3 0 (t2 > t3) ?tc ??? 10 s min undefined undefined undefined undefined undefined undefined undefined undefined defined defined defined defined defined defined defined defined undefined undefined undefined undefined undefined undefined undefined undefined display and control data transfer figure 5 notes on transferring display data from the controller the display data is transferred to the LC75848T in seven operations. all of the display data should be transferred within 30 ms to maintain the quality of the displayed image.
no. 7160- 28 /33 LC75848T sample application circuit 1 1/8 duty, 1/4 bias drive technique (for use with normal panels) lcd panel com1 from the controller c 3 0.047 f general-purpose output ports used with the backlight controller or other circuit. s3 s2 s5 s4 s6 s8 s7 s9 s10 s91 s92 com10/s94 s93 com9/s95 p2 p1 p3 s1 com2 com3 com5 com4 com6 com8 com7 c c c +8 v +5 v inh ce cl di osc vlcd4 * 2 vlcd open vlcd0 vlcd1 vlcd2 vlcd3 vdd vss p4 note: * 2. if a variable resistor is not used for display contrast fine adjustment, the v lcd 4 pin must be connected to ground.
no. 7160- 29 /33 LC75848T sample application circuit 2 1/8 duty, 1/4 bias drive technique (for use with large panels) from the controller c 3 0.047 f 10 k 3 r 3 2.2 k r r r c r c c +8 v +5 v com1 s3 s2 s5 s4 s6 s8 s7 s9 s10 s91 s92 com10/s94 s93 com9/s95 p2 p1 p3 s1 com2 com3 com5 com4 com6 com8 com7 ce cl di osc vlcd4 * 2 vlcd vlcd0 vlcd1 vlcd2 vlcd3 vdd vss p4 lcd panel general-purpose output ports used with the backlight controller or other circuit. inh note: * 2. if a variable resistor is not used for display contrast fine adjustment, the v lcd 4 pin must be connected to ground.
no. 7160- 30 /33 LC75848T sample application circuit 3 1/9 duty, 1/4 bias drive technique (for use with normal panels) c c c +8 v +5 v open com1 s3 s2 s5 s4 s6 s8 s7 s9 s10 s91 s92 com10/s94 s93 p2 p1 p3 s1 com2 com3 com5 com4 com6 com8 com7 s95/com9 ce cl di osc vlcd4 * 2 vlcd vlcd0 vlcd1 vlcd2 vlcd3 vdd vss p4 from the controller c 3 0.047 f lcd panel general-purpose output ports used with the backlight controller or other circuit. inh note: * 2. if a variable resistor is not used for display contrast fine adjustment, the v lcd 4 pin must be connected to ground.
no. 7160- 31 /33 LC75848T sample application circuit 4 1/9 duty, 1/4 bias drive technique (for use with large panels) r r r c r c c +8 v +5 v com1 s3 s2 s5 s4 s6 s8 s7 s9 s10 s91 s92 com10/s94 s93 p2 p1 p3 s1 com2 com3 com5 com4 com6 com8 com7 s95/com9 ce cl di osc vlcd4 * 2 vlcd vlcd0 vlcd1 vlcd2 vlcd3 vdd vss p4 lcd panel general-purpose output ports used with the backlight controller or other circuit. from the controller c 3 0.047 f 10 k 3 r 3 2.2 k inh note: * 2. if a variable resistor is not used for display contrast fine adjustment, the v lcd 4 pin must be connected to ground.
no. 7160- 32 /33 LC75848T sample application circuit 5 1/10 duty, 1/4 bias drive technique (for use with normal panels) c c c open +8 v +5 v com1 s3 s2 s5 s4 s6 s8 s7 s9 s10 s91 s92 s93 p2 p1 p3 s1 com2 com3 com5 com4 com6 com8 s94/com10 com7 s95/com9 ce cl di osc vlcd4 * 2 vlcd vlcd0 vlcd1 vlcd2 vlcd3 vdd vss p4 from the controller c 3 0.047 f lcd panel general-purpose output ports used with the backlight controller or other circuit. inh note: * 2. if a variable resistor is not used for display contrast fine adjustment, the v lcd 4 pin must be connected to ground.
ps no. 7160- 33 /33 LC75848T sample application circuit 6 1/10 duty, 1/4 bias drive technique (for use with large panels) r r r c r c c +8 v +5 v com1 s3 s2 s5 s4 s6 s8 s7 s9 s10 s91 s92 s93 p2 p1 p3 s1 com2 com3 com5 com4 com6 com8 s94/com10 com7 s95/com9 ce cl di osc vlcd4 * 2 vlcd vlcd0 vlcd1 vlcd2 vlcd3 vdd vss p4 from the controller c 3 0.047 f 10 k 3 r 3 2.2 k lcd panel general-purpose output ports used with the backlight controller or other circuit. inh note: * 2. if a variable resistor is not used for display contrast fine adjustment, the v lcd 4 pin must be connected to ground. this catalog provides information as of april, 2002. specifications and information herein are subject to change without notice. specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer? products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer? products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products (including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co., ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the ?elivery specification for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.


▲Up To Search▲   

 
Price & Availability of LC75848T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X