Part Number Hot Search : 
GKDD32PX GKDD32PX 5KP10 C1213 3K7002 NDY050 ILE4268 18F66
Product Description
Full Text Search
 

To Download HFBR-0534 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  agilent HFBR-0534 evaluation kit for diagnostic monitoring interface (dmi) small form pluggable (sfp) transceivers product brief features ? included in the HFBR-0534 evaluation kit: - an evaluation board - software - 9 pin serial cable - 110 v/220 v power supply  on board potentiometer to adjust the voltage to the sfp for 2.64 to 3.65 v  test points for easy probing of mod_def signals, tx_fault and los signals.  on-board hardware switch for toggling of tx_disable control signal  onboard leds to monitor the status of : - los led - turns on when los hard-signal is asserted by sfp module - mod_def(0) led ? turns on when a module is present - tx_fault led ? turns on when tx_fault is asserted by module - tx_disable led ? on when tx is enabled, turns off when tx is disabled  gui software allows easy decoding of 0xa0 and 0xa2 page byte contents (per sff-8472 msa)  gui sub-window enables quick execution of byte write operations; delay between write operations is adjustable  supports two-wire serial interface @ 100 khz  operating temperature range: 0 c to +50 c applications  bench top evaluation of agilent?s sfp with dmi modules  logging and recording of monitoring values  printable reports of sfp content and decoded information  reading and writing to on-board sfp memory  optical / electrical testing of all agilent sfp modules description for bench top evaluation, the HFBR-0534 is the recommended tool for agilents new small- form-pluggable (sfp) transceivers with the diagnostic monitoring interface (dmi). the HFBR-0534 includes the necessary two-wire serial interface to communicate with the diagnostic monitoring interface and provides a standard 9 pin serial interface to connect to a pc.
2 a windows based graphical user interface (gui) provides the user an easy, straightforward way to communicate to sfp transceivers. the interface software is customized to allow quick verification of the feature sets defined in the sff-8472 msa. the HFBR-0534 requires only one input dc supply voltage (9 v to 12 v) to power all board components, including the micro-controller, and both the receiver and transmitter sections of the sfp transceiver. just plug in the dmi sfp and your ready to go. using agilents custom pc software (included as part HFBR-0534 evaluation board kit), the user can then read specific bytes from the sfps memory pages (decoding into ascii or hex), access and log the internal measurements of the transceiver (temperature, supply voltage, transmitter bias current, transmitter output power, and received optical power) as well as program the device eeprom. using a bit-error-ratio tester (bert) and a digital communication analyzer (dca), the HFBR-0534 is also suitable for evaluating the optical characteristics, including the eye diagram, jitter, and rise/fall time and the electrical characteristics, including the receiver electrical eye diagram, jitter, and rise/fall time. additional equipment recommended ? fiber optic cables - lc to sc (1 m and 50/ 125 m or 62.5/125 m, 9/125 m) - lc to lc loopback (<1 m and 50/125 m or 62.5/125 m, 9/125 m)  86100a agilent digital communications analyzer (dca)  agilent optical/electrical dca plug-in module 86101a option h41 or h21 (2125 fc)  86130a agilent bitalyzer 3 gb/s bit error rate tester(bert) or any pattern generator, error detector/ analyzer  fiber optic attenuator (optional)  pc  windows 95, 98, nt4, 2000 with minimum display size of 1024x768 ordering information please contact your local field sales engineer or one of agilents franchised distributors for ordering information. for technical information, please visit agilents web page at www.agilent.com or contact agilent.
3 block diagram note: the electrical loop back and optical loop back cable (shown in this diagram) provides an emulated signal in the absence of a si gnal generator for basic verification of rx and tx monitoring. rs-232 electrical loopback cables sfp module with optical loopback power module & cord
www.agilent.com/ semiconductors for product information and a complete list of distributors, please go to our web site. for technical assistance call: americas/canada: +1 (800) 235-0312 or (916) 788-6763 europe: +49 (0) 6441 92460 china: 10800 650 0017 hong kong: (+65) 6756 2394 india, australia, new zealand: (+65) 6755 1939 japan: (+81 3) 3335-8152(domestic/international), or 0120-61-1280(domestic only) korea: (+65) 6755 1989 singapore, malaysia, vietnam, thailand, philippines, indonesia: (+65) 6755 2044 taiwan: (+65) 6755 1843 data subject to change. copyright ? 2003 agilent technologies, inc. june 10, 2003 5988-9573en


▲Up To Search▲   

 
Price & Availability of HFBR-0534

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X