Part Number Hot Search : 
81150A LTC2910 FZT649TC CDRH8D43 10150C AD7684 MAJ17 SMS3404
Product Description
Full Text Search
 

To Download FK14KM-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  feb.1999 FK14KM-10 v dss ................................................................................ 500v r ds (on) (max) .............................................................. 0.80 w i d ......................................................................................... 14a v iso ................................................................................ 2000v integrated fast recovery diode (max.) ........150ns v dss v gss i d i dm i s i sm p d t ch t stg v iso 500 30 14 42 14 42 40 C55 ~ +150 C55 ~ +150 2000 2.0 v v a a a a w c c v rms g outline drawing dimensions in mm to-220fn mitsubishi nch power mosfet FK14KM-10 high-speed switching use application servo motor drive, robot, ups, inverter fluorecent lamp, etc. drain-source voltage gate-source voltage drain current drain current (pulsed) source current source current (pulsed) maximum power dissipation channel temperature storage temperature isolation voltage weight v gs = 0v v ds = 0v ac for 1minute, terminal to case typical value maximum ratings (tc = 25 c) parameter conditions symbol ratings unit w q e 15 ?0.3 14 ?0.5 10 ?0.3 2.8 ?0.2 f 3.2 ?0.2 1.1 ?0.2 1.1 ?0.2 0.75 ?0.15 2.54 ?0.25 2.54 ?0.25 2.6 ?0.2 4.5 ?0.2 0.75 ?0.15 3 ?0.3 3.6 ?0.3 6.5 ?0.3 123 q gate w drain e source
feb.1999 v v m a ma v w v s pf pf pf ns ns ns ns v c/w ns 3 0.63 4.41 7.0 1500 180 30 30 50 130 50 1.5 10 1 4 0.80 5.60 2.0 3.13 150 i d = 1ma, v gs = 0v i g = 100 m a, v ds = 0v v gs = 25v, v ds = 0v v ds = 500v, v gs = 0v i d = 1ma, v ds = 10v i d = 7a, v gs = 10v i d = 7a, v gs = 10v i d = 7a, v ds = 10v v ds = 25v, v gs = 0v, f = 1mhz v dd = 200v, i d = 7a, v gs = 10v, r gen = r gs = 50 w i s = 7a, v gs = 0v channel to case i s = 14a, d is /d t = C100a/ m s v (br) dss v (br) gss i gss i dss v gs (th) r ds (on) v ds (on) ? y fs ? c iss c oss c rss t d (on) t r t d (off) t f v sd r th (ch-c) t rr mitsubishi nch power mosfet FK14KM-10 high-speed switching use 500 30 2 4.5 50 40 30 20 10 0 200 150 100 50 0 10 1 7 5 3 2 10 0 7 5 3 2 10 ? 7 5 23 5710 1 10 0 23 5710 2 23 5710 3 5 3 2 t c = 25? single pulse tw=10? 100? 1ms 10ms dc power dissipation derating curve case temperature t c (?) power dissipation p d (w) maximum safe operating area drain-source voltage v ds (v) drain current i d (a) electrical characteristics (tch = 25 c) drain-source breakdown voltage gate-source breakdown voltage gate-source leakage current drain-source leakage current gate-source threshold voltage drain-source on-state resistance drain-source on-state voltage forward transfer admittance input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time source-drain voltage thermal resistance reverse recovery time symbol unit parameter test conditions limits min. typ. max. performance curves
feb.1999 mitsubishi nch power mosfet FK14KM-10 high-speed switching use 40 32 24 16 8 0 0 4 8 12 16 20 t c = 25? v ds = 50v pulse test 0 23 10 ? 5710 0 23 5710 1 23 5710 2 2.0 1.6 1.2 0.8 0.4 t c = 25? pulse test v gs = 10v 20v 10 2 7 5 3 2 10 0 10 0 23 5710 1 10 1 7 5 3 2 23 5710 2 t c = 25? v ds = 10v pulse test 125? 75? 40 32 24 16 8 0 0 4 8 12 16 20 i d = 20a t c = 25? pulse test 14a 7a 20 16 12 8 4 0 0 4 8 12 16 20 t c = 25? pulse test v gs =20v 10v 5v 6v p d = 40w 4v 50 40 30 20 10 0 0 1020304050 t c = 25? pulse test v gs = 20v 10v 5v 4v 6v p d = 40w output characteristics (typical) drain current i d (a) drain-source voltage v ds (v) output characteristics (typical) drain current i d (a) drain-source voltage v ds (v) on-state voltage vs. gate-source voltage (typical) gate-source voltage v gs (v) drain-source on-state voltage v ds (on) (v) on-state resistance vs. drain current (typical) drain current i d (a) drain-source on-state resistance r ds (on) ( w ) transfer characteristics (typical) gate-source voltage v gs (v) drain current i d (a) forward transfer admittance vs.drain current (typical) drain current i d (a) forward transfer admittance y fs (s)
feb.1999 mitsubishi nch power mosfet FK14KM-10 high-speed switching use 10 0 7 5 3 2 10 ? 0 10 1 7 5 3 2 50 100 150 200 250 v gs = 10v i d = 1/2i d pulse test 23 5710 2 10 3 7 5 3 2 10 2 7 5 3 2 10 1 5 3 2 23 5710 1 23 5710 0 23 ciss tch = 25? f = 1mhz v gs = 0v coss crss 23 5710 1 10 3 7 5 3 2 10 2 7 5 3 2 23 5710 2 10 0 10 1 tch = 25? v dd = 200v v gs = 10v r gen = r gs = 50 w t f t d(off) t r t d(on) 5.0 4.0 3.0 2.0 1.0 0 ?0 0 50 100 150 v ds = 10v i d = 1ma 20 16 12 8 4 0 0 20406080100 v ds = 100v 400v 200v tch = 25? i d = 14a 40 32 24 16 8 0 0 0.8 1.6 2.4 3.2 4.0 t c = 125? 25? 75? v gs = 0v pulse test switching characteristics (typical) drain-source voltage v ds (v) capacitance vs. drain-source voltage (typical) drain current i d (a) capacitance ciss, coss, crss (pf) switching time (ns) gate-source voltage vs.gate charge (typical) gate charge q g (nc) gate-source voltage v gs (v) source-drain diode forward characteristics (typical) source-drain voltage v sd (v) source current i s (a) channel temperature tch (?) drain-source on-state resistance r ds (on) (t?) threshold voltage vs. channel temperature (typical) gate-source threshold voltage v gs (th) (v) on-state resistance vs. channel temperature (typical) drain-source on-state resistance r ds (on) (25?) channel temperature tch (?)
feb.1999 mitsubishi nch power mosfet FK14KM-10 high-speed switching use 1.4 1.2 1.0 0.8 0.6 0.4 ?0 0 50 100 150 v gs = 0v i d = 1ma 10 3 7 5 3 2 10 0 23 5710 1 10 2 7 5 3 2 23 5710 2 10 1 10 2 7 5 3 2 10 1 7 5 3 2 10 0 d is/ d t = ?00a / m s v gs = 0v v dd = 250v i rr t rr t ch = 25? t ch = 150? 5 3 2 10 1 23 5710 2 10 2 7 5 3 2 23 5710 3 10 1 3 2 10 1 7 5 5 7 5 7 5 3 2 10 0 i s = 14a v gs = 0v v dd = 250v i rr t rr t ch = 25? t ch = 150? 10 ? 10 1 7 5 3 2 10 0 7 5 3 2 10 ? 7 5 3 2 23 57 23 57 23 57 23 57 10 0 23 57 10 1 23 57 10 2 10 ? 10 ? 10 ? 10 ? p dm tw d= t tw t d=1 0.5 0.2 0.1 0.05 0.02 0.01 single pulse channel temperature tch (?) breakdown voltage vs. channel temperature (typical) drain-source breakdown voltage v (br) dss (t?) drain-source breakdown voltage v (br) dss (25?) reverse recovery time t rr (ns) reverse recovery current i rr (a) reverse recovery current i rr (a) source current i s (a) diode reverse vs. source current characteristic (typical) reverse recovery time t rr (ns) source current d is /d t (?/ m s) diode reverse vs. source current d is /d t characteristic (typical) transient thermal impedance characteristics pulse width t w (s) transient thermal impedance z th (ch?) (?/ w)


▲Up To Search▲   

 
Price & Availability of FK14KM-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X