Part Number Hot Search : 
SMA592 XX1002 SMA592 HY5DV64 ENV50140 BU2506 1N6285A 30130
Product Description
Full Text Search
 

To Download CXK77P36E160GB-43BE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 1 / 25 march 2, 2001 cxk77p36e160gb / cxk77p18e160gb sony 4/42/43/44 16mb lw r-l hstl high speed synchronous srams (512k x 36 or 1m x 18) 8mb lw r-l w/ ec hstl high speed synchronous srams (256k x 36 or 512k x 18) preliminary description features ? 4 speed bins cycle time / access time -4 (-4a) (-4b) 4.0ns / 3.9ns (3.8ns) (3.7ns) -42 (-42a) (-42b) 4.2ns / 4.2ns (4.1ns) (4.0ns) -43 (-43a) (-43b) 4.3ns / 4.5ns (4.4ns) (4.3ns) -44 4.4ns / 4.7ns ? single 3.3v power supply (v dd ): 3.3v 5% ? dedicated output supply voltage (v ddq ): 1.9v typical ? hstl-compatible i/o interface with dedicated input reference voltage (v ref ): 0.85v typical ? register - latch (r-l) read operations ? late write (lw) write operations ? conventional 16mb or error-correcting (ec) 8mb mode of operation, selectable via dedicated mode pin (m2) ? full read/write coherency ? byte write capability ? one cycle deselect ? differential input clocks (k/ k ) ? programmable impedance output drivers ? sleep (power down) mode via dedicated mode pin (zz) ? jtag boundary scan (subset of ieee standard 1149.1) ? 119 pin (7x17), 1.27mm pitch, 14mm x 22mm ball grid array (bga) package the cxk77p36e160gb (organized as 524,288 words by 36 bits) and the cxk77p18e160gb (organized as 1,048,576 words by 18 bits) are high speed cmos synchronous static rams with common i/o pins. these synchronous srams integrate input registers, high speed ram, output latches, and a one-deep write buffer onto a single monolithic ic. register - latch (r-l) read operations and late write (lw) write operations are supported, providing a high-performance user interface. two distinct r-l modes of operation are supported, selectable via the m2 mode pin. when m2 is ?high?, these devices function as conventional 16mb r-l srams, and pin 2b functions as a conventional sa address input. when m2 is ?low?, these devices function as error-correcting (ec) 8mb r-l srams, and pin 2b is ignored. when error-correcting 8mb r-l mode is selected, the sram is divided into two banks internally - a ?primary? bank and a ?secondary? bank. during write operations, input data is ultimately written to both banks internally (through one stage of write pipelining). during read operations, data is read from both banks internally, and each byte of primary bank data is individually parity-checked. if the parity of a particular byte of primary data is correct (that is, ?odd?), it is driven valid externally. i f the parity of a particular byte of primary data is incorrect (that is, ?even?), it is discarded, and the corresponding byte of secon dary bank data is driven valid externally. primary / secondary bank data selection is performed on each data byte independently. data read from the secondary bank is not parity-checked. data read from the write buffer is not parity-checked. all address and control input signals except zz (sleep mode) are registered on the rising edge of k (input clock). during read operations, output data is driven valid from the falling edge of k, one half clock cycle after the address is regist ered. during write operations, input data is registered on the rising edge of k, one full clock cycle after the address is registered. the output drivers are series terminated, and the output impedance is programmable through an external impedance matching resistor rq. by connecting rq between zq and v ss , the output impedance of all dq pins can be precisely controlled. sleep (power down) mode control is provided through the asynchronous zz input. 250 mhz operation is obtained from a single 3.3v power supply. jtag boundary scan interface is provided using a subset of ieee standard 1149.1 protocol.
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 2 / 25 march 2, 2001 512k x 36 pin assignment (top view) notes: 1. pad locations 2t and 6t are true no-connects. however, they are defined as sa address inputs in x18 lw srams. 2. pad location 6u must be left unconnected. it is used by sony for internal test purposes. 3. pad location 3r is defined as an m1 mode pin in lw srams. however, it must be tied ?high? in this device. 4. pad location 5r is defined as an m2 mode pin in this device. it must be tied ?high? or ?low?. when m2 is tied ?high?, this device functions as a conventional 16mb r-l sram. when m2 is tied ?low?, this device functions as an error-correcting 8mb r-l sram. 5. pad location 2b is defined as an sa address input in 16mb lw srams. however, it functions as a conventional sa address input in this device only when m2 is tied ?high?. it is ignored in this device when m2 is tied ?low?. 6. pad location 4f is defined as a g output enable input in lw srams. however, it must be tied ?low? in this device. 1 2 3 4 5 6 7 a v ddq sa sa nc sa sa v ddq b nc sa (5) sa nc sa sa nc c nc sa sa v dd sa sa nc d dqc dqc v ss zq v ss dqb dqb e dqc dqc v ss ss v ss dqb dqb f v ddq dqc v ss g (6) v ss dqb v ddq g dqc dqc sbw c nc sbw b dqb dqb h dqc dqc v ss nc v ss dqb dqb j v ddq v dd v ref v dd v ref v dd v ddq k dqd dqd v ss k v ss dqa dqa l dqd dqd sbw d k sbw a dqa dqa m v ddq dqd v ss sw v ss dqa v ddq n dqd dqd v ss sa v ss dqa dqa p dqd dqd v ss sa v ss dqa dqa r nc sa m1 (3) v dd m2 (4) sa nc t nc nc (1) sa sa sa nc (1) zz u v ddq tms tdi tck tdo rsvd (2) v ddq
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 3 / 25 march 2, 2001 1m x 18 pin assignment (top view) notes: 1a. pad location 4t is a true no-connect. however, it is defined as an sa address input in x36 lw srams. 1b. pad locations 2d, 7d, 1e, 6e, 2f, 1g, 6g, 2h, 7h, 1k, 6k, 2l, 7l, 6m, 2n, 7n, 1p, and 6p are true no-connects. however, they are defined as dq data inputs / outputs in x36 lw srams. 2. pad location 6u must be left unconnected. it is used by sony for internal test purposes. 3. pad location 3r is defined as an m1 mode pin in lw srams. however, it must be tied ?high? in this device. 4. pad location 5r is defined as an m2 mode pin in this device. it must be tied ?high? or ?low?. when m2 is tied ?high?, this device functions as a conventional 16mb r-l sram. when m2 is tied ?low?, this device functions as an error-correcting 8mb r-l sram. 5. pad location 2b is defined as an sa address input in 16mb lw srams. however, it functions as a conventional sa address input in this device only when m2 is tied ?high?. it is ignored in this device when m2 is tied ?low?. 6. pad location 4f is defined as a g output enable input in lw srams. however, it must be tied ?low? in this device. 1 2 3 4 5 6 7 a v ddq sa sa nc sa sa v ddq b nc sa (5) sa nc sa sa nc c nc sa sa v dd sa sa nc d dqb nc (1b) v ss zq v ss dqa nc (1b) e nc (1b) dqb v ss ss v ss nc (1b) dqa f v ddq nc (1b) v ss g (6) v ss dq6a v ddq g nc (1b) dqb sbw b nc v ss nc (1b) dqa h dqb nc (1b) v ss nc v ss dqa nc (1b) j v ddq v dd v ref v dd v ref v dd v ddq k nc (1b) dqb v ss k v ss nc (1b) dqa l dqb nc (1b) v ss k sbw a dqa nc (1b) m v ddq dqb v ss sw v ss nc (1b) v ddq n dqb nc (1b) v ss sa v ss dqa nc (1b) p nc (1b) dqb v ss sa v ss nc (1b) dqa r nc sa m1 (3) v dd m2 (4) sa nc t nc sa sa nc (1a) sa sa zz u v ddq tms tdi tck tdo rsvd (2) v ddq
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 4 / 25 march 2, 2001 pin description symbol type description sa input synchronous address inputs - registered on the rising edge of k. dqa, dqb dqc, dqd i/o synchronous data inputs / outputs - registered on the rising edge of k during write operations. driven from the falling edge of k during read operations. dqa - indicates data byte a dqb - indicates data byte b dqc - indicates data byte c dqd - indicates data byte d k, k input differential input clocks ss input synchronous select input - registered on the rising edge of k. ss = 0 specifies a write operation when sw = 0 specifies a read operation when sw = 1 ss = 1 specifies a deselect operation sw input synchronous global write enable input - registered on the rising edge of k. sw = 0 specifies a write operation when ss = 0 sw = 1 specifies a read operation when ss = 0 sbw a, sbw b, sbw c, sbw d input synchronous byte write enable inputs - registered on the rising edge of k. sbw a = 0 specifies write data byte a when ss = 0 and sw = 0 sbw b = 0 specifies write data byte b when ss = 0 and sw = 0 sbw c = 0 specifies write data byte c when ss = 0 and sw = 0 sbw d = 0 specifies write data byte d when ss = 0 and sw = 0 g input asynchronous output enable input - not supported. this control pin must be tied ?low?. zz input asynchronous sleep mode input - asserted (high) forces the sram into low-power mode. m1 input read operation protocol select 1 - this mode pin must be tied ?high? to select register - latch read operations. m2 input read operation protocol select 2 - this mode pin must be tied ?high? or ?low?. m2 = 0 selects error-correcting 8mb r-l functionality m2 = 1 selects conventional 16mb r-l functionality zq input output impedance control resistor input v dd 3.3v core power supply - core supply voltage. v ddq output power supply - output buffer supply voltage. v ref input reference voltage - input buffer threshold voltage. v ss ground tck input jtag clock tms input jtag mode select tdi input jtag data in tdo output jtag data out rsvd reserved - this pin is used for sony test purposes only. it must be left unconnected. nc no connect - these pins are true no-connects, i.e. there is no internal chip connection to these pins. they can be left unconnected or tied directly to v dd , v ddq , or v ss .
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 5 / 25 march 2, 2001 ? clock truth table ? dynamic m2 mode pin state changes although m2 is defined as a static input (that is, it must be tied ?high? or ?low? at power-up), in some instance (such as during device testing) it may be desirable to change its state dynamically (that is, without first powering off the sram) while preserving the contents of the memory array. if so, the following criteria must be met: 1. at least two (2) consecutive deselect operations must be initiated prior to changing the state of m2, to ensure that the most recent read or write operation completes successfully. 2. at least thirty-two (32) consecutive deselect operations must be initiated after changing the state of m2 before any read or write operations can be initiated, to allow the sram sufficient time to recognize the change in state. ? sleep (power down) mode sleep (power down) mode is provided through the asynchronous input signal zz. when zz is asserted (high), the output drivers will go to a hi-z state, and the sram will begin to draw standby current. contents of the memory array will be preserved. an enable time (t zze ) must be met before the sram is guaranteed to be in sleep mode, and a recovery time (t zzr ) must be met before the sram can resume normal operation. ? programmable impedance output drivers these devices have programmable impedance output drivers. the output impedance is controlled by an external resistor, rq, connected between the sram?s zq pin and v ss , and is equal to one-fifth the value of this resistor, nominally. see the dc electrical characteristics section for further information. the output impedance is updated whenever the output drivers are in a hi-z state. consequently, impedance updates will occur during write and deselect operations. at power up, 8192 clock cycles followed by an impedance update via one of the three methods described above are required to ensure that the output impedance has reached the desired value. after power up, periodic impedance updates via write or deselect operations are also required to ensure that the output imped- ance remains within specified tolerances. ? power-up sequence for reliability purposes, sony recommends that power supplies power up in the following sequence: v ss , v dd , v ddq , v ref , and inputs. v ddq should never exceed v dd . if this power supply sequence cannot be met, a large bypass diode may be required between v dd and v ddq . please contact sony memory application department for further information. k zz ss (t n ) sw (t n ) sbw x (t n ) operation dq (t n ) dq (t n+1 ) x h x x x sleep (power down) mode hi - z hi - z l ? h l h x x deselect hi - z x l ? h l l h x read q(t n ) x l ? h l l l l write all bytes hi - z d(t n ) l ? h l l l x write bytes with sbw x = l hi - z d(t n ) l ? h l l l h abort write hi - z x
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 6 / 25 march 2, 2001 ? absolute maximum ratings (1) (1) stresses greater than those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating only, and functional operation of the device at these or any other conditions other than those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. ? bga package thermal characteristics ? i/o capacitance (t a = 25 o c, f = 1 mhz) note: these parameters are sampled and are not 100% tested. item symbol rating units supply voltage v dd -0.5 to +3.8 v output supply voltage v ddq -0.5 to +2.3 v input voltage (address, control, data, clock) v in -0.5 to v ddq + 0.5 v input voltage (m1, m2) v min -0.5 to v dd + 0.5 (3.8v max.) v input voltage (tck, tms, tdi)) v tin -0.5 to +3.8v v operating temperature t a 0 to 85 c junction temperature t j 0 to 110 c storage temperature t stg -55 to 150 c item symbol rating units junction to case temperature q jc 1.0 c/w item symbol test conditions min max units input capacitance address c addr v in = 0v --- 4.2 pf control c ctrl v in = 0v --- 4.2 pf clock c clk v in = 0v --- 3.5 pf output capacitance data c data v out = 0v --- 4.8 pf
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 7 / 25 march 2, 2001 ? dc recommended operating conditions ( v ss = 0v , t a = 0 to 85 o c) 1. the peak-to-peak ac component superimposed on v ref may not exceed 5% of the dc component. 2. v ih (max) ac = v ddq + 1.0v for pulse widths less than one-quarter of the cycle time (t cyc /4). 3. v il (min) ac = -1.0v for pulse widths less than one-quarter of the cycle time (t cyc /4). item symbol min typ max units notes supply voltage v dd 3.13 3.3 3.47 v output supply voltage v ddq 1.8 1.9 2.0 v input reference voltage v ref 0.7 0.85 1.0 v 1 input high voltage (address, control, data) v ih v ref + 0.1 --- v ddq + 0.3 v 2 input low voltage (address, control, data) v il -0.3 --- v ref - 0.1 v 3 input high voltage (m1, m2) v mih 1.3 --- v dd + 0.3 v input low voltage (m1, m2) v mil -0.3 --- 0.4 v clock input signal voltage v kin -0.3 --- v ddq + 0.3 v clock input differential voltage v dif 0.2 --- v ddq + 0.6 v clock input common mode voltage v cm 0.7 --- 1.3 v
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 8 / 25 march 2, 2001 ? dc electrical characteristics (v dd = 3.3v 5%, v ss = 0v, t a = 0 to 85 o c) 1. this parameter applies to all speed bins (-4, -42, -43, and -44) in both device configurations (x18 and x36). 2. for maximum output drive (i.e. minimum impedance), the zq pin can be tied directly to v ss . 3. for minimum output drive (i.e. maximum impedance), the zq pin can be left unconnected or tied to v ddq . 4. this parameter is guaranteed by design through extensive corner lot characterization. item symbol test conditions min typ max units notes input leakage current (address, control, clock) i li v in = v ss to v ddq -5 --- 5 ua input leakage current (m1, m2) i mli v min = v ss to v dd -10 --- 10 ua input leakage current (data) i dli v din = v ss to v ddq -10 --- 10 ua average power supply operating current i dd i out = 0 ma ss = v il , zz = v il --- --- 750 ma 1 power supply standby current i sb i out = 0 ma zz = v ih --- --- 250 ma output high voltage v oh i oh = -6.0 ma rq = 250 w v ddq -0.4 --- --- v output low voltage v ol i ol = 6.0 ma rq = 250 w --- --- 0.4 v output driver impedance r out v oh , v ol = v ddq /2 rq < 125 w --- --- 27 (25*1.1) w 2,4 v oh , v ol = v ddq /2 125 w rq 300 w (rq/5)* 0.9 rq/5 (rq/5)* 1.1 w 4 v oh , v ol = v ddq /2 rq > 300 w 54 (60*0.9) --- --- w 3,4
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 9 / 25 march 2, 2001 ? ac electrical characteristics all parameters are specified over the range t a = 0 to 85 o c. all parameters are measured from the mid-point of the object signal to the mid-point of the reference signal, unless otherwise n oted. 1. these parameters are measured from v ref 200mv to the clock mid-point (?-4? bin only). 2. these parameters are measured from v ref 200mv to the clock mid-point. 3. these parameters are sampled and are not 100% tested. 4. these parameters are measured at 50mv from steady state voltage. parameter symbol -4 -42 -43 -44 units notes min max min max min max min max k cycle time t khkh 4.0 --- 4.2 --- 4.3 --- 4.4 --- ns k clock high pulse width t khkl 1.5 --- 1.5 --- 1.5 --- 1.5 --- ns k clock low pulse width t klkh 1.5 --- 1.5 --- 1.5 --- 1.5 --- ns address setup time t avkh 0.3 --- 0.5 --- 0.5 --- 0.5 --- ns 1 address hold time t khax 0.5 --- 0.5 --- 0.5 --- 0.5 --- ns 2 write enables setup time t wvkh 0.3 --- 0.5 --- 0.5 --- 0.5 --- ns 1 write enables hold time t khwx 0.5 --- 0.5 --- 0.5 --- 0.5 --- ns 2 synchronous select setup time t svkh 0.3 --- 0.5 --- 0.5 --- 0.5 --- ns 1 synchronous select hold time t khsx 0.5 --- 0.5 --- 0.5 --- 0.5 --- ns 2 data input setup time t dvkh 0.3 --- 0.5 --- 0.5 --- 0.5 --- ns 1 data input hold time t khdx 0.5 --- 0.5 --- 0.5 --- 0.5 --- ns 2 k clock high to output valid (?a? sub-bin) (?b? sub-bin) t khqv --- 3.9 3.8 3.7 --- 4.2 4.1 4.0 --- 4.5 4.4 4.3 --- 4.7 ns k clock low to output valid t klqv --- 1.8 --- 2.0 --- 2.1 --- 2.2 ns k clock low to output hold t klqx 0.5 --- 0.5 --- 0.5 --- 0.5 --- ns 3 k clock low to output low-z t klqx1 0.5 --- 0.5 --- 0.5 --- 0.5 --- ns 3,4 k clock high to output high-z t khqz 1.2 2.2 1.2 2.3 1.2 2.4 1.2 2.5 ns 3,4 sleep mode enable time t zze --- 15 --- 15 --- 15 --- 15 ns 3 sleep mode recovery time t zzr 20 --- 20 --- 20 --- 20 --- ns 3
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 10 / 25 march 2, 2001 ? ac electrical characteristics (guaranteed by design) 1. this parameter is applicable when t khqv 3.8ns. 2. this parameter is measured at the gate of the output driver of the sram. 3. please refer to the previous page (p. 9) of this document for information concerning to what specification this parameter is tested. parameter symbol -4 units notes min max k clock high to output high-z t khqz t khqv - 2.4 2.0 ns 1,2,3
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 11 / 25 march 2, 2001 ? ac test conditions (v dd = 3.3v 5%, v ddq = 1.9v 0.1v, t a = 0 to 85 c) item symbol conditions units notes input reference voltage v ref 0.85 v address / control input high level v caih 1.45 v address / control input low level v cail 0.35 v data input high level v dih 1.25 v data input low level v dil 0.55 v input rise & fall time 2.0 v/ns input reference level 0.85 v clock input high voltage v kih 1.45 v v dif = 0.7v clock input low voltage v kil 0.75 v v dif = 0.7v clock input common mode voltage v cm 1.10 v clock input rise & fall time 2.0 v/ns clock input reference level k/ k cross v output reference level 0.95 v output load conditions fig.1 rq = 250 w dq 0.95 v figure 1: ac test output load 50 w 50 w 5 pf 16.7 w 0.95 v 50 w 50 w 5 pf 16.7 w 16.7 w
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 12 / 25 march 2, 2001 a5 a7 a9 sa sw dq q1 d6 d7 q2 q4 d5 t khdx t dvkh a1 read read read read write write write read read read read figure 2 k k t khkh t klkh t khkl a2 a6 ss = v il t klqx1 t khwx t wvkh sbw x t khax t avkh t khwx t wvkh a3 a10 a11 q10 t khqv t khqz t klqx a4 a8 q3 q8 q9 t klqv timing diagram of read-write-read operations synchronously controlled via sw ( ss = low)
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 13 / 25 march 2, 2001 a4 a6 a7 sa sw dq q1 d5 d6 q2 q3 d4 t khdx t dvkh a1 read read read deselect write write write deselect read read read figure 3 k k a2 a5 ss t klqx1 t klqv t khwx t wvkh sbw x t khax t avkh t khwx t wvkh t khsx t svkh a3 a8 a9 t khqv t khqz t klqx q8 q7 t klqx1 t khkh t klkh t khkl timing diagram of read-write-read operations synchronously controlled via ss and deselect operations
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 14 / 25 march 2, 2001 timing diagram of sleep (power-down) mode operation asynchronously controlled via zz note 1: this can be any valid operation. the depiction of a read operation here is provided only as an example. note 2: before zz is asserted, at least two (2) deselect operations must be initiated after the last read or write operation is initiated, in order to ensure the successful completion of the last read or write operation. note 3: while zz is asserted, all of the sram?s address, control, data, and clock inputs are ignored. note 4: after zz is deasserted, deselect operations must be initiated until the specified recovery time (t zzr ) has been met. read and write operations may not be initiated during this time. note 5: this can be any valid operation. the depiction of a read operation here is provided only as an example. k k sa zz dq a1 figure 4 a4 t zzr t zze begin i sb ss q1 a2 a3 sw sbw x deselect read read read read deselect (note 1) (note 2) (note 2) (note 5) (note 5) (note 5) deselect (note 4) (note 3) q2 q3
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 15 / 25 march 2, 2001 ? test mode description these devices provide a jtag test access port (tap) and boundary scan interface using a limited set of ieee std. 1149.1 functions. this test mode is intended to provide a mechanism for testing the interconnect between master (proces- sor, controller, etc.), srams, other components, and the printed circuit board. in conformance with a subset of ieee std. 1149.1, these devices contain a tap controller and four tap registers. the tap registers consist of one instruction register and three data registers (id, bypass, and boundary scan registers). the tap consists of the following four signals: tck: test clock induces (clocks) tap controller state transitions. tms: test mode select inputs commands to the tap controller. sampled on the rising edge of tck. tdi: test data in inputs data serially to the tap registers. sampled on the rising edge of tck. tdo: test data out outputs data serially from the tap registers. driven from the falling edge of tck. disabling the tap when jtag is not used, tck should be tied ?low? to prevent clocking the sram. tms and tdi should either be tied ?high? through a pull-up resistor or left unconnected. tdo should be left unconnected. note: operation of the tap does not interfere with normal sram operation except when the sample-z instruction is selected (see page 20 for further information). consequently, tck, tms, and tdi can be controlled any number of ways without adversely affecting the functionality of the device. jtag dc recommended operating conditions (v dd = 3.3v 5%, t a = 0 to 85 c ) jtag ac test conditions (v dd = 3.3v 5%, t a = 0 to 85 c ) parameter symbol test conditions min max units jtag input high voltage v tih --- 1.4 3.6 v jtag input low voltage v til --- -0.3 0.8 v jtag output high voltage (cmos) v toh i toh = -100ua 2.6 --- v jtag output low voltage (cmos) v tol i tol = 100ua --- 0.1 v jtag output high voltage (ttl) v toh i toh = -8.0ma 2.3 --- v jtag output low voltage (ttl) v tol i tol = 8.0ma --- 0.4 v jtag input leakage current i tli v tin = 0v to 3.6v -10 10 ua parameter symbol conditions units notes jtag input high level v tih 3.0 v jtag input low level v til 0.0 v jtag input rise & fall time 1.0 v/ns jtag input reference level 1.5 v jtag output reference level 1.5 v jtag output load condition see fig.1 (page 11)
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 16 / 25 march 2, 2001 jtag ac electrical characteristics jtag timing diagram parameter symbol min max unit tck cycle time t thth 100 ns tck high pulse width t thtl 40 ns tck low pulse width t tlth 40 ns tms setup time t mvth 10 ns tms hold time t thmx 10 ns tdi setup time t dvth 10 ns tdi hold time t thdx 10 ns tck low to tdo valid t tlqv 20 ns tck low to tdo hold t tlqx 0 ns figure 5 t thtl t tlth t thth t thmx t mvth t thdx t dvth t tlqv t tlqx tck tms tdi tdi tdo
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 17 / 25 march 2, 2001 tap registers tap registers are serial shift registers that capture serial input data (from tdi) on the rising edge of tck, and drive serial output data (to tdo) on the subsequent falling edge of tck. they are divided into two groups: ?instruction registers?, of which there is one- the instruction register, and ?data registers?, of which there are three - the id register, the bypass register, and the boundary scan register. individual tap registers are ?selected? (inserted between tdi and tdo) when the appropriate sequence of commands is given to the tap controller. instruction register (3 bits) the instruction register stores the instructions that are executed by the tap controller when the tap controller is in the ?run-test / idle? state, or in any of the various ?data register? states. it is loaded with the idcode instruction at power- up, or when the tap controller is in the ?test-logic reset? state or the ?capture-ir? state. it is inserted between tdi and tdo when the tap controller is in the ?shift-ir? state, at which time it can be loaded with a new instruction. how- ever, newly loaded instructions are not executed by the tap controller until the tap controller has reached the ?update- ir? state. the instruction register is 3 bits wide, and is encoded as follows: bit 0 is the lsb of the instruction register, and bit 2 is the msb. when the instruction register is selected, tdi serially shifts data into the msb, and the lsb serially shifts data out through tdo. id register (32 bits) the id register is loaded with a predetermined device- and manufacturer-specific identification code when the idcode instruction has been loaded into the instruction register and the tap controller is in the ?capture-dr? state. it is inserted between tdi and tdo when the idcode instruction has been loaded into the instruction register and the tap control- ler is in the ?shift-dr? state. the id register is 32 bits wide, and is encoded as follows: bit 0 is the lsb of the id register, and bit 31 is the msb. when the id register is selected, tdi serially shifts data into the msb, and the lsb serially shifts data out through tdo. code (2:0) instruction description 000 bypass inserts the bypass register between tdi and tdo. 001 idcode inserts the id register between tdi and tdo. 010 sample-z captures the sram?s i/o ring contents in the boundary scan register. inserts the boundary scan register between tdi and tdo. disables the sram?s data out- put drivers. 011 bypass inserts the bypass register between tdi and tdo. 100 sample captures the sram?s i/o ring contents in the boundary scan register. inserts the boundary scan register between tdi and tdo. 101 private do not use. reserved for manufacturer use only. 110 bypass inserts the bypass register between tdi and tdo. 111 bypass inserts the bypass register between tdi and tdo. device revision number (31:28) part number (27:12) sony id (11:1) start bit (0) 512k x 36 xxxx 0000 0000 0100 1010 0000 1110 001 1 1m x 18 xxxx 0000 0000 0100 1011 0000 1110 001 1
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 18 / 25 march 2, 2001 bypass register (1 bit) the bypass register is one bit wide, and provides the minimum length serial path between tdi and tdo. it is loaded with a logic ?0? when the bypass instruction has been loaded in the the instruction register and the tap controller is in the ?capture-dr? state. it is inserted between tdi and tdo when the bypass instruction has been loaded into the instruction register and the tap controller is in the ?shift-dr? state. boundary scan register (70 bits for x36, 51 bits for x18) the boundary scan register is equal in length to the number of active signal connections to the sram (excluding the tap pins) plus a number of place holder locations reserved for density and/or functional upgrades. the boundary scan register is loaded with the contents of the sram?s i/o ring when the sample or sample-z instruction has been load- ed into the instruction register and the tap controller is in the ?capture-dr? state. it is inserted between tdi and tdo when the sample or sample-z instruction has been loaded into the instruction register and the tap controller is in the ?shift-dr? state. the boundary scan register contains the following bits: for deterministic results, all signals composing the sram?s i/o ring must meet setup and hold times with respect to tck (same as tdi and tms) when sampled. k/ k are connected to a differential input receiver that generates a single-ended input clock signal to the device. therefore, in order to capture specific values for these signals in the boundary scan register, these signals must be at opposite logic levels when sampled. place holders are required for some nc pins to allow for future density and/or functional upgrades. they are connected to v ss internally, regardless of pin connection externally. the boundary scan order assignment table that follows depicts the order in which the bits from the table above are ar- ranged in the boundary scan register. in the notation, bit 1 is the lsb bit of the register. when the boundary scan reg- ister is selected, tdi serially shifts data into the msb, and the lsb serially shifts data out through tdo. 512k x 36 1m x 18 dq 36 dq 18 sa 19 sa 20 k, k 2 k, k 2 ss , sw , sbw x 6 ss , sw , sbw x 4 g , zz 2 g , zz 2 m1, m2 2 m1, m2 2 zq 1 zq 1 place holder 2 place holder 2
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 19 / 25 march 2, 2001 boundary scan order assignments (by exit sequence) 512k x 36 bit signal pad bit signal pad 1 m2 5r 36 sa 3b 2 sa 4p 37 sa (2) 2b 3 sa 4t 38 sa 3a 4 sa 6r 39 sa 3c 5 sa 5t 40 sa 2c 6 zz 7t 41 sa 2a 7 dqa 6p 42 dqc 2d 8 dqa 7p 43 dqc 1d 9 dqa 6n 44 dqc 2e 10 dqa 7n 45 dqc 1e 11 dqa 6m 46 dqc 2f 12 dqa 6l 47 dqc 2g 13 dqa 7l 48 dqc 1g 14 dqa 6k 49 dqc 2h 15 dqa 7k 50 dqc 1h 16 sbw a 5l 51 sbw c 3g 17 k 4l 52 zq 4d 18 k 4k 53 ss 4e 19 g 4f 54 nc (1) 4g 20 sbw b 5g 55 nc (1) 4h 21 dqb 7h 56 sw 4m 22 dqb 6h 57 sbw d 3l 22 dqb 7g 58 dqd 1k 24 dqb 6g 59 dqd 2k 25 dqb 6f 60 dqd 1l 26 dqb 7e 61 dqd 2l 27 dqb 6e 62 dqd 2m 28 dqb 7d 63 dqd 1n 29 dqb 6d 64 dqd 2n 30 sa 6a 65 dqd 1p 31 sa 6c 66 dqd 2p 32 sa 5c 67 sa 3t 33 sa 5a 68 sa 2r 34 sa 6b 69 sa 4n 35 sa 5b 70 m1 3r note 1: nc pins at pad locations 4g and 4h are connected to v ss internally, regardless of pin connection externally. note 2: sa pin at pad location 2b has a small pull-down device. consequently, if the pin is left unconnected, a logic level ?0? will be read from this location in the boundary scan register. however, if the pin is not left unconnected, the logic level applied to the pin will be read from this location in the boundary scan register. 1m x 18 bit signal pad bit signal pad 1 m2 5r 36 sbw b 3g 2 sa 6t 37 zq 4d 3 sa 4p 38 ss 4e 4 sa 6r 39 nc (1) 4g 5 sa 5t 40 nc (1) 4h 6 zz 7t 41 sw 4m 7 dqa 7p 42 dqb 2k 8 dqa 6n 43 dqb 1l 9 dqa 6l 44 dqb 2m 10 dqa 7k 45 dqb 1n 11 sbw a 5l 46 dqb 2p 12 k 4l 47 sa 3t 13 k 4k 48 sa 2r 14 g 4f 49 sa 4n 15 dqa 6h 50 sa 2t 16 dqa 7g 51 m1 3r 17 dqa 6f 52 18 dqa 7e 53 19 dqa 6d 54 20 sa 6a 55 21 sa 6c 56 22 sa 5c 57 22 sa 5a 58 24 sa 6b 59 25 sa 5b 60 26 sa 3b 61 27 sa (2) 2b 62 28 sa 3a 63 29 sa 3c 64 30 sa 2c 65 31 sa 2a 66 32 dqb 1d 67 33 dqb 2e 68 34 dqb 2g 69 35 dqb 1h 70
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 20 / 25 march 2, 2001 tap instructions idcode idcode is the default instruction loaded into the instruction register at power-up, and when the tap controller is in the ?test-logic reset? state. when the idcode instruction is selected, a predetermined device- and manufacturer-specific identification code is load- ed into the id register when the tap controller is in the ?capture-dr? state, and the id register is inserted between tdi and tdo when the tap controller is in the ?shift-dr? state. normal sram operation is not disrupted when the idcode instruction is selected. bypass when the bypass instruction is selected, a logic ?0? is loaded into the bypass register when the tap controller is in the ?capture-dr? state, and the bypass register is inserted between tdi and tdo when the tap controller is in the ?shift-dr? state. normal sram operation is not disrupted when the bypass instruction is selected. sample when the sample instruction is selected, the individual logic states of all signals composing the sram?s i/o ring (see the boundary scan register description for the complete list of signals) are loaded into the boundary scan register when the tap controller is in the ?capture-dr? state, and the boundary scan register is inserted between tdi and tdo when the tap controller is in the ?shift-dr? state. normal sram operation is not disrupted when the sample instruction is selected. sample-z when the sample-z instruction is selected, the individual logic states of all signals composing the sram?s i/o ring (see the boundary scan register description for the complete list of signals) are loaded into the boundary scan register when the tap controller is in the ?capture-dr? state, and the boundary scan register is inserted between tdi and tdo when the tap controller is in the ?shift-dr? state. additionally, when the sample-z instruction is selected, the sram?s data output drivers are disabled (that is, the dq i/o buffers are forced to an input state). consequently, normal sram operation is disrupted when the sample-z instruction is selected. read operations initi- ated while the sample-z instruction is selected will fail.
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 21 / 25 march 2, 2001 tap controller the tap controller is a 16-state state machine that controls access to the various tap registers and executes the opera- tions associated with each tap instruction. state transitions are controlled by tms and occur on the rising edge of tck . the tap controller enters the ?test-logic reset? state in one of two ways: 1. at power up. 2. when a logic ?1? is applied to tms for at least 5 consecutive rising edges of tck. the tdi input receiver is sampled only when the tap controller is in either the ?shift-ir? state or the ?shift-dr? state. the tdo output driver is active only when the tap controller is in either the ?shift-ir? state or the ?shift-dr? state. tap controller state diagram figure 6 test-logic reset run-test / idle select dr-scan select ir-scan capture-dr capture-ir shift-dr shift-ir exit1-dr exit1-ir pause-dr pause-ir exit2-dr exit2-ir update-dr update-ir 1 0 1 0 1 0 0 0 1 1 0 1 0 1 0 0 1 1 1 0 1 0 1 0 0 0 1 1 0 1 0 1
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 22 / 25 march 2, 2001 ? ordering information note: the last character of the part number (?e?, ?f?, ?g?, or ?h?) is used to distinguish between 1) the revision of the device - rev 1.0 or rev 1.1, and 2) the fab location used to bump the device - fujitsu mie (f-mie) or fujitsu tohoku electronics (fte). ?e? indicates rev 1.0 bumped at f-mie. ?f? indicates rev 1.0 bumped at fte. ?g? indicates rev 1.1 bumped at f-mie. ?h? indicates rev 1.1 bumped at fte. please see the bga package marking diagram on page 24 for further information. note: these devices may be manufactured at two different fab locations - wafertech and tsmc. please see the bga package marking diagram on page 24 for information concerning how to distinguish between devices manufactured at the two facilities. part number v dd size speed (cycle / access time) cxk77p36e160gb-4e (-4f) (-4g) (-4h) cxk77p36e160gb-4ae (-4af) (-4ag) (-4ah) cxk77p36e160gb-4be (-4bf) (-4bg) (-4bh) 3.3v 512k x 36 4.0ns / 3.9ns 4.0ns / 3.8ns 4.0ns / 3.7ns cxk77p36e160gb-42e (-42f) (-42g) (-42h) cxk77p36e160gb-42ae (-42af) (-42ag) (-42ah) cxk77p36e160gb-42be (-42bf) (-42bg) (-42bh) 3.3v 512k x 36 4.2ns / 4.2ns 4.2ns / 4.1ns 4.2ns / 4.0ns cxk77p36e160gb-43e (-43f) (-43g) (-43h) cxk77p36e160gb-43ae (-43af) (-43ag) (-43ah) CXK77P36E160GB-43BE (-43bf) (-43bg) (-43bh) 3.3v 512k x 36 4.3ns / 4.5ns 4.3ns / 4.4ns 4.3ns / 4.3ns cxk77p36e160gb-44e (-44f) (-44g) (-44h) 3.3v 512k x 36 4.4ns / 4.7ns cxk77p18e160gb-4e (-4f) (-4g) (-4h) cxk77p18e160gb-4ae (-4af) (-4ag) (-4ah) cxk77p18e160gb-4be (-4bf) (-4bg) (-4bh) 3.3v 1m x 18 4.0ns / 3.9ns 4.0ns / 3.8ns 4.0ns / 3.7ns cxk77p18e160gb-42e (-42f) (-42g) (-42h) cxk77p18e160gb-42ae (-42af) (-42ag) (-42ah) cxk77p18e160gb-42be (-42bf) (-42bg) (-42bh) 3.3v 1m x 18 4.2ns / 4.2ns 4.2ns / 4.1ns 4.2ns / 4.0ns cxk77p18e160gb-43e (-43f) (-43g) (-43h) cxk77p18e160gb-43ae (-43af) (-43ag) (-43ah) cxk77p18e160gb-43be (-43bf) (-43bg) (-43bh) 3.3v 1m x 18 4.3ns / 4.5ns 4.3ns / 4.4ns 4.3ns / 4.3ns cxk77p18e160gb-44e (-44f) (-44g) (-44h) 3.3v 1m x 18 4.4ns / 4.7ns sony reserves the right to change products and specifications without prior notice. this information does not convey any license by any implication or otherwise under any patents or other right. application circuits shown, if any, are typical examples illus - trating the operation of the devices. sony cannot assume responsibility for any problems arising out of the use of these circuit s.
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 23 / 25 march 2, 2001 13.0 a x4 b 2.5 max 0.6 0.1 s 7.62 1.27 119 - f 0.75 0.15 s ab (7x17) 119 pin bga package dimensions s 14.0 s a 0.15 1 2 3 4 5 6 7 a b c d e f g h j k l m n p r t u f 0.15 m 0.15 0.20 p r e l i m i n a r y p r e l i m i n a r y 4 - c 0 . 7 4 - c 1 . 0 1 9 . 0 2 2 . 0 0 . 1 5 s b 0 . 3 5 s 2 0 . 3 2 sony code eiaj code jedec code package material borad treatment lead material package mass solder package structure bga-119p-021 bga119-p-1422 epoxy resin copper-clad laminate 1.3g
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 24 / 25 march 2, 2001 (7x17) 119 pin bga package marking sony ccccccccccccccc ddddd bbbbbbb f f? sony cxk77p18e160gb -4ae xxxxxxx w x description 1) c field: part number code (up to 15 characters). 2) d field: speed bin code (up to 5 characters). includes character for revision and bump fab plant code. e.g. d = ?-4ae? indicates ?-4a? speed bin, rev 1.0, fujitsu mie bump fab. e.g. d= ?-4af? indicates ?-4a? speed bin, rev 1.0, fujitsu tohoku electronics bump fab. e.g. d = ?-4ag? indicates ?-4a? speed bin, rev 1.1, fujitsu mie bump fab. e.g. d= ?-4ah? indicates ?-4a? speed bin, rev 1.1, fujitsu tohoku electronics bump fab. 3) b field: lot code (up to 7 characters). 4) f field: wafer fab plant code (1 character). e.g. f = ?w? indicates wafertech fab. e.g. f = ?? (blank) indicates tsmc fab (no character is used for tsmc). 5) f? field: revised control code (1 character). sony cxk77p18e160gb -4ae xxxxxxx x example 1: wafertech fab example 2: tsmc fab
sony ? cxk77p36e160gb / cxk77p18e160gb preliminary 16mb lw r-l and 8mb lw r-l w/ ec, rev 1.1 25 / 25 march 2, 2001 ? revision history rev. # rev. date description of modification rev 0.0 05/19/00 initial version rev 0.1 07/18/00 1. removed output enable ( g ) support and associated specifications. 2. added bga package thermal characteristics (p. 6). junction to case temperature ( q jc ) 1.0 c/w 3. modified dc recommended operating conditions (p. 7). removed single-ended clock support. removed clock input cross point voltage (v x ) specification. v ref , v cm (min) 0.6v to 0.7v v cm (max) 1.1v to 1.3v 4. modified dc electrical characteristics (p. 8). removed 3 mhz average power supply operating current (i dd3 ) specification. i li (min/max) 1ua to 5ua i sb (max) 100ma to 200ma 5. modified ac electrical characteristics (p. 9). added note 1 regarding address, write enables, synchronous select, and data input setup times that states ?these parameters are measured from v ref 200mv to the clock mid-point (?-4? bin only)?. 6. modified ac test conditions (p. 11). indicated that x18 devices are tested in both conventional 16mb r-l mode and error-cor- recting 8mb r-l mode, whereas x36 devices are tested in conventional 16mb r-l mode only. 7. added bga package dimensions (p. 23). rev 0.2 11/03/00 1. modified i/o capacitance (p. 6). address (c addr ) and control (c ctrl ) 3.5pf to 4.2pf data (c data ) 4.5pf to 4.8pf 2. modified dc recommended operating conditions (p. 7). v mih (min) v ref + 0.3v to 1.3v v mil (max) v ref - 0.3v to 0.4v 3. modified dc electrical characteristics (p. 8). i dd (max) 650ma to 750ma i sb (max) 200ma to 250ma 4. modified ac electrical characteristics (p. 9). added note 2 regarding address, write enables, synchronous select, and data input hold times that states ?these parameters are measured from v ref 200mv to the clock mid- point?. 5. modified ac test conditions (p. 11). removed notes indicating that x18 devices are tested in both conventional 16mb r-l mode and error-correcting 8mb r-l mode, whereas x36 devices are tested in conven- tional 16mb r-l mode only. x18 and x36 devices are tested in both modes. 6. modified jtag dc recommended operating conditions (p. 15). v toh (min) at i toh = -100ua 2.7v to 2.6v v toh (min) at i toh = -8ma 2.4v to 2.3v 7. added bga package marking (p. 24). rev 1.0 12/18/00 1. modified ordering information (p. 22). added ?f?, ?g?, and ?h? part numbers. 2. modified bga package marking (p. 24). updated ?e? and added ?f?, ?g?, and ?h? speed bin code descriptions. rev 1.1 03/02/01 1. added ?8mb lw r-l w/ ec? to document title (p. 1).


▲Up To Search▲   

 
Price & Availability of CXK77P36E160GB-43BE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X