Part Number Hot Search : 
AK4396 1H333 38001 SPN7002 MC1453 BU2508 594174 594174
Product Description
Full Text Search
 

To Download CPF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com 34 CPF vishay dale document number 31021 revision 24-jul-02 for technical questions, contact ff2bresistors@vishay.com metal film resistors, industrial, power, flameproof features ? high power rating, small size ? flameproof, high temperature coating ? special filming and coating processes ? excellent high frequency characteristics ? low noise ? low voltage coefficient standard electrical specifications model power limiting resistance range ? tolerance temperature rating element vs best available tolerance / tc coefficient p 70 c voltage max. 2% 1% 0.5% 0.1% w v  t - 00 t - 0 t - 1 t-2 / t-9 % ppm/ c CPF - 1 1 250 r1 - 150k r5 - 150k 1r - 150k 5r - 150k 0.1, 0.25, 0.5, 1, 5 200, 150, 100, 50, 25 CPF - 2 2 350 r1 - 150k r5 - 150k 1r - 150k 5r - 150k 0.1, 0.25, 0.5, 1, 5 200, 150, 100, 50, 25 CPF - 3 3 500 r1 - 150k 1r - 150k 1r - 150k 8r - 150k 0.1, 0.25, 0.5, 1, 5 200, 150, 100, 50, 25 CPF - 1 5620 f t - 1 model resistance value ? tolerance temperature coefficient CPF 1 b = 0.1% t - 00 = 200ppm?/c CPF 2 c = 0.25% t - 0 = 150ppm?/c CPF 3 d = 0.5% t - 1 = 100ppm?/c f = 1% t - 2 = 50ppm?/c g = 2% t - 9 = 25ppm?/c j = 5% first three digits are significant (two for a 5% tolerance). last digit specifies number of zeros to follow examples: 2211 = 2210 ohms (1%) 1002 = 10000 ohms (1%) 103 = 10000ohms (5%) ordering information ? marking: print marked - dale, model, resistance value, tolerance / temperature coefficient, date code technical specifications parameter unit CPF - 1 CPF - 2 CPF - 3 rated dissipation at 70 cw1 2 3 limiting element voltage 1) v  250 350 500 insulation voltage v- 900 900 900 thermal resistance k/w 85 60 50 insulation resistance ? 10 10 category temperature range c- 65 c / + 230 c 1) rated voltage p x r
www.vishay.com 35 CPF vishay dale document number 31021 revision 24-jul-02 for technical questions, contact ff2bresistors@vishay.com dimensions material specifications l 1 max. l d 1.50 0.125 [38.10 3.18] d dimensions in inches [millimeters] model l d l 1 (max.) d CPF - 1 0.240 0.020 0.090 0.008 0.310 0.025 0.002 [6.10 0.51] [2.29 0.20] [7.87] [0.64 0.05] CPF - 2 0.344 0.031 0.145 0.015 0.425 0.032 0.002 [8.74 0.79] [3.68 0.38] [10.80] [0.81 0.05] CPF - 3 0.555 0.041 0.180 0.015 0.650 0.032 0.002 [14.10 1.04] [4.57 .381] [16.51] [0.81 0.05] surface temperatures were taken with an infrared pyrometer in + 25 c still air. resistors were supported by their leads in test clips at a point .500" [12.70mm] out from the resistor body ends. metal film resistors, industrial, power, flameproof derating % rated power surface temperature [?c] above ambient [?c] 250 200 150 100 50 0 surface temperature vs power 01 2345 applied power [watts] element: proprietary nickel - chrome alloy. core: cleaned high purity ceramic coating: special high temperature conformal coat. termination: standard lead material is solder - coated solderable and weldable per mil -std-1276, type c 120 100 80 60 40 20 0 - 55 - 25 0 30 60 90 120 150 180 210 240 ambient temp. in ?c 70 CPF-1 CPF-2 terminal strength: 2 pound pull test. solderability: continuous satisfactory coverage when tested in accordance with mil -std - 202, method 208 mechanical specifications test max. ? r (typical test lots) thermal shock 1.0% short time overload 0.5% low temperature operation 0.5% moisture resistance 1.5% resistance to soldering heat 0.5% shock 0.5% vibration 0.5% terminal strength 0.5% dielectric withstanding voltage 0.5% life 2.0% performance * 1.08 0.125 [27.43 3.18] if tape and reel CPF-3


▲Up To Search▲   

 
Price & Availability of CPF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X