Part Number Hot Search : 
MX7628BQ DME3009 DD200KB M95020 TDA98 F9Z34NS BA4580RF CBR522
Product Description
Full Text Search
 

To Download BDX66 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors BDX66 d escription with to-3 package high current darlington applications designed for power amplification and switching applications. pinning (see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -60 v v ceo collector-emitter voltage open base -60 v v ebo emitter-base voltage open collector -5 v i c collector current -16 a i cm collector current(peak) -20 a i b base current -0.25 a p t total power dissipation t c =25 150 w t j junction temperature -55~200  t stg storage temperature -55~200  thermal characteristics symbol parameter max unit r th j-c thermal resistance from junction to case 1.17 /w fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors BDX66 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =-0.1a ; i b =0;l=25mh -60 v v cesat collector-emitter saturation voltage i c =-10a ;i b =-40ma -2 v i cbo collector cut-off current v cb =-40v; i e =0 t c =150 -1 -5 ma i ceo collector cut-off current v ce =-30v; i b =0 -3 ma i ebo emitter cut-off current v eb =-5v; i c =0 -5 ma switching times t on turn-on time 1.0 s t off turn-off time i c =-10a ; i b1 =-i b2 =0.04a v cc =12v ; 3.5 s
savantic semiconductor product specification 3 silicon pnp power transistors BDX66 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of BDX66

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X