Part Number Hot Search : 
MS8GE P1002A AD80066 ITS724G 74HCT244 MVME712M MCP18 ZMY68
Product Description
Full Text Search
 

To Download BAV70DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30132 rev. 5 - 2 1 of 3 BAV70DW www.diodes.com ? diodes incorporated BAV70DW quad surface mount switching diode array ? case: sot-363, molded plastic ? case material - ul flammability rating classification 94v-0 ? moisture sensitivity: level 1 per j-std-020a ? terminals: solderable per mil-std-202, method 208 ? orientation: see diagram ? marking: kja (see page 3) ? weight: 0.006 grams (approx.) mechanical data a b c j d h k f m l top view c 1 a 1 a 1 a 2 a 2 c 2 features ? fast switching speed ? ultra-small surface mount package ? for general purpose switching applications ? high conductance ? two ?bav70? circuits in one package characteristic symbol value unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current (note 1) i fm 300 ma average rectified output current (note 1) i o 150 ma non-repetitive peak forward surge current @ t = 1.0 s @ t = 1.0s i fsm 2.0 1.0 a power dissipation (note 1) p d 200 mw thermal resistance junction to ambient air (note 1) r ja 625 c/w operating and storage temperature range t j ,t stg -65 to +150 c maximum ratings @ t a = 25 c unless otherwise specified notes: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. characteristic symbol min max unit test condition reverse breakdown voltage (note 2) v (br)r 75 ? v i f = 2.5 a forward voltage (note 2) v f ? 0.715 0.855 1.0 1.25 v i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma reverse current (note 2) i r ? 2.5 50 30 25 a a a na v r = 75v v r = 75v, t j = 150 c v r = 25v, t j = 150 c v r = 20v total capacitance c t ? 2.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr ? 4.0 ns i f = i r = 10ma, i rr = 0.1 x i r ,r l = 100 ? electrical characteristics @ t a = 25 c unless otherwise specified t c u d o r p w e n sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j ? 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25 0 8 all dimensions in mm
ds30132 rev. 5 - 2 2 of 3 BAV70DW www.diodes.com t c u d o r p w e n 0.1 1 10 100 1000 10000 0 20 40 60 80 100 v , instantaneous reverse voltage (v) r fig. 2 typical reverse characteristics i , instantaneous reverse current (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t = 150oc a t = 0oc a 0.1 1 0.01 0.001 0 1.5 1.0 0.5 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fig. 1 forward characteristics t = -40oc a t = 150oc a t = 75oc a t = 25oc a t=0oc a 0 50 100 150 200 250 25 050 75 100 125 150 p , power dissipation (mw) d t , ambient temperature ( c) a fig. 4 power derating curve 300 0.0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2 . 0 0 10 20 40 30 c , total capacitance (pf) t v , reverse voltage (v) r fig. 3 typical capacitance vs. reverse voltage f = 1.0mhz
ds30132 rev. 5 - 2 3 of 3 BAV70DW www.diodes.com month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2001 2002 2003 2004 2005 2006 2007 2008 2009 code mnpr s t uvw date code key kja ym kja ym kja = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september marking information notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. ordering information (note 3) device packaging shipping BAV70DW-7 sot-363 3000/tape & reel t c u d o r p w e n


▲Up To Search▲   

 
Price & Availability of BAV70DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X