Part Number Hot Search : 
A2RKB1 PN1010 SR360 U74HC14 SM5397 SS130 8049AH A143E
Product Description
Full Text Search
 

To Download ADG758 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. a information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. no license is granted by implication or otherwise under any patent or patent rights of analog devices. a ADG758/adg759 one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781/329-4700www.analog.com fax: 781/326-8703 ? analog devices, inc., 2002 3 , 4-/8-channel multiplexers in chip scale package functional block diagrams s1 s8 a0 d a1 a2 ADG758 s1a a0 da s4a s1b s4b db en adg759 1 of 4 decoder en 1 of 8 decoder a1 features 1.8 v to 5.5 v single supply 2.5 v dual supply 3 on resistance 0.75 on resistance flatness 100 pa leakage currents 14 ns switching times single 8-to-1 multiplexer ADG758 differential 4-to-1 multiplexer adg759 20-lead 4 mm 4 mm chip scale package low power consumption ttl-/cmos-compatible inputs for functionally equivalent devices in 16-lead tssop package, see adg708/adg709 applications data acquisition systems communication systems relay replacement audio and video switching battery-powered systems general description the ADG758 and adg759 are low voltage, cmos analog m ultiplexers comprising eight single channels and four differential c hannels, respectively. the ADG758 switches one of eight inputs (s1?8) to a com mon output, d, as determined by the 3-bit binary address lines a0, a1, and a2. the adg759 switches one of fo ur differential inputs to a common differential output as determined by the 2-bit binary address lines a0 and a1. an en input on both devices is used to enable or disable the device. when disabled, all channels are switched off. low power consumption and an operating supply range of 1.8 v to 5.5 v make the ADG758 and adg759 ideal for battery-powered, portable ins truments. all channels exhibit break-before-make switching action preventing moment ary shorting when switch- ing channels. these switches are designed on an enhanced submicron process t hat provides low power dissipation yet gives high switching speed, very low on resistance and leakage currents. on resistance is in the region of a few ohms and is closely matched between switches and very flat over the full signal range. these parts can operate equally well as either multiplexers or demultiplexers and have an input signal range that extends to the supplies. th e ADG758 and adg759 are available in 20-lead chip scale packages. product highlights 1. small 20-lead 4 mm 4 mm chip scale packages (csp). 2. single/dual supply operation. the ADG758 and adg759 are fully speci?d and guaranteed with 3 v and 5 v single- supply and 2.5 v dual-supply rails. 3. low r on (3 ? typical). 4. low power consumption (<0.01 w). 5. guaranteed break-before-make switching action.
?2? rev. a ADG758/adg759especifications 1 (v dd = 5 v  10%, v ss = 0 v, gnd = 0 v, unless otherwise noted.) b version e40  c parameter +25  c to +85  c unit test conditions/comments analog switch analog signal range 0 v to v dd v on resistance (r on )3  typ v s = 0 v to v dd , i ds = 10 ma; 4.5 5  max test circuit 1 on resistance match between 0.4  typ channels (  r on ) 0.8  max v s = 0 v to v dd , i ds = 10 ma on resistance flatness (r flat(on) )0.75  typ v s = 0 v to v dd , i ds = 10 ma 1.2  max leakage currents v dd = 5.5 v source off leakage i s (off) 0.01 na typ v d = 4.5 v/1 v, v s = 1 v/4.5 v; 0.1 0.3 na max test circuit 2 drain off leakage i d (off) 0.01 na typ v d = 4.5 v/1 v, v s = 1 v/4.5 v; 0.1 0.75 na max test circuit 3 channel on leakage i d , i s ( on) 0.01 na typ v d = v s = 1 v, or 4.5 v, test circuit 4 0.1 0.75 na max digital inputs input high voltage, v inh 2.4 v min input low voltage, v inl 0.8 v max input current i inl or i inh 0.005 a typ v in = v inl or v inh 0.1 a max c in , digital input capacitance 2 pf typ dynamic characteristics 2 t transition 14 ns typ r l = 300  , c l = 35 pf; test circuit 5 25 ns max v s1 = 3 v/0 v, v s8 = 0 v/3 v break-before-make time delay, t d 8 ns typ r l = 300  , c l = 35 pf 1 ns min v s = 3 v; test circuit 6 t on (en) 14 ns typ r l = 300  , c l = 35 pf 25 ns max v s = 3 v; test circuit 7 t off (en) 7 ns typ r l = 300  , c l = 35 pf 12 ns max v s = 3 v; test circuit 7 charge injection 3pc typ v s = 2.5 v, r s = 0  , c l = 1 nf; test circuit 8 off isolation e60 db typ r l = 50  , c l = 5 pf, f = 10 mhz e80 db typ r l = 50  , c l = 5 pf, f = 1 mhz; test circuit 9 channel-to-channel crosstalk e60 db typ r l = 50  , c l = 5 pf, f = 10 mhz e80 db typ r l = 50  , c l = 5 pf, f = 1 mhz; test circuit 10 e3 db bandwidth 55 mhz typ r l = 50  , c l = 5 pf; test circuit 11 c s (off) 13 pf typ f = 1 mhz c d (off) ADG758 85 pf typ f = 1 mhz adg759 42 pf typ f = 1 mhz c d , c s (on) ADG758 96 pf typ f = 1 mhz adg759 48 pf typ f = 1 mhz power requirements v dd = 5.5 v i dd 0.001 a typ digital inputs = 0 v or 5.5 v 1.0 a max notes 1 temperature range is as follows: b version: e40 c to +85 c. 2 guaranteed by design, not subject to production test. specitcations subject to change without notice.
?3? rev. a ADG758/adg759 specifications 1 (v dd = 3 v  10%, v ss = 0 v, gnd = 0 v, unless otherwise noted.) b version e40  c parameter +25  c to +85  c unit test conditions/comments analog switch analog signal range 0 v to v dd v on resistance (r on )8  typ v s = 0 v to v dd , i ds = 10 ma; 11 12  max test circuit 1 on resistance match between 0.4  typ v s = 0 v to v dd , i ds = 10 ma channels (  r on ) 1.2  max leakage currents v dd = 3.3 v source off leakage i s (off) 0.01 na typ v s = 3 v/1 v, v d = 1 v/3 v; 0.1 0.3 na max test circuit 2 drain off leakage i d (off) 0.01 na typ v s = 3 v/1 v, v d = 1 v/3 v; 0.1 0.75 na max test circuit 3 channel on leakage i d , i s ( on) 0.01 na typ v s = v d = 1 v or 3 v; test circuit 4 0.1 0.75 na max digital inputs input high voltage, v inh 2.0 v min input low voltage, v inl 0.8 v max input current i inl or i inh 0.005 a typ v in = v inl or v inh 0.1 a max c in , digital input capacitance 2 pf typ d ynamic characteristics 2 t transition 18 ns typ r l = 300  , c l = 35 pf; test circuit 5 30 ns max v s1 = 2 v/0 v, v s2 = 0 v/2 v break-before-make time delay, t d 8 ns typ r l = 300  , c l = 35 pf 1 ns min v s = 2 v; test circuit 6 t on (en) 18 ns typ r l = 300  , c l = 35 pf 30 ns max v s = 2 v; test circuit 7 t off (en) 8 ns typ r l = 300  , c l = 35 pf 15 ns max v s = 2 v; test circuit 7 charge injection 3pc typ v s = 1.5 v, r s = 0  , c l = 1 nf; test circuit 8 off isolation e60 db typ r l = 50  , c l = 5 pf, f = 10 mhz e80 db typ r l = 50  , c l = 5 pf, f = 1 mhz; test circuit 9 channel-to-channel crosstalk e60 db typ r l = 50  , c l = 5 pf, f = 10 mhz e80 db typ r l = 50  , c l = 5 pf, f = 1 mhz; test circuit 10 e3 db bandwidth 55 mhz typ r l = 50  , c l = 5 pf; test circuit 11 c s (off) 13 pf typ f = 1 mhz c d (off) ADG758 85 pf typ f = 1 mhz adg759 42 pf typ f = 1 mhz c d , c s (on) ADG758 96 pf typ f = 1 mhz adg759 48 pf typ f = 1 mhz power requirements v dd = 3.3 v i dd 0.001 a typ digital inputs = 0 v or 3.3 v 1.0 a max notes 1 temperature ranges are as follows: b version: e40 c to +85 c. 2 guaranteed by design, not subject to production test. specitcations subject to change without notice.
?4? rev. a ADG758/adg759especifications 1 dual supply b version e40  c parameter +25  c to +85  c unit test conditions/comments analog switch analog signal range v ss to v dd v on resistance (r on ) 2.5  typ v s = v ss to v dd , i ds = 10 ma; 4.5 5  max test circuit 1 on resistance match between 0.4  typ channels (  r on ) 0.8  max v s = v ss to v dd , i ds = 10 ma on resistance flatness (r flat(on) ) 0.6  typ v s = v ss to v dd , i ds = 10 ma 1.0  max leakage currents v dd = +2.75 v, v ss = e2.75 v source off leakage i s (off) 0.01 na typ v s = +2.25 v/e1.25 v, v d = e1.25 v/+2.25 v; 0.1 0.3 na max test circuit 2 drain off leakage i d (off) 0.01 na typ v s = +2.25 v/e1.25 v, v d = e1.25 v/+2.25 v; 0.1 0.75 na max test circuit 3 channel on leakage i d , i s ( on) 0.01 na typ v s = v d = +2.25 v/e1.25 v; test circuit 4 0.1 0.75 na max digital inputs input high voltage, v inh 1.7 v min input low voltage, v inl 0.7 v max input current i inl or i inh 0.005 a typ v in = v inl or v inh 0.1 a max c in , digital input capacitance 2 pf typ dynamic characteristics 2 t transition 14 ns typ r l = 300  , c l = 35 pf; test circuit 5 25 ns max v s = 1.5 v/0 v; test circuit 5 break-before-make time delay, t d 8 ns typ r l = 300  , c l = 35 pf 1 ns min v s = 1.5 v; test circuit 6 t on (en) 14 ns typ r l = 300  , c l = 35 pf 25 ns max v s = 1.5 v; test circuit 7 t off (en) 8 ns typ r l = 300  , c l = 35 pf 15 ns max v s = 1.5 v; test circuit 7 charge injection 3pc typ v s = 0 v, r s = 0  , c l = 1 nf; test circuit 8 off isolation e60 db typ r l = 50  , c l = 5 pf, f = 10 mhz e80 db typ r l = 50  , c l = 5 pf, f = 1 mhz; test circuit 9 channel-to-channel crosstalk e60 db typ r l = 50  , c l = 5 pf, f = 10 mhz e80 db typ r l = 50  , c l = 5 pf, f = 1 mhz; test circuit 10 e3 db bandwidth 55 mhz typ r l = 50  , c l = 5 pf; test circuit 11 c s (off) 13 pf typ f = 1 mhz c d (off) ADG758 85 pf typ f = 1 mhz adg759 42 pf typ f = 1 mhz c d , c s (on) ADG758 96 pf typ f = 1 mhz adg759 48 pf typ f = 1 mhz power requirements v dd = +2.75 v i dd 0.001 a typ digital inputs = 0 v or 2.75 v 1.0 a max i ss 0.001 a typ v ss = e2.75 v 1.0 a max digital inputs = 0 v or 2.75 v notes 1 temperature range is as follows: b version: e40 c to +85 c. 2 guaranteed by design, not subject to production test. specitcations subject to change without notice. (v dd = +2.5 v  10%, v ss = e2.5 v  10%, gnd = 0 v, unless otherwise noted.)
ADG758/adg759 ?5? rev. a absolute maximum ratings 1 (t a = 25 c, unless otherwise noted.) v dd to v ss . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 v v dd to gnd . . . . . . . . . . . . . . . . . . . . . . . . . . e0.3 v to +7 v v ss to gnd . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 v to e3.5 v analog inputs 2 . . . . . . . . . . . . . . v ss e 0.3 v to v dd +0.3 v or 30 ma, whichever occurs first digital inputs 2 . . . . . . . . . . . . . . . . . . e0.3 v to v dd +0.3 v or 30 ma, whichever occurs first peak current, s or d . . . . . . . . . . . . . . . . . . . . . . . . . . 100 ma (pulsed at 1 ms, 10% duty cycle max) continuous current, s or d . . . . . . . . . . . . . . . . . . . . . 30 ma operating temperature range industrial (b version) . . . . . . . . . . . . . . . . e40 c to +85 c storage temperature range . . . . . . . . . . . . e65 c to +150 c junction temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150 c caution esd (electrostatic discharge) sensitive device. electrostatic charges as high as 4000 v readily accumulate on the human body and test equipment and can discharge without detection. although the ADG758/adg759 features proprietary esd protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. therefore, proper esd precautions are recommended to avoid performance degradation or loss of functionality. warning! esd sensitive device chip scale package,  ja thermal impedance . . . . . . . . . . . . . . . . . . . . . . 32 c/w lead temperature, soldering vapor phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215 c infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220 c notes 1 stresses above those listed under absolute maximum ratings may cause perma- nent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specitcation is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. only one absolute maximum rating may be applied at any one time. 2 overvoltages at en, a, s, or d will be clamped by internal diodes. current should be limited to the maximum ratings given. table i. ADG758 truth table a2 a1 a0 en switch condition x xx0 none 0 0011 0 0112 0 1013 0 1114 1 0015 1 0116 1 1017 1 1118 x = don?t care table ii. adg759 truth table a1 a0 en on switch pair xx 0 none 0011 0112 1013 1114 x = don?t care ordering guide model temperature range package description package option ADG758bcp e40 c to +85 c 20-lead chip scale package (csp) cp-20 adg759bcp e40 c to +85 c 20-lead chip scale package (csp) cp-20 pin configurations top view (not to scale) pin 1 identifier en v ss s1 s2 s3 gnd v dd s5 s6 s7 ADG758 nc a0 a1 a2 nc s4 d nc nc s8 1 2 3 4 5 678910 11 12 13 14 15 16 17 18 19 20 nc = no connect exposed pad tied to substrate, v ss top view (not to scale) pin 1 identifier en s1a s2a s3a gnd v dd s1b s2b s3b adg759 nc a0 nc a1 nc s4a da nc db s4b 1 2 3 4 5 6 78 910 11 12 13 14 15 16 17 18 19 20 nc = no connect exposed pad tied to substrate, v ss v ss
ADG758/adg759 ?6? rev. a v dd most positive power supply potential v ss most negative power supply in a dual-supply application. in single-supply applications, this should be tied to ground at the device. gnd ground (0 v) reference s source terminal. may be an input or output. dd rain terminal. may be an input or output. in logic control input r on ohmic resistance between d and s r flat(on) flatness is detned as the difference between the maximum and minimum value of on resistance as measured over the specited analog signal range. i s (off) source leakage current with the switch off i d (off) drain leakage current with the switch off i d , i s (on) channel leakage current with the switch on v d (v s )a nalog voltage on terminals d, s c s (off) off switch source capacitance. measured with reference to ground. c d (off) off switch drain capacitance. measured w ith reference to ground. c d , c s (on) on switch capacitance. measured with reference to ground. c in digital input capacitance t transition delay time measured between the 50% and 90% points of the digital inputs and the switch on condition when switching from one address state to another. t on (en) delay time between the 50% and 90% points of the en digital input and the switch on condition. t off (en) delay time between the 50% and 90% points of the en digital input and the switch off condition. t open off time measured between the 80% points of both switches when switching from one a ddress state to another. off isolation a measure of unwanted signal coupling through an off switch. crosstalk a measure of unwanted signal which is coupled through from one channel to another as a result of parasitic capacitance. charge a measure of the glitch impulse transferred from the digital input to the analog output during switching. injection on response the frequency response of the on switch. on loss the loss due to the on resistance of the switch v inl maximum input voltage for logic 0 v inh minimum input voltage for logic 1 i inl (i inh ) input current of the digital input i dd positive supply current i ss negative supply current terminology
ADG758/adg759 ?7? rev. a t ypical performance characteristicse v d , v s , drain or source voltage e v 8 01 2345 t a = 25  c v ss = 0v 7 6 5 4 3 2 1 0 on resistance e  v dd = 2.7v v dd = 3.3v v dd = 4.5v v dd = 5.5v tpc 1. on resistance as a function of v d (v s ) for single supply v d or v s e drain or source voltage e v 8 e3.0 t a = 25  c 7 6 5 4 3 2 0 on resistance e  e2.5 e2.0 e1.5 e1.0 e0.5 1.0 1.5 2.0 2.5 3.0 0.5 0 v dd = +2.25v v ss = e2.25v v dd = +2.75v v ss = e2.75v 1 tpc 2. on resistance as a function of v d (v s ) for dual supply v d or v s e drain or source voltage e v 0123 45 7 6 5 4 3 2 1 0 on resistance e  +85  c +25  c e40  c 8 v dd = 5v v ss = 0v tpc 3. on resistance as a function of v d (v s ) for different temperatures, single supply v d or v s e drain or source voltage e v 0 0.5 7 6 5 4 3 2 1 0 on resistance e  1.0 1.5 2.0 2.5 3.0 e40  c +25  c +85  c 8 v dd = 3v v ss = 0v tpc 4. on resistance as a function of v d (v s ) for different temperatures, single supply v d or v s e drain or source voltage e v 7 6 5 4 3 2 1 0 on resistance e  e3.0 e2.5 e2.0 e1.5 e1.0 1.0 1.5 2.0 2.5 0.5 0 v dd = +2.5v v ss = e2.5v +85  c +25  c e40  c 3.0 8 e0.5 tpc 5. on resistance as a function of v d (v s ) for different temperatures, dual supply v s , (v d = v dd e v s ) e v 01 0.12 current e na 2345 v dd = 5v v ss = 0v t a = 25  c 0.08 0.04 0.00 e0.04 e0.08 e0.12 i d (on), v s = v d i s (off) i d (off) tpc 6. leakage currents as a function of v d (v s )
ADG758/adg759 ?8? rev. a 0 0.5 0.12 current e na 1.0 1.5 2.0 3.0 v dd = 3v v ss = 0v t a = 25  c 0.08 0.04 0.00 e0.04 e0.08 e0.12 2.5 i s (off) i d (off) v s , (v d = v dd e v s ) e v i d (on), v s = v d tpc 7. leakage currents as a function of v d (v s ) e3.0 0.12 current e na v dd = +2.5v v ss = e2.5v t a = 25  c 0.08 0.04 0.00 e0.04 e0.08 e0.12 e2.5 e2.0 e1.5 e1.0 0 0.5 1.0 1.5 2.0 2.5 i s (off) i d (off) e0.5 3.0 v s , (v d = v dd e v s ) e v i d (on), v s = v d tpc 8. leakage currents as a function of v d (v s ) temperature e  c 15 current e na v dd = 5v, v ss = 0v v dd = +2.5v, v ss = e2.5v e0.05 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 25 35 45 55 65 75 85 i d (on) i s (off) i d (off) tpc 9. leakage currents as a function of temperature temperature e  c 15 current e na v dd = 3v v ss = 0v e0.05 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 25 35 45 55 65 75 85 i d (on) i s (off) i d (off) tpc 10. leakage currents as a function of temperature frequency e hz 10m 10 current e a 1m 100  10  1  100n 10n 1n 100 1k 10k 100k 1m 10m t a = 25  c v dd = +2.5v v ss = e2.5v v dd = +3v v dd = +5v tpc 11. supply current vs. input switching frequency frequency e hz 0 30k attenuation e db e20 e40 e60 e80 e100 e120 100k 1m 10m 100m v dd = 5v t a = 25  c tpc 12. off isolation vs. frequency
ADG758/adg759 ?9? rev. a frequency e hz 0 30k attenuation e db e20 e40 e60 e80 e100 e120 100k 1m 10m 100m v dd = 5v t a = 25  c tpc 13. crosstalk vs. frequency frequency e hz 0 30k attenuation e db e5 100k 1m 10m 100m e10 e15 e20 v dd = 5v t a = 25  c tpc 14. on response vs. frequency voltage e v e3 e2 20 q inj e pc e1 1 2 5 t a = 25  c 10 0 e10 e20 e40 3 e30 04 v dd = 3v v ss = 0v v dd = +2.5v v ss = e2.5v v dd = 5v v ss = 0v tpc 15. charge injection vs. source voltage
ADG758/adg759 ?10? rev. a t est circuits r on = v 1 /i ds v s v1 i ds d s test circuit 1. on resistance v d a 0.8v d i s (off) v ss v dd v ss v dd s1 s2 s8 en gnd v s test circuit 2. i s (off) v s a 0.8v d i d (off) v ss v dd v ss v dd s1 s2 s8 en gnd v d test circuit 3. i d (off) a 2.4v d i d (on) v ss v dd v ss v dd s1 s8 en gnd v d nc nc nc = no connect test circuit 4. i d (on) v s8 3v 50% t transition 90% 90% address drive (v in ) 50% 0v v s1 v out t transition a2 d * similar connection for adg759 a1 a0 en gnd ADG758 * s1 s8 s2 thru s7 v in 2.4v 50  35pf v dd v ss v dd v ss v s1 v s8 300  r l c l v out test circuit 5. switching time of multiplexer, t transition t open 3v 80% 80% address drive (v in ) 0v v out a2 d * similar connection for adg759 a1 a0 en gnd ADG758 * s1 s8 s2 thru s7 v in 2.4v 50  35pf v dd v ss v dd v ss v s 300  r l c l v out test circuit 6. break-before-make delay, t open
ADG758/adg759 ?11? rev. a output 3v 50% enable drive (v in ) 50% 0v v 0 t on (en) 0v 0.9v 0 0.9v 0 t off (en) a2 d * similar connection for adg759 a1 a0 en gnd ADG758* s1 s2 thru s8 v in 35pf v dd v ss v dd v ss v s 300  r l c l v out 50  test circuit 7. enable delay, t on (en), t off (en) logic input (v in ) 3v 0v v out q inj = c l   v out  v out a2 v out v dd d a1 a0 en gnd ADG758 * c l 1nf v dd s v in r s v ss v ss v s * similar connection for adg759 test circuit 8. charge injection v s v out 50  network analyzer r l 50  gnd s d v s off isolation = 20 log v out 0.1  f v dd a2 a1 a0 en 2.4v 0.1  f v ss v dd v ss 50  test circuit 9. off isolation * similar connection for adg759 channel-to-channel crosstalk = 20 log v out v s a2 d a1 a0 en gnd ADG758 * s1 s2 s8 2.4v network analyzer network analyzer r l 50  v out v dd 0.1  f v ss 0.1  f v dd v ss 50  v s 50  test circuit 10. channel-to-channel crosstalk v s v out 50  network analyzer r l 50  gnd s d v out with switch v out without switch insertion loss = 20 log 0.1  f v dd a2 a1 a0 en 2.4v 0.1  f v ss v dd v ss test circuit 11. bandwidth power-supply sequencing when using cmos devices, care must be taken to ensure correct power-supply sequencing. incorrect power-supply sequencing can result in the device being subjected to stresses beyond the maximum ratings listed in the data sheet. digital and analog inputs should always be applied after power supplies and ground. for single-supply operation, v ss should be tied to gnd as close to the device as possible.
C12C c02371C0C5/02(a) printed in u.s.a. ADG758/adg759 rev. a outline dimensions dimensions shown in inches and (mm). 20-lead chip scale package (cp-20) 1 20 5 6 11 16 15 bottom vie 10 0.089 (2.25) 0.083 (2.10) s 0.077 (1.95) 0.024 (0.60) 0.017 (0.42) 0.009 (0.24) 0.024 (0.60) 0.017 (0.42) 0.009 (0.24) 0.030 (0.75) 0.024 (0.60) 0.020 (0.50) 0.012 (0.30) 0.009 (0.23) 0.007 (0.18) 0.080 (2.00) ref 0.010 (0.25) min 0.020 (0.50) bsc 12 ma 0.008 (0.20) ref 0.028 (0.70) ma 0.026 (0.65) nom 0.002 (0.05) 0.0004 (0.01) 0.0 (0.0) 0.035 (0.90) ma 0.033 (0.85) nom seatin plane pin 1 indicator top vie 0.148 (3.75) bsc s 0.157 (4.0) bsc s revision history location page data sheet changed from rev. 0 to rev. a. edits to general description section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 update outline drawings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12


▲Up To Search▲   

 
Price & Availability of ADG758

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X