Part Number Hot Search : 
HFA5253 W523S20 F051601 PA1280NL 084V3T1 MC100LV VTE1285 F2002
Product Description
Full Text Search
 

To Download 2SJ506LS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sj506(l), 2sj506(s) silicon p channel mos fet high speed power switching ade-208-548c (z) 4th. edition jun. 1998 features low on-resistance r ds(on) = 0.065 w typ. (at v gs = ?0v, i d = ?a) low drive current high speed switching 4v gate drive devices. outline 1 2 3 4 4 1 2 3 1. gate 2. drain 3. source 4. drain dpak? d g s
2sj506(l), 2sj506(s) 2 absolute maximum ratings (ta = 25?) item symbol ratings unit drain to source voltage v dss ?0 v gate to source voltage v gss ?0 v drain current i d ?0 a drain peak current i d(pulse) note1 ?0 a body to drain diode reverse drain current i dr ?0 a channel dissipation pch note2 20 w channel temperature tch 150 ? storage temperature tstg ?5 to +150 ? notes: 1. pw 10 m s, duty cycle 1 % 2. value at tc = 25?
2sj506(l), 2sj506(s) 3 electrical characteristics (ta = 25?) item symbol min typ max unit test conditions drain to source breakdown voltage v (br)dss ?0 v i d = ?0ma, v gs = 0 gate to source breakdown voltage v (br)gss ?0 v i g = ?00 m a, v ds = 0 zero gate voltege drain current i dss ?0 m av ds = ?0 v, v gs = 0 gate to source leak current i gss ?0 m av gs = ?6v, v ds = 0 gate to source cutoff voltage v gs(off) ?.0 ?.0 v i d = ?ma, v ds = ?0v static drain to source on state r ds(on) 6585m w i d = ?a, v gs = ?0v note3 resistance r ds(on) 110 180 m w i d = ?a, v gs = ?v note3 forward transfer admittance |y fs | 1016 s i d = ?a, v ds = ?0v note3 input capacitance ciss 660 pf v ds = ?0v output capacitance coss 440 pf v gs = 0 reverse transfer capacitance crss 140 pf f = 1mhz turn-on delay time t d(on) 12 ns i d = ?a, r l = 2 w rise time t r 65 ns v gs = ?0v turn-off delay time t d(off) ?5ns fall time t f ?5ns body to drain diode forward voltage v df ?.05 v i f = ?0a, v gs = 0 body to drain diode reverse recovery time t rr 65 ns i f = ?0a, v gs = 0 dif/ dt = 50a/? note: 3. pulse test
2sj506(l), 2sj506(s) 4 main characteristics 40 30 20 10 0 50 100 150 200 ?0 ?6 ?2 ? ? 0 ? ? ?2 ?6 ?0 ? v 0 12345 ? v ?0 ?6 ?2 ? ? ?.5 v ds v = ?0 v pulse test ?0 v tc = ?5 c pulse test v = ?.5 v gs 75 c ? v ?.5 v 25 c ? v ? v ?00 ?00 ?00 ?0 ?.1 ?0 ? ?0 ?.1 ?.2 ?.5 ? ? ? ?0 ? ? ?.2 ?.5 ?0 ?0 ta = 25 c 1 ms pw = 10 ms (1shot) 10 s 100 s dc operation (tc = 25 c) channel dissipation pch (w) case temperature tc ( c) power vs. temperature derating drain to source voltage v (v) ds drain current i (a) d maximum safe operation area operation in this area is limited by r ds(on) drain current i (a) d typical output characteristics drain to source voltage v (v) ds gate to source voltage v (v) gs typical transfer characteristics drain current i (a) d
2sj506(l), 2sj506(s) 5 ? ?.6 ?.2 ?.8 ?.4 0 ? ? ?2 ?6 ?0 200 160 120 80 40 ?0 0 40 80 120 160 0 ?,? a pulse test pulse test i = ?0 a d gs v = ?0 v ?0 a gs v = ? v ? a 100 10 0.5 2 1 5 20 i = ?0 a d ? a ? a 50 ?.1 ?0 ?.2 ?.5 ? ? ? ?0 ?0 25 c 75 c v = ?0 v ds pulse test tc = ?5 c ? ? ? ?0 ?0 ?0 ?00 1000 500 50 20 10 200 100 pulse test ?0 v v = ? v gs ? a drain to source saturation voltage vs. gate to source voltage v (v) ds(on) drain to source saturation voltage gate to source voltage v (v) gs static drain to source on state resistance vs. drain current drain current i (a) d drain to source on state resistance r ( ) w ds(on) static drain to source on state resistance vs. temperature case temperature tc ( c) r ( ) ds(on) static drain to source on state resistance w forward transfer admittance vs. drain current drain current i (a) d forward transfer admittance |y | (s) fs
2sj506(l), 2sj506(s) 6 100 50 20 10 ?.1 ?.2 ? 0 ?0 ?0 ?0 ?0 ?0 200 100 50 1000 200 500 100 10 20 5 ?.1 ?.2 ? ? ? ?.5 ? 20 10 ?0 500 ?0 ?0 ? = 1000 2000 5000 ciss coss crss v = 0 f = 1 mhz gs ?0 0 ?0 ?0 ?0 ?0 0 0 ? ? ?2 ?6 ?0 ?0 81624 32 40 ds v gs v v = ?5 v ?0 v ? v dd v = ? v ?0 v ?5 v dd i = ?0 a d 50 ?.5 ?0 r t d(off) t t f d(on) t v = ?0 v, v = ?0 v pw = 10 s, duty < 1 % gs dd di / dt = 50 a / s v = 0, ta = 25 c gs body to drain diode reverse recovery time reverse drain current i (a) dr reverse recovery time trr (ns) capacitance c (pf) drain to source voltage v (v) ds typical capacitance vs. drain to source voltage dynamic input characteristics gate charge qg (nc) drain to source voltage v (v) ds gate to source voltage v (v) gs switching time t (ns) switching characteristics drain current i (a) d
2sj506(l), 2sj506(s) 7 ?0 ?6 ?2 ? ? 0 ?.4 ?.8 ?.2 ?.6 ?.0 ?0 v ? v pulse test v = 0.5 v gs 3 1 0.3 0.1 0.03 0.01 10 100 1 m 10 m 100 m 1 10 dm p pw t d = pw t ch ?c(t) = s (t) ? ch ?c ch ?c = 6.25 c/w, tc = 25 c q g q q d = 1 0.5 0.2 0.01 0.02 0.1 0.05 1 shot pulse tc = 25 c pulse width pw (s) normalized transient thermal impedance vs. pulse width reverse drain current vs. source to drain voltage source to drain voltage v (v) sd reverse drain current i (a) dr normalized transient thermal impedance s (t) g
2sj506(l), 2sj506(s) 8 vin monitor d.u.t. vin ?0 v r l v = ?0 v dd tr td(on) vin 90% 90% 10% 10% vout td(off) vout monitor 50 w 90% 10% t f switching time test circuit waveforms
2sj506(l), 2sj506(s) 9 package dimensions hitachi code jedec eiaj mass (reference value) dpak (l)-(2) 0.42 g 6.5 0.5 2.3 0.2 0.55 0.1 1.2 0.3 0.55 0.1 5.5 0.5 1.7 0.5 16.2 0.5 4.7 0.5 5.4 0.5 1.15 0.1 2.29 0.5 2.29 0.5 0.8 0.1 0.55 0.1 3.1 0.5 (0.7) as of january, 2001 unit: mm
2sj506(l), 2sj506(s) 10 hitachi code jedec eiaj mass (reference value) dpak (s)-(1),(2) conforms 0.28 g as of january, 2001 unit: mm 6.5 0.5 5.4 0.5 2.3 0.2 0.55 0.1 0 ?0.25 0.55 0.1 1.7 0.5 5.5 0.5 2.5 0.5 1.15 0.1 0.8 0.1 2.29 0.5 2.29 0.5 1.2 max (4.9) (5.3)
2sj506(l), 2sj506(s) 11 hitachi code jedec eiaj mass (reference value) dpak (s)-(3) conforms 0.28 g as of january, 2001 unit: mm 6.5 0.5 5.4 0.5 2.3 0.2 0.55 0.1 0 ?0.25 0.55 0.1 1.5 0.5 5.5 0.5 2.5 0.5 1.15 0.1 0.8 0.1 2.29 0.5 2.29 0.5 1.2 max (5.1) (5.1) (0.1) (0.1)
2sj506(l), 2sj506(s) 12 cautions 1. hitachi neither warrants nor grants licenses of any rights of hitachi? or any third party? patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party? rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi? sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi? sales office for any questions regarding this document or hitachi semiconductor products. hitachi, ltd. semiconductor & integrated circuits. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 copyright ? hitachi, ltd., 2000. all rights reserved. printed in japan. hitachi asia ltd. hitachi tower 16 collyer quay #20-00, singapore 049318 tel : <65>-538-6533/538-8577 fax : <65>-538-6933/538-3877 url : http://www.hitachi.com.sg url northamerica : http://semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia : http://sicapac.hitachi-asia.com japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. (taipei branch office) 4/f, no. 167, tun hwa north road, hung-kuo building, taipei (105), taiwan tel : <886>-(2)-2718-3666 fax : <886>-(2)-2718-8180 telex : 23222 has-tp url : http://www.hitachi.com.tw hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower, world finance centre, harbour city, canton road tsim sha tsui, kowloon, hong kong tel : <852>-(2)-735-9218 fax : <852>-(2)-730-0281 url : http://www.hitachi.com.hk hitachi europe ltd. electronic components group. whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 585160 hitachi europe gmbh electronic components group dornacher stra b e 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi semiconductor (america) inc. 179 east tasman drive, san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to: colophon 2.0


▲Up To Search▲   

 
Price & Availability of 2SJ506LS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X