Part Number Hot Search : 
PL432CA3 PL432CA3 NCV8405A NCV8405A 18108 RT156K2 D8272A 18108
Product Description
Full Text Search
 

To Download 2SC4336 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon npn power transistors 2SC4336 description ? with to-220fa package ? fast switching speed ? low collector saturation voltage applications ? for use in switching power supplies ,dc/dc converters,motor driver s,solenoid drivers,etc pinning absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 100 v v ceo collector-emitter voltage open base 100 v v ebo emitter-base voltage open collector 7 v i c collector current (dc) 10 a i cm collector current-peak 20 a i b base current(dc) 6 a t c =25 ?? 30 p t total power dissipation t a =25 ?? 2 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? pin description 1 base 2 collector 3 emitter fig.1 simplified outline (to-220fa) and symbol
jmnic product specification 2 silicon npn power transistors 2SC4336 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =5.0a , i b =0.6a;l=1mh 100 v v cesat-1 collector-emitter saturation voltage i c =6a ;i b =0.3a 0.3 v v cesat-2 collector-emitter saturation voltage i c =8a ;i b =0.4a 0.5 v v besat-1 base-emitter saturation voltage i c =6a ;i b =0.3a 1.2 v v besat-2 base-emitter saturation voltage i c =8a ;i b =0.4a 1.5 v i cbo collector cut-off current v cb =100v; i e =0 10 | a i cex collector cut-off current v ce =100v; v be (off) =-1.5v t a =125 ?? 10 1.0 | a ma i ebo emitter cut-off current v eb =5v; i c =0 10 | a h fe-1 dc current gain i c =1a ; v ce =2v 100 h fe-2 dc current gain i c =2a ; v ce =2v 100 400 h fe-3 dc current gain i c =6a ; v ce =2v 60 c ob collector capacitance i e =0; v cb =10v; f=1mhz 120 pf f t transition frequency i c =0.5a; v ce =10v 150 mhz switching times t on turn-on time 0.3 | s t s storage time 1.5 | s t f fall time i c =6a ;i b1 =-i b2 =0.3a v cc ?? 50v;r l =8.3 |? 0.3 | s ? h fe-2 classifications m l n 100-200 150-300 200-400
jmnic product specification 3 silicon npn power transistors 2SC4336 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SC4336

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X