Part Number Hot Search : 
2SC394 TAR5S46 NGB8207N C2335 71660 D5108 150FC C4237
Product Description
Full Text Search
 

To Download 2SC1573A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transistors 1 publication date: november 2002 sjc00108bed 2sc1573, 2SC1573A, 2sc1573b silicon npn triple diffusion planar type for high breakdown voltage general amplification for small tv video output complementary to 2sc1573 and 2sa0879 features ? high collector-emitter voltage (base open) v ceo ? high transition frequency f t absolute maximum ratings t a = 25 c unit: mm parameter symbol rating unit collector-base voltage 2sc1573 v cbo 250 v (emitter open) 2SC1573A 300 2sc1573b 400 collector-emitter voltage 2sc1573 v ceo 200 v (base open) 2SC1573A 300 2sc1573b 400 emitter-base voltage 2sc1573 v ebo 5v (collector open) 2SC1573A 7 2sc1573b collector current i c 70 ma peak collector current i cp 100 ma collector power dissipation p c 1w junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c 5.9 0.2 0.7 0.1 4.9 0.2 8.6 0.2 0.7 +0.3 ?0.2 13.5 0.5 2.54 0.15 (3.2) (1.27) (1.27) 0.45 +0.2 ?0.1 0.45 +0.2 ?0.1 13 2 1: emitter 2: collector 3: base eiaj: sc-51 to-92l-a1 package
2sc1573, 2SC1573A, 2sc1573b 2 sjc00108bed parameter symbol conditions min typ max unit collector-emitter voltage 2sc1573 v ceo i c = 100 a, i b = 0 200 v (base open) 2SC1573A 300 2sc1573b 400 emitter-base voltage 2sc1573 v ebo i e = 1 a, i c = 05v (collector open) 2SC1573A 7 2sc1573b 7 collector-base cut-off current 2sc1573 i cbo v cb = 12 v, i e = 02 a (emitter open) 2SC1573A 2sc1573b v cb = 200 v, i e = 010 forward current transfer ratio 2sc1573 h fe * v ce = 10 v, i c = 5 ma 60 220 ? 2SC1573A 30 220 2sc1573b collector-emitter saturation voltage v ce(sat) i c = 50 ma, i b = 5 ma 1.2 v transition frequency f t v cb = 10 v, i e = ? 10 ma, f = 200 mhz 50 80 mhz collector output capacitance 2sc1573 c ob v cb = 10 v, i e = 0, f = 1 mhz 5 10 pf (common base, input 2SC1573A 48 open circuited) 2sc1573b 48 p c ? t a i c ? v ce i c ? v be electrical characteristics t a = 25 c 3 c note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * : rank classification (2sc1573 for ranks q and r only) rank p q r h fe 30 to 100 60 to 150 100 to 220 0 160 40 120 80 0 1.2 1.0 0.8 0.6 0.4 0.2 collector power dissipation p c ( w ) ambient temperature t a ( c ) 010 8 26 4 0 120 100 80 60 40 20 i b = 2 ma 1.8 ma 1.6 ma 1.4 ma 1.2 ma 1.0 ma 0.8 ma 0.2 ma 0.4 ma 0.6 ma t a = 25 c collector current i c ( ma ) collector-emitter voltage v ce ( v ) 0 2.0 1.6 0.4 1.2 0.8 0 120 100 80 60 40 20 v ce = 10 v t a = 75 c ? 25 c 25 c base-emitter voltage v be ( v ) collector current i c ( ma )
2sc1573, 2SC1573A, 2sc1573b 3 sjc00108bed i c ? i b v ce(sat) ? i c i b ? v be h fe ? i c f t ? i e c ob ? v cb i cbo ? t a i ebo ? t a safe operation area 0 2.0 1.6 0.4 1.2 0.8 0 120 100 80 60 40 20 v ce = 10 v t a = 25 c base current i b ( ma ) collector current i c ( ma ) 0.1 1 10 100 0.01 0.1 1 10 100 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 1.0 0.8 0.2 0.6 0.4 0 3.0 2.5 2.0 1.5 1.0 0.5 v ce = 10 v t a = 25 c base-emitter voltage v be ( v ) base current i b ( ma ) 0.1 1 10 100 0 360 300 240 180 120 60 v ce = 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) ? 1 ? 10 ? 100 0 160 120 40 100 140 80 20 60 v cb = 10 v t a = 25 c transition frequency f t ( mhz ) emitter current i e ( ma ) 110100 0 10 8 6 4 2 i e = 0 f = 1 mhz t a = 25 c collector-base voltage v cb ( v ) collector output capacitance (common base, input open circuited) c ob (pf) 0200 160 40 120 80 1 10 10 2 10 3 10 4 v cb = 250 v ambient temperature t a ( c ) i cbo ( t a ) i cbo ( t a = 25 c ) 0 200 160 40 120 80 1 10 10 2 10 3 10 4 v eb = 5 v ambient temperature t a ( c ) i ebo ( t a ) i ebo ( t a = 25 c ) 1 10 100 1 000 0.1 1 10 100 1 000 single pulse t a = 25 c t = 10 ms t = 1 ms dc i cp i c collector current i c ( ma ) collector-emitter voltage v ce ( v )
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technologies described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteris- tics and applied circuits examples of the products. it neither warrants non-infringement of intellec- tual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) the products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instru- ments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maxi- mum rating, the range of operating power supply voltage, and heat radiation characteristics. other- wise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2002 jul


▲Up To Search▲   

 
Price & Availability of 2SC1573A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X