Part Number Hot Search : 
MUR540 2N5932 LF8430 39SF512 VN3901 EMH2308 RE5RL21A KBPC100
Product Description
Full Text Search
 

To Download X28C512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  X28C512/x28c513 1 512k X28C512/x28c513 64k x 8 bit 5 volt, byte alterable e 2 prom ? xicor, inc. 1991, 1995, 1996 patents pending characteristics subject to change without notice 3856-3.1 2/24/99 t1/c0/d0 ns features ? access time: 90ns ? simple byte and page write single 5v supply no external high voltages or v pp control circuits self-timed no erase before write no complex programming algorithms no overerase problem ? low power cmos: active: 50ma standby: 500a ? software data protection protects data against system level inadvertant writes ? high speed page write capability ? highly reliable direct write? cell endurance: 100,000 write cycles data retention: 100 years ? early end of write detection data polling toggle bit polling ? two plcc and lcc pinouts X28C512 x28c010 e 2 prom pin compatible x28c513 compatible with lower density e 2 proms description the X28C512/513 is an 64k x 8 e 2 prom, fabricated with xicors proprietary, high performance, floating gate cmos technology. like all xicor programmable non- volatile memories the X28C512/513 is a 5v only device. the X28C512/513 features the jedec approved pinout for bytewide memories, compatible with industry stan- dard eproms. the X28C512/513 supports a 128-byte page write op- eration, effectively providing a 39s/byte write cycle and enabling the entire memory to be written in less than 2.5 seconds. the X28C512/513 also features data polling and toggle bit polling, system software support schemes used to indicate the early completion of a write cycle. in addition, the X28C512/513 supports the software data protection option. pin configurations 3856 fhd f01 nc nc a 15 a 12 a 7 a 6 a 5 a 4 a 3 a 2 a 1 a 0 i/o 0 i/o 1 i/o 2 v ss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 v cc we nc a 14 a 13 a 8 a 9 a 11 oe a 10 ce i/o 7 i/o 6 i/o 5 i/0 4 i/o 3 X28C512 plastic dip cerdip flat pack soic (r) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 X28C512 3856 ill f22 oe a 10 ce i/o 7 i/o 6 i/o 5 i/o 4 i/o 3 nc nc v ss nc nc i/o 2 i/o 1 i/o 0 a 0 a 1 a 2 a 3 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 a 11 a 9 a 8 a 13 a 14 nc nc nc we v cc nc nc nc nc a 15 a 12 a 7 a 6 a 5 a 4 tsop X28C512 (top view) a 7 a 6 a 5 a 4 a 3 a 2 a 1 a 0 i/o 0 a 13 a 8 a 9 a 11 oe a 10 ce i/o 7 a 14 i/o 1 i/o 2 v ss i/o 3 i/o 4 i/o 5 i/o 6 a 12 a 15 nc nc v cc we nc 3856 fhd f03 232 6 1 5 43 8 7 9 10 11 12 13 15 17 16 18 19 20 22 23 24 25 26 27 28 29 31 14 21 30 plcc / lcc x28c513 (top view) a 6 a 5 a 4 a 3 a 2 a 1 a 0 nc i/o 0 a 9 a 11 nc a 10 oe i/o 7 ce i/o 6 a 8 i/o 1 i/o 2 v ss nc i/o 3 i/o 4 i/o 5 a 7 a 12 a 14 a 15 v cc we a 13 3856 fhd f04 232 6 1 5 43 8 7 9 10 11 12 13 15 17 16 18 19 20 22 23 24 25 26 27 28 29 31 21 14 30 pga 3856 fhd f02 bottom view 14 a 0 16 i/o 1 18 v ss 11 a 3 9 a 5 7 a 7 15 i/o 0 17 i/o 2 19 i/o 3 5 a 15 2 nc 36 v cc 20 i/o 4 21 i/o 5 34 nc 23 i/o 7 25 a 10 27 a 11 29 a 8 22 i/o 6 32 nc 24 ce 26 oe 28 a 9 30 a 13 13 a 1 12 a 2 10 a 4 8 a 6 4 nc 3 nc 1 nc 35 we 33 nc 31 a 14 6 a 12
2 X28C512/x28c513 pin descriptions addresses (a 0 Ca 15 ) the address inputs select an 8-bit memory location during a read or write operation. chip enable ( ce ) the chip enable input must be low to enable all read/ write operations. when ce is high, power consumption is reduced. output enable ( oe ) the output enable input controls the data output buffers and is used to initiate read operations. data in/data out (i/o 0 Ci/o 7 ) data is written to or read from the X28C512/513 through the i/o pins. write enable ( we ) the write enable input controls the writing of data to the X28C512/513. functional diagram pin names symbol description a 0 Ca 15 address inputs i/o 0 Ci/o 7 data input/output we write enable ce chip enable oe output enable v cc +5v v ss ground nc no connect 3856 pgm t01 x buffers latches and decoder i/o buffers and latches 3856 fhd f05 y buffers latches and decoder control logic and timing 512k-bit e 2 prom array i/o 0 Ci/o 7 data inputs/outputs ce oe v cc v ss a 7 Ca 15 we a 0 Ca 6
X28C512/x28c513 3 device operation read read operations are initiated by both oe and ce low. the read operation is terminated by either ce or oe returning high. this two line control architecture elimi- nates bus contention in a system environment. the data bus will be in a high impedance state when either oe or ce is high. write write operations are initiated when both ce and we are low and oe is high. the X28C512/513 supports both a ce and we controlled write cycle. that is, the address is latched by the falling edge of either ce or we , whichever occurs last. similarly, the data is latched internally by the rising edge of either ce or we , which- ever occurs first. a byte write operation, once initiated, will automatically continue to completion, typically within 5ms. page write operation the page write feature of the X28C512/513 allows the entire memory to be written in 2.5 seconds. page write allows two to one hundred twenty-eight bytes of data to be consecutively written to the X28C512/513 prior to the commencement of the internal programming cycle. the host can fetch data from another device within the system during a page write operation (change the source address), but the page address (a 7 through a 15 ) for each subsequent valid write cycle to the part during this operation must be the same as the initial page address. the page write mode can be initiated during any write operation. following the initial byte write cycle, the host can write an additional one to one hundred twenty- seven bytes in the same manner as the first byte was written. each successive byte load cycle, started by the we high to low transition, must begin within 100s of the falling edge of the preceding we . if a subsequent we high to low transition is not detected within 100s, the internal automatic programming cycle will commence. there is no page write window limitation. effectively the page write window is infinitely wide, so long as the host continues to access the device within the byte load cycle time of 100s. write operation status bits the X28C512/513 provides the user two write operation status bits. these can be used to optimize a system write cycle time. the status bits are mapped onto the i/o bus as shown in figure 1. figure 1. status bit assignment data polling (i/o 7 ) the X28C512/513 features data polling as a method to indicate to the host system that the byte write or page write cycle has completed. data polling allows a simple bit test operation to determine the status of the X28C512/ 513, eliminating additional interrupt inputs or external hardware. during the internal programming cycle, any attempt to read the last byte written will produce the complement of that data on i/o 7 (i.e. write data = 0xxx xxxx, read data = 1xxx xxxx). once the programming cycle is complete, i/o 7 will reflect true data. toggle bit (i/o 6 ) the X28C512/513 also provides another method for determining when the internal write cycle is complete. during the internal programming cycle, i/o 6 will toggle from high to low and low to high on subsequent attempts to read the device. when the internal cycle is complete the toggling will cease and the device will be accessible for additional read or write operations. 5 3856 fhd f06 tb dp 43210 i/o reserved toggle bit data polling
4 X28C512/x28c513 data polling i/o 7 figure 2a. data polling bus sequence figure 2b. data polling software flow data polling can effectively halve the time for writing to the X28C512/513. the timing diagram in figure 2a illustrates the sequence of events on the bus. the software flow diagram in figure 2b illustrates one method of implementing the routine. write data save last data and address read last address io 7 compare? X28C512 ready no yes writes complete? no yes 3856 fhd f08 ce oe we i/o 7 X28C512/513 ready last write high z v ol v ih a 0 Ca 15 an an an an an an v oh an 3856 fhd f07.1
X28C512/x28c513 5 the toggle bit i/o 6 figure 3a. toggle bit bus sequence figure 3b. toggle bit software flow the toggle bit can eliminate the software housekeeping chore of saving and fetching the last address and data written to a device in order to implement data polling. this can be especially helpful in an array comprised of multiple X28C512/513 memories that is frequently up- dated. toggle bit polling can also provide a method for status checking in multiprocessor applications. the timing diagram in figure 3a illustrates the sequence of events on the bus. the software flow diagram in figure 3b illustrates a method for polling the toggle bit. load accum from addr n compare accum with addr n X28C512 ready compare ok? no yes 3856 fhd f10 last write ce oe we i/o 6 X28C512/513 ready v oh v ol last write high z * beginning and ending state of i/o 6 will vary. * * 3856 fhd f09.1
6 X28C512/x28c513 hardware data protection the X28C512/513 provides three hardware features that protect nonvolatile data from inadvertent writes. ? noise protectiona we pulse typically less than 10ns will not initiate a write cycle. ? default v cc senseall write functions are inhibited when v cc is 3.6v. ? write inhibitholding either oe low, we high, or ce high will prevent an inadvertent write cycle during power-up and power-down, maintaining data integrity. write cycle timing specifications must be observed concurrently. software data protection the X28C512/513 offers a software controlled data protection feature. the X28C512/513 is shipped from xicor with the software data protection not enabled; that is, the device will be in the standard operating mode. in this mode data should be protected during power-up/ -down operations through the use of external circuits. the host would then have open read and write access of the device once v cc was stable. the X28C512/513 can be automatically protected dur- ing power-up and power-down without the need for external circuits by employing the software data protec- tion feature. the internal software data protection circuit is enabled after the first write operation utilizing the software algorithm. this circuit is nonvolatile and will remain set for the life of the device unless the reset command is issued. once the software protection is enabled, the X28C512/ 513 is also protected from inadvertent and accidental writes in the powered-up state. that is, the software algorithm must be issued prior to writing additional data to the device. note: the data in the three-byte enable sequence is not written to the memory array. software algorithm selecting the software data protection mode requires the host system to precede data write operations by a series of three write operations to three specific ad- dresses. refer to figure 4a and 4b for the sequence. the three byte sequence opens the page write window enabling the host to write from one to one hundred twenty-eight bytes of data. once the page load cycle has been completed, the device will automatically be re- turned to the data protected state.
X28C512/x28c513 7 software data protection figure 4a. timing sequencesoftware data protect enable sequence followed by byte or page write figure 4b. write sequence for software data protection regardless of whether the device has previously been protected or not, once the software data protected algorithm is used and data has been written, the X28C512/513 will automatically disable further writes unless another command is issued to cancel it. if no further commands are issued the X28C512/513 will be write protected during power-down and after any subse- quent power-up. the state of a 15 while executing the algorithm is dont care. note: once initiated, the sequence of write operations should not be interrupted. note: all other timings and control pins are per page write timing requirements. 3856 fhd f11 ce we (v cc ) write protected v cc 0v data addr aa 5555 55 2aaa a0 5555 t blc max writes ok byte or page t wc write last byte to last address 3856 fhd f12 write data 55 to address 2aaa write data a0 to address 5555 write data xx to any address after t wc re-enters data protected state write data aa to address 5555 optional byte/page load operation
8 X28C512/x28c513 resetting software data protection figure 5a. reset software data protection timing sequence figure 5b. software sequence to deactivate software data protection in the event the user wants to deactivate the software data protection feature for testing or reprogramming in an e 2 prom programmer, the following six step algo- rithm will reset the internal protection circuit. after t wc , the X28C512/513 will be in standard operating mode. note: once initiated, the sequence of write operations should not be interrupted. 3856 fhd f13 ce we standard operating mode v cc data addr aa 5555 55 2aaa 80 5555 note: all other timings and control pins are per page write timing requirements. 3 t wc aa 5555 55 2aaa 20 5555 write data 55 to address 2aaa 3856 fhd f14 write data 55 to address 2aaa write data 80 to address 5555 write data aa to address 5555 write data 20 to address 5555 write data aa to address 5555
X28C512/x28c513 9 system considerations because the X28C512/513 is frequently used in large memory arrays it is provided with a two line control architecture for both read and write operations. proper usage can provide the lowest possible power dissipation and eliminate the possibility of contention where mul- tiple i/o pins share the same bus. to gain the most benefit it is recommended that ce be decoded from the address bus and be used as the primary device selection input. both oe and we would then be common among all devices in the array. for a read operation this assures that all deselected devices are in their standby mode and that only the selected device(s) is outputting data on the bus. because the X28C512/513 has two power modes, standby and active, proper decoupling of the memory array is of prime concern. enabling ce will cause transient current spikes. the magnitude of these spikes is dependent on the output capacitive loading of the i/ os. therefore, the larger the array sharing a common bus, the larger the transient spikes. the voltage peaks associated with the current transients can be sup- pressed by the proper selection and placement of decoupling capacitors. as a minimum, it is recom- mended that a 0.1f high frequency ceramic capacitor be used between v cc and v ss at each device. depend- ing on the size of the array, the value of the capacitor may have to be larger. in addition, it is recommended that a 4.7f electrolytic bulk capacitor be placed between v cc and v ss for each eight devices employed in the array. this bulk capacitor is employed to overcome the voltage droop caused by the inductive effects of the pc board traces. active supply current vs. ambient temperature i cc (rd) by temperature over frequency standby supply current vs. ambient temperature ?5 ?0 +125 0.14 0.16 0.18 0.2 0.24 ambient temperature ( c) i sb (ma) 3856 ill f26 0.1 +35 +80 0.22 v cc = 5v 0.12 ?5 ?0 +125 10 11 12 13 14 ambient temperature ( c) i cc (ma) 3856 ill f24 8 +35 +80 v cc = 5v 9 0 315 30 40 50 60 5.0 v cc frequency (mhz) i cc rd (ma) 3856 ill f25 10 69 ?5? +25? +125? 12 20 70
10 X28C512/x28c513 d.c. operating characteristics (over recommended operating conditions, unless otherwise specified.) limits symbol parameter min. max. units test conditions i cc v cc current (active) 50 ma ce = oe = v il , we = v ih , (ttl inputs) all i/os = open, address inputs = .4v/2.4v levels @ f = 5mhz i sb1 v cc current (standby) 3 ma ce = v ih , oe = v il (ttl inputs) all i/os = open, other inputs = v ih i sb2 v cc current (standby) 500 a ce = v cc C 0.3v, oe = v il (cmos inputs) all i/os = open, other inputs = v ih i li input leakage current 10 a v in = v ss to v cc i lo output leakage current 10 a v out = v ss to v cc , ce = v ih v ll (1) input low voltage C1 0.8 v v ih (1) input high voltage 2 v cc + 1 v v ol output low voltage 0.4 v i ol = 2.1ma v oh output high voltage 2.4 v i oh = C400a 3856 pgm t04.2 absolute maximum ratings* temperature under bias X28C512/513 ............................... C10c to +85c X28C512i/513i ........................... C65c to +135c X28C512m/513m ....................... C65c to +135c storage temperature ....................... C65c to +150c voltage on any pin with respect to v ss ....................................... C1v to +7v d.c. output current ............................................. 5ma lead temperature (soldering, 10 seconds) .............................. 300c *comment stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and the functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating condi- tions for extended periods may affect device reliability. recommend operating conditions temperature min. max. commercial 0c +70c industrial C40c +85c military C55c +125c 3856 pgm t02 notes: (1) v il min. and v ih max. are for reference only and are not tested. supply voltage limits X28C512/513 5v 10% 3856 pgm t03.1
X28C512/x28c513 11 power-up timing symbol parameter max. units t pur (2) power-up to read operation 100 s t puw (2) power-up to write operation 5 ms 3856 pgm t05 capacitance t a = +25c, f = 1mhz, v cc = 5v symbol parameter max. units test conditions c i/o (2) input/output capacitance 10 pf v i/o = 0v c in (2) input capacitance 10 pf v in = 0v 3856 pgm t06.1 endurance and data retention parameter min. max. units endurance 10,000 cycles per byte endurance 100,000 cycles per page data retention 100 years 3856 pgm t07.1 a.c. conditions of test input pulse levels 0v to 3v input rise and fall times 10ns input and output timing levels 1.5v 3856 pgm t07.1 note: (2) this parameter is periodically sampled and not 100% tested. equivalent a.c. load circuit symbol table waveform inputs outputs must be steady will be steady may change from low to high will change from low to high may change from high to low will change from high to low don? care: changes allowed changing: state not known n/a center line is high impedance 3856 fhd f15.3 5v 1.92k w 100pf output 1.37k w mode selection ce oe we mode i/o power l l h read d out active l h l write d in active h x x standby and high z standby write inhibit x l x write inhibit x x h write inhibit 3856 pgm t08
12 X28C512/x28c513 read cycle limits X28C512-90 X28C512-12 X28C512-15 X28C512-20 X28C512-25 x28c513-90 x28c513-12 x28c513-15 x28c513-20 x28c513-25 symbol parameter min. max. min. max. min. max. min. max. min. max. units t rc read cycle time 90 120 150 200 250 ns t ce chip enable access time 90 120 150 200 250 ns t aa address access time 90 120 150 200 250 ns t oe output enable access time 40 50 50 50 50 ns t lz (3) ce low to active output 0 0 0 0 0 ns t olz (3) oe low to active output 0 0 0 0 0 ns t hz (3) ce high to high z output 40 50 50 50 50 ns t ohz (3) oe high to high z output 40 50 50 50 50 ns t oh output hold from 0 0 0 0 0 ns address change 3856 pgm t09.4 a.c. characteristics (over the recommended operating conditions, unless otherwise specified.) read cycle notes: (3) t lz min., t hz , t olz min., and tohz are periodically sampled and not 100% tested. t hz max. and t ohz max. are measured, with c l = 5pf from the point when ce or oe return high (whichever occurs first) to the time when the outputs are no longer driven. 3856 fhd f16 t ce t rc address ce oe we data valid data valid t oe t lz t olz t oh t aa t hz t ohz data i/o v ih high z
X28C512/x28c513 13 write cycle limits symbol parameter min. max. units t wc (4) write cycle time 10 ms t as address setup time 0 ns t ah address hold time 50 ns t cs write setup time 0 ns t ch write hold time 0 ns t cw ce pulse width 100 ns t oes oe high setup time 10 ns t oeh oe high hold time 10 ns t wp we pulse width 100 ns t wph we high recovery 100 ns t dv data valid 1 s t ds data setup 50 ns t dh data hold 0 ns t dw delay to next write 10 s t blc byte load cycle 0.2 100 s 3856 pgm t10.2 we controlled write cycle notes: (4) t wc is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. it is the maximum tim e the device requires to complete the internal write operation. 3856 fhd f17 address t as t wc t ah t oes t dv t ds t dh t oeh ce we oe data in data out high z t cs t ch t wp data valid
14 X28C512/x28c513 ce controlled write cycle notes: (5) between successive byte writes within a page write operation, oe can be strobed low: e.g. this can be done with ce and we high to fetch data from another memory device within the system for the next write; or with we high and ce low effectively performing a polling operation. (6) the timings shown above are unique to page write operations. individual byte load operations within the page write must conf orm to either the ce or we controlled write cycle timing. page write cycle 3856 fhd f18 address t as t oeh t wc t ah t oes t wph t cs t dv t ds t dh t ch ce we oe data in data out high z t cw data valid 3856 fhd f19.1 we oe (5) byte 0 byte 1 byte 2 byte n byte n+1 byte n+2 t wp t wph t blc t wc ce *address (6) i/o *for each successive write within the page write operation, a 7 Ca 15 should be the same or writes to an unknown address could occur. last byte
X28C512/x28c513 15 data polling timing diagram (7) toggle bit timing diagram note: (7) polling operations are by definition read cycles and are therefore subject to read cycle timings. address a n 3856 fhd f20 d in =x d out =x d out =x t wc t oeh t oes a n a n ce we oe i/o 7 t dw 3856 fhd f21 ce oe we i/o 6 t oes t dw t wc t oeh high z * * * starting and ending state of i/o 6 will vary, depending upon actual t wc .
16 X28C512/x28c513 packaging information 0.620 (15.75) 0.590 (14.99) typ. 0.614 (15.60) 0.110 (2.79) 0.090 (2.29) typ. 0.018 (0.46) 1.690 (42.95) max. 0.023 (0.58) 0.014 (0.36) typ. 0.018 (0.46) 0.232 (5.90) max. 0.060 (1.52) 0.015 (0.38) 3926 fhd f09 pin 1 0.200 (5.08) 0.125 (3.18) 0.065 (1.65) 0.033 (0.84) typ. 0.055 (1.40) 0.610 (15.49) 0.500 (12.70) 0.100 (2.54) max. 0 15 32-lead hermetic dual in-line package type d note: all dimensions in inches (in parentheses in millimeters) 0.005 (0.13) min. 0.150 (3.81) min. 0.015 (0.38) 0.008 (0.20) seating plane
X28C512/x28c513 17 packaging information 0.150 (3.81) bsc 0.458 (11.63) CC 0.458 (11.63) 0.442 (11.22) pin 1 3926 fhd f14 0.020 (0.51) x 45 ref. 0.095 (2.41) 0.075 (1.91) 0.022 (0.56) 0.006 (0.15) 0.055 (1.39) 0.045 (1.14) typ. (4) plcs. 0.040 (1.02) x 45 ref. typ. (3) plcs. 0.050 (1.27) bsc 0.028 (0.71) 0.022 (0.56) (32) plcs. 0.200 (5.08) bsc 0.558 (14.17) CC 0.088 (2.24) 0.050 (1.27) 0.120 (3.05) 0.060 (1.52) pin 1 index corner 32-pad ceramic leadless chip carrier package type e note: 1. all dimensions in inches (in parentheses in millimeters) 2. tolerance: 1% nlt 0.005 (0.127) 0.300 (7.62) bsc 0.015 (0.38) min. 0.400 (10.16) bsc 0.560 (14.22) 0.540 (13.71) dia. 0.015 (0.38) 0.003 (0.08)
18 X28C512/x28c513 packaging information 32-lead ceramic flat pack type f 3926 fhd f20 note: all dimensions in inches (in parentheses in millimeters) 0.019 (0.48) 0.015 (0.38) 0.045 (1.14) max. pin 1 index 132 0.130 (3.30) 0.090 (2.29) 0.047 (1.19) 0.026 (0.66) 0.007 (0.18) 0.004 (0.10) 0.370 (9.40) 0.270 (6.86) 0.828 (21.04) 0.812 (20.64) 0.50 (1.27) bsc 0.488 0.430 (10.93) 0.347 (8.82) 0.330 (8.38) 0.005 (0.13) min. 0.030 (0.76) min
X28C512/x28c513 19 packaging information 0.021 (0.53) 0.013 (0.33) 0.420 (10.67) 0.050 (1.27) typ. typ. 0.017 (0.43) 0.045 (1.14) x 45 0.300 (7.62) ref. 0.453 (11.51) 0.447 (11.35) typ. 0.450 (11.43) 0.495 (12.57) 0.485 (12.32) typ. 0.490 (12.45) pin 1 0.400 (10.16) ref. 0.553 (14.05) 0.547 (13.89) typ. 0.550 (13.97) 0.595 (15.11) 0.585 (14.86) typ. 0.590 (14.99) 3 typ. 0.048 (1.22) 0.042 (1.07) 0.140 (3.56) 0.100 (2.45) typ. 0.136 (3.45) 0.095 (2.41) 0.060 (1.52) 0.015 (0.38) seating plane 0.004 lead co C planarity 3926 fhd f13 32-lead plastic leaded chip carrier package type j notes: 1. all dimensions in inches (in parentheses in millimeters) 2. dimensions with no tolerance for reference only
20 X28C512/x28c513 3926 fhd f21 36-lead ceramic pin grid array package type k 15 17 19 21 22 14 16 18 20 23 10 9 27 28 8 7 29 30 5 2 36 34 32 4 3 1 35 33 typ. 0.100 (2.54) all leads pin 1 index 0.050 (1.27) 0.008 (0.20) note: leads 5, 14, 23, & 32 12 11 25 26 13 6 31 24 a a 0.090 (2.29) 0.070 (1.78) 0.090 (2.29) 0.070 (1.78) 0.770 (19.56) 0.750 (19.05) sq. a a 0.185 (4.70) 0.175 (4.45) 0.020 (0.51) 0.016 (0.41) 0.072 (1.83) 0.062 (1.57) 0.120 (3.05) 0.100 (2.54) note: all dimensions in inches (in parentheses in millimeters) packaging information
X28C512/x28c513 21 packaging information 3926 fhd f25 note: 1. all dimensions in inches (in parentheses in millimeters) 2. package dimensions exclude molding flash 0.022 (0.56) 0.014 (0.36) 0.160 (4.06) 0.125 (3.17) 0.625 (15.88) 0.590 (14.99) 0.110 (2.79) 0.090 (2.29) 1.665 (42.29) 1.644 (41.76) 1.500 (38.10) ref. pin 1 index 0.160 (4.06) 0.140 (3.56) 0.030 (0.76) 0.015 (0.38) pin 1 seating plane 0.070 (17.78) 0.030 (7.62) 0.557 (14.15) 0.510 (12.95) 0.085 (2.16) 0.040 (1.02) 0 15 32-lead plastic dual in-line package type p typ. 0.010 (0.25)
22 X28C512/x28c513 packaging information 32-lead ceramic small outline gull wing package type r 3926 fhd f27 notes: 1. all dimensions in inches 2. formed lead shall be planar with respect to one another within 0.004 inches 0.340 0.007 see detail a for lead information 0.440 max. 0.560 nom. 0.0192 0.0138 0.050 0.750 0.005 0.840 max. 0.060 nom. 0.020 min. 0.015 r typ. 0.035 min. 0.015 r typ. 0.035 typ. 0.165 typ. detail a 0.560" typical 0.050" typical 0.050" typical footprint 0.030" typical 32 places
X28C512/x28c513 23 packaging information 3926 ill f39.2 note: 1. all dimensions are shown in millimeters (inches in parentheses). 0.50 0.04 (0.0197 0.0016) 0.30 0.05 (0.012 0.002) 14.80 0.05 (0.583 0.002) 1.30 0.05 (0.051 0.002) 0.17 (0.007) 0.03 (0.001) typical 40 places 15 eq. spc. @ 0.50 0.04 0.0197 0.016 = 9.50 0.06 (0.374 0.0024) overall tol. non-cumulative solder pads footprint 10.058 (0.396) 9.957 (0.392) 12.522 (0.493) 12.268 (0.483) pin #1 ident. o 1.016 (0.040) o 0.762 (0.030) 1 0.965 (0.038) 1.143 (0.045) 0.889 (0.035) 0.127 (0.005) dp. 0.076 (0.003) dp. x 0.065 (0.0025) 14.148 (0.557) 13.894 (0.547) seating plane a 0.178 (0.007) 1.016 (0.040) seating plane 15 typ. 0.500 (0.0197) 1.219 (0.048) 0.254 (0.010) 0.152 (0.006) 0.432 (0.017) 0.813 (0.032) typ. 0.432 (0.017) 0.508 (0.020) typ. 0.152 (0.006) typ. 4 typ. detail a 40-lead thin small outline package (tsop) type t
24 X28C512/x28c513 limited warranty devices sold by xicor, inc. are covered by the warranty and patent indemnification provisions appearing in its terms of sale on ly. xicor, inc. makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. xicor, inc. makes no warranty of merchantability or fitness tor any purpose. xicor, inc. rese rves the right to discontinue production and change specifications and prices at any time and without notice. xicor, inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a xicor, inc. product. no o ther circuits, patents, licenses are implied. us. patents xicor products are covered by one or more of the following u.s. patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829,482; 4,874, 967; 4,883,976. foreign patents and additional patents pending. life related policy in situations where semiconductor component failure may endanger life, system designers using this product should design the sy stem with appropriate error detection and correction, redundancy and back-up features to prevent such an occurrence. xicors products are not authorized for use as critical components in life support devices or systems. 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) sup port or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reaso nably expected to result in a significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its satety or effectiveness. ordering information access time C90 = 90ns C12 = 120ns C15 = 150ns C20 = 200ns C25 = 250ns temperature range blank = commercial = 0c to +70c i = industrial = C40c to +85c m = military = C55c to +125c mb = mil-std-883 package d = 32-lead cerdip e = 32-pad lcc f = 32-lead flat pack j = 32-lead plcc k = 36-lead pin grid array p = 32-lead plastic dip r = 32-lead ceramic soic t = 40-lead tsop X28C512 x x -x device access time C90 = 90ns C12 = 120ns C15 = 150ns C20 = 200ns C25 = 250ns temperature range blank = commercial = 0c to +70c i = industrial = C40c to +85c m = military = C55c to +125c mb = mil-std-883 package e = 32-pad lcc j = 32-lead plcc x28c513 x x -x device


▲Up To Search▲   

 
Price & Availability of X28C512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X