TIP131/tip132 tip135/tip137 complementary silicon power darlington transistors n TIP131, tip132, tip135 and tip137 are sgs-thomson preferred salestypes application n linear and switching industrial equipment description the TIP131 and tip132 are silicon epitaxial-base npn power transistors in monolithic darlington configuration, mounted in jedec to-220 plastic package. they are intented for use in power linear and switching applications. the complementary pnp type for tip132 is tip137 . ? internal schematic diagram june 1998 absolute maximum ratings symbol parameter value unit npn TIP131 tip132 pnp tip135 tip137 v cbo collector-base voltage (i e =0) 60 80 100 v v ceo collector-emitter voltage (i b =0) 60 80 100 v v ebo emitter-base voltage (i c =0) 5 v i c collector current 8 a i cm collector peak current 12 a i b base current 0.3 a p tot total dissipation at t case 25 o c t amb 25 o c 70 2 w w t stg storage temperature -65 to 150 o c t j max. operating junction temperature 150 o c * for pnp types voltage and current values are negative. r 1 typ. = 5 k w r 2 typ. = 150 w 1 2 3 to-220 1/4
thermal data r thj-case r t hj- amb thermal resistance junction-case max thermal resistance junction-ambient max 1.78 63.5 o c/w o c/w electrical characteristics (t case =25 o c unless otherwise specified) symbol parameter test conditions min. typ. max. unit i ceo collector cut-off current (i b =0) v ce = half rated v ceo 0.5 ma i cbo collector cut-off current (i e =0) v cb = half rated v cbo 0.2 ma i ebo emitter cut-off current (i c =0) v eb =5v 5 ma v ceo(sus) * collector-emitter sustaining voltage (i b =0) i c =30ma for tip135 for TIP131 for tip132/137 60 80 100 v v v v ce(s at) * collector-emitter saturation voltage i c =4a i b =16ma i c =6a i b =30ma 2 4 v v v be * base-emitter voltage i c =4a v ce =4v 2.5 v h fe * dc current gain i c =1a v ce =4v i c =4a v ce =4v 500 1000 15000 * for pnp types voltage and current values are negative. power derating curve safe operating areas TIP131/tip132/tip135/tip137 2/4
dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 p011c to-220 mechanical data TIP131/tip132/tip135/tip137 3/4
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specification mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. the st logo is a trademark of stmicroelectronics ? 1998 stmicroelectronics printed in italy all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysia - malta - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. . TIP131/tip132/tip135/tip137 4/4
|