Part Number Hot Search : 
C114Y SR4001PT I500RU SG7805AL A8188SLT 05012 30N60C BA12003B
Product Description
Full Text Search
 

To Download TFS1950B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 1950 b.do c version 2 . 1 03.05 .2010 vectron international filter specification tfs 1950b 1/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg r e serves th e right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t measurement condition ambient tempera t ure: 23 c input po w e r level: 0 dbm terminating imp edance: input: 50 ? output: 50 ? ch ara c teristic s remark: the ma x i mum attenuation in the pass band is defined as the inser t ion lo ss a e . the nominal frequ ency f n is fix ed at 1 950 mhz w i t hout any tolerance or limit. the v a lues of ab solute a ttenu ation a abs are guar antee d for the w hole operating tempera t ur e range. the fr equ ency shift o f th e fil t er in the o pera t in g tempera t ure range i s in clud ed in t he pr oduction tole rance sch eme. d a t a ty p. v a lue tolerance / limit inserti on l o ss a e 2 , 6 d b m a x . 3 , 0 d b nomi nal fre que nc y f n 1 9 5 0 m h z passban d p b f n 30 mhz pass ban d v a ria t ion 1 , 3 d b m a x . 1 , 5 d b a b s o l u te atte nu ation a abs 0,3 mhz ... 1805 mhz 3 1 d b min. 20 db 1 8 0 5 m h z . . . 1 8 8 0 m h z 3 8 d b m i n . 3 0 d b 1880 mhz ... 1 9 0 0 m h z 9 d b min. 5 d b 2 0 1 0 m h z . . . 2 1 1 0 m h z 2 8 d b m i n . 5 d b 2 1 1 0 m h z ... 2 1 7 0 m h z 4 3 d b min. 4 0 d b 2 1 7 0 m h z . . . 3 0 0 0 m h z 4 3 d b m i n . 2 0 d b inpu t p o w e r le v e l - m a x . 1 5 d b m opera t in g te mp erature ra nge otr - - 40 c . .. + 85 c storage te mper ature ra nge - - 40 c . .. + 85 c tem p erat ure co efficie n t of freq uenc y tc f * - 4 6 p p m / k *) ? f(h z ) = t c f (ppm /k) x (t-t 0 ) x f to (mhz) ge ne ra te d: ch eck ed / a p p r o v ed : notice. no liability is assumed as a result of their use or application. no rights under an y p a tent accompan y the sale of any such product(s) o r info rmation.
filename: tfs 1950 b.do c version 2 . 1 03.05 .2010 vectron international filter specification tfs 1950b 2/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg r e serves th e right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t f ilter ch aract eristic 100 0 1 200 1 400 16 00 180 0 200 0 2 200 2 400 26 00 280 0 300 0 -1 0 0 -9 0 -8 0 -7 0 -6 0 -5 0 -4 0 -3 0 -2 0 -1 0 0 f r e que nc y i n m h z m a gn i t ude i n db 190 0 19 10 192 0 1 930 194 0 1 950 196 0 1 970 19 80 1 990 20 00 -1 0 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 f r eq u e n cy i n m h z m a gn i t ude i n db 190 0 19 10 192 0 1 930 194 0 1 950 196 0 1 970 19 80 1 990 20 00 0. 00 5 0. 01 0. 01 5 0. 02 0. 02 5 0. 03 0. 03 5 0. 04 0. 04 5 0. 05 0. 05 5 f r eq u e n cy i n m h z d e la y i n s cons truc tion a nd pi n c o n n e c t ion (all dimensions in mm) date code: y e ar + w eek a 2010 b 2011 c 2012 ... 1 gr ound 2 input 3 gr ound 4 gr ound 5 outpu t 6 gr ound 1 2 3 4 5 6 1, 2 m a x . 0, 6 0, 7 5 3, 0 + / - 0 , 1 5 0, 6 0, 3 0 x 0 , 3 0 13 6 4 da t e c o d e m50b a19 50 ? t est circ u i t l 1 sa w l 2 1, 3, 4, 6 5 2 notice. no liability is assumed as a result of their use or application. no rights under an y p a tent accompan y the sale of any such product(s) o r info rmation.
filename: tfs 1950 b.do c version 2 . 1 03.05 .2010 vectron international filter specification tfs 1950b 3/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg r e serves th e right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t stability characteristics, rel i ability after the follo w i n g tests the filter shall meet the w h ole specificat ion: 1. shock: 500g, 1 ms, half sine w a ve, 3 sho cks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g r e specti vely , 1 oct a ve per min, 10 c y cles pe r plane, 3 planes; din iec 68 t2 - 6 3. change o f temperatu r e: -55 c t o 125 c / 30 min. each / 1 0 c y cles din iec 68 p a rt 2 ? 14 test n 4. resistance to solder heat ( r e f low ) : reflo w possible: three times max.; for tempe r ature conditions refer to the attac hed "air reflo w tempe r at ure conditions" o n page 4; this filter is rohs compliant (2002/95/eg, 2 005/6 18/eg) packin g tape & reel: iec 286 ? 3, w i th exception of val ue for n a nd minimum bending ra dius; tape t y p e ii, emb o ssed carrier tap e w i th t op cover t ape on the u pper side; max. pieces of filters per r eel: 9000 reel of empt y co mponents at star t: min. 300 mm reel of empt y co mponents at star t including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u l l o ff d i r e c t io n pi n m a r k e r ty p da t e c o d e ko t tape (all d i mensi o ns i n mm) w : 8,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/- 0 e : 1,75 0,1 f : 3,50 0,0 5 g(min) : 0,75 p2 : 2,00 0,0 5 p1 : 4,00 0,1 d1(min) : 1,50 a o : 3,25 0,1 bo : 3,25 0,1 ct : 5,5 0,1 a c n w 1 w 2 r eel (a l l d i men s io n s in mm) a : 330 w1 : 8,4 + 1 ,5/- 0 w 2 (max ) : 14,4 n(min) : 50 c : 13,0 +0,5/- 0,2 the minimum be nding radius is 45 mm. notice. no liability is assumed as a result of their use or application. no rights under an y p a tent accompan y the sale of any such product(s) o r info rmation.
filename: tfs 1950 b.do c version 2 . 1 03.05 .2010 vectron international filter specification tfs 1950b 4/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg r e serves th e right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t a i r re flo w te mpe r a t ure c onditions con d iti ons expos ure average ramp -u p rate ( 30c t o 2 17c) less than 3c/second > 100c bet w een 30 0 and 600 seconds > 150c bet w een 24 0 and 500 seconds > 217c bet w een 3 0 and 150 seconds peak temperatu r e max. 260 c time w i thin 5c of actual peak temperatu r e bet w een 10 and 30 seconds cool-do w n rate ( p eak to 50c) less than 6c/second time from 30 c t o peak temperat ure no greate r than 3 00 seconds chip -m oun t air reflo w profile temper ature / c max. 260 c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s notice. no liability is assumed as a result of their use or application. no rights under an y p a tent accompan y the sale of any such product(s) o r info rmation.
filename: tfs 1950 b.do c version 2 . 1 03.05 .2010 vectron international filter specification tfs 1950b 5/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg r e serves th e right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t histor y version reaso n o f cha n ges name date 1.0 gene ration of de velopment specif ication noack 29.01.2010 2.0 change dat a tabl e according to ne w custome r requi rement noack 09.03.2010 2.1 gene ration of filter specification add t y pical values and filter chara c teristic noack 03.05.2010 notice. no liability is assumed as a result of their use or application. no rights under an y p a tent accompan y the sale of any such product(s) o r info rmation.


▲Up To Search▲   

 
Price & Availability of TFS1950B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X