Part Number Hot Search : 
2SD221 SM5109 2SC4772P S40EXP CO55C TLP180 AN2352 10211
Product Description
Full Text Search
 

To Download STA475A06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  184 characteristic curves (t a =25 c) symbol ratings unit v cbo 100 15 v v ceo 100 15 v v ebo 6v i c 2a i cp 4 (pw 1ms, d u 25%) a i b 0.5 a 4 (t a =25 c) 20 (t c =25 c) t j 150 c t stg C 40 to +150 c (t a =25 c) symbol unit conditions i cbo 10 av cb =85v i ebo 5ma v eb =6v v ceo 85 100 115 v i c =10ma h fe 2000 5000 12000 v ce =4v, i c =1a v ce (sat) 1.5 v v be (sat) 2.2 v v fec 1.8 v i fec =1a t on 0.6 sv cc 30v, t stg 3.0 si c =1a, t f 1.0 si b1 = C i b2 =2ma p t w sta475a i c =1a, i b =2ma specification min typ max r 1 : 4k ? typ r 2 : 150 ? typ 2 1 3 r 1 r 2 4 5 6 7 8 9 10 1 02456 v ce (v) 3 4 i c (a) 1 0 2 3 0.2ma 0.3ma 0.5ma 1 m a 2 m a 5ma i b =10m a (v ce =4v) 0.03 i c (a) 0.1 0.5 1 4 0.05 20000 10000 5000 1000 500 100 50 h fe t a =125 c C 30 c 75 c 25 c v ce (sat) (v) (i c / i b =1000) 0.3 i c (a) 0.5 1 4 0 1 2 3 125 ? c 75 c 25 c t a = C 30 c 0.1 i b (ma) v ce (sat) (v) 0 1 2 3 0.5 1 5 10 50 100 i c =4a i c =2a i c =1a 4 i c ( a) 0123 v be (v) 1 2 3 (v ce =4v) 0 C 3 0 c 2 5 c 75 c t a =125 c pw (ms) 100 50 1000 500 510 5 1 10 20 j C a ( c / w) 1 C 40 0 50 100 150 20 16 12 8.0 4.0 0 p t (w) t a ( c ) 24 with silicone grease natural cooling heatsink: aluminum in mm with infinite heatsink 100 100 2 50 50 2 25 50 2 without heatsink npn darlington with built-in avalanche diode 5 i c (a) 3 0.03 510 v ce (v) 1 0.5 0.1 0.05 50 100 200 single pulse without heatsink t a =25 c 10m s 100 s 1ms 5 0 s 20000 10000 5000 1000 500 100 0.03 i c (a) h fe 50 0.1 0.5 1 4 0.05 typ (v ce =4v) external dimensions d sta (10-pin) absolute maximum ratings  equivalent circuit diagram electrical characteristics i c -v ce characteristics (typical) h fe -i c characteristics (typical) h fe -i c temperature characteristics (typical) v ce (sat)-i c temperature characteristics (typical) v ce (sat)-i b characteristics (typical) i c -v be temperature characteristics (typical) j-a -pw characteristics p t -t a characteristics safe operating area (soa)


▲Up To Search▲   

 
Price & Availability of STA475A06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X