Part Number Hot Search : 
28F128 70104 SW81800 57A6108 UPD78F08 OP58TS TPAT2409 NP100P04
Product Description
Full Text Search
 

To Download SD-49390-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/21/2010 please check www.molex.com for latest part information part number: 0493900002 status: active description: 6.60mm (.259") pitch wire-to-board header, dual row, vertical, 8 circuits, polyester carbonate ul94v-0, red documents: 3d model product specification ps-49390-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 49390 application wire-to-board comments polarized to mating part product name n/a physical breakaway no circuits (loaded) 8 circuits (maximum) 8 durability (mating cycles max) 30 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - plating mating tin material - plating termination tin number of rows 2 orientation vertical pc tail length (in) 0.130 in pc tail length (mm) 3.30 mm pcb locator yes pcb retention yes packaging type bag pitch - mating interface (in) 0.236 in pitch - mating interface (mm) 6.00 mm pitch - term. interface (in) 0.236 in pitch - term. interface (mm) 6.00 mm plating min: mating (in) 40 plating min: mating (m) 1 plating min: termination (in) 40 plating min: termination (m) 1 polarized to mating part no polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +120c termination interface: style through hole electrical current - maximum per contact 0.5a voltage - maximum 300v ac (rms)/dc material info series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 49390 series
reference - drawing numbers product specification ps-49390-001 sales drawing SD-49390-001 this document was generated on 04/21/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of SD-49390-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X