Part Number Hot Search : 
2N1040 D2498 RF9820 R2040 DG623 26001 D2498 SR180
Product Description
Full Text Search
 

To Download SCS05100P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SCS05100P 0.5 a, 100 v schottky barrier rectifiers 04-dec-2009 rev. e page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. cathode band g e a j f d h c b 1 2 rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? high current capability ? extremely low thermal resistance ? for surface mount application ? higher temp soldering : 250 c for 10 seconds at terminals ? low forward voltage mechanical data ? case: molded plastic ? epoxy: ul 94v-0 rate flame retardant ? lead: solderable per mil-std-202, method 208 guaranteed ? polarity: color band denotes cathode end ? mounting position: any marking code bt maximum ratings and electrical characteristics (t a =25c unless otherwise specified) parameter symbol rating units maximum recurrent peak reverse voltage v rrm 100 v working peak reverse voltage v rwm 100 v maximum dc blocking voltage v r 100 v average forward current @t j =25c i f(av) 0.5 a peak forward current @ 8.3 ms half sine i fsm 10 a maximum instantaneous forward voltage i fm = 0.5 a, t a = 25c v f1 0.75 v maximum instantaneous forward voltage i fm = 0.5 a, t a = 125c v f2 0.6 v maximum dc reverse current at rated dc blocking voltage @ t j = 25c i r1 30 ua maximum dc reverse current at rated dc blocking voltage @ t j = 125c i r2 1 ma typical junction capacitance(note 1) c j 100 pf typical thermal resistance (note 2) r ja 310 c/w operating temperature range t j 150 c storage temperature t stg 150 c notes: 1. measured at 1mhz and applied reverse of 0v dc. 2. fr-4 pcb, 2 oz. 0.7mm 1.2mm copper pad. millimete r millimete r ref. min. max. ref. min. max. a 0.95 1.35 f 1.40 1.80 b 0.10 ref. g 2.55 2.85 c 1.05 1.15 h 3.55 3.85 d 0.30 0.78 j - - e 0.08 0.25 sod-123
elektronische bauelemente SCS05100P 0.5 a, 100 v schottky barrier rectifiers 04-dec-2009 rev. e page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves 0.0001 0.001 0.01 0.1 1 90 30 50 70 110 10 reverse voltage(v) typical reverse characteristic reverse curren t(ma) 25j 50j 100j 75j 125j 0.3 0.01 0.1 1 10 instantaneous forward current (a) forward voltage (v) typical forward characteristic 0.4 0.5 0.6 0.7 0.8 0.9 25j 50j 100j 75j 125j maximum non- repetitive forward surge current number of cycles at 60hz peak forwad surge current (a) 0 2 4 6 8 10 0 10 100 8.3ms single half sine wave jedec method tj=25 j junction capacitance (pf) revise voltage (%) typical junction capacitance 0 25 50 75 100 0 1 10 100 t j , j u n c t i o n t e m p e r a t u r e ( j ) a v e r a g e f o r w a r d c u r r e n t ( a ) t y p i c a l f o r w a r d c u r r e n t d e r a t i n g c u r v e 0 0 . 2 5 0 . 5 0 . 7 5 0 5 0 1 0 0 1 5 0


▲Up To Search▲   

 
Price & Availability of SCS05100P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X