Part Number Hot Search : 
CDP1020 VIPER22A IP112 IPB05 EG1257 MCP4017 2ACFU OMAP2430
Product Description
Full Text Search
 

To Download PQ070XNA1ZPH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 notice the content of data sheet is subject to change without prior notice. in the absence of confirmation by device specification sheets, sharp takes no responsibility for any defects that may occur in equipment using any sharp devices shown in catalogs, data books, etc. contact sharp in order to obtain the latest device specification sheets before usin g any sharp device. features outline dimensions lead finish:lead-free solder plating (composition: sn2cu) applications PQ070XNA1ZPH PQ070XNA1ZPH product mass:(0.2g) (unit : mm) sheet no.: op06077 low voltage operation,compact surface mount type low power-loss voltage regulators 1.low voltage operation (minimum operating voltage: 2.35v) 2.output current : 1a 3.low dissipation current (dissipation current at no load: max. 2ma output off-state dissipation current: max.5 a) 4.compliant ceramic capacitors 5. built-in on/off function 6.built-in overcurrent and overheat protection functions 7.correspond to flow soldering 8.rohs directive compliant parameter symbol rating unit 1 v v input voltage 8w c power dissipation *1 *3 *2 junction temperature 150 operating temperature -40 to +85 storage temperature -40 to +150 soldering temperature 260(10s) 10 absolute maximum ratings (ta=25 c ) output current *1 c c c *1 all are open except gnd and applicable terminals. *2 p d :with infinite heat sink gnd 1 2 3 4 5 specific ic dc input (v in ) on/off control terminal (v c ) dc output(v o ) epoxy resin ( ) : typical dimensions 10 a (0.3) (1.7) (0.9) (0.3) 070xna1 3 1 2 4 5 1 4 3 5 6.6 max. 2.5 min. 9.7 max. 5.2 0.5 5.5 0.5 2.1 0.5 (0 0.25) 0.3 +0.2 -0.1 4-(1.27) 0.7 max. h lead finish identification mark output control voltage 1.personal computers and peripheral equipment 2.power supplies for various digital electronic equipment such as dvd player or stb 2 output voltage adjustment(v adj ) v in v c i o p d t j t opr t stg t sol output adjustment pin voltage v adj v 5 *1 *3 there is case that over heat protection operates at the temperature tj:125c to 150c, so this item cannot be used in this temperature range.
2 sheet no.: op06077 electrical characteristics % db parameter output voltage load regulation line regulation ripple rejection on-state voltage for control on-state current for control symbol conditions min. max. unit 1.0 - 60 rr 200 - - - - quiescent current output off-state dissipation current - - - refer to fig.2 - 2 off-state voltage for control 5 v - - 2.0 v - - - v off-state current for control 0.6 - PQ070XNA1ZPH (unless otherwise specified,condition shall be v in =5v,v o =3v(r1=1k ),i o =0.5a,v c =2.7v,ta=25 c) v o r eg l i o =5ma to 1a r eg i temperature coefficient of reference voltage t c v ref tj=0 to +125c, i o =5ma 1.0 v c(on) i c(on) v c(off) i c(off) i q i qs i o =0a i o =0a i o =0a, v c =0.4v a a ma a v i-o 0.5 1.23 v 4 in case of opening control terminal , output voltage turns off 4 v in =4 to 8v,i o =5ma v in =2.85v, i o =0.5a v c =0.4v 1.5 7 % 1.0 - - input voltage v in - v 2.35 10 - - dropout voltage v ref reference voltage - 1.206 1.254 % - v - 5 -- typ. 0.2 0.2 1 fig.1 test circuit a a 3 4 5 1 v v v in 1 f 10 f v ref v o i o r l i q a v c i c 2 r 2 r 1 1k fig.2 test circuit for ripple rejection ei eo 3 1 4 5 v ~ ~ 1 f i o r l 10 f + v in f=120hz(sine wave) ei(rms)=0.5v v in =5v v o =3v(r1=1k ) i o =0.3a rr=20log(ei(rms)/eo(rms)) v c 2 2.7v v ref r 2 r 1 1k v o =v ref (1+r 2 /r 1 ) [r 1 =1k , v ref P 1.23v]
3 sheet no.: op06077 PQ070XNA1ZPH fig.7 quiescent current vs. ambient temperature fig.8 output voltage vs. input voltage fig.5 output voltage vs. ambient temperature fig.6 dropout voltage vs. ambient temperature ambient temperature t a (c) note) oblique line portion:overheat protection may operate in this area. power dissipation p d (mw) fig.3 power dissipation vs. ambient temperature fig.4 overcurrent protection characteristics 0 5 8 10 -40 -20 0 25 50 85 75 125 100 150 p d :with infinite heat sink output current i o (a) output voltage v o (v) 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 v in =10v v in =3.5v v in =7v v in =5v 3.270 3.280 3.290 3.300 3.310 3.320 3.330 -60 -40 -20 0 40 80 20 60 100 120 140 vin=4.3v,v c =2.7v v o =3.3v,i o =0.5a c in =1 f, c o =10 f output voltage v o (v) ambient temperature ta (c) -60 -40 -20 0 40 80 20 60 100 120 140 v c =2.7v,i o =0.5a v in =3.135v,v o =3.3v c in =1 f, c o =10 f 0.000 0.050 0.100 0.150 0.200 0.250 dropout voltage v i-o (v) ambient temperature ta (c) -60 -40 -20 0 40 80 20 60 100 120 140 1.400 1.200 1.000 0.800 0.600 0.400 0.200 0.000 v in =4.3v,v c =2.7v v o =3.3v,i o =0a c in =1 f, c o =10 f quiescent current iq(ma) ambient temperature ta (c) 0 3 2.5 2 1.5 1 0.5 0 12345 3.5 i o =0a(r l = ? ) i o =0.5a(r l =6.6 ) i o =1a(r l =3.3 ) v c =2.7v,v o =3.3v t a =room temp. c in =1 f c o =1 f input voltage v in (v) output voltage v o (v)
4 sheet no.: op06077 PQ070XNA1ZPH fig.13 power dissipation vs. ambient temperature (typical value) fig.11 ripple rejection vs. input ripple frequency fig.12 ripple rejection vs. output current fig.9 circuit operating current vs. input voltage fig.10 dropout voltage vs. output current 0 10 30 0123 45 5 15 20 25 i o =1a (r l =3.3 ) i o =0.5a (r l =6.6 ) i o =0a (r l = ? ) v c =2.7v,v o =3.3v t a =room temp. c in =1 f c o =1 f input voltage v in (v) circuit operating current i bias (ma) 0 0.2 0.4 0.6 0.8 1.0 0 0.3 0.9 0.1 0.5 0.7 0.8 0.2 0.4 0.6 1 dropout voltage v i-o (v) output current i o (a) 0.1 1 10 100 0.0 10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 v in =5.3v ei(rms)=0.5v vc=2.7v v o =3.3v i o =0.3a c o =10 f ta=room temp. 90.0 ripple rejection rr (db) input ripple frequency f (khz) 40 45 50 55 60 65 70 75 80 0 0.1 0.5 0.7 1 0.2 0.3 0.4 0.6 0.8 0.9 v in =5.3v ei(rms)=0.5v f=120hz vc=2.7v v o =3.3v c o =10 f ta=room temp. ripple rejection rr (db) output current i o (a) -40 -20 0 20 40 60 80 85 0 0.5 1 1.5 2 cu area 740mm 2 cu area 180mm 2 cu area 100mm 2 cu area 70mm 2 cu area 36mm 2 ambient temperature ta (c) power dissipation p d (w) mounting pcb pcb cu material size cu thickness : glass-cloth epoxy resin : 50501.6mm : 35 m v c =2.7v,v o =3.3v t a =room temp. c in =1 f c o =1 f v in =3.135v
5 sheet no.: op06077 PQ070XNA1ZPH fig.14 output voltage adjustment characteristics 0 1 2 3 4 5 6 7 8 9 10 100 1000 10000 r 2 ( ) r 1 =1k output voltage v o (v) 1 3 5 4 v in c in v o c o r 2 r 1 1k 2 dc 4 5 3 + - v o =v ref (1+r 2 /r 1 ) [r 1 =1k , vref P 1.23v] v o v ref r 2 r 1 typical application setting of output voltage output voltage is able to set from 1.5v to 7v when resistors r 1 and r 2 are attached to , , terminals. as for the external resistors to set output voltage, refer to the figure below and fig.14. load on/off signal high:output on low or open:output off


▲Up To Search▲   

 
Price & Availability of PQ070XNA1ZPH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X