Part Number Hot Search : 
E4570 1599HGY F06T4 BYG20 TIL197A 16FF4 BU4538B LT551
Product Description
Full Text Search
 

To Download ON1113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transmissive photosensors (photo lnterrupters) 1 publication date: april 2004 shg00018bed cna1011k (ON1113) photo lnterrupter for contactless sw, object detection overview cna1011k is a small size photocoupler package consisting of a high efficiency gaas infrared light emitting diode used as the light emitting element, and a high sensitivity phototransistor is used as the light detecting element. features ? highly precise position detection: 0.3 mm ? wide gap between emitting and detecting elements, suitable for thick plate detection ? fast response: t r , t f = 6 s (typ.) ? small output current variation against change in temperature absolute maximum ratings t a = 25 c parameter symbol rating unit input (light reverse voltage v r 3v emitting diode) forward current i f 50 ma power dissipation * 1 p d 75 mw output (photo collector-emitter voltage v ceo 30 v transistor) (base open) emitter-collector voltage v eco 5v (base open) collector current i c 20 ma collector power dissipation * 2 p c 100 mw temperature operating ambient temperature t opr ? 25 to + 85 c storage temperature t stg ? 30 to + 100 c parameter symbol conditions min typ max unit input forward voltage v f i f = 50 ma 1.2 1.5 v characteristics reverse current i r v r = 3 v 10 a terminal capacitance c t v r = 0 v, f = 1 mhz 35 pf output collector-emitter cutoff current i ceo v ce = 10 v 200 na characteristics (base open) collector-emitter capacitance c c v ce = 10 v, f = 1 mhz 5 pf transfer collector current i c v cc = 10 v, i f = 20 ma, r l = 100 ? 0.3 ma characteristics collector-emitter saturation voltage v ce(sat) i f = 50 ma, i c = 0.1 ma 0.5 v rise time * t r v cc = 10 v, i c = 1 ma 6 s fall time * t f r l = 100 ? 6 s electrical-optical characteristics t a = 25 c 3 c note) 1. input and output are practiced by electricity. 2. this device is designed be disregarded radiation. 3. * : switching time measurement circuit 50 ? r l v cc sig. out 10% 90% sig. in t r t f (input pulse) (output pulse) t r : rise time t f : fall time note) * 1: input power derating ratio is 1.0 mw/ c at t a 25 c. * 2: output power derating ratio is 1.34 mw/ c at t a 25 c. unit: mm mark for indicating led side 1.5 7.0 0.3 8.5 8.8 min. 6.2 2.2 0.3 2.2 0.2 13.6 5.0 0.2 0.45 0.15 0.4 7.0 0.2 4- 0.45 (10.1) (2.54) a a' sec. a-a' device center 2- 3.2 0.2 6.2 2-2.0 23 14 13.0 0.15 19.2 1: anode 2: cathode 3: collector 4: emitter pistr104-012 package (note) 1. tolerance unless otherwise specified is 0.3 2. ( ) dimension is reference note) the part number in the parenthesis shows conventional part number.
2 cna1011k shg00018bed i f , i c ? t a i f ? v f i c ? i f v f ? t a i c ? v ce ? i c ? t a i ceo ? t a t r ? i c ? i c ? d 60 50 40 30 20 10 0 60 50 40 30 20 10 0 0 20406080100 ? 25 10 1 10 ? 1 10 ? 2 10 ? 3 10 1 10 ? 1 10 ? 2 10 2 10 ? 1 11010 2 10 ? 1 11010 2 t a = 25 c t a = 25 c v ce = 10 v i f = 20 ma v ce = 10 v t a = 25 c v cc = 10 v t a = 25 c 100 80 60 40 20 0 1234 6 5 0 v ce = 5 v t a = 25 c i f = 20 ma ambient temperature t a ( c ) forward current i f , collector current i c (ma) forward current i f (ma) collector current i c (ma) collector-emitter voltage v ce (v) collector current i c (ma) distance d (mm) relative collector current ? i c (%) 0.4 1.2 1.6 2.0 2.4 0.8 0 1.6 1.2 0.8 0.4 0 forward voltage v f (v) forward current i f (ma) ambient temperature t a ( c ) forward voltage v f (v) 160 120 80 40 ? 40 0 40 80 ? 40 0 40 80 0 ? 40 04080 10 3 10 2 10 1 10 10 ? 1 10 1 10 ? 1 10 ? 2 10 ? 4 10 ? 3 10 ? 2 10 ? 1 1 i f i c 10 ma 1 ma i f = 50 ma i f = 30 ma 20 ma 10 ma v ce = 24 v 10 v 100 ? r l = 1 k ? 500 ? d ambient temperature t a ( c ) relative collector current ? i c (%) ambient temperature t a ( c ) collector-emitter cutoff current (base open) i ceo ( a) collector current i c (ma) rise time t r ( s) criterion 0
2003 sep request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep caution for safety danger this product contains gallium arsenide (gaas). gaas powder and vapor are hazardous to human health if inhaled or ingested. do not burn, destroy, cut, cleave off, or chemically dis- solve the product. follow related laws and ordinances for disposal. the product should be excluded form general industrial waste or household garbage.


▲Up To Search▲   

 
Price & Availability of ON1113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X